Part Number Hot Search : 
DF210 70N6T RU70E15L 100301FC MC14081 1N4728G LEADFREE F4508
Product Description
Full Text Search
 

To Download 2SC5223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC5223
Silicon NPN triple diffusion planar type
Unit: mm
For high-speed switching
7.30.1 1.80.1
6.50.1 5.30.1 4.350.1
2.30.1 0.50.1
2.50.1
0.8max
0.930.1
1.00.1 0.10.05 0.50.1
q q
High collector to base voltage VCBO High collector to emitter VCEO
0.750.1 2.30.1 4.60.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation (TC=25C) Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings 500 500 7 2.0 1.0 10 150 -55 to +150 Unit V V V A A
2.3
1
2
3
1:Base 2:Collector 3:Emitter U Type Package Unit: mm
6.50.2 5.35 4.35
1.8
0.75 2.3
W C C
1 2 3 0.6
0.50.1
2.30.1
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage
(Ta=25C)
Symbol ICBO IEBO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) Conditions VCB = 400V, IE = 0 VEB = 5V, IC = 0 IC = 100A, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 5V, IC = 50mA VCE = 5V, IC = 330mA IC = 330mA, IB = 33mA IC = 330mA, IB = 33mA 500 500 7 100 100 min typ
1:Base 2:Collector 3:Emitter EIAJ:SC-63 U Type Package (Z)
max 100 10
6.0
5.50.2 13.30.3
1.00.2
s Features
Unit A A V V V
1.0 1.5
V V
1
Power Transistors
PC -- Ta
12 Without heat sink 600 Ta=25C 500
2SC5223
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
10 IC/IB=10 3 1 TC=100C 0.3 25C 0.1 -25C 0.03 0.01 0.003 0.001 0.001 0.003
VCE(sat) -- IC
Collector power dissipation PC (W)
10
Collector current IC (A)
IB=6mA 400 5mA 4mA 3mA 2mA 1mA
8
6
300
4
200
2
100
0 0 40 80 120 160 200
0 0 1 2 3 4 5 6
0.01 0.03
0.1
0.3
1
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100 600
hFE -- IC
120
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=5V IE=0 f=1MHz Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 30 10 3 1 0.3 0.1 0.03 0.01 0.001 0.003 TC=-25C 25C
Forward current transfer ratio hFE
500
100
400 TC=100C 300 25C 200 -25C 100
80
60
100C
40
20
0.01 0.03
0.1
0.3
1
0 0.001 0.003
0 0.01 0.03 0.1 0.3 1 1 3 10 30 100 300 1000
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SC5223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X