Part Number Hot Search : 
MSTRP 53246 SW12440 2SD904 MSTRP 200BZXC PM100 MK13H
Product Description
Full Text Search
 

To Download 2N7002S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT Dual N-Channel Enhancement MOS FET
VOLTAGE 60 Volts
APPLICATION
* Servo motor control. * Power MOSFET gate drivers. * Other switching applications.
2N7002S
CURRENT 0.250 Ampere
FEATURE
* Small surface mounting type. (SC-88/SOT-363) * High density cell design for low R DS(ON). * Suitable for high packing density. * Rugged and reliable. * High saturation current capability. * Voltage controlled small signal switch.
(1)(S1)
SC-88/SOT-363
(D1)(6)
(G1)
1.30.1
(G2) (D2)
(3)
0.65 0.65
2.00.2
CONSTRUCTION
* Dual N-Channel Enhancement
0.1 0.20.05
(S2)(4)
1.250.1
MARKING
* 702S
0.150.05 0.1 Min. 0.90.1 0.70.1 0~0.1 2.10.1
CIRCUIT
(6) D1
G2
S2(4)
(1)S1
G1
D2(3)
Dimensions in millimeters
SC-88/SOT-363
Absolute Maximum Ratings
Symbol Parameter
TA = 25C unless otherwise noted
2N7002S
Units
VDSS
Drain-Source Voltage
60 60
V V V
VDGR
VGSS
Drain-Gate Voltage (RGS < 1 M)
Gate-Source Voltage - Continuous - Non Repetitive (tp < 50s)
20 40
250 190 350 220 -55 to 150 300
TA= 25C TA= 70C TA= 25C TA= 70C
ID PD
Maximum Drain Current - Continuous - Pulsed Maximum Power Dissipation
mA mW mW C C
TJ,TSTG TL
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purposes, 1/16" from Case for 10 Seconds
Thermal characteristics
RJA Thermal Resistance, Junction-to-Ambient 450 C/W
2002-4
RATING CHARACTERISTIC CURVES ( 2N7002S )
Electrical Characteristics T
Symbol Parameter
A
= 25C unless otherwise noted
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVDSS IDSS IGSSF IGSSR
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current
VGS = 0 V, ID = 10 A VDS = 60 V, VGS = 0 V TC=125C VGS = 15 V, VDS = 0 V VGS = -15 V, VDS = 0 V
60
70 1 0.5 10 -10
V A mA nA nA
Gate - Body Leakage, Forward Gate - Body Leakage, Reverse
ON CHARACTERISTICS
(Note 1)
VGS(th) RDS(ON) VDS(ON) ID(ON) gFS
Gate Threshold Voltage
VDS = VGS, ID = 250 A VGS = 4.0 V, ID = 100 mA
1
2.0 1.7 2.5 0.6 0.09
2.5 3.0 4.0 3.75 1.5
V
Static Drain-Source On-Resistance VGS = 10 V, ID = 250 mA Drain-Source On-Voltage VGS = 10 V, ID = 500mA VGS = 5.0 V, ID = 50 mA On-State Drain Current VGS = 10 V, VDS = 7.5VDS(on) VGS = 4.5V, VDS = 10VDS(on) Forward Transconductance VDS = 15 V DS(on), ID = 200 m A 800 500
V
1300 700 250
mA
mS
DYNAMIC CHARACTERISTICS
Qg Qgs Qgd Ciss Coss Crss ton tr toff tf
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Time
VDS = 30 V, VGS = 10 V, I D = 250 mA
0.6 0.06 0.06
1.0 25 5 50 25 5 20
nC
VDS = 25 V, VGS = 0 V, f = 1.0 MHz
25 6 1.2
pF
VDD = 30 V, RL = 200 , ID = 100 mA, VGS = 10 V, RGEN = 10 VDD = 30 V, RL = 200 , ID = 100 mA, VGS = 10 V, RGEN = 10
7.5 6 7.5 3
nS
Turn-Off Time
20
nS
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
IS ISM VSD
Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = 200 mA (Note 1) 0.85
115 0.8 1.2
mA A V
Note: 1. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%.
RATING CHARACTERISTIC CURVES ( 2N7002S )
Typical Electrical Characteristics
Figure 1. On-Region Characteristics
2 .5 6
Figure 2. On-Resistance Variation with Gate Voltage and Drain Current
V GS =4.0V 4 .5
VGS = 10V
I D , DRAIN-SOURCE CURRENT (A)
2
9.0
8.0 7.0 6.0
RDS(on) , NORMALIZED DRAIN-SOURCE ON-RESISTANCE
5
5 .0 6 .0
1 .5
4
7 .0
3
1
5.0
8 .0 9 .0 10
0 .5
4.0 3.0
0 1 2 3 V DS , DRAIN-SOURCE VOLTAGE (V) 4 5
2
0
1 0 0 .4 0 .8 1 .2 I D , DRA IN CURRENT (A) 1 .6 2
Figure 3. On-Resistance Variation with Temperature
6.0
Figure 4. On-Resistance Variation with Drain Current and Temperature
6
V GS = 10V
DRAIN-SOURCE ON-RESISTANCE
V GS = 10V
DRAIN-SOURCE ON-RESISTANCE 5
5.0
I D = 250m A
R DS(on) , NORMALIZED
R DS(ON) , NORMALIZED
TJ = 1 2 5 C
4
4.0
3.0
3
25C
2
2.0
-55C
1
1.0
0 -5 0
-2 5
0 25 50 75 100 T , JUNCTION T EMPERATURE (C) J
125
150
0 0 0 .4 0 .8 1 .2 I D , DRAIN CURRENT (A) 1 .6 2
Figure 5. Transfer Characteristics
2
1 .1 Vth , NORMALIZED GATE-SOURCE THRESHOLD VOLTAGE
Figure 6. Gate Threshold Variation with Temperature
V DS = VGS I D = 1 mA
VDS = 10V
1.6 ID , DRAIN CURRENT (A)
T J = -55C
25C 125C
1 .0 5
1
1.2
0 .9 5
0.8
0 .9
0.4
0 .8 5
0 0 2 4 6 8 V GS , GATE TO SOURCE VOLTAGE (V) 10
0 .8 -50
-25
0 25 50 75 100 TJ , JUNCTION TEM PERATURE (C)
125
150
RATING CHARACTERISTIC CURVES ( 2N7002S )
Typical Electrical Characteristics (continued)
Figure 7. Breakdown Voltage Variation with Temperature
1.1
Figure 8. Body Diode Forward Voltage Variation with Drain Current
2 1
DRAIN-SOURCE BREAKDO WN VOLTAGE
I D = 250A
IS , REVERSE DRAIN CURRENT (A)
1.075 1.05 1.025 1 0.975 0.95 0.925 -50
V GS = 0 V
BV DSS , NORMALIZED
0 .5
TJ = 1 2 5 C
0 .1 0 .0 5
25C -5 5 C
0 .0 1 0 .0 0 5
-25
0
25 50 75 100 TJ , JUNCTION TEM PERATURE (C)
125
150
0 .0 0 1 0 .2
0 .4 V SD
0 .6
0 .8
1
1 .2
1 .4
, BODY DIODE FORWARD VOLTAGE (V)
Figure 9. Capacitance Characteristics
60 1.0
Figure 10. Gate Charge Characteristics
C iss
20
VGS , GATE-SOURCE VOLTAGE (V)
40
V DS = 3 0 V
.8
CAPACITANCE (pF)
10
.6
C oss
5
.4
2
f = 1 MH z V GS = 0V C rss
30 50
.2
ID = 2 5 0 m A
1 1 2 V DS 3 5 10 20 , DRAIN TO SOURCE VOLTAGE (V) 0 0 0 .1 0 .2 0 .3 Q g , GATE CHARGE (nC) 0 .4 0.5
Figure 11.
Figure 12. Switching Waveforms
VDD
t d(on)
t on tr
90%
t off t d(off)
90%
tf
V IN
D
RL V OUT
DUT
Output, Vout
VGS
10%
10% 90%
R GEN
Inverted
G
Input, Vin
S
10%
50%
50%
Pulse Width
RATING CHARACTERISTIC CURVES ( 2N7002S )
Typical Electrical Characteristics (continued)
Figure 13. 2N7002S Maximum Safe Operating Area
3 2 I D , DRAIN CURRENT (A) 1
RDS (ON) Lim it
100
us
1m
s
0.5
10m s
0.1 0.05
VGS = 10V SINGLE PULSE
10s DC 1s
100
ms
0.01 0.005 1
T A = 25 C
2
5 10 V DS , DRAIN-SOURCE VOLTAGE (V)
20
30
60
80
Figure 14. 2N7002S Transient Thermal Response Curve
1 TRANSIENT THERMAL RESISTANCE 0.5 0.2 0.1 0.05
D = 0.5 0 .2 0.1 0 .0 5 0 .0 2 0 .0 1 P(pk)
r(t), NORMALIZED EFFECTIVE
R JA (t) = r(t) * R JA R JA = (See Datasheet)
0.01
Single Pulse
t1
t2
0.002 0.001 0.0001 0.001 0.01 0.1 t1 , TIME (sec) 1 10
TJ - T A = P * RJA (t) Duty Cycle, D = t1 /t2
100
300


▲Up To Search▲   

 
Price & Availability of 2N7002S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X