Part Number Hot Search : 
MRF3010 ID1015 TC55V LRTBGFUG J100A 150N6 TC0629A 5303D
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
Surface Mount Switching Diode
Features: _ *High Speed < 4ns *Low Rever Leakage Current *Surface Mount Package Ideally Suited for Automatic Insertion
1N4148W
SWITCHING DIODE 150mAMPERS 100VOLTS
1
Mechanical Data: *Case: SOD-123, Molded Plastic *Terminals: Solderable per MIL-STD-202 Method 208 *Polarity: Cathode Band *Weight: 0.01grams(approx)
2
SOD-123
SOD-123 Outline Dimensions
Unit:mm
SOD-123
Dim A B C D E H J K Min Max 2.55 2.85 1.40 1.80 0.95 1.35 0.50 0.70 0.30 REF 0.10 0.15 3.55 3.85
PIN 1. CATHODE 2. ANODE
http://www.weitron.com.tw
WEITRON
1N4148W
Maximum Ratings
Rating Nop-Reptitive Reverse Voltage Peak Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Vlotage Forward Continuous Current (1) Average Recfified Output Current Non-Repetitive Peak Forward Surge Current Symbol VRM VRRM VRWM VR IFM Io I FSM Value 100 75 300 150
WE IT R ON
Unit Vdc Vdc mAdc mAdc Adc
@ t=1.0us @ t=1.0s
2.0 1.0
T her mal C har acter istics
Characterictics Total Device Dissipation
(1)
Symbol PD R JA TJ, Tstg
Max
400
Unit mW C/W C
Thermal Resistance, Junction to Ambient Air (1) Junction and Storage Temperature
315 -55 to + 150
Electrical Characteristics (TA=25 C Unless Otherwise note)
Characterictics Symbol Min Max Unit
Off C har acter istics
Forward Voltage I F=1.0mA I F=10mA I F=50mA I F=150mA VF 0.715 0.855 1.00 1.25 1.0 25 4.0 4.0 Vdc
Reverse Voltage Leakage Current VR=75Vdc VR=20Vdc Diode Capacitance (VR=0, f=1.0MHz) Revarse Recover Time (IF=IR=10mAdc)
IR CT trr
Adc nAdc pF ns
1. Valid provided that terminals are kept at ambient temperature.
Device Marking
Item 1N4148W Marking A2 , T4 Eqivalent Circuitdiagram
1 2
http://www.weitron.com.tw
WEITRON
1N4148W
820 +10V 2.0K 100 H 0.1F D.U.T. 50 OUT P UT P ULS E G E NE R AT OR 50 INP UT S AMP LING OS C ILLOS C OP E VR 90% IR INP UT S IG NAL IF 0.1F tr 10% tp t IF
WE IT R ON
trr
t
I R (R E C ) =1.0mA OUT P UT P ULS E (I F =I R =10mA, ME AS UR E D AT I R (R E C ) =1.0mA
Notes :1. A 2.0 k variable res is tor for a F orward C urrent (I F ) 0f 10 mA 2. Input pules is adjus ted s o I R (peak) is equal to 10 mA 3. tp trr
FIG.1 Recovery Time Equivalent Test Circuit
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
10,000
IR, LEAKAGE CURRENT (nA)
100
1000
10
100
1.0
0.1
10
VR =20V
0.01
0
1
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
2
0
0
100
Tj, JUNCTION TEMPERATURE ( C)
200
FIG.2 Forward Voltage
FIG.3 Leakage Current vs Junction Temperature
http://www.weitron.com.tw
WEITRON


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X