Part Number Hot Search : 
2SC446 MMC4093 43000 R2023K HIN208CA 70N6T HPN2222A 2405S
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148W, 1N4448W
Small Signal Si-Diodes
Surface mount Small Signal Diodes Kleinsignal-Dioden fur die Oberflachenmontage
Version 2004-02-03
Power dissipation - Verlustleistung
2.7
400 mW 70 V SOD-123 0.01 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung
0.6
Type Code
1.1
0.1 1.6
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
0.6
3.8
Dimensions / Mae in mm
Maximum ratings (TA = 25/C) Max. average forward current (dc) Dauergrenzstrom Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current Stostrom-Grenzwert Repetitive peak reverse voltage Periodische Spitzensperrspannung Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur tp # 1 s tp # 1 :s
Grenzwerte (TA = 25/C) 1N4148W, 1N4448W IFAV IFRM IFSM IFSM VRRM Tj TS 150 mA 1) 300 mA 1) 1A 2A 75 V 150/C - 55...+ 150/C
Characteristics (Tj = 25/C) Forward voltage 2) Durchlaspannung Leakage current 2) Sperrstrom 1N4148W 1N4448W Tj = 25/C Tj = 150/C IF = 10 mA IF = 5 mA VR = 20 V VR = 75 V VR = 25 V VR = 75 V VF VF IR IR IR IR
Kennwerte (Tj = 25/C) <1V 0.62 ... 0.72 V <1V < 25 nA 1 :A < 30 :A < 50 :A
IF = 100 mA VF
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2%
1
1
Small Signal Si-Diodes
1N4148W, 1N4448W
Characteristics (Tj = 25/C) Max. junction Capacitance - Max. Sperrschichtkapazitat VR = 0 V, f = 1 MHz Reverse recovery time - Sperrverzug IF = 10 mA uber / through IR = 10 mA bis / to IR = 1 mA Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Marking - Stempelung 1N4148W 1N4448W CT trr RthA
Kennwerte (Tj = 25/C) 2 pF < 4 ns 400 K/W 1) A2 A3 or / oder T5
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu
2


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X