Part Number Hot Search : 
RJK03 M86208 MV393 HT48C06 ZPY47 4HCT0 FUSB250 CS49520
Product Description
Full Text Search
 

To Download XN01504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN01504 (XN1504)
Silicon NPN epitaxial planar type
For amplification of low-frequency output
3 2.90+0.20 -0.05 1.90.1 (0.95) (0.95) 4 5
Unit: mm
0.16+0.10 -0.06
1.50+0.25 -0.05
2.8+0.2 -0.3
Basic Part Number
* 2SD1915F x 2
10
1.1+0.2 -0.1
(0.65)
* Two elements incorporated into one package (Emitter-coupled transistors) * Reduction of the mounting area and assembly cost by one half
2 0.30+0.10 -0.05
1
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Total power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO IC ICP PT Tj Tstg
Rating 50 20 25 300 500 300 150 -55 to +150
Unit V V V mA mA mW C C
Tr2
1: Collector (Tr1) 2: Collector (Tr2) 3: Base (Tr2) EIAJ: SC-74A
0 to 0.1
Absolute Maximum Ratings Ta = 25C
4: Emitter 5: Base (Tr1) Mini5-G1 Package
Marking Symbol: 5S Internal Connection
3 4 5
1.1+0.3 -0.1
Tr1
Electrical Characteristics Ta = 25C 3C
Parameter Collector-emitter voltage (Base open) Base-emitter voltage Collector-base cutoff current (Emitter open) Emitter-base cutoff current (Collector open) Forward current transfer ratio hFE ratio *1 Collector-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) ON resistanse *2 Symbol VCEO VBE ICBO IEBO hFE hFE(Small
/Large)
2
1
Conditions IC = 1 mA, IB = 0 VCE = 2 V, IC = 4 mA VCB = 50 V, IE = 0 VEB = 25 V, IC = 0 VCE = 2 V, IC = 4 mA VCE = 2 V, IC = 4 mA IC = 30 mA, IB = 3 mA VCB = 6 V, IE = -4 mA, f = 200 MHz VCB = 10 V, IE = 0, f = 1 MHz
Min 20
Typ
Max
Unit V
0.6 0.1 0.1 500 0.50 0.99 0.1 80 7 1.0
1 k
V A A V MHz pF
2 500
VCE(sat) fT Cob Ron
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *1: Ratio between 2 elements *2: Ron start resistance test circuit
IB = 5 mA VB VV VB x 1 000 () VA - VB
f = 1 kHz V = 0.3 V
VA
Ron =
Note) The part number in the parenthesis shows conventional part number.
Publication date: February 2004 SJJ00029BED
0.40.2
Features
5
1
XN01504
PT Ta
500
IC VCE
24 Ta = 25C
120
IC VBE
VCE = 2 V 25C Ta = 75C
Total power dissipation PT (mW)
400
20
100
Collector current IC (mA)
Collector current IC (mA)
IB = 10 A 16
8 A
80
300
12
6 A 4 A
60
-25C
200
8
40
100
4
2 A
20
0
0
40
80
120
160
0
0
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1.0
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
10 IC / IB = 10
2 000
hFE IC
VCE = 2 V
200
fT I E
VCB = 6 V Ta = 25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
1 600 25C -25C 800
1
Ta = 75C
160
1 200
120
0.1 Ta = 75C 25C 0.01 -25C
80
400
40
0.001 0.1
1
10
100
0 0.1
1
10
100
0 - 0.1
-1
-10
-100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
20 f = 1 MHz Ta = 25C
16
12
8
4
0
1
10
100
Collector-base voltage VCB (V)
2
SJJ00029BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of XN01504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X