Part Number Hot Search : 
SP7662EB 7BZXC CKRA6020 MH32768C BP60250 LM317 MB1310 AD664
Product Description
Full Text Search
 

To Download W523X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W523X PowerSpeech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
GENERAL DESCRIPTION
The W523X is a programmable speech synthesis IC that utilizes the ADPCM coding method to generate all types of voice effects. The W523X's LOAD and JUMP commands and four programmable registers provide powerful user-programmable functions that make this chip suitable for an extremely wide range of speech IC applications. The W523X family includes the W5231, W5232, W5233, and W5234. The ROM size of each of these products is shown below: BODY Second W5231 3 Sec W5232 6 Sec W5233 9 Sec W5234 12 Sec
Note: All of the playback lengths are estimated by typical applications.
FEATURES
* * * * * * * *
Wide operating voltage range: 1.2 to 3.6 volts Programmable speech synthesizer 4-bit ADPCM synthesis method and 8-bit D/A converter RC oscillator with built-in capacitor; voice output frequency typically at 6 KHz Provides 4 trigger inputs Drives 2 flash LEDs for two batteries 3 STOP output signals Flexible functions programmable through the following: - - - - - LD (load), JP (jump) commands Four registers: R0, EN, STOP, and MODE Conditional instructions Speech equation Global repeat (GR) setting
* * * * *
Programmable power-on initialization (POI), which can be interrupted by trigger inputs Interrupt or non-interrupt for rising or falling edge of each trigger pin (this feature determines retriggerable, non-retriggerable, overwrite, and non-overwrite features of each trigger pin) LED On/Off control can be set independently in each GO instruction of speech equation Independent control of LED1 and LED2 Total of 256 voice group entries available for programming (including eight hardware and 248 software group entry points) 20 to 40 mS debounce time
*
-1-
Publication Release Date: March 1996 Revision A2
W523X
*
Provides the following mask options: - LED flash frequency: 3 Hz/6 Hz/Off - LED flash type: synchronous/alternate - LED1 section-controlled: Yes/No - LED2 section-controlled/STPC-controlled - AUD output current: 1 mA for one battery, 3 mA for two batteries
*
Packaged in 20-pin DIP
PIN CONFIGURATION
TG1 TG2 TG3 TG4/LED2/STPC LED1 STPB STPA NC SPK VSS
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
TEST NC NC NC NC NC NC OSCO OSCI VDD
-2-
W523X
PIN DESCRIPTION
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 PIN NAME TG1 TG2 TG3 TG4/LED2/STPC LED1 STPB STPA NC SPK VSS VDD OSCI OSCO NC NC NC NC NC NC TEST I/O I I I I/O O O O O I O I Trigger Input 1 Trigger Input 2 Trigger Input 3 Trigger Input 4 or LED 2 or Stop Signal C LED 1 Stop Signal B Stop Signal A Not Connected Current Output for Speaker Negative Power Supply Positive Power Supply Oscillator Input Connect Resistor Oscillator Output Connect Resistor Not Connected Not Connected Not Connected Not Connected Not Connected Not Connected Test Pin FUNCTION
ABSOLUTE MAXIMUM RATINGS
PARAMETER Power Supply Input Voltage Storage Temp. Operating Temp. SYMBOL VDD-VSS VIN TSTG TOPR All Inputs CONDITIONS RATED VALUE -0.3 to +5.0 VSS -0.3 to VDD +0.3 -55 to +150 0 to +70 UNIT V V C C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the device.
-3-
Publication Release Date: March 1996 Revision A2
W523X
ELECTRICAL CHARACTERISTICS
(TA = 25 C, VSS = 0 V)
PARAMETER
SYMBOL
CONDITIONS MIN.
LIMITS TYP. 2.4 -1.0 -3.0 3 2 -3 384 384 10 MAX. 3.6 0.3 VDD VDD 0.5 0.3 400 250 5 2.5 -1.2 -4.0 460 460 20
UNIT
Operating Voltage Input Voltage Standby Current Operating Current Input Current For TG1-TG4 SPK (D/A Full scale) Option1 Option2
VDD VIL VIH IDD1 IDD2 IOP1 IOP2 IlN1 IIN2 IO1 IO2 lOL1 IOL2 IOH1 lOH2 LED IO IOL1 STPA STPB lOL2 lOH1 IOH2 FOSC1 FOSC2
For One or Two Batteries All Input Pins VDD = 3 V, No Playing VDD = 1.5 V, No Playing VDD = 3 V, No Load VDD = 1.5 V, No Load VDD = 3 V, VIN = 0 V VDD = 1.5 V, VIN = 0 V VDD = 1.5 V, RL = 200 VDD = 3 V, RL = 200 VDD = 3V, VOUT = 0.4V VDD = 1.5V, VOUT = 0.4V VDD = 3 V, VOUT = 2.7 V VDD = 1.5 V, VOUT = 1.2 V VDD = 3 V, VOUT = 1 V VDD = 3 V, VOUT = 0.4 V VDD = 1.5 V, VOUT = 0.4 V VDD = 3 V, VOUT = 2.7 V VDD = 1.5 V, VOUT = 1.2 V VDD = 3 V, ROSC = Typ. VDD = 1.5 V, ROSC = Typ. F(1.5 V) - F(1.2 V) F(1.5 V) F(1.8 V) - F(1.5 V) F(1.8 V) F(3.0 V) - F(2.4 V) F(3.0 V) FOSC = 384 KHz
1.2 VSS -0.3 0.7 VDD -0.8 -2.0 1 1 -0.5 -0.3 6 1 1 -1 -0.3 320 320 0
V V A A A mA
mA
Output Current of SPTC
mA
Output Current
Oscillation Freq. Oscillation Freq. Deviation by Voltage Drop Oscillation Freq. Deviation by Voltage Drop Oscillation Freq. Deviation by Voltage Drop Input Debounce Time
KHz %
FOSC
FOSC
FOSC
FOSC
0
4
7.5
%
FOSC
FOSC TDEB
0
4
7.5
%
20
30
40
mS
Note: ROSC = Typ.= 100 K for one battery; 110 K for two batteries.
-4-
W523X
TYPICAL APPLICATION CIRCUIT
VDD
TG1 TG2 TG3 TG4/LED2/STPC LED1 R STPB STPA NC SPK 8050D Cs Rs VSS
1 2 3 4 5 6 7 8 9 10
20 19 18 17
TEST NC NC NC NC NC NC OSCO OSCI VDD Rosc
W523X
16 15 14 13 12 11
Speaker 8 ohm 1/4 watt
Notes: 1. In principle, the playing speed determined by ROSC should correspond to the sampling rate during the coding phase. The playing speed may be adjusted by varying ROSC, however. 2. Rs is an optional current-dividing resistor. If Rs is added, the resistance should be between 470 and 750 . 3. R is used to limit the current on the LED. 4. Cs is optional. 5. The DC current gain of transistor 8050 ranges from 120 to 200. 6. All unused trigger pins can be left open because of their internal pull-high resistance. 7. No warranty for production!
-5-
Publication Release Date: March 1996 Revision A2
W523X
Headquarters
No. 4, Creation Rd. III, Science-Based Industrial Park, Hsinchu, Taiwan TEL: 886-3-5770066 FAX: 886-3-5792697 http://www.winbond.com.tw/ Voice & Fax-on-demand: 886-2-7197006
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II, 123 Hoi Bun Rd., Kwun Tong, Kowloon, Hong Kong TEL: 852-27516023 FAX: 852-27552064
Winbond Electronics North America Corp. Winbond Memory Lab. Winbond Microelectronics Corp. Winbond Systems Lab.
2730 Orchard Parkway, San Jose, CA 95134, U.S.A. TEL: 1-408-9436666 FAX: 1-408-9436668
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd., Taipei, Taiwan TEL: 886-2-7190505 FAX: 886-2-7197502
Note: All data and specifications are subject to change without notice.
-6-


▲Up To Search▲   

 
Price & Availability of W523X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X