Part Number Hot Search : 
ALD2711A FMS6143 2SD25 SC3150 AV19W M54580FP 23J75R 23J75R
Product Description
Full Text Search
 

To Download STH13NB60FI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STW13NB60 STH13NB60FI
N - CHANNEL 600V - 0.48 - 13A - TO-247/ISOWATT218 PowerMESHTM MOSFET
TYPE ST W13NB60 ST H13NB60FI
s s s s s
V DSS 600 V 600 V
R DS(on) <0.54 <0.54
ID 13 A 8.6 A
TYPICAL RDS(on) = 0.48 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED VERY LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED
3 2 1
3 2 1
DESCRIPTION Using the latest high voltage MESH OVERLAYTM process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company's proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID I DM (*) P tot dv/dt(1) V ISO Ts tg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 oC Drain Current (pulsed) T otal Dissipation at Tc = 25 C Derating Factor Peak Diode Recovery voltage slope Insulation W ithstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature
o o
TO-247
ISOWATT218
INTERNAL SCHEMATIC DIAGRAM
Value STW 13NB60 STH13NB60FP 600 600 30 13 8.2 52 190 1.52 4 -65 to 150 150
( 1) ISD 13 A, di/dt 200 /s, VDD V(BR)DSS, Tj TJMAX
Un it V V V
8.6 5.4 52 80 0.64 4 2000
A A A W W/ C V/ns V
o o o
C C
(*) Pulse width limited by safe operating area
January 2000
1/9
STW13NB60 STH13NB60FI
THERMAL DATA
TO-247 R thj -case R thj -amb R thc-sink Tl Thermal Resistance Junction-case Max 0.66 30 0.1 300 ISOW AT T218 1.56
o o o
C/W C/W C/W o C
Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 o C, I D = IAR , VDD = 50 V) Max Valu e 13 700 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 600 1 50 100 T yp. Max. Unit V A A nA
V DS = Max Rating Zero G ate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 30 V
T c = 125 C
o
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Test Con ditions ID = 250 A ID = 6.5 A 13 Min. 3 T yp. 4 0.48 Max. 5 0.54 Unit V A
Static Drain-source O n V GS = 10V Resistance
On State Drain Current V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse T ransfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz I D = 6.5 A V GS = 0 Min. 8 T yp. 12 2600 325 30 Max. Unit S pF pF pF
2/9
STW13NB60 STH13NB60FI
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 300 V R G = 4.7 V DD = 480 V ID = 2.5 A VGS = 10 V I D = 13 A VGS = 10 V Min. T yp. 27 13 58 15.5 23 82 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l tr (Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Con ditions V DD = 480V ID = 13 A R G = 4.7 V GS = 10 V Min. T yp. 15 15 25 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD =13 A VGS = 0 630 6.8 22 I SD = 13 A di/dt = 100 A/s T j = 150 o C V DD = 100 V Test Con ditions Min. T yp. Max. 13 52 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area for TO-247
Safe Operating Area for ISOWATT218
3/9
STW13NB60 STH13NB60FI
Thermal Impedance for TO-247 Thermal Impedance for ISOWATT218
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
4/9
STW13NB60 STH13NB60FI
Gate Charge vs Gate-source Voltage Capacitance Variations
Normalized Gate Threshold Voltage vs Temperature
Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/9
STW13NB60 STH13NB60FI
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/9
STW13NB60 STH13NB60FI
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M 2 15.3 19.7 14.2 34.6 5.5 3 0.079 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 1.362 0.217 0.118 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
7/9
STW13NB60 STH13NB60FI
ISOWATT218 MECHANICAL DATA
DIM. MIN. A C D D1 E F G H L1 L2 L3 L4 L5 L6 M N U 5.35 3.3 2.9 1.88 0.75 1.05 10.8 15.8 20.8 19.1 22.8 40.5 4.85 20.25 3.5 2.1 4.6 mm TYP. MAX. 5.65 3.8 3.1 2.08 1 1.25 11.2 16.2 21.2 19.9 23.6 42.5 5.25 20.75 3.7 2.3 MIN. 0.210 0.130 0.114 0.074 0.029 0.041 0.425 0.622 0.818 0.752 0.897 1.594 0.190 0.797 0.137 0.082 0.181 inch TYP. MAX. 0.222 0.149 0.122 0.081 0.039 0.049 0.441 0.637 0.834 0.783 0.929 1.673 0.206 0.817 0.145 0.090
L3 N A E L2 L5 L6 F M U H 1 L1 L4 2 3 G D1 C D
P025C
8/9
STW13NB60 STH13NB60FI
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
9/9


▲Up To Search▲   

 
Price & Availability of STH13NB60FI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X