Part Number Hot Search : 
HYM1380 SKR47F17 SST39 C6040 PVM2037 K2872 U74HC123 M57789
Product Description
Full Text Search
 

To Download SP809EK-2-9TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP809 / SP810
3 Pin Microprocessor Supervisor Circuit
FEATURES Ultra Low Supply Current 1A (typ.) Guaranteed Reset valid to VCC = 0.9V 140 ms Min. Power-On Reset Pulse Width Internally Fixed Threshold 2.3V, 2.6V, 2.9V, 3.1V, 4.0V, 4.4V, 4.6V Tight Voltage Threshold Tolerance: 1.5% Offered in a 3 Pin SOT-23 Package
VCC
SP809
3 Pin SOT-23
GND
RESET
Now Available in Lead Free Packaging APPLICATIONS Portable Electronic Devices Electrical Power Meter Digital Still Camera P Power Monitoring
Part Number SP809N SP809 SP810
Output Type Open-Drain Active Low Push-Pull Active Low Push-Pull Active High
DESCRIPTION The SP809/SP810 are low power microprocessor (P) supervisory circuits used to monitor power supplies in P and digital systems. They provide applications with benefits of circuit reliability and low cost by eliminating external components. If the VCC supply voltage falls below preset threshold then a reset signal is asserted for at least 140ms after VCC has risen above the reset threshold. Both the SP809 and SP810 were designed with a reset comparator to help identify invalid signals, which last less than 140ms. The only difference between them is that they have an active-low RESET output and active-high RESET output, respectively. Low supply current (1A) makes SP809/SP810 ideal for portable equipment. The devices are available in 3 pin SOT-23 package. TYPICAL APPLICATION CIRCUIT
VCC VCC VCC P RESET (RESET) GND
Push-Pull output
RESET
GND
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
(c) Copyright 2006 Sipex Corporation
1
ABSOLUTE MAXIMUM RATINGS
VCC .................................................................................... -0.3V to 6.5V RESET, RESET ......................................................... -0.3 to VCC+ 0.3V Input Current (VCC) ....................................................................... 20mA Output Current (RESET, RESET).................................................. 20mA Continuous Power Dissipation (TA = +70C) ............................. 320mW Operating Junction Temperature ................................... -40C to +85C Junction Temperature.....................................................................125C Storage Temperature .................................................. -65C to +150C These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
Typical values are at TA = 25C, unless otherwise specified. (Note 1)
Parameter Operating Voltage Range Supply Current
Symbol VCC ICC
Min. 0.9
Typ.
M ax . 6.0
Un i t s V A
Conditions
1.0 2.265 2.254 2.561 2.548 2.857 2.842 2.9 2.6 2.3
3.0 2.335
VCC = VTH + 0.1V SP809-23 TA = +25C TA = -40C to + 85C SP809-26 TA = +25C TA = -40C to + 85C SP809-29 TA = +25C TA = -40C to + 85C
2.346 2.639 2.652 2.944 2.958 3.1 3.147 3.162 4.0 4.060 SP809-40 4.080 4.4 4.466 SP809-44 4.488 4.6 4.669 SP809-46 4.692 20 S 560 ms 1030 V 0.3 VCC = VTH(MAX) V SP809-31
Reset Threshold
V TH
3.054 3.038 3.940 3.920 4.334 4.312 4.531 4.508
TA = +25C TA = -40C to + 85C TA = +25C TA = -40C to + 85C TA = +25C TA = -40C to + 85C TA = +25C TA = -40C to + 85C
VCC Reset Delay Reset Active Timeout Period RESET Output Voltage ______ RESET Output Voltage
VTRIP 140 TRP V OH VOL VOH VOL 0.8VCC 100 0.8VCC
VCC = VTH to (VTH - 0.1V), VTH = 3.1V TA = +25C TA = -40C to + 85C
230
VCC = VTH - 0.1V, ISOURCE = 1.2mA VCC = VTH + 0.1V, ISINK = 1.2mA
V 0.3
VCC = VTH + 0.1V, ISOURCE = 1.2mA VCC = VTH - 0.1V, ISINK = 1.2mA
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
(c) Copyright 2006 Sipex Corporation
2
ELECTRICAL CHARACTERISTICS
Note 1. Specifications are production tested at TA = 25C. Specifications over the -40C to 85C operating temperature range are assured by design, characterization and correlation with Statistical Quality Controls Note 2. RESET output is for SP809; RESET output is for SP810.
BLOCK DIAGRAMS
VCC R1 Bandgap Reset Generator R2 GND NMOS Reset
N-ch Open-Drain Type
VCC R1 Bandgap Reset Generator Reset (Reset)
R2 GND
Push-Pull Type
TEST CIRCUIT
VCC
SP809 RESET GND
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
(c) Copyright 2006 Sipex Corporation
3
TYPICAL PERFORMANCE CHARACTERISTICS
1.5
120
1.4 1.3 1.2
Power-Down Reset Delay (S)
110
VTH = 2.3V
100
VOD = 50mV
90 80 70 60 50 40 30
V TH = 2.3V V OD = VTH - VCC
Supply Current (A)
1.1 1.0 0.9 0.8 0.7 0.6 0.5 -40
VTH = 3.1V
VTH = 4.6V
VOD = 100mV
20 10 0
VOD = 200mV
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
Figure 1. Supply Current vs. Temperature
240 220 200
Figure 2. Power-Down Reset Delay vs. Temperature
400
VTH = 3.1V VOD = VTH - VCC VOD = 50mV
VOD = 50mV
300
Power-Down Reset Delay (S)
V TH = 4.6V V OD = VTH - VCC
180 Power-Down Reset Delay (S) 160 140 120 100 80 60 40 20 0
200
VOD = 100mV
VOD = 100mV
100
VOD = 200mV
VOD = 200mV
0
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
Temperature (C)
40
60
80
100
Temperature (C)
Figure 3. Power-Down Reset Delay vs. Temperature
Figure 4. Power-Down Reset Delay vs. Temperature
600
1.015
V TH = 4.6V
1.010
500
VTH = 4.6V
Power-Up Reset Timeout (ms)
VTH = 3.1V
400
Normalized Reset Threshold (V)
VTH = 3.1V
1.005
VTH = 2.3V
1.000
VTH = 2.3V
300
0.995
200
0.990
100
0.985
-40
-20
0
20
40
60
80
100
0
Temperature (C)
-60
-40
-20
0
20
40
60
80
100
Temperature (C)
Figure 5. Normalized Reset Threshold vs. Temperature
Date: 5/02/06 Rev B
Figure 6. Power-Up Reset Time-out vs. Temperature
(c) Copyright 2006 Sipex Corporation
SP809/810, 3 Pin Microprocessor Supervisor Circuit
4
PIN DESCRIPTION
Pin Name GN D RESET (SP809) RESET (SP810) VCC Ground. Active low output pin. RESET Output remains low while VCC is below the reset threshold. Active high output pin. RESET Output remains high while VCC is below the reset threshold. Supply Voltage Description
DETAILED DESCRIPTION P will be activated at a valid reset state. These P supervisory circuits assert reset to prevent code execution errors during powerup, power-down, or brownout conditions. Reset is guaranteed to be a logic low for VTH>VCC>0.9V. Once VCC exceeded the reset threshold, an internal timer keeps RESET low for the reset timeout period; after this interval, RESET goes high. If a brownout condition occurs (VCC drops below the reset threshold), RESET goes low. Any time VCC goes below the reset threshold, the internal timer resets to zero, and RESET goes low. The internal timer is activated after VCC returns above the reset threshold, and RESET remains low for the reset timeout period. Negative-Going VCC Transients In addition to issuing a reset to the P during power-up, power-down, and brownout conditions, SP809 series are relatively resistant to short-duration negative-going VCC transient. Ensuring a Valid Reset Output Down to VCC= 0 When VCC falls below 0.9V, SP809 RESET output no longer sinks current; it becomes an open circuit. In this case, high-impedance CMOS logic inputs connecting to RESET can drift to undetermined voltages. Therefore, SP809/810 with CMOS is perfect for most applications of VCC down to 0.9V. Benefits of Highly Accurate Reset Threshold SP809/810 with specified voltage as 5V10% or 3V10% are ideal for systems using a 5V5% or 3V5% power supply. The reset is guaranteed to assert after the power supply falls below the minimum specified operating voltage range of the system ICs. The pretrimmed thresholds are reducing the range over which an undesirable reset may occur.
APPLICATION INFORMATION However in applications where RESET must be valid down to 0V, adding a pulldown resistor to RESET causes any leakage currents to flow to ground, holding RESET low. Interfacing to P with Bidirectional Reset Pins The RESET output on the SP809N is open drain, this device interfaces easily with Ps that have bidirectional reset pins. Connecting the P supervisor's RESET output directly to the microcontroller's RESET pin with a single pull-up resistor allows either device to assert reset.
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
(c) Copyright 2006 Sipex Corporation
5
PACKAGE: 3 PIN SOT-23
D b
3
SIDE VIEW
E1
E
A
A2 Seating Plane
A1
1 2
(L1)
e e1
TOP VIEW
FRONT VIEW
Gauge Plane L2 o L Seating Plane c
3 Pin SOT-23
SYMBOL
JEDEC TO-236
Variation AB Dimensions in Inches Conversion Factor: 1 Inch = 25.40 mm MIN 0.012 0.003 0.110 0.083 0.047 NOM 0.114 0.051 0.038 BSC 0.075 BSC 0.020 0.021 REF 0.010 BSC 0.037 MAX 0.020 0.008 0.120 0.104 0.055
Dimensions in Millimeters: Controlling Dimension MIN 0.30 0.08 2.80 2.10 1.20 NOM MAX 0.50 0.20 2.90 3.04 2.64 1.30 1.40 0.95 BSC 1.90 BSC 0.50 0.60 0.54 REF 0.25 BSC 8 1.12 0.10 0.95 1.02 Signoff Date/Rev:
b c D E E1 e e1 L L1 L2 O A A1 A2
0.40
0.016
0.024
0 0.89 0.01 0.88 SIPEX Pkg
0 0.035 0.000 0.035
8 0.044 0.004 0.040
JL Oct25-05 / Rev A
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
(c) Copyright 2006 Sipex Corporation
6
ORDERING INFORMATION
Part Number Top Mark Temperature Range Package Type SP809EK-2-3 ......................... N4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-2-3/TR ................... N4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-2-6 ......................... P4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-2-6/TR ................... P4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-2-9 ......................... Q4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-2-9/TR ................... Q4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-3-1 ......................... R4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-3-1/TR ................... R4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-4-0 ......................... S4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-4-0/TR ................... S4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-4-4 ......................... T4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-4-4/TR ................... T4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-4-6 ......................... U4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809EK-4-6/TR ................... U4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-2-3 ...................... V4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-2-3/TR ................ V4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-2-6 ..................... W4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-2-6/TR ............... W4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-2-9 ...................... X4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-2-9/TR ................ X4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-3-1 ...................... Y4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-3-1/TR ................ Y4WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-4-0 ...................... A5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-4-0/TR ................ A5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-4-4 ...................... B5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-4-4/TR ................ B5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-4-6 ...................... C5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP809NEK-4-6/TR ................ C5WW..................-40C to 85C .......................... 3 Pin SOT-23
Available in lead free packaging. To order add "-L" suffix to part number. Example: SP809EK-2-3/TR = standard; SP809EK-L-2-3/TR = lead free /TR = Tape and Reel Pack quantity is 2,500 for SOT-23.
Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Solved By SipexTM
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Date: 5/02/06 Rev B SP809/810, 3 Pin Microprocessor Supervisor Circuit (c) Copyright 2006 Sipex Corporation
7
ORDERING INFORMATION
Part Number Top Mark Temperature Range Package Type SP810EK-2-3 ......................... D5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-2-3/TR ................... D5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-2-6 ......................... E5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-2-6/TR ................... E5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-2-9 ......................... F5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-2-9/TR ................... F5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-3-1 ......................... G5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-3-1/TR ................... G5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-4-0 ......................... H5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-4-0/TR ................... H5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-4-4 ......................... J5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-4-4/TR ................... J5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-4-6 ......................... K5WW..................-40C to 85C .......................... 3 Pin SOT-23 SP810EK-4-6/TR ................... K5WW..................-40C to 85C .......................... 3 Pin SOT-23
Available in lead free packaging. To order add "-L" suffix to part number. Example: SP810EK-2-3/TR = standard; SP810EK-L-2-3/TR = lead free /TR = Tape and Reel Pack quantity is 2,500 for SOT-23.
Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Solved By SipexTM
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Date: 5/02/06 Rev B SP809/810, 3 Pin Microprocessor Supervisor Circuit (c) Copyright 2006 Sipex Corporation
8


▲Up To Search▲   

 
Price & Availability of SP809EK-2-9TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X