Part Number Hot Search : 
PE9613 MP3301H AT89C M600H 1R5NU41 AT89C GA100 1E220
Product Description
Full Text Search
 

To Download SI4943BDY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4943BDY
New Product
Vishay Siliconix
Dual P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
-20
FEATURES
ID (A)
-8.4 -6.7
rDS(on) (W)
0.019 @ VGS = -10 V 0.031 @ VGS = -4.5 V
D TrenchFETr Power MOSFET D 100% Rg Tested
APPLICATIONS
D Load Switching - Computer - Game Systems D Battery Switching - 2-Cell Li-Ion
S1 S2
SO-8
S1 G1 S2 G2 1 2 3 4 Top View D1 Ordering Information: SI4943BDY--E3 SI4943BDY-T1--E3 (with Tape and Reel) P-Channel MOSFET D2 P-Channel MOSFET 8 7 6 5 D1 D1 D2 D2 G1 G2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
Steady State
-20 "20
Unit
V
-8.4 -6.7 -30 -1.7 2.0 1.3 -55 to 150
-6.3 -5.1 A
-0.9 1.1 0.7 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1 " x 1" FR4 Board. Document Number: 73073 S-41527--Rev. A, 16-Aug-04 www.vishay.com t v 10 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
46 85 26
Maximum
62.5 110 35
Unit
_C/W C/W
1
SI4943BDY
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Drain Source On State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS( ) DS(on) gfs VSD VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "20 V VDS = -20 V, VGS = 0 V VDS = -20 V, VGS = 0 V, TJ = 55_C VDS = -5 V, VGS = -10 V VGS = -10 V, ID = -8.4 A VGS = -4.5 V, ID = -6.7 A VDS = -10 V, ID = -8.4 A IS = -1.7 A, VGS = 0 V -30 0.016 0.026 20 -0.75 -1.2 0.019 0.031 -1 -3 "100 -1 -5 V nA mA A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = -1.7 A, di/dt = 100 A/ms VDD = -10 V, RL = 10 W ID ^ -1 A, VGEN = -10 V, Rg = 6 W f = 1 MHz 6 VDS = -10 V, VGS = -5 V, ID = -8.4 A 17 5 6.7 12 11 10 94 60 55 18 17 15 140 90 80 ns W 25 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 10 thru 5 V 24 I D - Drain Current (A) 4V I D - Drain Current (A) 24 30
Transfer Characteristics
18
18
12
12 TC = 125_C 6
6 3V 0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V)
25_C -55_C 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
VGS - Gate-to-Source Voltage (V) Document Number: 73073 S-41527--Rev. A, 16-Aug-04
www.vishay.com
2
SI4943BDY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.06 r DS(on) - On-Resistance ( W ) 0.05 C - Capacitance (pF) 0.04 0.03 0.02 0.01 0.00 0 5 10 15 20 25 30 VGS = 4.5 V 2100 1800 Ciss 1500 1200 900 600 300 0 0 4 8 12 16 20 Crss Coss
Vishay Siliconix
Capacitance
VGS = 10 V
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 8.4 A 8 rDS(on) - On-Resiistance (Normalized) 1.4 1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 8.4 A
6
1.2
4
1.0
2
0.8
0 0 5 10 15 20 25 30 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
30 0.08 0.07 r DS(on) - On-Resistance ( W ) I S - Source Current (A) TJ = 150_C 0.06 0.05 0.04 0.03 0.02 0.01 1 0.0 0.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0
On-Resistance vs. Gate-to-Source Voltage
10
ID = 8.4 A
TJ = 25_C
2
4
6
8
10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Document Number: 73073 S-41527--Rev. A, 16-Aug-04
www.vishay.com
3
SI4943BDY
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.8 0.6 V GS(th) Variance (V) 0.4 0.2 0.0 -0.2 -0.4 -50 10 Power (W) 50
Single Pulse Power
ID = 250 mA
40
30
20
-25
0
25
50
75
100
125
150
0 10-2
10-1
1 Time (sec)
10
100
600
TJ - Temperature (_C)
100
Safe Operating Area, Junction-to-Ambient
rDS(on) Limited IDM Limited
10 I D - Drain Current (A) 1 ms 1 ID(on) Limited 10 ms 100 ms
0.1
TA = 25_C Single Pulse
1s 10 s dc
0.01 0.1
BVDSS Limited 1 10 100
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 1 Square Wave Pulse Duration (sec) 10-1
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
www.vishay.com
4
Document Number: 73073 S-41527--Rev. A, 16-Aug-04
SI4943BDY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Vishay Siliconix
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 73073 S-41527--Rev. A, 16-Aug-04
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI4943BDY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X