Part Number Hot Search : 
DS2890V SB130 2SAA1 26LV400 MBRF2 CSNE371 RT3050 F2UAOR0
Product Description
Full Text Search
 

To Download PS7200K-1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Relay OCMOS FET
PS7200K-1A
4-PIN SOP, 1.1 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
DESCRIPTION
The PS7200K-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side (input side) and MOS FETs on the output side. It is suitable for high-frequency signal control, due to its low C x R, low on-state resistance, and low off-state leakage current.
FEATURES
* Low C x R (C x R = 10.5 pF * ) * Low on-state resistance (Ron = 1.1 TYP.) * Low off-state leakage current (ILoff = 0.03 nA TYP.) * High-speed turn-on time (ton = 0.1 ms TYP.) * 1 channel type (1 a output) * Designed for AC/DC switching line changer * Small and thin package (4-pin SOP, Height = 2.1 mm) * High isolation voltage (BV = 1 500 Vr.m.s.) * Low offset voltage * Ordering number of taping product: PS7200K-1A-E3, E4, F3, F4
APPLICATIONS
* Measurement equipment
Document No. PN10295EJ01V0DS (1st edition) (Previous No. P14714EJ2V0DS00) Date Published February 2003 CP(K)
The mark
shows major revised points.
PS7200K-1A
PACKAGE DIMENSIONS (UNIT: mm)
4.00.5
TOP VIEW
4 3
1. LED Anode 2. LED Cathode 3. MOS FET 4. MOS FET
1 2
7.00.3 4.4
2.05+0.08 -0.05
0.15+0.10 -0.05
0.05+0.08 -0.05
2.54
0.50.3
0.40+0.10 -0.05
0.25 M
MARKING EXAMPLE
200K 001
No.1 pin Mark *1 Applicable type numbers are underlined below PS7200K-1A
Type Number*1 Assembly Lot
000 Week Assembled Year Assembled (Last 1 Digit)
Rank Code Nothing Ink marking N Laser marking
2
Data Sheet PN10295EJ01V0DS
PS7200K-1A
ORDERING INFORMATION (Solder Contains Lead)
Part Number PS7200K-1A PS7200K-1A-E3 PS7200K-1A-E4 PS7200K-1A-F3 PS7200K-1A-F4 Embossed Tape 3 500 pcs/reel Package 4-pin SOP Packing Style Magazine case 100 pcs Embossed Tape 900 pcs/reel Application Part Number PS7200K-1A
*1
*1 For the application of the Safety Standard, following part number should be used.
ORDERING INFORMATION (Pb-Free)
Part Number PS7200K-1A-A PS7200K-1A-E3-A PS7200K-1A-E4-A PS7200K-1A-F3-A PS7200K-1A-F4-A Embossed Tape 3 500 pcs/reel Package 4-pin SOP Packing Style Magazine case 100 pcs Embossed Tape 900 pcs/reel Application Part Number PS7200K-1A
*1
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25C, unless otherwise specified)
Parameter Diode Forward Current (DC) Reverse Voltage Power Dissipation Peak Forward Current MOS FET Break Down Voltage Continuous Load Current Pulse Load Current
*2 *1
Symbol IF VR PD IFP VL IL ILP
Ratings 50 5.0 50 1 40 200 400
Unit mA V mW A V mA mA
(AC/DC Connection) Power Dissipation Isolation Voltage
*3
PD BV PT TA Tstg
100 1 500 150 -40 to +85 -40 to +100
mW Vr.m.s. mW C C
Total Power Dissipation Operating Ambient Temperature Storage Temperature
*1 PW = 100 s, Duty Cycle = 1% *2 PW = 100 ms, 1 shot *3 AC voltage for 1 minute at TA = 25C, RH = 60% between input and output
Data Sheet PN10295EJ01V0DS
3
PS7200K-1A
RECOMMENDED OPERATING CONDITIONS (TA = 25C)
Parameter LED Operating Current LED Off Voltage Symbol IF VF MIN. 2 0 TYP. 10 MAX. 20 0.5 Unit mA V
ELECTRICAL CHARACTERISTICS (TA = 25C)
Parameter Diode Forward Voltage Reverse Current MOS FET Off-state Leakage Current Output Capacitance Coupled LED On-state Current On-state Resistance Cout IFon Ron1 Ron2 Turn-on Time
*1, 2 *1, 2
Symbol VF IR ILoff IF = 10 mA VR = 5 V VD = 40 V
Conditions
MIN.
TYP. 1.2
MAX. 1.4 5.0
Unit V
A
nA
0.03
10
VD = 0 V, f = 1 MHz IL = 200 mA IF = 10 mA, IL = 100 mA IF = 10 mA, IL = 200 mA, t 10 ms IF = 10 mA, VO = 5 V, RL = 500 , PW 10 ms VI-O = 1.0 kVDC V = 0 V, f = 1 MHz 10
9
9.6 2.0 1.1 1.4 0.1 0.1 2.0 2.0 0.5 1.0
pF mA
ton toff RI-O CI-O
ms
Turn-off Time
Isolation Resistance Isolation Capacitance
0.3 pF
*1 Test Circuit for Switching Time
IF Pulse Input VL
Input
50% 0
VO = 5 V
Input monitor
Rin
VO monitor
90%
Output
RL
10% ton toff
*2 The turn-on time and turn-off time are specified as input-pulse width 10 ms. Be aware that when the device operates with an input-pulse width of under 10 ms, the turn-on time and turn-off time will increase.
4
Data Sheet PN10295EJ01V0DS
PS7200K-1A
TYPICAL CHARACTERISTICS (TA = 25C, unless otherwise specified)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
100
Maximum Forward Current IF (mA)
Maximum Load Current IL (mA)
MAXIMUM LOAD CURRENT vs. AMBIENT TEMPERATURE
300 250 200 150 100 50 0 -25
80
60
40
20 0 -25
0
25
50
75
85
100
0
25
50
75
85
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
FORWARD VOLTAGE vs. AMBIENT TEMPERATURE
1.6
Output Capacitance Cout (pF)
OUTPUT CAPACITANCE vs. APPLIED VOLTAGE
25 f = 1 MHz
Forward Voltage VF (V)
1.4 IF = 50 mA 1.2 30 mA 20 mA 10 mA 5 mA 1 mA
20
15
10
1.0
5
0.8 -25
0
25
50
75
100
0
10
20
30
40
50
60
Ambient Temperature TA (C)
Applied Voltage VD (V)
OFF-STATE LEAKAGE CURRENT vs. AMBIENT TEMPERATURE
10-7
Off-state Leakage Current ILoff (A)
LOAD CURRENT vs. LOAD VOLTAGE
200
Load Current IL (mA)
VD = 40 V
IF = 10 mA
10
-8
10-9 10-10 10
-11
100
-1.0
-0.5
0
0.5 -100
1.0
10-12
-200
10-13 0
20
40
60
80
100
Ambient Temperature TA (C)
Load Voltage VL (V)
Data Sheet PN10295EJ01V0DS
5
PS7200K-1A
NORMALIZED ON-STATE RESISTANCE vs. AMBIENT TEMPERATURE
3.0
Normalized On-state Resistance Ron
ON-STATE RESISTANCE DISTRIBUTION
60
2.5 2.0 1.5 1.0 0.5 0.0 -25
Normalized to 1.0 at TA = 25C, IF = 10 mA, IL = 100 mA
Number (pcs)
50 40 30 20 10 0
n = 50 pcs, IF = 10 mA, IL = 100 mA
0
25
50
75
100
0.9
1.0
1.1
1.2
1.3
Ambient Temperature TA (C)
On-state Resistance Ron ()
TURN-ON TIME vs. FORWARD CURRENT
1.0 VO = 5 V, RL = 500
Turn-on Time ton (ms) Turn-off Time toff (ms)
TURN-OFF TIME vs. FORWARD CURRENT
0.5
0.8
0.4
VO = 5 V, RL = 500
0.6
0.3
0.4
0.2
0.2
0.1
0
5
10
15
20
25
30
0
5
10
15
20
25
30
Forward Current IF (mA)
Forward Current IF (mA)
TURN-ON TIME DISTRIBUTION
30 25
Number (pcs)
TURN-OFF TIME DISTRIBUTION
30
n = 50 pcs, IF = 10 mA, VO = 5 V, RL = 500
Number (pcs)
25 20 15 10 5 0
n = 50 pcs, IF = 10 mA, VO = 5 V, RL = 500
20 15 10 5 0
0.06
0.07
0.08
0.09
0.10
0.06
0.12
0.18
0.24
0.30
Turn-on Time ton (ms)
Turn-off Time toff (ms)
6
Data Sheet PN10295EJ01V0DS
PS7200K-1A
NORMALIZED TURN-ON TIME vs. AMBIENT TEMPERATURE
3.0
Normalized Turn-on Time ton
NORMALIZED TURN-OFF TIME vs. AMBIENT TEMPERATURE
3.0
Normalized Turn-off Time toff
2.5 2.0 1.5 1.0 0.5 0.0 -25
Normalized to 1.0 at TA = 25C, IF = 10 mA, VO = 5 V, RL = 500
2.5 2.0 1.5 1.0 0.5 0.0 -25
Normalized to 1.0 at TA = 25C, IF = 10 mA, VO = 5 V, RL = 500
0
25
50
75
100
0
25
50
75
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
Remark The graphs indicate nominal characteristics.
Data Sheet PN10295EJ01V0DS
7
PS7200K-1A
TAPING SPECIFICATIONS (UNIT: mm)
Outline and Dimensions (Tape)
2.00.05 4.00.1
1.750.1
1.5+0.1 -0
2.9 MAX.
5.50.05
12.00.2
1.550.1
8.00.1
7.40.1
4.60.1
2.40.1
0.3
Tape Direction
PS7200K-1A-E3
PS7200K-1A-E4
Outline and Dimensions (Reel)
2.00.5
2.00.5 13.00.2
180+0 -1.5
21.00.8
R 1.0
60 +1 -0
13.51.0
17.51.0
Packing: 900 pcs/reel
11.9 to 15.4 Outer edge of flange
8
Data Sheet PN10295EJ01V0DS
PS7200K-1A
Outline and Dimensions (Tape)
2.00.05 4.00.1
1.750.1
1.5+0.1 -0
2.9 MAX.
5.50.05
12.00.2
1.550.1
8.00.1
7.40.1
4.60.1
2.40.1
0.3
Tape Direction
PS7200K-1A-F3
PS7200K-1A-F4
Outline and Dimensions (Reel)
2.00.5
3302.0
2.00.5 13.00.2
1001.0
R 1.0
21.00.8
13.00.2
13.51.0
17.51.0
Packing: 3 500 pcs/reel
11.9 to 15.4 Outer edge of flange
Data Sheet PN10295EJ01V0DS
9
PS7200K-1A
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of peak reflow temperature * Time of temperature higher than 220C * Time to preheat temperature from 120 to 180C * Number of reflows * Flux 260C or below (package surface temperature) 10 seconds or less 60 seconds or less 12030 s Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s
260C MAX. 220C
to 60 s
180C
120C
12030 s (preheating)
Time (s)
(2) Wave soldering * Temperature * Time * Preheating conditions * Number of times * Flux 260C or below (molten solder temperature) 10 seconds or less 120C or below (package surface temperature) One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (3) Cautions * Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
10
Data Sheet PN10295EJ01V0DS
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of PS7200K-1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X