Part Number Hot Search : 
PT8146 072AC TDA7461 SS6P4C LVCH16 AK4103A SK363 ON2377
Product Description
Full Text Search
 

To Download HPU100-S033250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD 100 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU100 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES MEET IEC1000-3-2 HARMONIC CORRECTION MEET UNIVERSAL SAFETY STANDARDS 19" COMPATIBLE EUROCARD FORMAT EMI MEET EN 55022 & FCC CLASS B CE MARKING COMPLIANCE 3U X 10HP X 160MM VMEbus STANDARD
TOTAL POWER INT'L
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC. Input Connector: DIN 41612 at rear. Input Frequency: 47-63Hz. Inrush Current: Typ. <30.6A @ 230Vac. Input Current: 1.0A @ 115Vac, 0.5A @ 230Vac. Dielectric Withstand: Meet IEC950. EMI: Meet EN 55022 & FCC B. Power Factor Correction: Meet Harmonic Correction IEC1000-3-2 .PF typ. 0.97-0.98. Power Indicator: Green LED. Power OK Signal: Installed. Logic Inhibit: Installed. Hold-up Time: 20mS @ 115Vac & 230Vac. Earth Leakage: Less than 0.40mA @ 230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Connector: DIN 41612 at rear. Line Regulation: Typ. 0.5%. Load Regulation: Main VO1 typ. 1-2.0%. Aux.VO2 typ. 2.0% (Mag. Amp.) Aux.VO3 typ. 3.0% (PR). Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in at main VO1. Adjustability: Available at VO1 & VO2. Overload Protection (OLP): Fully protected against output overload and short circuit. Consult the factory for OLP setting. Operating Temperature: 0 to +50C full load. Derates from +50 to +70C by derating 2%/C. Storage Temperature: -25 to +85C. Temperature Coefficient: Typ. 0.04% /C. Cooling: Forced air flow is recommended for Ta > +50C full load operation. Construction format: 10HP(TE) X3UX160mm VMEbus standard Eurocard format.
GENERAL SPECIFICATION
Efficiency: Typ. 73-76%. Switching Frequency: Fixed frequency 83K Hz. Circuit Topology: Fixed frequency forward circuit. Transient Response: Output voltage returns in less than 3mS following a 25% load change. Safety Standard: IEC950/UL1950 Class I. Power Density: 2.0 Watt / Cubic Inch.
Note: All measurements are at nominal input, full load, and +25 unless otherwise specified.
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HPU100-S033250 HPU100-S050200
(HPU100-10)
DUAL OUTPUT
MAIN VO1 @# Typ. Volt. 25.0A 3.3V 20.0A 8.0A 7.5A 4.2A 3.6A 2.8A 2.1A 5.0V 12.0V 15.0V 24.0V 28.0V 36.0V 48.0V MODEL NO. HPU100-D050I
(HPU100-20)
MAIN VO1 @ Typ. Volt. 8.0A 4.2A 8.0A 3.4A 11.0A 11.0A 5.0V 12.0V 5.0V 15.0V 3.3V 3.3V
AUX. VO2 @ Typ. Volt. 5.0A 4.2A 4.0A 3.4A 5.0A 4.0A 12.0V 12.0V 15.0V 15.0V 12.0V 15.0V
HPU100-S120080 HPU100-S150075 HPU100-S240042
(HPU100-13)
HPU100-D120I
(HPU100-21)
HPU100-D050K HPU100-D150K
(HPU100-23)
HPU100-S280036 HPU100-S360028 HPU100-S480021
HPU100-D033I HPU100-D033K
TRIPLE OUTPUT
MODEL NO. HPU100-T050IE HPU100-T050KK
(HPU100-31)
MAIN VO1 @ Typ. Volt. 7.0A 5.0V 7.0A 7.0A 11.0A 10.0A 10.0A 5.0V 5.0V 3.3V 3.3V 3.3V
AUX. VO2 @ Typ. Volt. 5.0A 12.0V 4.0A 5.0A 9.0A 4.0A 5.0A 15.0V 12.0V 5.0V 15.0V 12.0V
AUX. VO3 Typ. Volt. 1.0A 5.0V 0.4A 0.5A 1.0A 0.6A 0.8A 15.0V 12.0V 12.0V 15.0V 12.0V
HPU100-T050II
(HPU100-32)
HPU100-T033EI HPU100-T033KK HPU100-T033II
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "" Magnetic Amplifier. "" Floating (or isolated) output. "" Installed with Post Regulator.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 920.0g (32.5 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT ASSIGNMENT CNTR & Pin# SINGLE OUTPUT NC 16,18, 24,26 DUAL OUTPUT +VO1 -VO1 +VO2 -VO2 4 6 8 10 NC 12,14,16 18,24,26 AC- AC- AC+VO1 +S -VO1 -S L N G 28 30 32 4,6 8 12,14 10 Status/ Control Log. +VO1 -VO1 +VO2 -VO2 +VO3 -VO3 NC P.Ok Inh. TRIPLE OUTPUT 4,6 8,10 12 14 16 18 24,26 20 22
Mating connector: DIN 41612-H15 Female


▲Up To Search▲   

 
Price & Availability of HPU100-S033250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X