Part Number Hot Search : 
X1089E ADC113 AOT20S60 03P33ALR 43A0T0 KRA566E CBB65A01 M5453
Product Description
Full Text Search
 

To Download DTD113ZA3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
NPN Digital Transistors (Built-in Resistors)
Spec. No. : C379A3 Issued Date : 2003.10.08 Revised Date : 2004.02.26 Page No. : 1/4
DTD113ZA3
Features
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, making device design easy. * Complements the DTB113ZA3
Equivalent Circuit
DTD113ZA3
Outline
TO-92
R1=1k , R2=10 k IN(B) : Base OUT(C) : Collector GND(E) : Emitter
GOI
Absolute Maximum Ratings (Ta=25)
Parameter Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature Symbol VCC VIN IO Pd Tj Tstg Limits 50 -5~+10 500 400 150 -55~+150 Unit V V mA mW C C
DTD113ZA3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25)
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transition Frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. 3 56 0.7 8 Typ. 0.1 1 10 200 Max. 0.3 0.3 7.2 0.5 1.3 12 Unit V V V mA A k MHz
Spec. No. : C379A3 Issued Date : 2003.10.08 Revised Date : 2004.02.26 Page No. : 2/4
Test Conditions VCC=5V, IO=100A VO=0.3V, IO=20mA IO/II=50mA/2.5mA VI=5V VCC=50V, VI=0V VO=5V, IO=50mA VCE=10V, IC=5mA, f=100MHz *
* Transition frequency of the device
DTD113ZA3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Output Current
1000 1
Spec. No. : C379A3 Issued Date : 2003.10.08 Revised Date : 2004.02.26 Page No. : 3/4
Output Voltage vs Output Current
100
Output Voltage---V O(ON) (V)
Vo = 5V
Io / Ii = 20
Current Gain---GI
0.1
10
1 0.1 1 10 100 1000
0.01 1 10 100 1000
Output Current---IO(mA)
Input Voltage vs Output Current(ON characteristics) 100
Vo = 0.3V
Output Current---Io(mA)
Output Current vs Input Voltage(OFF characteristics) 10
Vcc = 5V
Input Voltage---V I(ON)(V)
10
Output Current---I (mA) o
0.1 1 10 100 Output Current---Io(mA) 1000
1
1
0.1
0.1
0.01 0 0.5 1 1.5 Input Voltage---VI(OFF)(V) 2
Power Derating Curve
450 Power Dissipation---PD(mW) 400 350 300 250 200 150 100 50 0 0 50 100 150 200
Ambient Temperature---TA()
DTD113ZA3
CYStek Product Specification
CYStech Electronics Corp.
TO-92 Dimension
Marking:
Spec. No. : C379A3 Issued Date : 2003.10.08 Revised Date : 2004.02.26 Page No. : 4/4
A B
1 2 3
2
D113Z
3
C
D
H I E F
G
1
Style: Pin 1.GND 2.OUT 3.IN 3-Lead TO-92 Plastic Package CYStek Package Code: A3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DTD113ZA3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of DTD113ZA3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X