Part Number Hot Search : 
LC867248 AD588 P20N60S5 FE0204M IHD2151 RBS80470 TH58N B10011S
Product Description
Full Text Search
 

To Download BCM5705M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5705M
(R)
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
FEATURES SUMMARY OF BENEFITS
* Single-chip device for mobile LAN on Motherboard (LOM) or
Network Interface Card (NIC) applications * Integrated 10/100/1000BASE-T transceiver * 10/100/1000BASE-T triple-speed MAC * PCI v2.2, 32-bit/33-MHz host interface * High-speed RISC core with 16-KB caches * SMBus 2.0 controller * On-chip power circuit controller and Wake on LAN power switching circuit Advanced power management * ACPI compliance * Situation-sensitive features reduce power consumption Performance features * TCP, IP, UDP checksum * Microsoft(R) large send * TCP segmentation * CPU task offload * Adaptive interrupts Robust manageability * Wake on LAN * Out-of-Box mode WOL * PXE 2.0 remote boot * Alert Specification Forum-ASF 1.0 support * Statistic gathering (SNMP MIB II, Ethernet-like MIB, Ethernet MIB (802.3x, clause 30)) * Comprehensive diagnostic and configuration software suite * ACPI 1.1a complaint-multiple power modes Advanced network features * Virtual LANs-802.1q VLAN tagging; supports 64 VLANs * 802.3x flow control Advanced network features * Cable analyzer features detect cabling problems 3.3V I/Os (5V tolerant)
* Industry's smallest 10/100/1000 MAC+PHY solution *
* Optimized for LOM and NIC applications * Enables small form factor PCs Ultra-low power and intelligent power management to dramatically extend battery life * 0.13-mm CMOS design allows industry's lowest power * Advanced situation-sensitive power management features * Power is continually reduced to the minimum needed * Adapts to usage model * Maximizes battery life and enables smaller mobile PCs Enables desktop PC products for all segments * Pin-compatible with 5705FE, a 10/100 companion chip * Allows one board layout for both gigabit and Fast Ethernet applications Completely backward compatible * With existing 10/100 network infrastructure * With existing PCI-based desktop and mobile platforms Futureproof with flexible firmware architecture * Flexible firmware adapts to changing standards * Wirespeed custom packet filtering via on-board CPUs Power optimized through reduced CPU utilization * Adaptive interrupts minimize the calls to PC's CPU * TCP/IP offloads reduce CPU burden significantly * Reduces power consumption of PC processor * Allows use of lower power/performance PC processor Cable analyzer tests for network cable issues * Customers can field-test using self-diagnostics * Reduce customer calls and returns, reducing costs dramatically Robust and highly manageable * PXE 2.0, ACPI 1.1, WOL * Integrated cable testing--link quality, length, pair skew, pair polarity, pair swap * Flexible ASF 1.0 Space savings for LOM * 196-pin HBGA package * No external memory * Integrated power circuitry reduces BOM costs
* *
*
* * *
*
* *
* *
* * JTAG
*


▲Up To Search▲   

 
Price & Availability of BCM5705M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X