Part Number Hot Search : 
A104K TDA9105 CY7C6 74LVC1G 1006F PN9352 11005 47000
Product Description
Full Text Search
 

To Download PCK2001R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
PCK2001R 533 MHz I2C 1:6 clock buffer
Product data Supersedes data of 2000 Jul 25 2002 Dec 13
Philips Semiconductors
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
FEATURES
* Typically used to support four registered SDRAM DIMMs * 16-pin SSOP package * See PCK2001 for 48-pin 1:18 buffer part * See PCK2001M for 28-pin 1:10 buffer part * Operating frequency: 0 - 533 MHz * Optimized for 33 MHz, 66 MHz, 100 MHz and 133 MHz operation * Part-to-part skew < 500 ps * 175 ps skew outputs typical
QUICK REFERENCE DATA
SYMBOL tPLH tPHL tr tf ICC PARAMETER Propagation delay BUF_IN to BUF_OUTn Rise time Fall time Total supply current
* Individual SDRAM clock output enable/disable via I2C * Multiple VDD, VSS pins for noise reduction * 3.3 V operation * ESD protection exceeds 2000 V per Standard 801.2
DESCRIPTION
The PCK2001R is a 1- 6 fanout buffer used for 133/100 MHz CPU, 66/33 MHz PCI, 14.318 MHz REF, or 133/100/66 MHz SDRAM clock distribution. 6 outputs are typically used to support up to 4 registered SDRAM DIMMs commonly found in server applications.
CONDITIONS VCC = 3.3 V, CL = 30 pF VCC = 3.3 V, CL = 30 pF VCC = 3.3 V, CL = 20 pF VCC = 3.465 V
TYPICAL 2.5 2.5 1.0 700 50
UNIT ns ns ps A
ORDERING INFORMATION
PACKAGES 16-Pin Plastic SSOP TEMPERATURE RANGE 0 to +70 C ORDER CODE PCK2001RDB DRAWING NUMBER SOT369-1
PIN CONFIGURATION
BUF_OUT0 VSS0 BUF_OUT2 BUF_IN VSS BUF_OUT7 VDDI2C SDA 1 2 16 15 VDD9 BUF_OUT14 VSS9 BUF_OUT11 VDD5 BUF_OUT17 VSSI2C SCL
PIN DESCRIPTION
PIN NUMBER 1, 3 13, 15 6, 11 4 8 9
SA00542
I/O TYPE Output Output Output Input I/O Input Input Input Input Input
SYMBOL BUF_OUT (0, 2) BUF_OUT (11, 14) BUF_OUT (7, 17) BUF_IN SDA SCL VDD (5, 9) VSS (0, 9) VDDI2C VSSI C
2
FUNCTION Buffered clock outputs Buffered clock outputs Buffered clock outputs Buffered clock input I2C serial data I2C serial clock 3.3 V power supply Ground 3.3 V I2C power supply I2C ground
PCK2001R
TOP VIEW
3 4 5 6 7 8
14 13 12 11 10 9
12, 16 2, 14
Intel and Pentium are registered trademarks of Intel Corporation. I2C is a trademark of Philips Semiconductors Corporation.
7 10
2002 Dec 13
2
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
FUNCTION TABLE
BUF_IN L H H I2CEN X H L BUF_OUTn L H L
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to VSS (VSS = 0V). SYMBOL VDD IIK VI IOK VO IO Tstg PTOT PARAMETER DC 3.3 V supply voltage DC input diode current DC input voltage DC output diode current DC output voltage DC output source or sink current Storage temperature range Power dissipation per package plastic medium-shrink SO (SSOP) For temperature range: 0 to +70 C above +55 C derate linearly with 11.3mW/K VI < 0 Note 2 VO > VDD or VO < 0 Note 2 VO 0 to VDD -65 -0.5 -0.5 CONDITION LIMITS MIN -0.5 MAX +4.6 -50 5.5 50 VCC + 0.5 50 +150 850 UNIT V mA V mA V mA C mW
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL VDD CL VI VO Tamb PARAMETER DC 3.3 V supply voltage Capacitive load DC input voltage range DC output voltage range Operating ambient temperature range in free air CONDITIONS LIMITS MIN 3.135 20 0 0 0 MAX 3.465 30 VDD VDD +70 UNIT V pF V V C
2002 Dec 13
3
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
DC CHARACTERISTICS
SYMBOL VIH VIL VOH VOL IOH IOL II ICC PARAMETER VDD HIGH level input voltage LOW level input voltage 3.3V output HIGH voltage 3.3V output LOW voltage Output HIGH current Output LOW current Input leakage current Quiescent supply current (V) 3.135 to 3.465 3.135 to 3.465 3.135 to 3.465 3.135 to 3.465 3.135 to 3.465 3.135 to 3.465 3.465 3.465 VI = VDD or GND IO = 0 IOH = -1mA IOL= 1mA VOUT = 1.5V VOUT = 1.5V TEST CONDITIONS OTHER LIMITS Tamb = 0C to +70C MIN 2.0 VSS - 0.3 3.1 -70 65 -5 MAX VDD + 0.3 0.8 50 -185 160 5 100 V V V mV mA mA A A UNIT
2002 Dec 13
4
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
AC CHARACTERISTICS
TEST CONDITIONS SYMBOL tP tH tL tP tH tL tP tH tL tP tH tL tSDRISE tSDFALL tPLH tPHL DUTY CYCLE tSKW tDDSKW PARAMETER NOTES CLK period CLK HIGH time CLK LOW time CLK period CLK HIGH time CLK LOW time CLK period CLK HIGH time CLK LOW time CLK period CLK HIGH time CLK LOW time Rise time Fall time Buffer LH propagation delay Buffer HL propagation delay Output Duty Cycle Bus CLK skew Device to device skew Measured at 1.5 V 133 MHz 100 MHz 66 MHz 33 MHz 1, 6 2, 6, 8 3, 6, 8 1, 6 2, 6, 8 3, 6, 8 1,6 2, 6, 8 3, 6, 8 1, 6 2, 6, 8 3, 6, 8 4, 6, 10 4, 6, 11 6, 7 6, 7 5, 6, 7 1, 6 MIN 29.9 12.3 12.1 14.9 5.6 5.3 9.9 3.3 3.2 7.4 2.6 2.2 1.5 1.5 1.0 1.0 45 LIMITS Tamb = 0C to +70C TYP9 30.0 14.3 14.1 15.0 6.8 6.5 10.01 4.2 4.1 7.5 3.1 2.7 2.0 2.5 2.4 2.6 50 150 MAX 30.2 16.3 16.1 15.2 8.0 7.7 10.2 5.1 5.0 7.7 3.6 3.2 4.0 4.0 3.5 3.5 55 250 500 V/ns V/ns ns ns % ps ps ns ns ns ns UNIT
NOTES: 1. Clock period and skew are measured on the rising edge at 1.5V. 2. tH is measured at 2.4V as shown in Figure 2. 3. tL is measured at 0.4V as shown in Figure 2. 4. tSDRISE and tSDFALL are measured as a transition through the threshold region VOL = 0.4V and VOH = 2.4V (1 mA) JEDEC specification. 5. Duty cycle should be tested with a 50/50% input. 6. Over MIN (20pF) to MAX (30pF) discrete load, process, voltage, and temperature. 7. Input edge rate for these tests must be faster than 1 V/ns. 8. Calculated at minimum edge rate (1.5ns) to guarantee 45/55% duty cycle at 1.5V. Pulsewidth is required to be wider at the faster edge to ensure duty cycle specification is met. 9. All typical values are at VCC = 3.3V and Tamb = 25C. 10. Typical is measured with MAX (30pF) discrete load. 11. Typical is measured with MIN (20pF) discrete load.
2002 Dec 13
5
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
I2C CONSIDERATIONS
I2C has been chosen as the serial bus interface to control the PCK2001R. I2C was chosen to support the JEDEC proposal JC-42.5 168 Pin Unbuffered SDRAM DIMM. All vendors are required to determine the legal issues associated with the manufacture of I2C devices. 1) Address assignment: The clock driver in this specification uses the single, 7-bit address shown below. All devices can use the address if only one master clock driver is used in a design. The address can be re-used for the CKBF device if no other conflicting I2C clock driver is used in the system. The following address was confirmed by Philips on 09/04/96. A6 A5 A4 A3 A2 A1 A0 R/W
1 1 0 1 0 0 1 0 NOTE: The R/W bit is used by the I2C controller as a data direction bit. A `zero' indicates a transmission (WRITE) to the clock device. A `one' indicates a request for data (READ) from the clock driver. Since the definition of the clock buffer only allows the controller to WRITE data; the R/W bit of the address will always be seen as `zero'. Optimal address decoding of this bit is left to the vendor. 2) Options: It is our understanding that metal mask options and other pinouts of this type of clock driver will be allowed to use the same address as the original CKBF device. I2C addresses are defined in terms of function (master clock driver) rather than form (pinout, and option). 3) Slave/Receiver: The clock driver is assumed to require only slave/receiver functionality. Slave/transmitter functionality is optional. 4) Data Transfer Rate: 100 kbits/s (standard mode) is the base functionality required. Fast mode (400 kbits/s) functionality is optional. 5) Logic Levels: I2C logic levels are based on a percentage of VDD for the controller and other devices on the bus. Assume all devices are based on a 3.3 Volt supply. 6) Data Byte Format: Byte format is 8 Bits as described in the following appendices. 7) Data Protocol: To simplify the clock I2C interface, the clock driver serial protocol was specified to use only block writes from the controller. The bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred. Indexed bytes are not allowed. However, the SMBus controller has a more specific format than the generic I2C protocol. The clock driver must meet this protocol which is more rigorous than previously stated I2C protocol. Treat the description from the viewpoint of controller. The controller ``writes" to the clock driver and if possible would ``read" from the clock driver (the clock driver is a slave/receiver only and is incapable of this transaction.) ``The block write begins with a slave address and a write condition. After the command code the host (controller) issues a byte count which describes how many more bytes will follow in the message. If the host had 20 bytes to send, the first byte would be the number 20 (14h), followed by the 20 bytes of data. The byte count may not be 0. A block write command is allowed to transfer a maximum of 32 data bytes."
1 bit Start bit
7 bits Slave Address
1 R/W
1 Ack
8 bits Command Code
1 Ack Byte Count = N
Ack 1 bit
Data Byte 1 8 bits
Ack 1
Data Byte 2 8 bits
Ack 1
...
Data Byte 2 8 bits
Ack 1
Stop 1 SW00279
NOTE: The acknowledgement bit is returned by the slave/receiver (the clock driver). Consider the command code and the byte count bytes required as the first two bytes of any transfer. The command code is software programmable via the controller, but will be specified as 0000 0000 in the clock specification. The byte count byte is the number of additional bytes required to transfer, not counting the command code and byte count bytes. Additionally, the byte count byte is required to be a minimum of 1 byte and a maximum of 32 bytes to satisfy the above requirement.
2002 Dec 13
6
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
For example: Byte count byte MSB 0000 0000 0000 0000 0000 0000 0000 0000 0010 LSB 0000 0001 0010 0011 0100 0101 0110 0111 0000 Not allowed. Must have at least one byte. Data for functional and frequency select register (currently byte 0 in spec) Reads first two bytes of data. (byte 0 then byte 1) Reads first three bytes (byte 0, 1, 2 in order) Reads first four bytes (byte 0, 1, 2, 3 in order) Reads first five bytes (byte 0, 1, 2, 3, 4 in order) Reads first six bytes (byte 0, 1, 2, 3, 4, 5 in order) Reads first seven bytes (byte 0, 1, 2, 3, 4, 5, 6 in order) Max byte count supported = 32 Notes:
A transfer is considered valid after the acknowledge bit corresponding to the byte count is read by the controller. The serial controller interface can be simplified by discarding the information in both the command code and the byte count bytes and simply reading all the bytes that are sent to the clock driver after being addressed by the controller. It is expected that the controller will not provide more bytes than the clock driver can handle. A clock vendor may choose to discard any number of bytes that exceed the defined byte count. 8) Clock stretching: The clock device must not hold/stretch the SCLOCK or SDATA lines low for more than 10 ms. Clock stretching is discouraged and should only be used as a last resort. Stretching the clock/data lines for longer than this time puts the device in an error/time-out mode and may not be supported in all platforms. It is assumed that all data transfers can be completed as specified without the use of clock/data stretching. 9) General Call: It is assumed that the clock driver will not have to respond to the ``general call." 10) Electrical Characteristics: All electrical characteristics must meet the standard mode specifications found in section 15 of the I2C specification. a) Pull-Up Resistors: Any internal resistors pull-ups on the SDATA and SCLOCK inputs must be stated in the individual datasheet. The use of internal pull-ups on these pins of below 100 k is discouraged. Assume that the board designer will use a single external pull-up resistor for each line and that these values are in the 5-6 k range. Assume one I2C device per DIMM (serial presence detect), one I2C controller, one clock driver plus one/two more I2C devices on the platform for capacitive loading purposes. (b) Input Glitch Filters: Only fast mode I2C devices require input glitch filters to suppress bus noise. The clock driver is specified as a standard mode device and is not required to support this feature. 11) PWR DWN: If a clock driver is placed in PWR DWN mode, the SDATA and SCLK inputs must be 3-Stated and the device must retain all programming information. IDD current due to the I2C circuitry must be characterized and in the data sheet. For specific I2C information consult the Philips I2C Peripherals Data Handbook IC12 (1997).
2002 Dec 13
7
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
SERIAL CONFIGURATION MAP
The serial bits will be read by the clock buffer in the following order: Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0 Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0 Byte 2 - Bits 7, 6, 5, 4, 3, 2, 1, 0 All unused register bits (Reserved and N/A) should be desined as "Don't Care". It is expected that the controller will force all of these bits to a "0" level. All register bits labeled "Initialize to 0" must be written to zero during intialization. Failure to do so may result in a higher than normal operating current. The controller will read back the last written value.
Byte 0: Active/inactive register
1 = enable; 0 = disable BIT 7 6 5 4 3 2 1 0 PIN# 6 -- -- -- -- 3 -- 1 NAME BUF_OUT7 -- -- -- -- BUF_OUT2 -- BUF_OUT0 DESCRIPTION Active/Inactive -- -- -- -- Active/Inactive -- Active/Inactive
NOTE: 1. Inactive means outputs are held LOW and are disabled from switching. These outputs are designed to be configured at power-on and are not expected to be configured during the normal modes of operation.
Byte 1: Active/inactive register
1 = enable; 0 = disable BIT 7 6 5 4 3 2 1 0 PIN# -- 15 -- -- 13 -- -- -- NAME -- BUF_OUT14 -- -- BUF_OUT11 -- -- -- DESCRIPTION -- Active/Inactive -- -- Active/Inactive -- -- --
NOTE: 1. Inactive means outputs are held LOW and are disabled from switching. These outputs are designed to be configured at power-on and are not expected to be configured during the normal modes of operation.
Byte 2: Active/inactive register
BIT 7 6 5 4 3 2 1 0 PIN# 11 -- -- -- -- -- -- -- NAME BUF_OUT17 -- -- -- -- -- -- -- DESCRIPTION Active/Inactive -- -- -- -- -- -- --
NOTE: 1. Inactive means outputs are held LOW and are disabled from switching. These outputs are designed to be configured at power-on and are not expected to be configured during the normal modes of operation.
2002 Dec 13
8
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
AC WAVEFORMS
VM = 1.5 V VX = VOL + 0.3 V VY = VOH -0.3 V VOL and VOH are the typical output voltage drop that occur with the output load.
VDD BUF_IN INPUT VM VM tPHL
TEST CIRCUIT
VDD
VI PULSE GENERATOR RT D.U.T.
VO
CL
500
tPLH
VM BUF_OUT
VM SW00719
Figure 3. Load circuitry for switching times
SW00246
Figure 1. Load circuitry for switching times.
tp th 2.4 1.5 0.4 tl tr tf SW00613 DUTY CYCLE
Figure 2. Buffer Output clock
2002 Dec 13
9
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
SSOP16: plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1
2002 Dec 13
10
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
REVISION HISTORY Rev Date _2 20021213
Description Product data (9397 750 10864); ECN 853-2210 29225 of 22 November 2002. Modifications: * Increase Fmax to 533 MHz. Product data (9397 750 07352); ECN 853-2210 24202 of 25 July 2000.
_1
20000725
2002 Dec 13
11
Philips Semiconductors
Product data
533 MHz I2C 1:6 clock buffer
PCK2001R
Data sheet status
Level
I
Data sheet status[1]
Objective data
Product status[2] [3]
Development
Definitions
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data
Qualification
III
Product data
Production
[1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. [3] For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products--including circuits, standard cells, and/or software--described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825
Koninklijke Philips Electronics N.V. 2002 All rights reserved. Printed in U.S.A. Date of release: 12-02
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Document order number:
9397 750 10864
Philips Semiconductors
2002 Dec 13 12


▲Up To Search▲   

 
Price & Availability of PCK2001R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X