Part Number Hot Search : 
RT8206M HT46R 11640 16141FP LD266 LN513YK CCS122 ARH2815S
Product Description
Full Text Search
 

To Download PCF8576C7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
PCF8576C Universal LCD driver for low multiplex rates
Product specification Supersedes data of 1998 Jul 30 File under Integrated Circuits, IC12 2001 Oct 02
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
CONTENTS 1 2 3 4 5 6 6.1 6.2 6.3 6.4 6.5 6.5.1 6.5.2 6.6 6.7 6.8 6.9 6.10 6.11 6.12 6.13 6.14 6.15 6.16 7 7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 7.10 FEATURES GENERAL DESCRIPTION ORDERING INFORMATION BLOCK DIAGRAM PINNING FUNCTIONAL DESCRIPTION Power-on reset LCD bias generator LCD voltage selector LCD drive mode waveforms Oscillator Internal clock External clock Timing Display latch Shift register Segment outputs Backplane outputs Display RAM Data pointer Subaddress counter Output bank selector Input bank selector Blinker CHARACTERISTICS OF THE I2C-BUS Bit transfer (see Fig.12) START and STOP conditions (see Fig.13) System configuration (see Fig.14) Acknowledge (see Fig.15) PCF8576C I2C-bus controller Input filters I2C-bus protocol Command decoder Display controller Cascaded operation 8 9 10 11 11.1 11.2 12 12.1 13 14 15 16 16.1 16.2 16.3 16.4 16.5 17 18 19 20 LIMITING VALUES HANDLING DC CHARACTERISTICS AC CHARACTERISTICS
PCF8576C
Typical supply current characteristics Typical characteristics of LC D outputs APPLICATION INFORMATION Chip-on-glass cascadability in single plane BONDING PAD INFORMATION TRAY INFORMATION: PCF8576CU and PCF8576CU/2 PACKAGE OUTLINES SOLDERING Introduction to soldering surface mount packages Reflow soldering Wave soldering Manual soldering Suitability of surface mount IC packages for wave and reflow soldering methods DATA SHEET STATUS DEFINITIONS DISCLAIMERS PURCHASE OF PHILIPS I2C COMPONENTS
2001 Oct 02
2
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
1 FEATURES
PCF8576C
* Single-chip LCD controller/driver * Selectable backplane drive configuration: static or 2/3/4 backplane multiplexing * Selectable display bias configuration: static, 12 or 13 * Internal LCD bias generation with voltage-follower buffers * 40 segment drives: up to twenty 8-segment numeric characters; up to ten 15-segment alphanumeric characters; or any graphics of up to 160 elements * 40 x 4-bit RAM for display data storage * Auto-incremented display data loading across device subaddress boundaries * Display memory bank switching in static and duplex drive modes * Versatile blinking modes * LCD and logic supplies may be separated * Wide power supply range: from 2 V for low-threshold LCDs and up to 6 V for guest-host LCDs and high-threshold (automobile) twisted nematic LCDs. A 9 V version is also available on request. * Low power consumption * Power-saving mode for extremely low power consumption in battery-operated and telephone applications * I2C-bus interface * TTL/CMOS compatible * Compatible with any 4-bit, 8-bit or 16-bit microprocessors/microcontrollers 3 ORDERING INFORMATION PACKAGE TYPE NUMBER NAME PCF8576CT PCF8576CU PCF8576CU/2 PCF8576CU/5 PCF8576CU/10 PCF8576CU/12 PCF8576CH VSO56 - - - FFC FFC LQFP64 chip in tray chip with bumps in tray unsawn wafer chip-on-film frame carrier chip with bumps on film frame carrier plastic low profile quad flat package; 64 leads; body 10 x 10 x 1.4 mm DESCRIPTION plastic very small outline package; 56 leads VERSION SOT190-1 - - - - - SOT314-2 * May be cascaded for large LCD applications (up to 2560 segments possible) * Cascadable with 24-segment LCD driver PCF8566 * Optimized pinning for plane wiring in both and multiple PCF8576C applications * Space-saving 56-lead plastic very small outline package (VSO56) or 64-lead low profile quad flat package (LQFP64) * No external components * Compatible with chip-on-glass technology * Manufactured in silicon gate CMOS process. 2 GENERAL DESCRIPTION
The PCF8576C is a peripheral device which interfaces to almost any Liquid Crystal Display (LCD) with low multiplex rates. It generates the drive signals for any static or multiplexed LCD containing up to four backplanes and up to 40 segments and can easily be cascaded for larger LCD applications. The PCF8576C is compatible with most microprocessors/microcontrollers and communicates via a two-line bidirectional I2C-bus. Communication overheads are minimized by a display RAM with auto-incremented addressing, by hardware subaddressing and by display memory switching (static and duplex drive modes).
2001 Oct 02
3
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 2001 Oct 02
BP0 BP2 BP1 BP3 13 VDD 5 14 15 16 S0 to S39 40 17 to 56 DISPLAY SEGMENT OUTPUTS BACKPLANE OUTPUTS LCD VOLTAGE SELECTOR DISPLAY LATCH VLCD 12 LCD BIAS GENERATOR SHIFT REGISTER CLK SYNC 4 3 TIMING BLINKER DISPLAY CONTROLLER OSC 6 OSCILLATOR POWERON RESET COMMAND DECODER INPUT FILTERS I 2C - BUS CONTROLLER 10 SA0
handbook, full pagewidth
4
Philips Semiconductors
Universal LCD driver for low multiplex rates
BLOCK DIAGRAM
PCF8576C
INPUT BANK SELECTOR DISPLAY RAM 40 x 4 BITS OUTPUT BANK SELECTOR
4
V SS SCL SDA
DATA POINTER
11 2 1
SUBADDRESS COUNTER 7 A0 8 A1 9
Product specification
A2
MLD332
PCF8576C
Fig.1 Block diagram; VSO56.
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
5 PINNING PIN SYMBOL SOT190 SDA SCL SYNC CLK VDD OSC A0 to A2 SA0 VSS VLCD BP0, BP2, BP1, BP3 S0 to S39 n.c. 1 2 3 4 5 6 7 to 9 10 11 12 13 to 16 17 to 56 - SOT314 10 11 12 13 14 15 16 to 18 19 20 21 25 to 28 29 to 32, 34 to 47, 49 to 64, 2 to 7 1, 8, 9, 22 to 24, 33 and 48
PCF8576C
DESCRIPTION I2C-bus serial data input/output I2C-bus serial clock input cascade synchronization input/output external clock input supply voltage oscillator input I2C-bus subaddress inputs I2C-bus slave address input; bit 0 logic ground LCD supply voltage LCD backplane outputs LCD segment outputs not connected
2001 Oct 02
5
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
handbook, halfpage
SDA SCL SYNC CLK VDD OSC A0 A1 A2
1 2 3 4 5 6 7 8 9
56 S39 55 S38 54 S37 53 S36 52 S35 51 S34 50 S33 49 S32 48 S31 47 S30 46 S29 45 S28 44 S27 43 S26
SA0 10 VSS 11 VLCD 12 BP0 13 BP2 14
PCF8576CT
BP1 15 BP3 16 S0 17 S1 18 S2 19 S3 20 S4 21 S5 22 S6 23 S7 24 S8 25 S9 26 S10 27 S11 28
MLD334
42 S25 41 S24 40 S23 39 S22 38 S21 37 S20 36 S19 35 S18 34 S17 33 S16 32 S15 31 S14 30 S13 29 S12
Fig.2 Pin configuration; VSO56.
2001 Oct 02
6
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
64 S33
63 S32
62 S31
61 S30
60 S29
59 S28
58 S27
57 S26
56 S25
55 S24
54 S23
53 S22
52 S21
51 S20
50 S19
n.c. S34 S35 S36 S37 S38 S39 n.c. n.c.
1 2 3 4 5 6 7 8
49 S18 48 n.c. 47 S17 46 S16 45 S15 44 S14 43 S13 42 S12 41 S11 40 S10 39 S9 38 S8 37 S7 36 S6 35 S5 34 S4 33 n.c. S3 32
MLD333
handbook, full pagewidth
PCF8576CH
9 SDA 10 SCL 11 SYNC 12 CLK 13 VDD 14 OSC 15 A0 16 A1 17 A2 18 SA0 19 VSS 20 VLCD 21 n.c. 22 n.c. 23 n.c. 24 BP0 25 BP2 26 BP1 27 BP3 28 S0 29 S1 30 S2 31
Fig.3 Pin configuration; LQFP64.
2001 Oct 02
7
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6 FUNCTIONAL DESCRIPTION
PCF8576C
The PCF8576C is a versatile peripheral device designed to interface to any microprocessor/microcontroller to a wide variety of LCDs. It can directly drive any static or multiplexed LCD containing up to four backplanes and up to 40 segments. The display configurations possible with the PCF8576C depend on the number of active backplane outputs required; a selection of display configurations is given in Table 1. All of the display configurations given in Table 1 can be implemented in the typical system shown in Fig.4. Table 1 Selection of display configurations NUMBER OF BACKPLANES SEGMENTS 4 3 2 1 160 120 80 40
The host microprocessor/microcontroller maintains the 2-line I2C-bus communication channel with the PCF8576C. The internal oscillator is selected by tying OSC (pin 6) to VSS (pin 11). The appropriate biasing voltages for the multiplexed LCD waveforms are generated internally. The only other connections required to complete the system are to the power supplies (VDD, VSS and VLCD) and the LCD panel chosen for the application.
7-SEGMENTS NUMERIC DIGITS 20 15 10 5 INDICATOR SYMBOLS 20 15 10 5
14-SEGMENTS ALPHANUMERIC DOT MATRIX CHARACTERS 10 8 5 2 INDICATOR SYMBOLS 20 8 10 12 160 dots (4 x 40) 120 dots (3 x 40) 80 dots (2 x 40) 40 dots (1 x 40)
handbook, full pagewidth
V
DD R
tr 2CB 5 SDA SCL OSC
V DD 1 2 6 7 A0 8 A1 9
V 12
LCD LCD PANEL (up to 160 elements)
HOST MICROPROCESSOR/ MICROCONTROLLER
17 to 56 40 segment drives
PCF8576CT
13 to 16 10 11 A2 SA0 V SS
4 backplanes
MBE524
V SS
Fig.4 Typical system configuration.
2001 Oct 02
8
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.1 Power-on reset 6.3 LCD voltage selector
PCF8576C
At power-on the PCF8576C resets to a starting condition as follows: 1. All backplane outputs are set to VDD. 2. All segment outputs are set to VDD. 3. The drive mode `1 : 4 multiplex with 13bias' is selected. 4. Blinking is switched off. 5. Input and output bank selectors are reset (as defined in Table 5). 6. The I2C-bus interface is initialized. 7. The data pointer and the subaddress counter are cleared. Data transfers on the I2C-bus should be avoided for 1 ms following power-on to allow completion of the reset action. 6.2 LCD bias generator
The LCD voltage selector co-ordinates the multiplexing of the LCD in accordance with the selected LCD drive configuration. The operation of the voltage selector is controlled by MODE SET commands from the command decoder. The biasing configurations that apply to the preferred modes of operation, together with the biasing characteristics as functions of Vop = VDD - VLCD and the resulting discrimination ratios (D), are given in Table 2. A practical value for Vop is determined by equating Voff(rms) with a defined LCD threshold voltage (Vth), typically when the LCD exhibits approximately 10% contrast. In the static drive mode a suitable choice is Vop > 3Vth approximately. Multiplex drive ratios of 1 : 3 and 1 : 4 with 12bias are possible but the discrimination and hence the contrast ratios are smaller ( 3 = 1.732 for 1 : 3 multiplex or
The full-scale LCD voltage (Vop) is obtained from VDD - VLCD. The LCD voltage may be temperature compensated externally through the VLCD supply to pin 12. Fractional LCD biasing voltages are obtained from an internal voltage divider of the three series resistors connected between VDD and VLCD. The centre resistor can be switched out of the circuit to provide a 12bias voltage level for the 1 : 2 multiplex configuration.
21 ---------- = 1.528 for 1 : 4 multiplex). 3 The advantage of these modes is a reduction of the LCD full-scale voltage Vop as follows: * 1 : 3 multiplex (12bias): Vop = 6 x V off rms = 2.449 Voff(rms)
* 1 : 4 multiplex (12bias): Vop = (4 x 3) --------------------3 = 2.309 Voff(rms)
These compare with Vop = 3 Voff(rms) when 13bias is used. Table 2 Preferred LCD drive modes: summary of characteristics NUMBER OF LCD DRIVE MODE BACKPLANES static 1:2 1:2 1:3 1:4 1 2 2 3 4 LEVELS 2 3 4 4 4 LCD BIAS CONFIGURATION static
1 1 1 1 2 3 3 3
V off(rms) -------------------V op 0 0.354 0.333 0.333 0.333
V on(rms) -------------------V op 1 0.791 0.745 0.638 0.577
V on(rms) D = -------------------V off(rms) 2.236 2.236 1.915 1.732
2001 Oct 02
9
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.4 LCD drive mode waveforms
PCF8576C
The static LCD drive mode is used when a single backplane is provided in the LCD. Backplane and segment drive waveforms for this mode are shown in Fig.5. When two backplanes are provided in the LCD, the 1 : 2 multiplex mode applies. The PCF8576C allows use of 1 bias or 1 bias in this mode as shown in Figs 6 and 7. 2 3
When three backplanes are provided in the LCD, the 1 : 3 multiplex drive mode applies, as shown in Fig.8. When four backplanes are provided in the LCD, the 1 : 4 multiplex drive mode applies, as shown in Fig.9.
T frame V DD BP0 V LCD V DD Sn V LCD VDD Sn 1 V LCD V op (a) waveforms at driver state 1 (on) state 2 (off) LCD segments
state 1
0
Vop V op
state 2
0
Vop
(b) resultant waveforms at LCD segment
MBE539
V state1(t) = V S (t) - V BP0(t)
n
V on(rms) = V op V state2(t) = V S
n+1
(t) - V BP0(t)
V off(rms) = 0 V
Fig.5 Static drive mode waveforms (Vop = VDD - VLCD). 2001 Oct 02 10
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
T frame VDD BP0 (VDD V LCD VDD BP1 (VDD V LCD VDD Sn V LCD VDD Sn 1 V LCD (a) waveforms at driver Vop V op /2 state 1 0 V op /2 Vop Vop V op /2 state 2 0 V op /2 Vop (b) resultant waveforms at LCD segment
MBE540
LCD segments V LCD )/2 state 1 state 2 V LCD )/2
V state1(t) = V S (t) - V BP0(t)
n
V on(rms) = 0.791V op V state2(t) = V S (t) - V BP1(t)
n
V off(rms) = 0.354V op
Fig.6 Waveforms for the 1 : 2 multiplex drive mode with 12bias (Vop = VDD - VLCD). 2001 Oct 02 11
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
T frame VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD (a) waveforms at driver Vop 2Vop /3 Vop /3 0 Vop /3 2Vop /3 Vop Vop 2Vop /3 Vop /3 0 Vop /3 2Vop /3 Vop LCD segments
BP0
state 1 state 2
BP1
Sn
Sn 1
state 1
state 2
(b) resultant waveforms at LCD segment
MBE541
V state1(t) = V S (t) - V BP0(t)
n
V on(rms) = 0.745V op V state2(t) = V S (t) - V BP1(t)
n
V off(rms) = 0.333V op
Fig.7 Waveforms for the 1 : 2 multiplex drive mode with 13bias (Vop = VDD - VLCD). 2001 Oct 02 12
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
T frame VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD (a) waveforms at driver Vop 2V op /3 Vop /3 0 Vop /3 2V op /3 Vop Vop 2V op /3 state 2 Vop /3 0 Vop /3 2V op /3 Vop LCD segments
BP0
state 1 state 2
BP1
BP2/S23
Sn
Sn 1
Sn 2
state 1
(b) resultant waveforms at LCD segment
MBE542
V state1(t) = V S (t) - V BP0(t)
n
V on(rms) = 0.638V op V state2(t) = V S (t) - V BP1(t)
n
V off(rms) = 0.333V op
Fig.8 Waveforms for the 1 : 3 multiplex drive mode (Vop = VDD - VLCD). 2001 Oct 02 13
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
T frame VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD VDD V DD Vop /3 VDD 2Vop /3 VLCD (a) waveforms at driver Vop 2Vop /3 V op /3 0 V op /3 2Vop /3 Vop Vop 2Vop /3 V op /3 0 V op /3 2Vop /3 Vop LCD segments
BP0
state 1 state 2
BP1
BP2
BP3
Sn
Sn 1
Sn 2
Sn 3
state 1
state 2
V state1(t) = V S (t) - V BP0(t)
n
V on(rms) = 0.577V op V state2(t) = V S (t) - V BP1(t) (b) resultant waveforms at LCD segment
n
MBE543
V off(rms) = 0.333V op
Fig.9 Waveforms for the 1 : 4 multiplex drive mode (Vop = VDD - VLCD). 2001 Oct 02 14
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.5 6.5.1 Oscillator INTERNAL CLOCK
PCF8576C
The internal logic and the LCD drive signals of the PCF8576C are timed either by the built-in oscillator or from an external clock. When the internal oscillator is used, OSC (pin 6) should be connected to VSS (pin 11). In this event, the output from CLK (pin 4) provides the clock signal for cascaded PCF8566s or PCF8576Cs in the system. Note that the PCF8576C is backwards compatible with the PCF8576. Where resistor Rosc to VSS is present, the internal oscillator is selected. 6.5.2 EXTERNAL CLOCK
When a device is unable to digest a display data byte before the next one arrives, it holds the SCL line LOW until the first display data byte is stored. This slows down the transmission rate of the I2C-bus but no data loss occurs. 6.7 Display latch
The display latch holds the display data while the corresponding multiplex signals are generated. There is a one-to-one relationship between the data in the display latch, the LCD segment outputs and one column of the display RAM. 6.8 Shift register
The condition for external clock is made by tying OSC (pin 6) to VDD; CLK (pin 4) then becomes the external clock input. The clock frequency (fclk) determines the LCD frame frequency and the maximum rate for data reception from the I2C-bus. To allow I2C-bus transmissions at their maximum data rate of 100 kHz, fclk should be chosen to be above 125 kHz. A clock signal must always be supplied to the device; removing the clock may freeze the LCD in a DC state. 6.6 Timing
The shift register serves to transfer display information from the display RAM to the display latch while previous data is displayed. 6.9 Segment outputs
The LCD drive section includes 40 segment outputs S0 to S39 (pins 17 to 56) which should be connected directly to the LCD. The segment output signals are generated in accordance with the multiplexed backplane signals and with data resident in the display latch. When less than 40 segment outputs are required the unused segment outputs should be left open-circuit. 6.10 Backplane outputs
The timing of the PCF8576C organizes the internal data flow of the device. This includes the transfer of display data from the display RAM to the display segment outputs. In cascaded applications, the synchronization signal SYNC maintains the correct timing relationship between the PCF8576Cs in the system. The timing also generates the LCD frame frequency which it derives as an integer multiple of the clock frequency (see Table 3). The frame frequency is set by the MODE SET commands when internal clock is used, or by the frequency applied to pin 4 when external clock is used. The ratio between the clock frequency and the LCD frame frequency depends on the mode in which the device is operating. In the power-saving mode the reduction ratio is six times smaller; this allows the clock frequency to be reduced by a factor of six. The reduced clock frequency results in a significant reduction in power dissipation. The lower clock frequency has the disadvantage of increasing the response time when large amounts of display data are transmitted on the I2C-bus.
The LCD drive section includes four backplane outputs BP0 to BP3 which should be connected directly to the LCD. The backplane output signals are generated in accordance with the selected LCD drive mode. If less than four backplane outputs are required the unused outputs can be left open-circuit. In the 1 : 3 multiplex drive mode BP3 carries the same signal as BP1, therefore these two adjacent outputs can be tied together to give enhanced drive capabilities. In the 1 : 2 multiplex drive mode BP0 and BP2, BP1 and BP3 respectively carry the same signals and may also be paired to increase the drive capabilities. In the static drive mode the same signal is carried by all four backplane outputs and they can be connected in parallel for very high drive requirements.
2001 Oct 02
15
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.11 Display RAM
PCF8576C
The display RAM is a static 40 x 4-bit RAM which stores LCD data. A logic 1 in the RAM bit-map indicates the on state of the corresponding LCD segment; similarly, a logic 0 indicates the off state. There is a one-to-one correspondence between the RAM addresses and the segment outputs, and between the individual bits of a RAM word and the backplane outputs. The first RAM column corresponds to the 40 segments operated with respect to backplane BP0 (see Fig.10). In multiplexed LCD applications the segment data of the second, third and fourth column of the display RAM are time-multiplexed with BP1, BP2 and BP3 respectively. When display data is transmitted to the PCF8576C the display bytes received are stored in the display RAM in accordance with the selected LCD drive mode. To illustrate the filling order, an example of a 7-segment numeric display showing all drive modes is given in Fig.11; the RAM filling organization depicted applies equally to other LCD types. With reference to Fig.11, in the static drive mode the eight transmitted data bits are placed in bit 0 of eight successive display RAM addresses.
In the 1 : 2 multiplex drive mode the eight transmitted data bits are placed in bits 0 and 1 of four successive display RAM addresses. In the 1 : 3 multiplex drive mode these bits are placed in bits 0, 1 and 2 of three successive addresses, with bit 2 of the third address left unchanged. This last bit may, if necessary, be controlled by an additional transfer to this address but care should be taken to avoid overriding adjacent data because full bytes are always transmitted. In the 1 : 4 multiplex drive mode the eight transmitted data bits are placed in bits 0, 1, 2 and 3 of two successive display RAM addresses. Table 3 LCD frame frequencies FRAME FREQUENCY f clk -----------2880 f clk --------480 NOMINAL FRAME FREQUENCY (Hz) 64
PCF8576C MODE
Normal mode
Power-saving mode
64
display RAM addresses (rows) / segment outputs (S) 0 0 display RAM bits 1 (columns) / backplane outputs 2 (BP) 3
MBE525
1
2
3
4
35
36
37
38
39
Fig.10 Display RAM bit-map showing direct relationship between display RAM addresses and segment outputs, and between bits in a RAM word and backplane outputs.
2001 Oct 02
16
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.12 Data pointer 6.14 Output bank selector
PCF8576C
The addressing mechanism for the display RAM is realized using the data pointer. This allows the loading of an individual display data byte, or a series of display data bytes, into any location of the display RAM. The sequence commences with the initialization of the data pointer by the LOAD DATA POINTER command. Following this, an arriving data byte is stored starting at the display RAM address indicated by the data pointer thereby observing the filling order shown in Fig.11. The data pointer is automatically incremented in accordance with the chosen LCD configuration. That is, after each byte is stored, the contents of the data pointer are incremented by eight (static drive mode), by four (1 : 2 multiplex drive mode) or by two (1 : 4 multiplex drive mode). 6.13 Subaddress counter
This selects one of the four bits per display RAM address for transfer to the display latch. The actual bit chosen depends on the particular LCD drive mode in operation and on the instant in the multiplex sequence. In 1 : 4 multiplex, all RAM addresses of bit 0 are the first to be selected, these are followed by the contents of bit 1, bit 2 and then bit 3. Similarly in 1 : 3 multiplex, bits 0, 1 and 2 are selected sequentially. In 1 : 2 multiplex, bits 0 and 1 are selected and, in the static mode, bit 0 is selected. The PCF8576C includes a RAM bank switching feature in the static and 1 : 2 multiplex drive modes. In the static drive mode, the BANK SELECT command may request the contents of bit 2 to be selected for display instead of bit 0 contents. In the 1 : 2 drive mode, the contents of bits 2 and 3 may be selected instead of bits 0 and 1. This gives the provision for preparing display information in an alternative bank and to be able to switch to it once it is assembled. 6.15 Input bank selector
The storage of display data is conditioned by the contents of the subaddress counter. Storage is allowed to take place only when the contents of the subaddress counter agree with the hardware subaddress applied to A0, A1 and A2. The subaddress counter value is defined by the DEVICE SELECT command. If the contents of the subaddress counter and the hardware subaddress do not agree then data storage is inhibited but the data pointer is incremented as if data storage had taken place. The subaddress counter is also incremented when the data pointer overflows. The storage arrangements described lead to extremely efficient data loading in cascaded applications. When a series of display bytes are sent to the display RAM, automatic wrap-over to the next PCF8576C occurs when the last RAM address is exceeded. Subaddressing across device boundaries is successful even if the change to the next device in the cascade occurs within a transmitted character (such as during the 14th display data byte transmitted in 1 : 3 multiplex mode).
The input bank selector loads display data into the display RAM in accordance with the selected LCD drive configuration. Display data can be loaded in bit 2 in static drive mode or in bits 2 and 3 in 1 : 2 drive mode by using the BANK SELECT command. The input bank selector functions independent of the output bank selector.
2001 Oct 02
17
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.16 Blinker
PCF8576C
The display blinking capabilities of the PCF8576C are very versatile. The whole display can be blinked at frequencies selected by the BLINK command. The blinking frequencies are integer multiples of the clock frequency; the ratios between the clock and blinking frequencies depend on the mode in which the device is operating, as shown in Table 4. An additional feature is for an arbitrary selection of LCD segments to be blinked. This applies to the static and 1 : 2 LCD drive modes and can be implemented without any communication overheads. Table 4 Blinking frequencies NORMAL OPERATING MODE RATIO - f clk --------------92160 f clk ------------------184320 f clk ------------------368640
By means of the output bank selector, the displayed RAM banks are exchanged with alternate RAM banks at the blinking frequency. This mode can also be specified by the BLINK command. In the 1 : 3 and 1 : 4 multiplex modes, where no alternate RAM bank is available, groups of LCD segments can be blinked by selectively changing the display RAM data at fixed time intervals. If the entire display is to be blinked at a frequency other than the nominal blinking frequency, this can be effectively performed by resetting and setting the display enable bit E at the required rate using the MODE SET command.
BLINKING MODE Off 2 Hz 1 Hz
POWER-SAVING MODE RATIO - f clk --------------15360 f clk --------------30720 f clk --------------61440
NOMINAL BLINKING FREQUENCY blinking off 2 Hz 1 Hz
0.5 Hz
0.5 Hz
2001 Oct 02
18
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 2001 Oct 02
drive mode LCD segments
a f g e d Sn 6 c b Sn Sn Sn 7 DP 1 BP0
Philips Semiconductors
Universal LCD driver for low multiplex rates
LCD backplanes
display RAM filling order
transmitted display byte
Sn Sn Sn
2 3 4 5
n bit/ BP 0 1 2 3 c x x x
n1 b x x x
n2 a x x x
n3 f x x x
n4 g x x x
n5 e x x x
n6 d x x x
n7 MSB DP x x x cbaf LSB g e d DP
static
Sn
Sn
BP0 a f g b
n bit/ BP
BP1 c
n1 f g x x
n2 e c x x
n3 d DP x x MSB abf LSB g e c d DP
1:2
Sn
1
multiplex
Sn Sn Sn
2 3
e d
DP
0 1 2 3
a b x x
handbook, full pagewidth
19
1:3 multiplex 1:4 multiplex
x = data bit unchanged.
1 2 f
a b g e d c DP Sn
BP0
n bit/ BP
BP1 BP2
n1 a d g x
n2 f e x x MSB b DP c a d g f LSB e
Sn
0 1 2 3
b DP c x
Sn f
a b g e c d DP BP1 BP3 BP0 BP2
n bit/ BP 0 1 2 3 a c b DP
n1 f e g d
MSB a c b DP f
LSB egd
Sn
1
Product specification
PCF8576C
MBE534
Fig.11 Relationships between LCD layout, drive mode, display RAM filling order and display data transmitted over the I2C-bus.
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
7 CHARACTERISTICS OF THE I2C-BUS 7.5 PCF8576C I2C-bus controller
PCF8576C
The I2C-bus is for bidirectional, two-line communication between different ICs or modules. The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy. 7.1 Bit transfer (see Fig.12)
The PCF8576C acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or transmit data to an I2C-bus master receiver. The only data output from the PCF8576C are the acknowledge signals of the selected devices. Device selection depends on the I2C-bus slave address, on the transferred command data and on the hardware subaddress. In single device application, the hardware subaddress inputs A0, A1 and A2 are normally tied to VSS which defines the hardware subaddress 0. In multiple device applications A0, A1 and A2 are tied to VSS or VDD in accordance with a binary coding scheme such that no two devices with a common I2C-bus slave address have the same hardware subaddress. In the power-saving mode it is possible that the PCF8576C is not able to keep up with the highest transmission rates when large amounts of display data are transmitted. If this situation occurs, the PCF8576C forces the SCL line LOW until its internal operations are completed. This is known as the `clock synchronization feature' of the I2C-bus and serves to slow down fast transmitters. Data loss does not occur. 7.6 Input filters
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as a control signal. 7.2 START and STOP conditions (see Fig.13)
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP condition (P). 7.3 System configuration (see Fig.14)
A device generating a message is a `transmitter', a device receiving a message is the `receiver'. The device that controls the message is the `master' and the devices which are controlled by the master are the `slaves'. 7.4 Acknowledge (see Fig.15)
To enhance noise immunity in electrically adverse environments, RC low-pass filters are provided on the SDA and SCL lines. 7.7 I2C-bus protocol
The number of data bytes transferred between the START and STOP conditions from transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge bit. The acknowledge bit is a HIGH level signal put on the bus by the transmitter during which time the master generates an extra acknowledge related clock pulse. A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master receiver must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse (set-up and hold times must be taken into consideration). A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a STOP condition.
Two I2C-bus slave addresses (0111000 and 0111001) are reserved for the PCF8576C. The least significant bit of the slave address that a PCF8576C will respond to is defined by the level tied at its input SA0 (pin 10). Therefore, two types of PCF8576C can be distinguished on the same I2C-bus which allows: 1. Up to 16 PCF8576Cs on the same I2C-bus for very large LCD applications. 2. The use of two types of LCD multiplex on the same I2C-bus. The I2C-bus protocol is shown in Fig.16. The sequence is initiated with a START condition (S) from the I2C-bus master which is followed by one of the two PCF8675C slave addresses available. All PCF8576Cs with the corresponding SA0 level acknowledge in parallel with the slave address but all PCF8576Cs with the alternative SA0 level ignore the whole I2C-bus transfer.
2001 Oct 02
20
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
After acknowledgement, one or more command bytes (m) follow which define the status of the addressed PCF8576Cs. The last command byte is tagged with a cleared most significant bit, the continuation bit C. The command bytes are also acknowledged by all addressed PCF8576Cs on the bus. After the last command byte, a series of display data bytes (n) may follow. These display bytes are stored in the display RAM at the address specified by the data pointer and the subaddress counter. Both data pointer and subaddress counter are automatically updated and the data is directed to the intended PCF8576C device. The acknowledgement after each byte is made only by the (A0, A1 and A2) addressed PCF8576C. After the last display byte, the I2C-bus master issues a STOP condition (P). 7.8 Command decoder
PCF8576C
The command decoder identifies command bytes that arrive on the I2C-bus. All available commands carry a continuation bit C in their most significant bit position (Fig.17). When this bit is set, it indicates that the next byte of the transfer to arrive will also represent a command. If this bit is reset, it indicates the last command byte of the transfer. Further bytes will be regarded as display data. The five commands available to the PCF8576C are defined in Table 5.
SDA
SCL data line stable; data valid change of data allowed
MBA607
Fig.12 Bit transfer.
handbook, full pagewidth
SDA
SDA
SCL S START condition P STOP condition
SCL
MBC622
Fig.13 Definition of START and STOP conditions.
2001 Oct 02
21
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
MASTER TRANSMITTER/ RECEIVER SDA SCL
SLAVE RECEIVER
SLAVE TRANSMITTER/ RECEIVER
MASTER TRANSMITTER
MASTER TRANSMITTER/ RECEIVER
MGA807
Fig.14 System configuration.
handbook, full pagewidth
DATA OUTPUT BY TRANSMITTER not acknowledge DATA OUTPUT BY RECEIVER acknowledge SCL FROM MASTER S START condition clock pulse for acknowledgement
MBC602
1
2
8
9
Fig.15 Acknowledgement on the I2C-bus.
2001 Oct 02
22
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
handbook, full pagewidth
R/ W slave address S
acknowledge by all addressed PCF8576Cs
acknowledge by A0, A1 and A2 selected PCF8576C only
S 0 1 1 1 0 0A 0AC
0 1 byte n
COMMAND
A
DISPLAY DATA
A
P
1 byte(s)
n
0 byte(s) update data pointers and if necessary, subaddress counter
MBE538
Fig.16 I2C-bus protocol.
MSB C REST OF OPCODE
LSB
MSA833
C = 0; last command. C = 1; commands continue.
Fig.17 General format of command byte.
2001 Oct 02
23
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
Table 5 Definition of PCF8576C commands OPCODE C 1 0 LP E B M1 M0 OPTIONS Table 6 Table 7 Table 8
PCF8576C
COMMAND MODE SET
DESCRIPTION Defines LCD drive mode. Defines LCD bias configuration. Defines display status. The possibility to disable the display allows implementation of blinking under external control. Defines power dissipation mode. Six bits of immediate data, bits P5 to P0, are transferred to the data pointer to define one of forty display RAM addresses. Three bits of immediate data, bits A0 to A3, are transferred to the subaddress counter to define one of eight hardware subaddresses. Defines input bank selection (storage of arriving display data). Defines output bank selection (retrieval of LCD display data). The BANK SELECT command has no effect in 1 : 3 and 1 : 4 multiplex drive modes.
Table 9 LOAD DATA POINTER C 0 P5 P4 P3 P2 P1 P0 Table 10
DEVICE SELECT
C
1
1
0
0
A2
A1
A0
Table 11
BANK SELECT
C
1
1
1
1
0
I
O
Table 12 Table 13
BLINK
C
1
1
1
0
A
BF1 BF0
Table 14 Table 15
Defines the blinking frequency. Selects the blinking mode; normal operation with frequency set by BF1, BF0 or blinking by alternation of display RAM banks. Alternation blinking does not apply in 1 : 3 and 1 : 4 multiplex drive modes.
Table 6
Mode set option 1 BITS M1 0 1 1 0 M0 1 0 1 0
Table 8
Mode set option 3 BIT E 0 1 Mode set option 4 MODE BIT LP 0 1
LCD DRIVE MODE DRIVE MODE Static 1:2 1:3 1:4 Table 7
1 1
DISPLAY STATUS Disabled (blank) Enabled Table 9
BACKPLANE 1 BP MUX (2 BP) MUX (3 BP) MUX (4 BP) Mode set option 2 LCD BIAS
Normal mode Power-saving mode
BIT B 0 1
Table 10 Load data pointer option 1 DESCRIPTION 6 bit binary value of 0 to 39 BITS P5 P4 P3 P2 P1 P0
3bias 2bias
2001 Oct 02
24
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
Table 11 Device select option 1 DESCRIPTION 3 bit binary value of 0 to 7 Table 12 Bank select option 1 STATIC RAM bit 0 RAM bit 2 1 : 2 MUX RAM bits 0 and 1 RAM bits 2 and 3 BIT I 0 1 7.10 Cascaded operation A0 BITS A1 A2 7.9 Display controller
PCF8576C
The display controller executes the commands identified by the command decoder. It contains the status registers of the PCF8576C and co-ordinates their effects. The controller is also responsible for loading display data into the display RAM as required by the filling order.
Table 13 Bank select option 2 STATIC RAM bit 0 RAM bit 2 1 : 2 MUX RAM bits 0 and 1 RAM bits 2 and 3 BIT O 0 1
Table 14 Blink option 1 BITS BLINK FREQUENCY BF1 Off 2 Hz 1 Hz 0.5 Hz Table 15 Blink option 2 BLINK MODE Normal blinking Alternation blinking BIT A 0 1 0 0 1 1 BF0 0 1 0 1
In large display configurations, up to 16 PCF8576Cs can be distinguished on the same I2C-bus by using the 3-bit hardware subaddress (A0, A1 and A2) and the programmable I2C-bus slave address (SA0). When cascaded PCF8576Cs are synchronized so that they can share the backplane signals from one of the devices in the cascade. Such an arrangement is cost-effective in large LCD applications since the backplane outputs of only one device need to be through-plated to the backplane electrodes of the display. The other PCF8576Cs of the cascade contribute additional segment outputs but their backplane outputs are left open-circuit (Fig.18). The SYNC line is provided to maintain the correct synchronization between all cascaded PCF8576Cs. This synchronization is guaranteed after the power-on reset. The only time that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by noise in adverse electrical environments; or by the definition of a multiplex mode when PCF8576Cs with differing SA0 levels are cascaded). SYNC is organized as an input/output pin; the output selection being realized as an open-drain driver with an internal pull-up resistor. A PCF8576C asserts the SYNC line at the onset of its last active backplane signal and monitors the SYNC line at all other times. Should synchronization in the cascade be lost, it will be restored by the first PCF8675C to assert SYNC. The timing relationship between the backplane waveforms and the SYNC signal for the various drive modes of the PCF8576C are shown in Fig.19. For single plane wiring of packaged PCF8576Cs and chip-on-glass cascading, see Chapter "Application information".
2001 Oct 02
25
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
handbook, full pagewidth
VDD SDA 1 SCL 2 SYNC CLK 3 5
VLCD 12 17 to 56
40 segment drives
LCD PANEL
PCF8576CT
13,15, 14,16 A0 A1 A2 SAO VSS (up to 2560 elements) BP0 to BP3 (open-circuit)
4 OSC 6
V LCD V DD tr 2CB 5 HOST MICROPROCESSOR/ MICROCONTROLLER SDA SCL SYNC CLK OSC 1 2 3 4 6 7 V SS A0 8 A1 9 A2 10 11
R
V DD
V 12
LCD
17 to 56 40 segment drives
PCF8576CT
13,15, 14,16
4 backplanes
BP0 to BP3
MBE533
SA0 V SS
Fig.18 Cascaded PCF8576C configuration.
2001 Oct 02
26
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
handbook, full pagewidth
1 Tframe = f frame
BP0
SYNC (a) static drive mode. BP1 (1/2 bias)
BP1 (1/3 bias)
SYNC (b) 1 : 2 multiplex drive mode.
BP2
SYNC (c) 1 : 3 multiplex drive mode.
BP3
SYNC
MBE535
(d) 1 : 4 multiplex drive mode.
Excessive capacitive coupling between SCL or CLK and SYNC may cause erroneous synchronization. If this proves to be a problem, the capacitance of the SYNC line should be increased (e.g. by an external capacitor between SYNC and VDD). Degradation of the positive edge of the SYNC pulse may be countered by an external pull-up resistor. (a) static drive mode. (b) 1 : 2 multiplex drive mode. (c) 1 : 3 multiplex drive mode. (d) 1 : 4 multiplex drive mode.
Fig.19 Synchronization of the cascade for the various PCF8576C drive modes.
2001 Oct 02
27
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
8 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VDD VLCD VI1 VI2 VO II IO Ptot PO Tstg 9 supply voltage LCD supply voltage input voltage CLK, SYNC, SA0, OSC, A0 to A2 input voltage SDA, SCL output voltage S0 to S39, BP0 to BP3 DC input current DC output current total power dissipation power dissipation per output storage temperature PARAMETER MIN. -0.5 VDD - 8.0 VSS - 0.5 VSS - 0.5 VLCD - 0.5 -20 -25 -50 - - -65
PCF8576C
MAX. +8.0 VDD VDD + 0.5 +8.0 VDD + 0.5 +20 +25 +50 400 100 +150 V V V V V
UNIT
mA mA mA mW mW C
IDD, ISS, ILCD VDD, VSS or VLCD current
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling MOS devices (see "Handling MOS Devices" ).
2001 Oct 02
28
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
10 DC CHARACTERISTICS VDD = 2 to 6 V; VSS = 0 V; VLCD = VDD - 2 V to VDD - 6 V; Tamb = -40 to +85 C; unless otherwise specified. SYMBOL Supplies VDD VLCD IDD supply voltage LCD supply voltage supply current normal mode power-saving mode note 1 note 2 fclk = 200 kHz - - - 120 60 A A fclk = 35 kHz; - VDD = 3.5 V; VLCD = 0 V; A0, A1 and A2 tied to VSS VSS 0.7VDD 0.7VDD IOL = 0 mA IOH = 0 mA VOH = 4 V; VDD = 5 V VOL = 0.4 V; VDD = 5 V VI = VDD or VSS VI = VDD VI = 1 V; VDD = 5 V - 1 -1 3 -1 -1 15 20 note 3 note 4 - - - -20 -20 - - 2 VDD - 6 - - 6 VDD - 2 V V PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
Logic VIL VIH1 VIH2 VOL VOH IOL1 IOH1 IOL2 IL1 IL2 Ipd RSYNC VPOR tSW CI VBP VS RBP RS Notes 1. VLCD VDD - 3 V for 13bias. 2. LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50% duty factor; I2C-bus inactive. 3. Resets all logic when VDD < VPOR. 4. Periodically sampled, not 100% tested. 5. Outputs measured one at a time. 2001 Oct 02 29 LOW-level input voltage SDA, SCL, CLK, SYNC, SA0, OSC, A0 to A2 HIGH-level input voltage CLK, SYNC, SA0, OSC, A0 to A2 HIGH-level input voltage SDA, SCL LOW-level output voltage HIGH-level output voltage HIGH-level output current CLK LOW-level output current SDA, SCL leakage current SA0, A0 to A2, CLK, SDA and SCL leakage current OSC A0, A1, A2 and OSC pull-down current pull-up resistor (SYNC) power-on reset voltage level tolerable spike width on bus input capacitance - - - - - - - - - 50 50 1.0 - - - - - - 0.3VDD VDD 6.0 0.05 - - - - +1 +1 150 150 1.6 100 7 V V V V V mA mA mA A A A k V ns pF
VDD - 0.05 -
LOW-level output current CLK, SYNC VOL = 1 V; VDD = 5 V
LCD outputs DC voltage component BP0 to BP3 DC voltage component S0 to S39 output resistance BP0 to BP3 output resistance S0 to S39 CBP = 35 nF CS = 5 nF note 5; VLCD = VDD - 5 V note 5; VLCD = VDD - 5 V +20 +20 5 7.5 mV mV k k
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
11 AC CHARACTERISTICS VDD = 2 to 6 V; VSS = 0 V; VLCD = VDD - 2 V to VDD - 6 V; Tamb = -40 to + 85 C; unless otherwise specified. SYMBOL fclk PARAMETER oscillator frequency normal mode power-saving mode tclkH tclkL tPSYNC tSYNCL tPLCD CLK HIGH time CLK LOW time SYNC propagation delay time SYNC LOW time driver delays with test loads VLCD = VDD - 5 V VDD = 5 V; note 1 VDD = 3.5 V 125 21 1 1 - 1 - 200 31 - - - - - - - - - - - - - - - - 315 48 - - 400 - 30 - - - - - 1 0.3 400 - - - kHz kHz s s ns s s s s s s s s s pF ns ns s CONDITIONS MIN. TYP. MAX. UNIT
Timing characteristics: I2C-bus; note 2 tBUF tHD;STA tSU;STA tLOW tHIGH tr tf CB tSU;DAT tHD;DAT tSU;STO Notes 1. At fclk < 125 kHz, I2C-bus maximum transmission speed is derated. 2. All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an input voltage swing of VSS to VDD. bus free time START condition hold time set-up time for a repeated START condition SCL LOW time SCL HIGH time SCL and SDA rise time SCL and SDA fall time capacitive bus line load data set-up time data hold time set-up time for STOP condition 4.7 4.0 4.7 4.7 4.0 - - - 250 0 4.0
SYNC
6.8 (2%) 3.3 k (2%) 1 nF
V DD
CLK
0.5VDD
SDA, SCL
1.5 k (2%)
VDD
BP0 to BP3, and S0 to S39
VDD
MBE544
Fig.20 Test loads.
2001 Oct 02
30
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
handbook, full pagewidth
1/ f clk t clkH t clkL 0.7VDD 0.3VDD
CLK
SYNC
0.7VDD 0.3VDD t PSYNC t PSYNC t SYNCL 0.5 V (VDD = 5 V) 0.5 V t PLCD
MBE545
BP0 to BP3, and S0 to S39
Fig.21 Driver timing waveforms.
handbook, full pagewidth
SDA
t BUF
t LOW
tf
SCL
t HD;STA
tr
t HD;DAT
t HIGH
t SU;DAT
SDA t SU;STA
MGA728
t SU;STO
Fig.22 I2C-bus timing waveforms.
2001 Oct 02
31
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
11.1 Typical supply current characteristics
PCF8576C
50 I SS (A) 40
MBE530
MBE529
50 normal mode I LCD (A) 40
30
30
20 power-saving mode 10
20
10
0 0 100 f frame (Hz) 200
0 0 100 f frame (Hz) 200
VDD = 5 V; VLCD = 0 V; Tamb = 25 C.
VDD = 5 V; VLCD = 0 V; Tamb = 25 C.
Fig.23 -ISS as a function of fframe.
Fig.24 -ILCD as a function of fframe.
handbook, halfpage
50
MBE528 - 1
MBE527 - 1
I SS (A) 40 normal mode f clk = 200 kHz
handbook, halfpage
50
I
LCD (A) 40
85 C
o
30
30 25 C
o
20
20
o
10
power-saving mode f clk = 35 kHz
40 C 10
0 0 5 V DD (V) 10
0 0 5 V DD (V) 10
VLCD = 0 V; external clock; Tamb = 25 C.
VLCD = 0 V; external clock; fclk = nominal frequency.
Fig.25 ISS as a function of VDD. 2001 Oct 02 32
Fig.26 ILCD as a function of VDD.
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
11.2 Typical characteristics of LC D outputs
PCF8576C
MBE532 - 1
handbook, halfpage
10
2.5 R O(max) (k) 2.0 RS
MBE526
R
O(max) (k) RS
1.5 1 R BP 1.0 R BP
0.5
10
-1
0
3
VDD (V)
6
0 40
0
40
80
120 o Tamb( C)
VLCD = 0 V; Tamb = 25 C.
VDD = 5 V; VLCD = 0 V.
Fig.27 RO(max) as a function of VDD.
Fig.28 RO(max) as a function of Tamb.
2001 Oct 02
33
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
andbook, full pagewidth
2001 Oct 02
SDA SCL SYNC CLK V DD OSC A0 A1 A2 SA0 V SS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 34 S7 S8 S9 S10 S11 S0 backplanes S10 S11 24 25 26 27 28 33 32 31 30 29 S17 S16 S15 S14 S13 S12 S12 S13 S39 segments 56 55 54 53 52 51 50 49 48 47 46 45 44 43 S39 S38 S37 S36 S35 S34 S33 S32 S31 S30 S29 S28 S27 S26
12 APPLICATION INFORMATION
Philips Semiconductors
Universal LCD driver for low multiplex rates
SDA SCL SYNC CLK V DD VSS V LCD 1 2 3 4 5 6 7 8 9 10 11 12 BP0 BP2 open BP1 BP3 S40 S41 S42 S43 13 14 15 16 17 18 19 20 34 S47 S48 S49 S50 S51 24 25 26 27 28 33 32 31 30 29 S57 S56 S55 S54 56 55 54 53 52 51 50 49 48 47 46 45 44 43 S79 S78 S77 S76 S75 S74 S73 S72 S71 S70 S69 S68 S67 S66 S65 S64 S63 S62 S61
34
V LCD BP0 BP2 BP1 BP3 S0 S1 S2 S3
PCF 8576CT
42 41 40 39 38
S25 S24 S23 S22 S21
PCF 8576CT
42 41 40 39 38
Product specification
S53 S52 S52 S53 S79
MBE537
PCF8576C
S40
S50
S51
Fig.29 Single plane wiring of packaged PCF8576CTs.
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
12.1 Chip-on-glass cascadability in single plane
PCF8576C
In chip-on-glass technology, where driver devices are bonded directly onto glass of the LCD, it is important that the devices may be cascaded without the crossing of conductors, but the paths of conductors can be continued on the glass under the chip. All of this is facilitated by the PCF8576C bonding pad layout (Fig.30). Pads needing bus interconnection between all PCF8576Cs of the cascade are VDD, VSS, VLCD, CLK, SCL, SDA and SYNC. These lines may be led to the corresponding pads of the next PCF8576C through the wide opening between VLCD pad 13 BONDING PAD INFORMATION
and the backplane output pads. The only bus line that does not require a second opening to lead through to the next PCF8576C is VLCD, being the cascade centre. The placing of VLCD adjacent to VSS allows the two supplies to be tied together. When an external clocking source is to be used, OSC of all devices should be tied to VDD. The pads OSC, A0, A1, A2 and SA0 have been placed between VSS and VDD to facilitate wiring of oscillator, hardware subaddress and slave address.
S17
S16
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
22
34
33
32
31
30
29
28
27
26
25
24
23
21 20 19 18 17 16 15 14
S18 S19 S20 S21 S22 S23 S24 S25 3.20 mm S26 S27 S28 S29 S30 S31 S32 S33
S4
35 36 37 38 39 40 41 42 43 44
S3 S2 S1 S0 BP3 BP1 BP2 BP0
x 0 0 y
13
45 46 47 48 49 50 51 52 53 54 55 56 1 2 3 4 5 6 7
12
VLCD
PCF8576C
11 10 9 8
VSS SA0 A2 A1
S34
S35
S36
S37
S38
S39
SDA
SYNC
OSC
SCL
CLK
2.92 mm
V DD
A0
MBE536
Chip dimensions: approximately 2.92 x 3.20 mm. Pad area: 0.0121 mm2. Bonding pad dimensions: 110 x 110 m. Gold bump dimensions: 89 x 89 x 17.5 m.
Fig.30 Bonding pad locations.
2001 Oct 02
35
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
Table 16 Bonding pad locations (dimensions in m) All x and y coordinates are referenced to the centre of the chip (see Fig.30). COORDINATES SYMBOL SDA SCL SYNC CLK VDD OSC A0 A1 A2 SA0 VSS VLCD BP0 BP2 BP1 BP3 S0 S1 S2 S3 S4 S5 S6 S7 S8 S9 S10 S11 S12 S13 S14 PAD x 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 -74 148 355 534 742 913 1087 1290 1290 1290 1290 1290 1290 1290 1290 1290 1290 1290 1290 1290 1074 914 741 581 408 248 75 -85 -258 -418 -591 y -1380 -1380 -1380 -1380 -1380 -1380 -1380 -1284 -1116 -945 -751 -485 125 285 458 618 791 951 1124 1284 1380 1380 1380 1380 1380 1380 1380 1380 1380 1380 1380
PCF8576C
COORDINATES SYMBOL S15 S16 S17 S18 S19 S20 S21 S22 S23 S24 S25 S26 S27 S28 S29 S30 S31 S32 S33 S34 S35 S36 S37 S38 S39 PAD x 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 - - - -751 -924 -1084 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1290 -1083 -923 -750 -590 -417 -257 -1290 -1295 1305 y 1380 1380 1380 1243 1083 910 750 577 417 244 84 -89 -249 -422 -582 -755 -915 -1088 -1248 -1380 -1380 -1380 -1380 -1380 -1380 1385 -1385 -1405
Alignment marks C1 C2 F
Table 17 Bonding pad dimensions Pad pitch Pad size, aluminium Gold bump dimensions 160 m 110 x 110 m 89 x 89 x 17.5 m
2001 Oct 02
36
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
14 TRAY INFORMATION: PCF8576CU and PCF8576CU/2
PCF8576C
handbook, full pagewidth
x
G H
1,1 2,1
A
C
y
x,1
D
1,2
B
F
1,y
x,y
A K L
E
A M J
For dimensions see Table 18.
SECTION A-A
MGW016
Fig.31 Tray details.
Table 18 Tray dimensions (see Fig.31) SYMBOL
handbook, halfpage
DESCRIPTION pocket pitch; x direction pocket pitch; y direction pocket width; x direction pocket width; y direction tray width; x direction tray width; y direction cut corner to pocket 1,1 centre cut corner to pocket 1,1 centre tray thickness tray cross section tray cross section pocket depth number of pockets; x direction number of pockets; y direction
VALUE 5.59 mm 6.35 mm 3.22 mm 3.50 mm 50.67 mm 50.67 mm 5.78 mm 6.29 mm 3.94 mm 1.76 mm 2.46 mm 0.89 mm 8 7
A B C D E F
PC8576C
G H J K L
MGW017
M x y
The orientation of the IC in a pocket is indicated by the position of the IC type name on the die surface with respect to the chamfer on the upper left corner of the tray.
Fig.32 Tray alignment.
2001 Oct 02
37
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
15 PACKAGE OUTLINES VSO56: plastic very small outline package; 56 leads
PCF8576C
SOT190-1
D
E
A X
c y HE vM A
Z 56 29
Q A2 A1 pin 1 index Lp L 1 e bp 28 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 3.3 0.13 A1 0.3 0.1 0.012 0.004 A2 3.0 2.8 0.12 0.11 A3 0.25 0.01 bp 0.42 0.30 c 0.22 0.14 D (1) 21.65 21.35 E (2) 11.1 11.0 e 0.75 HE 15.8 15.2 L 2.25 0.089 Lp 1.6 1.4 0.063 0.055 Q 1.45 1.30 v 0.2 w 0.1 y 0.1 Z (1) 0.90 0.55
0.017 0.0087 0.85 0.012 0.0055 0.84
0.44 0.62 0.0295 0.43 0.60
0.057 0.035 0.008 0.004 0.004 0.051 0.022
7 0o
o
Note 1. Plastic or metal protrusions of 0.3 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT190-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 96-04-02 97-08-11
2001 Oct 02
38
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576C
LQFP64: plastic low profile quad flat package; 64 leads; body 10 x 10 x 1.4 mm
SOT314-2
c
y X A 48 49 33 32 ZE
e E HE wM bp 64 1 pin 1 index 16 ZD bp D HD wM B vM B vM A 17 detail X L Lp A A2 A1 (A 3)
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.60 A1 0.20 0.05 A2 1.45 1.35 A3 0.25 bp 0.27 0.17 c 0.18 0.12 D (1) 10.1 9.9 E (1) 10.1 9.9 e 0.5 HD HE L 1.0 Lp 0.75 0.45 v 0.2 w 0.12 y 0.1 Z D (1) Z E (1) 1.45 1.05 1.45 1.05 7 0o
o
12.15 12.15 11.85 11.85
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT314-2 REFERENCES IEC 136E10 JEDEC MS-026 EIAJ EUROPEAN PROJECTION
ISSUE DATE 99-12-27 00-01-19
2001 Oct 02
39
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
16 SOLDERING 16.1 Introduction to soldering surface mount packages
PCF8576C
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. 16.4 Manual soldering
This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended. 16.2 Reflow soldering
Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 220 C for thick/large packages, and below 235 C for small/thin packages. 16.3 Wave soldering
Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed.
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
2001 Oct 02
40
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
16.5 Suitability of surface mount IC packages for wave and reflow soldering methods
PCF8576C
SOLDERING METHOD PACKAGE WAVE BGA, HBGA, LFBGA, SQFP, TFBGA HBCC, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, HVQFN, SMS PLCC(3), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. not suitable not not not suitable(2) recommended(3)(4) recommended(5) suitable REFLOW(1) suitable suitable suitable suitable suitable
2001 Oct 02
41
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
17 DATA SHEET STATUS DATA SHEET STATUS(1) Objective specification PRODUCT STATUS(2) Development DEFINITIONS
PCF8576C
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary specification
Qualification
Product specification
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 18 DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. 19 DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products 2001 Oct 02 42 for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Bare die All die are tested and are guaranteed to comply with all data sheet limits up to the point of wafer sawing for a period of ninety (90) days from the date of Philips' delivery. If there are data sheet limits not guaranteed, these will be separately indicated in the data sheet. There are no post packing tests performed on individual die or wafer. Philips Semiconductors has no control of third party procedures in the sawing, handling, packing or assembly of the die. Accordingly, Philips Semiconductors assumes no liability for device functionality or performance of the die or systems after third party sawing, handling, packing or assembly of the die. It is the responsibility of the customer to test and qualify their application in which the die is used.
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
20 PURCHASE OF PHILIPS I2C COMPONENTS
PCF8576C
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011.
2001 Oct 02
43
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
403512/07/pp44
Date of release: 2001
Oct 02
Document order number:
9397 750 08045


▲Up To Search▲   

 
Price & Availability of PCF8576C7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X