Part Number Hot Search : 
MD100 MC2833D S1500 02000 ENA1016 ZVN4424Z TMA2412D M475Z
Product Description
Full Text Search
 

To Download PCF8566T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
PCF8566 Universal LCD driver for low multiplex rates
Product specification Supersedes data of 1997 Apr 02 File under Integrated Circuits, IC12 1998 May 04
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
CONTENTS 1 2 3 4 5 6 6.1 6.2 6.3 6.4 6.5 6.6 6.7 6.8 6.9 6.10 6.11 6.12 6.13 6.14 6.15 6.16 6.17 6.18 7 7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 7.10 FEATURES GENERAL DESCRIPTION ORDERING INFORMATION BLOCK DIAGRAM PINNING FUNCTIONAL DESCRIPTION Power-on reset LCD bias generator LCD voltage selector LCD drive mode waveforms Oscillator Internal clock External clock Timing Display latch Shift register Segment outputs Backplane outputs Display RAM Data pointer Subaddress counter Output bank selector Input bank selector Blinker I2C-BUS DESCRIPTION Bit transfer Start and stop conditions System configuration Acknowledge PCF8566 I2C-bus controller Input filters I2C-bus protocol Command decoder Display controller Cascaded operation 8 9 10 11 12 13 14 15 15.1 15.2 15.2.1 15.2.2 15.3 15.3.1 15.3.2 15.3.3 16 17 18 LIMITING VALUES HANDLING DC CHARACTERISTICS AC CHARACTERISTICS
PCF8566
APPLICATION INFORMATION CHIP DIMENSIONS AND BONDING PAD LOCATIONS PACKAGE OUTLINES SOLDERING Introduction DIP Soldering by dipping or by wave Repairing soldered joints SO and VSO Reflow soldering Wave soldering Repairing soldered joints DEFINITIONS LIFE SUPPORT APPLICATIONS PURCHASE OF PHILIPS I2C COMPONENTS
1998 May 04
2
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
1 FEATURES
PCF8566
* Single-chip LCD controller/driver * Selectable backplane drive configuration: static or 2, 3 or 4 backplane multiplexing * Selectable display bias configuration: static, 12 or 13 * Internal LCD bias generation with voltage-follower buffers * 24 segment drives: up to twelve 8-segment numeric characters; up to six 15-segment alphanumeric characters; or any graphics of up to 96 elements * 24 x 4-bit RAM for display data storage * Auto-incremented display data loading across device subaddress boundaries * Display memory bank switching in static and duplex drive modes * Versatile blinking modes * LCD and logic supplies may be separated * 2.5 to 6 V power supply range * Low power consumption * Power saving mode for extremely low power consumption in battery-operated and telephone applications * I2C-bus interface * TTL/CMOS compatible * Compatible with any 4-bit, 8-bit or 16-bit microprocessors/microcontrollers * May be cascaded for large LCD applications (up to 1536 segments possible) * Cascadable with the 40 segment LCD driver PCF8576C * Optimized pinning for single plane wiring in both single and multiple PCF8566 applications * Space-saving 40 lead plastic very small outline package (VSO40; SOT158-1) * No external components required (even in multiple device applications) * Manufactured in silicon gate CMOS process. 3 ORDERING INFORMATION PACKAGE TYPE NUMBER NAME PCF8566P PCF8566T DIP40 VSO40 DESCRIPTION plastic dual in-line package; 40 leads (600 mil) plastic very small outline package; 40 leads VERSION SOT129-1 SOT158-1 2 GENERAL DESCRIPTION
The PCF8566 is a peripheral device which interfaces to almost any Liquid Crystal Display (LCD) having low multiplex rates. It generates the drive signals for any static or multiplexed LCD containing up to four backplanes and up to 24 segments and can easily be cascaded for larger LCD applications. The PCF8566 is compatible with most microprocessors/microcontrollers and communicates via a two-line bidirectional I2C-bus. Communication overheads are minimized by a display RAM with auto-incremented addressing, by hardware subaddressing and by display memory switching (static and duplex drive modes).
1998 May 04
3
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
andbook, full pagewidth
1998 May 04
13 VDD 5 R 14 15 R LCD VOLTAGE SELECTOR R VLCD 12 LCD BIAS GENERATOR CLK SYNC 4 3 TIMING BLINKER DISPLAY CONTROLLER OSC 6 OSCILLATOR POWERON RESET COMMAND DECODER INPUT FILTERS I2 C-BUS CONTROLLER 10 SA0
4
Philips Semiconductors
Universal LCD driver for low multiplex rates
BLOCK DIAGRAM
BP0 BP2 BP1 BP3 16
S0 to S23
17 to 40 DISPLAY SEGMENT OUTPUTS
BACKPLANE OUTPUTS
DISPLAY LATCH
SHIFT REGISTER
PCF8566
INPUT BANK SELECTOR DISPLAY RAM 24 x 4 BITS OUTPUT BANK SELECTOR
4
VSS SCL SDA
DATA POINTER
11 2 1
SUBADDRESS COUNTER 7 A0 8 A1 9
Product specification
A2
MGG383
PCF8566
Fig.1 Block diagram.
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
5 PINNING PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 LCD backplane outputs I2C-bus slave address bit 0 input logic ground LCD supply voltage
A2 9
PCF8566
SYMBOL SDA SCL SYNC CLK VDD OSC A0 A1 A2 SA0 VSS VLCD BP0 BP2 BP1 BP3
DESCRIPTION I2C-bus data input/output
handbook, halfpage
SDA SCL SYNC CLK VDD OSC A0
1 2 3 4 5 6 7 8
40 S23 39 S22 38 S21 37 S20 36 S19 35 S18 34 S17 33 S16 32 S15 31 S14
I2C-bus clock input/output cascade synchronization input/output external clock input/output positive supply voltage oscillator input I2C-bus subaddress inputs
A1
SA0 10 VSS 11 VLCD 12 BP0 13 BP2 14 BP1 15 BP3 16 S0 17 S1 18 S2 19 S3 20
MGG382
PCF8566
30 S13 29 S12 28 S11 27 S10 26 S9 25 S8 24 S7 23 S6 22 S5 21 S4
S0 to S23 17 to 40 LCD segment outputs
Fig.2 Pin configuration.
1998 May 04
5
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6 FUNCTIONAL DESCRIPTION
PCF8566
All of the display configurations given in Table 1 can be implemented in the typical system shown in Fig.3. The host microprocessor/microcontroller maintains the two-line I2C-bus communication channel with the PCF8566. The internal oscillator is selected by tying OSC (pin 6) to VSS. The appropriate biasing voltages for the multiplexed LCD waveforms are generated internally. The only other connections required to complete the system are to the power supplies (VDD, VSS and VLCD) and to the LCD panel chosen for the application.
The PCF8566 is a versatile peripheral device designed to interface any microprocessor to a wide variety of LCDs. It can directly drive any static or multiplexed LCD containing up to 4 backplanes and up to 24 segments. The display configurations possible with the PCF8566 depend on the number of active backplane outputs required; a selection of display configurations is given in Table 1.
Table 1
Selection of display configurations NUMBER OF SEGMENTS 96 72 48 24 7-SEGMENT NUMERIC 12 digits + 12 indicator symbols 9 digits + 9 indicator symbols 6 digits + 6 indicator symbols 3 digits + 3 indicator symbols 14-SEGMENT ALPHANUMERIC 6 characters + 12 indicator symbols 4 characters + 16 indicator symbols 3 characters + 6 indicator symbols 1 character + 10 indicator symbols DOT MATRIX 96 dots (4 x 24) 72 dots (3 x 24) 48 dots (2 x 24) 24 dots
ACTIVE BACKPLANE OUTPUTS 4 3 2 1
handbook, full pagewidth VDD
R
trise 2 Cbus SDA SCL OSC 5 1 2 6 7 A0
VDD
VLCD 12 17 to 40 24 segment drives LCD PANEL (up to 96 elements)
HOST MICROPROCESSOR/ MICROCONTROLLER
PCF8566 13 to 16 8 A1 9 A2 10 11 SA0 VSS
4 backplanes
MGG385
VSS
Fig.3 Typical system configuration.
1998 May 04
6
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.1 Power-on reset 6.3 LCD voltage selector
PCF8566
At power-on the PCF8566 resets to a defined starting condition as follows: 1. All backplane outputs are set to VDD 2. All segment outputs are set to VDD 3. The drive mode `1 : 4 multiplex with 13bias' is selected 4. Blinking is switched off 5. Input and output bank selectors are reset (as defined in Table 5) 6. The I2C-bus interface is initialized 7. The data pointer and the subaddress counter are cleared. Data transfers on the I2C-bus should be avoided for 1 ms following power-on to allow completion of the reset action. 6.2 LCD bias generator
The LCD voltage selector coordinates the multiplexing of the LCD according to the selected LCD drive configuration. The operation of the voltage selector is controlled by MODE SET commands from the command decoder. The biasing configurations that apply to the preferred modes of operation, together with the biasing characteristics as functions of Vop = VDD - VLCD and the resulting discrimination ratios (D), are given in Table 2. A practical value of Vop is determined by equating Voff(rms) with a defined LCD threshold voltage (Vth), typically when the LCD exhibits approximately 10% contrast. In the static drive mode a suitable choice is Vop 3 Vth. Multiplex drive ratios of 1 : 3 and 1 : 4 with 12 bias are possible but the discrimination and hence the contrast ratios are smaller ( 3 = 1.732 for 1 : 3 multiplex or 21 3 = 1.528 for 1 : 4 multiplex). The advantage of these modes is a reduction of the LCD full scale voltage Vop as follows: 1 : 3 multiplex (12bias): V op = 6V op(mrs) = 2.449V off ( rms )
The full-scale LCD voltage (Vop) is obtained from VDD - VLCD. The LCD voltage may be temperature compensated externally through the VLCD supply to pin 12. Fractional LCD biasing voltages are obtained from an internal voltage divider of three series resistors connected between VDD and VLCD. The centre resistor can be switched out of circuit to provide a 12bias voltage level for the 1 : 2 multiplex configuration.
1 : 4 multiplex (12bias): V op =
4
3 3 V off ( rms ) = 2.309V off ( rms )
These compare with Vop = 3 Voff(rms) when 13bias is used. Table 2 Preferred LCD drive modes: summary of characteristics LCD BIAS CONFIGURATION static (2 levels)
1 1 1 1 2 3 3 3
LCD DRIVE MODE Static (1 BP) 1 : 2 MUX (2 BP) 1 : 2 MUX (2 BP) 1 : 3 MUX (3 BP) 1 : 4 MUX (4 BP)
V off ( rms ) ---------------------V op 0 2 4 = 0.354
1 1 1 3 3 3
V on ( rms ) ---------------------V op 1 10 4 = 0.791 5 3 = 0.745 33 9 = 0.638 3 3 = 0.577
V on ( rms ) D = ---------------------V off ( rms ) 5 = 2.236 5 = 2.236 33 3 = 1.915 3 = 1.732
(3 levels) (4 levels) (4 levels) (4 levels)
= 0.333 = 0.333 = 0.333
1998 May 04
7
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.4 LCD drive mode waveforms
PCF8566
The static LCD drive mode is used when a single backplane is provided in the LCD. Backplane and segment drive waveforms for this mode are shown in Fig.4. When two backplanes are provided in the LCD the 1 : 2 multiplex drive mode applies. The PCF8566 allows use of 1 or 1 bias in this mode as shown in Figs 5 and 6. 2 3 The backplane and segment drive waveforms for the 1 : 3 multiplex drive mode (three LCD backplanes) and for the 1 : 4 multiplex drive mode (four LCD backplanes) are shown in Figs 7 and 8 respectively.
handbook, full pagewidth
Tframe VDD BP0 VLCD VDD Sn VLCD VDD Sn + 1 VLCD (a) waveforms at driver Vop state 1 (on) state 2 (off) LCD segments
state 1
0
-Vop Vop
At any instant (t): Vstate 1(t) = VS (t) - VBP0(t) n Von(rms) = Vop
state 2
0
Vstate 2(t) = VSn + 1(t) - VBP0(t) Voff(rms) = 0 V
-Vop
(b) resultant waveforms at LCD segment
MGG392
Fig.4 Static drive mode waveforms: Vop = VDD - VLCD.
1998 May 04
8
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
handbook, full pagewidth
Tframe VDD BP0 (VDD + VLCD)/2 VLCD VDD BP1 (VDD + VLCD)/2 VLCD VDD Sn VLCD VDD Sn + 1 VLCD (a) waveforms at driver Vop Vop/2 state 1 0 -Vop/2 -Vop Vop Vop/2 state 2 0 -Vop/2 -Vop (b) resultant waveforms at LCD segment
MGG394
LCD segments
state 1 state 2
At any instant (t): Vstate 1(t) = VSn(t) - VBP0(t) V Von(rms) = op10 = 0.791Vop 4 Vstate 2(t) = VS (t) - VBP1(t) n V Voff(rms) = op2 = 0.354Vop 4
Fig.5 Waveforms for 1 : 2 multiplex drive mode with 12 bias: Vop = VDD - VLCD.
1998 May 04
9
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
handbook, full pagewidth
Tframe VDD BP0 VDD - Vop/3 VDD - 2Vop/3 VLCD VDD BP1 VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD (a) waveforms at driver Vop 2Vop/3 Vop/3 0 -Vop/3 -2Vop/3 -Vop Vop 2Vop/3 Vop/3 0 -Vop/3 -2Vop/3 -Vop LCD segments
state 1 state 2
Sn
Sn + 1
state 1
At any instant (t): Vstate 1(t) = VSn(t) - VBP0(t) V Von(rms) = op5 = 0.745Vop 3 Vstate 2(t) = VS (t) - VBP1(t) n V Voff(rms) = op = 0.333Vop 3
state 2
(b) resultant waveforms at LCD segment
MGG393
Fig.6 Waveforms for 1 : 2 multiplex drive mode with 13 bias: Vop = VDD - VLCD.
1998 May 04
10
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
handbook, full pagewidth
Tframe VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD (a) waveforms at driver Vop 2Vop/3 Vop/3 state 1 0 -Vop/3 -2Vop/3 -Vop Vop 2Vop/3 Vop/3 state 2 0 -Vop/3 -2Vop/3 -Vop LCD segments
BP0
state 1 state 2
BP1
BP2
Sn
Sn + 1
Sn + 2
At any instant (t): Vstate 1(t) = VS (t) - VBP0(t) n V Von(rms) = op33 = 0.638Vop 9 Vstate 2(t) = VSn(t) - VBP1(t) V Voff(rms) = op = 0.333Vop 3
(b) resultant waveforms at LCD segment
MGG395
Fig.7 Waveforms for 1 : 3 multiplex drive mode: Vop = VDD - VLCD.
1998 May 04
11
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
handbook, full pagewidth
Tframe VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD - Vop/3 VDD - 2Vop/3 VLCD VDD VDD - Vop/3 VDD - 2Vop/3 VLCD (a) waveforms at driver Vop 2Vop/3 Vop/3 0 -Vop/3 -2Vop/3 -Vop Vop 2Vop/3 Vop/3 0 -Vop/3 -2Vop/3 -Vop VDD VDD LCD segments
BP0
state 1 state 2
BP1
BP2
BP3
Sn
Sn + 1
Sn + 2
Sn + 3
state 1
At any instant (t): Vstate 1(t) = VSn(t) - VBP0(t) V Von(rms) = op3 = 0.577Vop 3 Vstate 2(t) = VS (t) - VBP1(t) n V Voff(rms) = op = 0.333Vop 3
state 2
(b) resultant waveforms at LCD segment
MGG396
Fig.8 Waveforms for 1 : 4 multiplex drive mode: Vop = VDD - VLCD.
1998 May 04
12
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.5 Oscillator
PCF8566
The lower clock frequency has the disadvantage of increasing the response time when large amounts of display data are transmitted on the I2C-bus. When a device is unable to `digest' a display data byte before the next one arrives, it holds the SCL line LOW until the first display data byte is stored. This slows down the transmission rate of the I2C-bus but no data loss occurs. 6.9 Display latch
The internal logic and the LCD drive signals of the PCF8566 or PCF8576 are timed either by the built-in oscillator or from an external clock. The clock frequency (fCLK) determines the LCD frame frequency and the maximum rate for data reception from the I2C-bus. To allow I2C-bus transmissions at their maximum data rate of 100 kHz, fCLK should be chosen to be above 125 kHz. A clock signal must always be supplied to the device; removing the clock may freeze the LCD in a DC state. 6.6 Internal clock
The display latch holds the display data while the corresponding multiplex signals are generated. There is a one-to-one relationship between the data in the display latch, the LCD segment outputs and one column of the display RAM. 6.10 Shift register
When the internal oscillator is used, OSC (pin 6) should be tied to VSS. In this case, the output from CLK (pin 4) provides the clock signal for cascaded PCF8566s and PCF8576s in the system. 6.7 External clock
The shift register serves to transfer display information from the display RAM to the display latch while previous data are displayed. 6.11 Segment outputs
The condition for external clock is made by tying OSC (pin 6) to VDD; CLK (pin 4) then becomes the external clock input. 6.8 Timing
The timing of the PCF8566 organizes the internal data flow of the device. This includes the transfer of display data from the display RAM to the display segment outputs. In cascaded applications, the synchronization signal SYNC maintains the correct timing relationship between the PCF8566s in the system. The timing also generates the LCD frame frequency which it derives as an integer multiple of the clock frequency (Table 3). The frame frequency is set by MODE SET commands when internal clock is used, or by the frequency applied to pin 4 when external clock is used. Table 3 LCD frame frequencies fframe fCLK/2880 fCLK/480 NOMINAL fframe (Hz) 64 64
The LCD drive section includes 24 segment outputs S0 to S23 (pins 17 to 40) which should be connected directly to the LCD. The segment output signals are generated in accordance with the multiplexed backplane signals and with the data resident in the display latch. When less than 24 segment outputs are required the unused segment outputs should be left open-circuit. 6.12 Backplane outputs
PCF8566 MODE Normal mode Power saving mode
The LCD drive section includes four backplane outputs BP0 to BP3 which should be connected directly to the LCD. The backplane output signals are generated in accordance with the selected LCD drive mode. If less than four backplane outputs are required the unused outputs can be left open. In the 1 : 3 multiplex drive mode BP3 carries the same signal as BP1, therefore these two adjacent outputs can be tied together to give enhanced drive capabilities. In the 1 : 2 multiplex drive mode BP0 and BP2, BP1 and BP3 respectively carry the same signals and may also be paired to increase the drive capabilities. In the static drive mode the same signal is carried by all four backplane outputs and they can be connected in parallel for very high drive requirements. 6.13 Display RAM
The ratio between the clock frequency and the LCD frame frequency depends on the mode in which the device is operating. In the power saving mode the reduction ratio is six times smaller; this allows the clock frequency to be reduced by a factor of six. The reduced clock frequency results in a significant reduction in power dissipation. 1998 May 04 13
The display RAM is a static 24 x 4-bit RAM which stores LCD data. A logic 1 in the RAM bit-map indicates the `on' state of the corresponding LCD segment; similarly, a logic 0 indicates the `off' state.
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
There is a one-to-one correspondence between the RAM addresses and the segment outputs, and between the individual bits of a RAM word and the backplane outputs. The first RAM column corresponds to the 24 segments operated with respect to backplane BP0 (see Fig.9). In multiplexed LCD applications the segment data of the second, third and fourth column of the display RAM are time-multiplexed with BP1, BP2 and BP3 respectively. When display data are transmitted to the PCF8566 the display bytes received are stored in the display RAM according to the selected LCD drive mode. To illustrate the filling order, an example of a 7-segment numeric display showing all drive modes is given in Fig.10; the RAM filling organization depicted applies equally to other LCD types. With reference to Fig.10, in the static drive mode the eight transmitted data bits are placed in bit 0 of eight successive display RAM addresses. In the 1 : 2 multiplex drive mode the eight transmitted data bits are placed in bits 0 and 1 of four successive display RAM addresses. In the 1 : 3 multiplex drive mode these bits are placed in bits 0, 1 and 2 of three successive addresses, with bit 2 of the third address left unchanged. This last bit may, if necessary, be controlled by an additional transfer to this address but care should be taken to avoid overriding adjacent data because full bytes are always transmitted. In the 1 : 4 multiplex drive mode the eight transmitted data bits are placed in bits 0, 1, 2 and 3 of two successive display RAM addresses. 6.14 Data pointer
PCF8566
The sequence commences with the initialization of the data pointer by the LOAD DATA POINTER command. Following this, an arriving data byte is stored starting at the display RAM address indicated by the data pointer thereby observing the filling order shown in Fig.10. The data pointer is automatically incremented according to the LCD configuration chosen. That is, after each byte is stored, the contents of the data pointer are incremented by eight (static drive mode), by four (1 : 2 multiplex drive mode), by three (1 : 3 multiplex drive mode) or by two (1 : 4 multiplex drive mode). 6.15 Subaddress counter
The storage of display data is conditioned by the contents of the subaddress counter. Storage is allowed to take place only when the contents of the subaddress counter agree with the hardware subaddress applied to A0, A1 and A2 (pins 7, 8, and 9). A0, A1 and A2 should be tied to VSS or VDD. The subaddress counter value is defined by the DEVICE SELECT command. If the contents of the subaddress counter and the hardware subaddress do not agree then data storage is inhibited but the data pointer is incremented as if data storage had taken place. The subaddress counter is also incremented when the data pointer overflows. The storage arrangements described lead to extremely efficient data loading in cascaded applications. When a series of display bytes are being sent to the display RAM, automatic wrap-over to the next PCF8566 occurs when the last RAM address is exceeded. Subaddressing across device boundaries is successful even if the change to the next device in the cascade occurs within a transmitted character.
The addressing mechanism for the display RAM is realized using the data pointer. This allows the loading of an individual display data byte, or a series of display data bytes, into any location of the display RAM.
handbook, full pagewidth
display RAM addresses (rows)/segment outputs (S) 0 0 display RAM bits 1 (columns) / backplane outputs 2 (BP) 3
MGG389
1
2
3
4
19
20
21
22
23
Fig.9
Display RAM bit-map showing direct relationship between display RAM addresses and segment outputs, and between bits in a RAM word and backplane outputs.
1998 May 04
14
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 1998 May 04 15
1:3 multiplex 1:4 multiplex
Sn 1
Philips Semiconductors
Universal LCD driver for low multiplex rates
drive mode
LCD segments
a f g e d Sn 6 c b Sn Sn Sn 7 DP 1
LCD backplanes
display RAM filling order
transmitted display byte
Sn Sn Sn
2 3 4 5
BP0
n bit/ BP 0 1 2 3 c x x x
n1 b x x x
n2 a x x x
n3 f x x x
n4 g x x x
n5 e x x x
n6 d x x x
n7 MSB DP x x x cbaf LSB g e d DP
static
Sn
Sn
BP0 a f g b
n bit/ BP
BP1 c
n1 f g x x
n2 e c x x
n3 d DP x x MSB abf LSB g e c d DP
1:2
Sn
1
multiplex
Sn Sn Sn Sn
2 3
e d
DP
0 1 2 3
a b x x
1 2 f
a b g e d c DP Sn
BP0
n bit/ BP
BP1 BP2
n1 a d g x
n2 f e x x MSB b DP c a d g f LSB e
0 1 2 3
b DP c x
Sn f
a b g e d c DP BP1 BP3 BP0 BP2
n bit/ BP 0 1 2 3 a c b DP
n1 f e g d
MSB a c b DP f
LSB egd
Product specification
PCF8566
handbook, full pagewidth
MBE534
Fig.10 Relationships between LCD layout, drive mode, display RAM filling order and display data transmitted over the I2C-bus (X = data bit unchanged).
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
6.16 Output bank selector 6.18 Blinker
PCF8566
This selects one of the four bits per display RAM address for transfer to the display latch. The actual bit chosen depends on the particular LCD drive mode in operation and on the instant in the multiplex sequence. In 1 : 4 multiplex, all RAM addresses of bit 0 are the first to be selected, these are followed by the contents of bit 1, bit 2 and then bit 3. Similarly in 1 : 3 multiplex, bits 0, 1 and 2 are selected sequentially. In 1 : 2 multiplex, bits 0 then 1 are selected and, in the static mode, bit 0 is selected. The PCF8566 includes a RAM bank switching feature in the static and 1 : 2 multiplex drive modes. In the static drive mode, the BANK SELECT command may request the contents of bit 2 to be selected for display instead of bit 0 contents. In the 1 : 2 drive mode, the contents of bits 2 and 3 may be selected instead of bits 0 and 1. This gives the provision for preparing display information in an alternative bank and to be able to switch to it once it is assembled. 6.17 Input bank selector
The display blinking capabilities of the PCF8566 are very versatile. The whole display can be blinked at frequencies selected by the BLINK command. The blinking frequencies are integer multiples of the clock frequency; the ratios between the clock and blinking frequencies depend on the mode in which the device is operating, as shown in Table 4. An additional feature is for an arbitrary selection of LCD segments to be blinked. This applies to the static and 1 : 2 LCD drive modes and can be implemented without any communication overheads. By means of the output bank selector, the displayed RAM banks are exchanged with alternate RAM banks at the blinking frequency. This mode can also be specified by the BLINK command. In the 1 : 3 and 1 : 4 multiplex modes, where no alternate RAM bank is available, groups of LCD segments can be blinked by selectively changing the display RAM data at fixed time intervals. If the entire display is to be blinked at a frequency other than the nominal blinking frequency, this can be effectively performed by resetting and setting the display enable bit E at the required rate using the MODE SET command.
The input bank selector loads display data into the display RAM according to the selected LCD drive configuration. Display data can be loaded in bit 2 in static drive mode or in bits 2 and 3 in 1 : 2 drive mode by using the BANK SELECT command. The input bank selector functions independently of the output bank selector. Table 4 Blinking frequencies NORMAL OPERATING MODE RATIO - fCLK/92160 fCLK/184320 fCLK/368640
BLINKING MODE Off 2 Hz 1 Hz 0.5 Hz
POWER-SAVING MODE RATIO - fCLK/15360 fCLK/30720 fCLK/61440
NOMINAL BLINKING FREQUENCY fblink (Hz) blinking off 2 1 0.5
1998 May 04
16
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
7 I2C-BUS DESCRIPTION 7.4 Acknowledge
PCF8566
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy. 7.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as control signals. 7.2 Start and stop conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line while the clock is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP condition (P). 7.3 System configuration
The number of data bytes transferred between the START and STOP conditions from transmitter to receiver is not limited. Each byte is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter whereas the master generates an extra acknowledge related clock pulse. A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse, set up and hold times must be taken into account. A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a STOP condition.
A device generating a message is a `transmitter', a device receiving a message is a `receiver'. The device that controls the message is the `master' and the devices which are controlled by the master are the `slaves'.
SDA
SCL data line stable; data valid change of data allowed
MBA607
Fig.11 Bit transfer.
1998 May 04
17
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
SDA
SDA
SCL S START condition P STOP condition
SCL
MBA608
Fig.12 Definition of START and STOP conditions.
SDA SCL MASTER TRANSMITTER / RECEIVER SLAVE TRANSMITTER / RECEIVER MASTER TRANSMITTER / RECEIVER
MBA605
SLAVE RECEIVER
MASTER TRANSMITTER
Fig.13 System configuration.
handbook, full pagewidth
START condition SCL FROM MASTER 1 2 8
clock pulse for acknowledgement 9
DATA OUTPUT BY TRANSMITTER S DATA OUTPUT BY RECEIVER
MBA606 - 1
Fig.14 Acknowledgement on the I2C-bus.
1998 May 04
18
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
7.5 PCF8566 I2C-bus controller
PCF8566
The I2C-bus protocol is shown in Fig.15. The sequence is initiated with a START condition (S) from the I2C-bus master which is followed by one of the two PCF8566 slave addresses available. All PCF8566s with the corresponding SA0 level acknowledge in parallel the slave address but all PCF8566s with the alternative SA0 level ignore the whole I2C-bus transfer. After acknowledgement, one or more command bytes (m) follow which define the status of the addressed PCF8566s. The last command byte is tagged with a cleared most-significant bit, the continuation bit C. The command bytes are also acknowledged by all addressed PCF8566s on the bus. After the last command byte, a series of display data bytes (n) may follow. These display data bytes are stored in the display RAM at the address specified by the data pointer and the subaddress counter. Both data pointer and subaddress counter are automatically updated and the data are directed to the intended PCF8566 device. The acknowledgement after each byte is made only by the (A0, A1, A2) addressed PCF8566. After the last display byte, the I2C-bus master issues a STOP condition (P). 7.8 Command decoder
The PCF8566 acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or transmit data to an I2C-bus master receiver. The only data output from the PCF8566 are the acknowledge signals of the selected devices. Device selection depends on the I2C-bus slave address, on the transferred command data and on the hardware subaddress. In single device applications, the hardware subaddress inputs A0, A1 and A2 are normally left open-circuit or tied to VSS which defines the hardware subaddress 0. In multiple device applications A0, A1 and A2 are left open-circuit or tied to VSS or VDD according to a binary coding scheme such that no two devices with a common I2C-bus slave address have the same hardware subaddress. In the power-saving mode it is possible that the PCF8566 is not able to keep up with the highest transmission rates when large amounts of display data are transmitted. If this situation occurs, the PCF8566 forces the SCL line LOW until its internal operations are completed. This is known as the `clock synchronization feature' of the I2C-bus and serves to slow down fast transmitters. Data loss does not occur. 7.6 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are provided on the SDA and SCL lines. 7.7 I2C-bus protocol
The command decoder identifies command bytes that arrive on the I2C-bus. All available commands carry a continuation bit C in their most-significant bit position (see Fig.16). When this bit is set, it indicates that the next byte of the transfer to arrive will also represent a command. If the bit is reset, it indicates the last command byte of the transfer. Further bytes will be regarded as display data. The five commands available to the PCF8566 are defined in Table 5.
Two I2C-bus slave addresses (0111110 and 0111111) are reserved for PCF8566. The least-significant bit of the slave address that a PCF8566 will respond to is defined by the level tied at its input SA0 (pin 10). Therefore, two types of PCF8566 can be distinguished on the same I2C-bus which allows: 1. Up to 16 PCF8566s on the same I2C-bus for very large LCD applications 2. The use of two types of LCD multiplex on the same I2C-bus.
1998 May 04
19
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
handbook, full pagewidth
R/ W slave address S
acknowledge by all addressed PCF8566s
acknowledge by A0, A1 and A2 selected PCF8566 only
S 0 1 1 1 1 1A 0AC
0 1 byte
COMMAND
A
DISPLAY DATA
A
P
m 1 byte(s)
n 0 byte(s) update data pointers and if necessary, subaddress counter
MGG390
Fig.15 I2C-bus protocol.
0 = last command 1 = commands continue MSB C REST OF OPCODE
MGG388
LSB
Fig.16 General format of command byte.
1998 May 04
20
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
Table 5 Definition of PCF8566 commands COMMAND/OPCODE Mode set C 1 0 LP E B M1 M0 see Table 6 see Table 7 see Table 8 defines LCD drive mode defines LCD bias configuration OPTIONS
PCF8566
DESCRIPTION
defines display status; the possibility to disable the display allows implementation of blinking under external control defines power dissipation mode
see Table 9 Load data pointer C 0 0 P4 P3 P2 P1 P0 see Table 10
five bits of immediate data, bits P4 to P0, are transferred to the data pointer to define one of twenty-four display RAM addresses
Device select C 1 1 0 0 A2 A1 A0 see Table 11 three bits of immediate data, bits A0 to A2, are transferred to the subaddress counter to define one of eight hardware subaddresses
Bank select C 1 1 1 1 0 I O see Table 12 see Table 13 defines input bank selection (storage of arriving display data) defines output bank selection (retrieval of LCD display data) the BANK SELECT command has no effect in 1 : 3 and 1 : 4 multiplex drive modes Blink C 1 1 1 0 A BF1 BF0 see Table 14 see Table 15 defines the blinking frequency selects the blinking mode; normal operation with frequency set by bits BF1 and BF0, or blinking by alternation of display RAM banks. Alternation blinking does not apply in 1 : 3 and 1 : 4 multiplex drive modes
Table 6
LCD drive mode LCD DRIVE MODE BIT M1 0 1 1 0 BIT M0 1 0 1 0
Static (1 BP) 1 : 2 MUX (2 BP) 1 : 3 MUX (3 BP) 1 : 4 MUX (4 BP)
1998 May 04
21
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
Table 7
1 1
PCF8566
Table 15 Blink mode selection
LCD bias configuration LCD BIAS BIT B 0 1 Display status BIT E 0 1 Power dissipation mode MODE BIT LP 0 1
BLINK MODE Normal blinking Alternation blinking 7.9 Display controller
BIT A 0 1
3bias 2bias
Table 8
DISPLAY STATUS Disabled (blank) Enabled Table 9
The display controller executes the commands identified by the command decoder. It contains the status registers of the PCF8566 and coordinates their effects. The controller is also responsible for loading display data into the display RAM as required by the filling order. 7.10 Cascaded operation
Normal mode Power-saving mode Table 10 Load data pointer BITS P4 P3 P2
P1
P0
5-bit binary value of 0 to 23 Table 11 Device select BITS A0 A1 A2
3-bit binary value of 0 to 7 Table 12 Input bank selection STATIC RAM bit 0 RAM bit 2 1 : 2 MUX RAM bits 0, 1 RAM bits 2, 3 BIT 1 0 1
In large display configurations, up to 16 PCF8566s can be distinguished on the same I2C-bus by using the 3-bit hardware subaddress (A0, A1 and A2) and the programmable I2C-bus slave address (SA0). It is also possible to cascade up to 16 PCF8566s. When cascaded, several PCF8566s are synchronized so that they can share the backplane signals from one of the devices in the cascade. Such an arrangement is cost-effective in large LCD applications since the outputs of only one device need to be through-plated to the backplane electrodes of the display. The other PCF8566s of the cascade contribute additional segment outputs but their backplane outputs are left open-circuit (Fig.17). The SYNC line is provided to maintain the correct synchronization between all cascaded PCF8566s. This synchronization is guaranteed after the power-on reset. The only time that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by noise in adverse electrical environments; or by the definition of a multiplex mode when PCF8566s with differing SA0 levels are cascaded). SYNC is organized as an input/output pin; the output section being realized as an open-drain driver with an internal pull-up resistor. A PCF8566 asserts the SYNC line at the onset of its last active backplane signal and monitors the SYNC line at all other times. Should synchronization in the cascade be lost, it will be restored by the first PCF8566 to assert SYNC. The timing relationships between the backplane waveforms and the SYNC signal for the various drive modes of the PCF8576 are shown in Fig.18. The waveforms are identical with the parent device PCF8576. Cascade ability between PCF8566s and PCF8576s is possible, giving cost effective LCD applications.
Table 13 Output bank selection STATIC RAM bit 0 RAM bit 2 1 : 2 MUX RAM bits 0, 1 RAM bits 2, 3 BIT 0 0 1
Table 14 Blinking frequency BLINK FREQUENCY Off 2 Hz 1 Hz 0.5 Hz BIT BF1 0 0 1 1 BIT BF0 0 1 0 1
1998 May 04
22
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
handbook, full pagewidth
VDD 5 SDA 1 SCL 2 SYNC CLK 3
VLCD 12 17 to 40
24 segment drives
PCF8566 13 to 16 8 A0 A1 9 A2 10 11 BP0 to BP3 (open-circuit)
LCD PANEL (up to 1536 elements)
4 OSC 6 7
SA0 VSS
VLCD VDD R
trise 2 Cbus 5 SDA SCL SYNC CLK OSC 1 2 3 4 6 7 A0
VDD
VLCD 12 17 to 40 24 segment drives
HOST MICROPROCESSOR/ MICROCONTROLLER
PCF8566 13 to 16 8 A1 9 A2 10 11
4 backplanes
BP0 to BP3
MGG384
SA0 VSS
VSS
Fig.17 Cascaded PCF8566 configuration.
1998 May 04
23
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
handbook, full pagewidth
1 Tframe = f frame
BP0
SYNC (a) static drive mode. BP1 (1/2 bias)
BP1 (1/3 bias)
SYNC (b) 1 : 2 multiplex drive mode.
BP2
SYNC (c) 1 : 3 multiplex drive mode.
BP3
SYNC
MBE535
(d) 1 : 4 multiplex drive mode.
Fig.18 Synchronization of the cascade for the various PCF8566 drive modes.
For single plane wiring of PCF8566s, see Chapter "Application information".
1998 May 04
24
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
8 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDD VLCD VI VO II IO Ptot PO Tstg 9 supply voltage LCD supply voltage input voltage (SCL, SDA, A0 to A2, OSC, CLK, SYNC and SA0) output voltage (S0 to S23 and BP0 to BP3) DC input current DC output current power dissipation per package power dissipation per output storage temperature PARAMETER MIN. -0.5 VDD - 7 VSS - 0.5 VLCD - 0.5 - - - - - -65 +7 VDD
PCF8566
MAX. V V V V
UNIT
VDD + 0.5 VDD + 0.5 20 25 50 400 100 +150
mA mA mA mW mW C
IDD, ISS, ILCD VDD, VSS or VLCD current
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is advised to take handling precautions appropriate to handling MOS devices (see "Handling MOS devices").
1998 May 04
25
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
10 DC CHARACTERISTICS VSS = 0 V; VDD = 2.5 to 6 V; VLCD = VDD - 2.5 to VDD - 6 V; Tamb = -40 to +85 C; unless otherwise specified. SYMBOL Supplies VDD VLCD IDD ILP operating supply voltage LCD supply voltage operating supply current (normal mode) power saving mode supply current fCLK = 200 kHz; note 1 VDD = 3.5 V; VLCD = 0 V; fCLK = 35 kHz; A0, A1 and A2 tied to VSS; note 1 2.5 VDD - 6 - - - - 30 15 6 90 40 V A A VDD - 2.5 V PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
Logic VIL VIH VOL VOH IOL1 IOH IOL2 ILI LOW level input voltage HIGH level input voltage LOW level output voltage HIGH level output voltage LOW level output current (CLK and SYNC) HIGH level output current (CLK) LOW level output current (SDA and SCL) leakage current (SA0, CLK, OSC, A0, A1, A2, SCL and SDA) pull-down current (A0, A1, A2 and OSC) pull-up resistor (SYNC) power-on reset level tolerable spike width on bus input capacitance note 3 note 2 IO = 0 mA IO = 0 mA VOL = 1 V; VDD = 5 V VOH = 4 V; VDD = 5 V VOL = 0.4 V; VDD = 5 V VI = VSS or VDD VSS 0.7VDD - 1 - 3 - - - - - - - - 0.3VDD VDD 0.05 - - -1 - 1 V V V V mA mA mA A
VDD - 0.05 -
Ipd RpuSYNC Vref tsw Ci VBP VS ZBP ZS Notes
VI = 1 V; VDD = 5 V
15 15 - - - - - -
50 25 1.3 - - 20 20 1 3
150 60 2 100 7 - - 5 7
A k V ns pF
LCD outputs DC voltage component (BP0 to BP3) DC voltage component (S0 to S23) output impedance (BP0 to BP3) output impedance (S0 to S23) CBP = 35 nF CS = 5 nF VLCD = VDD -5 V; note 4 mV mV k k
VLCD = VDD - 5 V; note 4 -
1. Outputs open; inputs at VSS or VDD; external clock with 50% duty factor; I2C-bus inactive. 2. Resets all logic when VDD < Vref. 3. Periodically sampled, not 100% tested. 4. Outputs measured one at a time.
1998 May 04
26
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
11 AC CHARACTERISTICS VSS = 0 V; VDD = 2.5 to 6 V; VLCD = VDD - 2.5 to VDD - 6 V; Tamb = -40 to +85 C; unless otherwise specified; note 1. SYMBOL fCLK fCLKLP tCLKH tCLKL tPSYNC tSYNCL tPLCD I2C-bus tBUF tHD; STA tLOW tHIGH tSU; STA tHD; DAT tSU; DAT tr tf tSU; STO Notes 1. All timing values referred to VIH and VIL levels with an input voltage swing of VSS to VDD. 2. At fCLK < 125 kHz, I2C-bus maximum transmission speed is derated. bus free time START condition hold time SCL LOW time SCL HIGH time START condition set-up time (repeated start code only) data hold time data set-up time rise time fall time STOP condition set-up time 4.7 4 4.7 4 4.7 0 250 - - 4.7 - - - - - - - - - - - - - - - - - 1 300 - s s s s s s ns s ns s PARAMETER oscillator frequency (normal mode) oscillator frequency (power saving mode) CLK HIGH time CLK LOW time SYNC propagation delay SYNC LOW time driver delays with test loads VLCD = VDD - 5 V CONDITIONS VDD = 5 V; note 2 VDD = 3.5 V 21 1 1 - 1 - MIN. 125 TYP. 200 31 - - - - - MAX. 315 48 - - 400 - 30 UNIT kHz kHz s s ns s s
handbook, full pagewidth
CLK (pin 4)
3.3 k (2%) 0.5VDD 6.8 k (2%)
SDA, SCL (pins 1, 2)
1.5 k (2%) VDD
SYNC (pin 3)
VDD
BP0 to BP3 (pins 13 to 16)
Iload 25 A
S0 to S23 (pins 17 to 40)
Iload 15 A
MGG387
Fig.19 Test loads.
1998 May 04
27
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
handbook, full pagewidth
1 fCLK tCLKH tCLKL 0.7VDD 0.3VDD
CLK
SYNC
0.7VDD 0.3VDD tPSYNC tSYNCL 0.5 V
BP0 to BP3 S0 to S23
(VDD = 5 V) 0.5 V tPLCD
MGG391
Fig.20 Driver timing waveforms.
handbook, full pagewidth
SDA
t BUF
t LOW
tf
SCL
t
HD;STA
tr
t HD;DAT
t HIGH
t SU;DAT
SDA t SU;STA
MGA728
t SU;STO
Fig.21 I2C-bus timing waveforms.
1998 May 04
28
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
handbook, halfpage
40
MGG397
handbook, halfpage
24
MGG398
IDD (A) 30 -40 C
IDD (A) 16
-40 C
+85 C 20
+85 C
8 10
0 0 2 4 6 VDD (V) 8
0 0 2 4 6 VDD (V) 8
a. Normal mode; VLCD = 0 V; external clock = 200 kHz.
b. Low power mode; VLCD = 0 V; external clock = 35 kHz.
Fig.22 Typical supply current characteristics.
handbook, halfpage
6
MGG399
MGG400
handbook, halfpage
12
RBP (k) 4
RS (k) 8 -40 C
2
4
+25 C +85 C
0 0 2 4 6 VDD (V) 8
0 0 2 4 6 VDD (V) 8
a. Backplane output impedance BP0 to BP3 (RBP); VDD = 5 V; Tamb = -40 to +85 C.
b. Segment output impedance S0 to S23 (RS); VDD = 5 V.
Fig.23 Typical characteristics of LCD outputs.
1998 May 04
29
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 1998 May 04 30
S0 BACKPLANES
12 APPLICATION INFORMATION
Philips Semiconductors
Universal LCD driver for low multiplex rates
handbook, full pagewidth
SDA SCL SYNC CLK VDD VSS VLCD SDA SCL SYNC CLK VDD OSC A0 A1 A2 SA0 VSS VLCD BP0 BP2 BP1 BP3 S0 S1 S2 S3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28
S23 S22 S21 S20 S19 S18 S17 S16 S15 S14 S13 S12 S11 S10 S9 S8 S7 S6 S5 S4 S23 SEGMENTS S24 open-circuit BP0 BP2 BP1 BP3 S24 S25 S26 S27
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
40 39 38 37 36 35 34 33 32 31 30 29 28
S47 S46 S45 S44 S43 S42 S41 S40 S39 S38 S37 S36 S35 S34 S33 S32 S31 S30 S29 S28 S47
MGG386
PCF8566
27 26 25 24 23 22 21
PCF8566
27 26 25 24 23 22 21
Product specification
PCF8566
Fig.24 Single plane wiring of package PCF8566s.
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
13 CHIP DIMENSIONS AND BONDING PAD LOCATIONS
PCF8566
handbook, full pagewidth
S8
S7
S6
25
24
23
22
S5
21
20
19
18
17
16 15 BP1 BP2 BP0 VLCD
S9 S10 S11 S12 S13 S14 S15 S16 S17 S18
26 27 28 29 30 31 32 33 34 35 36 S19 37 S20 38 S21 39 S22 40 S23 1 SDA 2 SCL 3 SYNC 4 CLK 0 0
BP3 14 13 12
2.5 mm(1) y S2 S4 S3 S1 S0
11 10
VSS SA0 A2 A1 A0 OSC
x
2.91(1) mm
PCF8566
9 8 7 6 5 VDD
MBH783
(1) Typical value. Pad size: 120 x 120 m Chip area: 7.27 mm. The numbers given in the small squares refer to the pad numbers.
Fig.25 Bonding pad locations.
1998 May 04
31
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
Table 16 Bonding pad locations (dimensions in mm) All x/y coordinates are referenced to centre of chip, (see Fig.25). PAD NUMBER 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 SYMBOL SDA SCL SYNC CLK VDD OSC A0 A1 A2 SA0 VSS VLCD BP0 BP2 BP1 BP3 S0 S1 S2 S3 S4 S5 S6 S7 S8 S9 S10 S11 S12 S13 S14 S15 S16 S17 S18 S19 S20 S21 S22 S23 x 200 400 605 856 1062 1080 1080 1080 1080 1080 1080 1080 1080 1080 1080 1074 874 674 474 274 -274 -474 -674 -874 -1074 -1080 -1080 -1080 -1080 -1080 -1080 -1080 -1080 -1080 -1080 -1056 -830 -630 -430 -230 y -1235 -1235 -1235 -1235 -1235 -1025 -825 -625 -425 -225 -25 347 547 747 947 1235 1235 1235 1235 1235 1235 1235 1235 1235 1235 765 565 365 165 -35 -235 -435 -635 -835 -1035 -1235 -1235 -1235 -1235 -1235
PCF8566
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
1998 May 04
32
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
14 PACKAGE OUTLINES DIP40: plastic dual in-line package; 40 leads (600 mil)
PCF8566
SOT129-1
seating plane
D
ME
A2
A
L
A1 c Z e b1 b 40 21 MH wM (e 1)
pin 1 index E
1
20
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.7 0.19 A1 min. 0.51 0.020 A2 max. 4.0 0.16 b 1.70 1.14 0.067 0.045 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D
(1)
E
(1)
e 2.54 0.10
e1 15.24 0.60
L 3.60 3.05 0.14 0.12
ME 15.80 15.24 0.62 0.60
MH 17.42 15.90 0.69 0.63
w 0.254 0.01
Z (1) max. 2.25 0.089
52.50 51.50 2.067 2.028
14.1 13.7 0.56 0.54
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT129-1 REFERENCES IEC 051G08 JEDEC MO-015AJ EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-01-14
1998 May 04
33
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8566
VSO40: plastic very small outline package; 40 leads
SOT158-1
D
E
A X
c y HE vMA
Z 40 21
Q A2 A1 pin 1 index Lp L 1 e bp 20 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.70 0.11 A1 0.3 0.1 A2 2.45 2.25 A3 0.25 bp 0.42 0.30 c 0.22 0.14 D (1) 15.6 15.2 E (2) 7.6 7.5 0.30 0.29 e 0.762 0.03 HE 12.3 11.8 0.48 0.46 L 2.25 Lp 1.7 1.5 Q 1.15 1.05 v 0.2 w 0.1 y 0.1 Z (1) 0.6 0.3
0.012 0.096 0.017 0.0087 0.61 0.010 0.004 0.089 0.012 0.0055 0.60
0.067 0.089 0.059
0.045 0.024 0.008 0.004 0.004 0.041 0.012
7o 0o
Notes 1. Plastic or metal protrusions of 0.4 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT158-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-01-24
1998 May 04
34
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
15 SOLDERING 15.1 Introduction
PCF8566
Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. 15.3.2 WAVE SOLDERING
There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (order code 9398 652 90011). 15.2 15.2.1 DIP SOLDERING BY DIPPING OR BY WAVE
Wave soldering techniques can be used for all SO and VSO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. 15.3.3 REPAIRING SOLDERED JOINTS
The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. 15.2.2 REPAIRING SOLDERED JOINTS
Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. 15.3 15.3.1 SO and VSO REFLOW SOLDERING
Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
Reflow soldering techniques are suitable for all SO and VSO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement.
1998 May 04
35
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
16 DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
PCF8566
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. 17 LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 18 PURCHASE OF PHILIPS I2C COMPONENTS
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011.
1998 May 04
36
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
NOTES
PCF8566
1998 May 04
37
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
NOTES
PCF8566
1998 May 04
38
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
NOTES
PCF8566
1998 May 04
39
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
SCA59
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
415106/1200/06/pp40
Date of release: 1998 May 04
Document order number:
9397 750 03725


▲Up To Search▲   

 
Price & Availability of PCF8566T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X