Part Number Hot Search : 
LP379 AK4420ET DM851 SML4762 30C01SS OPB850A PT224006 9221Y
Product Description
Full Text Search
 

To Download MRF4427 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MRF4427
NPN SILICON RF TRANSISTOR
DESCRIPTION:
The ASI MRF4427 is Designed for General Purpose Amplifier and Oscillator in VHF and UHF applications.
PACKAGE STYLE
MAXIMUM RATINGS
IC VCEO VCBO VEBO PDISS TJ TSTG JC 400 mA 20 V 40 V 4.0 V 1.5 W @ TC = 25 C -65 C to +150 C -65 C to +150 C 125 C/W
CHARACTERISTICS
SYMBOL
BVCEO BVCER BVEBO ICEO hFE VCE(sat) COB ft Gpe S21
2
TC = 25 C
NONETEST CONDITIONS
IC = 5.0 mA IC = 5.0 mA IE = 100 A VCB = 12 V VCE = 5.0 V VCE = 5.0 V IC = 50 mA VCB = 12 V VCE = 12 V VCC = 12 V POUT = 1.0 W IC = 50 mA PIN = 15 mW IC = 50 mA IC = 100 mA IC = 360 mA IB = 20 mA f = 1.0 MHz f = 200 MHz f = 175 MHz RBE = 10
MINIMUM TYPICAL MAXIMUM
20 40 2.0 20 10 5.0 60 3.0 1600 18 60 14 16.4 50 200
UNITS
V V V A --mV pF MHz dB % dB
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of MRF4427

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X