Part Number Hot Search : 
SC1566IM L453GD GRM32DR CONDUCT CXA1753M DTB113 7912A ISTS802A
Product Description
Full Text Search
 

To Download MK31VT432-10YC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MK31VT432-10YCN98.07.21O
Semiconductor
MK31VT432-10YC
4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK):
DESCRIPTION
The Oki MK31VT432-10YC is a fully decoded, 4,194,304 x 32bit synchronous dynamic random access memory composed of two 64Mb DRAMs (4Mx16) in TSOP packages mounted with decoupling capacitors on a 100-pin glass epoxy Dual-in-Line Package supports any application where high density and large capacity of storage memory are required, like for example PCs or servers.
FEATURES
* * * * * * * * 4-Meg Word x 32-Bit (1Bank 4 Byte) organization 100-pin Dual Inline Memory Module 10 Damping Resister for DQ and CLK Pins Single 3.3V power supply, 0.3V tolerance Input :LVTTL compatible Output :LVTTL compatible Refresh : 4,096 cycles/64 ms Programmable data transfer mode * /CAS latency (2, 3) * Burst length (2, 4, 8) * Data scramble(sequential, interleave) /CAS before /RAS auto-refresh, Self-refresh capability Serial Presence Detect (SPD) With EEPROM
* *
PRODUCT ORGANIZATION
Product Name Operation Frequency (Max.) 100 MHz Access Time (Max.) tAC2 13.0ns tAC3 9.0ns
MK31VT432 - 10YC
Note. Specification are subject to change without notice.
Page 1/11
MK31VT432-10YCN98.07.21O
BLOCK DIAGRAM
CKE0 /CS0 DQMB0 DQ0 DQ7 DQMB1 DQ8 DQ15 LDQM /CS CKE DQ0 DQ7 UDQM DQ8 DQ15
1
DQMB3 DQ24 DQ31 DQMB2 DQ16 DQ23
LDQM /CS CKE DQ0 DQ7 UDQM DQ8 DQ15 Serial PD SCL
2
5
A0 A1 A2
SDA
1
CLK0 CLK1
2
10pF
SA0 SA1 SA2 10pF
/RAS,/CAS,/WE A0-A11,BA0,BA1
1
a
Vcc
2
SDRAMs Vss 0.22F x2
Note. The Value of all resistors is 10 .
MODULE OUTLINE
(Front) (Back)
1 51
6 7 56 57
22 23 72 73
50 100
Page 2/11
MK31VT432-10YCN98.07.21O
PIN CONFIGURATION
Front side Pin No. Pin name 1 VSS 2 DQ0 3 DQ1 4 DQ2 5 DQ3 6 VCC 7 DQ4 8 DQ5 9 DQ6 10 DQ7 11 DQMB0 12 VSS 13 A0 14 A2 15 A4 16 A6 17 A8 18 A10 19 BA1 20 NC 21 VCC 22 NC 23 NC 24 NC 25 CLK0 Back side Pin No. Pin name 51 VSS 52 DQ8 53 DQ9 54 DQ10 55 DQ11 56 VCC 57 DQ12 58 DQ13 59 DQ14 60 DQ15 61 DQMB1 62 VSS 63 A1 64 A3 65 A5 66 A7 67 A9 68 BA0 69 A11 70 NC 71 VCC 72 /RAS 73 /CAS 74 NC 75 CLK1 Front side Pin No. Pin name 26 VSS 27 CKE0 28 /WE 29 /CS0 30 /CS2 31 VCC 32 NC 33 NC 34 NC 35 NC 36 VSS 37 DQMB2 38 DQ16 39 DQ17 40 DQ18 41 DQ19 42 VCC 43 DQ20 44 DQ21 45 DQ22 46 DQ23 47 VSS 48 SDA 49 SCL 50 VCC Back side Pin No. Pin name 76 VSS 77 NC 78 NC 79 NC 80 NC 81 VCC 82 NC 83 NC 84 NC 85 NC 86 VSS 87 DQMB3 88 DQ24 89 DQ25 90 DQ26 91 DQ27 92 VCC 93 DQ28 94 DQ29 95 DQ30 96 DQ31 97 VSS 98 SA0 99 SA1 100 SA2
Pin Name VCC VSS CLK# /CS# CKE# A0-A11 BA0, BA1 /RAS /CAS
Function Power Supply (3.3V) Ground (0V) System Clock Chip Select Clock Enable Address Bank Select Address Row Address Strobe Column Address Strobe
Pin Name /WE DQMB# DQ# SDA SCL SA# NC
Function Write Enable Data Input / Output Mask Data Input / Output Data I/O for SPD CLK input for SPD Socket Position Address for SPD No Connection
Page 3/11
MK31VT432-10YCN98.07.21O
SERIAL PRESENCE DETECT
Byte No.
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36-61 62 63 64-71 72 73-90
SPD Hex Value 80 08 04 0C 08 01 20 00 01 A0 90 00 80 10 00 01 0E 04 06 01 01 00 06 F0 90 00 00 1E 14 1E 3C 04 30 10 30 10 00-00 02 35 41,45,20,20,20,20,20,20 01 / 06
Remark Defines the number of bytes written into SPD memory Total number of bytes of SPD memory Fundamental memory type Number of rows Number of columns Number of module banks Data width of this assembly ... Data width continuation Voltage interface level Cycle time (CL=3) Access time from CLK (CL=3) DIMM configuration type Refresh rate / type Primary SDRAM width Error checking SDRAM width Minimum CLK delay Burst lengths supported Number of banks on each SDRAM /CAS latency /CS latency /WE latency SDRAM module attributes SDRAM device attributes : General Cycle time (CL=2) Access time from CLK (CL=2) Cycle time (CL=1) Access time from CLK (CL=1) Minimum ROW pulse width /RAS to /RAS bank delay /RAS to /CAS delay Minimum /RAS precharge time Density of each bank on module 128 byte
Notes
256 byte SDRAM 12 rows 8 columns 1 bank 32 bits 0 LVTTL CL=3 tCC=10ns CL=3 tAC3=9ns None Parity Normal / Self x16 tCCD: 1 CLK 2, 4, 8 4 banks 2, 3 0 0
CL=2 tCC2=15ns CL=2 tAC2=9ns Not support Not support tRP=30ns tRRD=20ns tRCD=30ns tRAS=60ns 16MB Command and address signal input setup time 3ns Command and address signal input hold time 1ns Data signal input setup time 3ns Data signal input hold time 1ns Superset Information R.F.U SPD data revision code 02 Checksum for byte 0-62 Manufacturer's JEDEC ID code Manufacturing location Manufacturer's part number MK31VT432-10YC
4D,4B,33,31,56,54,34,33,32, 2D,31,30,59,43,20,20,20,20 20, 20 91, 92 00-00 93-125 66 126 06 127 FF-FF 128-255
Revision code R.F.U Intel specification frequency Intel specification /CAS latency Unused storage locations
66MHz CL=2,3
Page 4/11
MK31VT432-10YCN98.07.21O
ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings
Rating Voltage on any pin relative to Vss Vcc supply voltage Storage temperature Power dissipation Short circuit current Operating temperature Symbol VIN, VOUT Vcc, VccQ Tstg PD* IOS Topr Value -0.5 to Vcc+0.5 -0.5 to 4.6 - 55 to 150 2 50 0 to 70 Unit V V C W mA C
*: Ta=25C
Recommended Operating Conditions
(Voltages referenced to Vss = 0V) Parameter Power supply voltage Input high voltage Input low voltage Symbol Vcc, VccQ VIH VIL Min. 3.0 2.0 -0.3 Typ. 3.3 Max. 3.6 Vcc+0.3 0.8 Unit V V V
Capacitance
(Vcc=3.3V 0.3V, Ta=25 C f=1MHz) Parameter Input capacitance (A0-A11, BA0, BA1, /RAS, /CAS, /WE) Input capacitance (/CS0,/CS2) Input capacitance (DQMB0-DQMB3) Input capacitance (CKE0) I/O capacitance (DQ0-DQ32) Input capacitance (CLK0) Symbol CIN1 CIN2 CIN3 CIN4 CI/O CCLK Max. 16 16 11 16 13 25 Unit pF pF pF pF pF pF
Page 5/11
MK31VT432-10YCN98.07.21O
DC CHARACTERISTICS
(Vcc=3.3V 0.3V, Ta = 0 to 70 C) Parameter Output High Voltage Output Low Voltage Symbol VOH VOL Condition
CKE Others
Module Spec.
Min. Max.
Unit
Note
-
IOH = -2.0mA IOL = 2.0mA
2.4 -
0.4
V V
ILI A Input Leakage Current -20 20 Output Leakage ILO -10 10 A Current Average Power Supply tCC=min. Current ICC1 CKE VIH 290 mA tRC=min. (Operating) No Burst Power Supply Current ICC2 tCC=min. CKE VIH 80 mA (Stand by) Average Power ICC3S tCC=min. CKE VIL 30 mA Supply Current (Clock Suspension) Average Power CKE VIH, ICC3 tCC=min. Supply Current 190 mA /CS VIH (Active Stand by) Power Supply ICC4 tCC=min. CKE VIH 420 mA Current (Burst) Power Supply tCC=min. ICC5 CKE VIH Current 370 mA tRC=min. (Auto-Refresh) Average Power ICC6 tCC=min. Supply Current 4 CKE 0.2V mA (Self-Refresh) Average Power ICC7 tCC=min. CKE VIL Supply Current 4 mA (Power down) Notes: 1. Measured with the output open. 2. Address and data can be changed once or not be changed during one cycle. 3. Address and data can be changed once or not be changed during two cycle.
1, 2 3 2
3 1, 2 2
MODE SET ADDRESS KEYS
/CAS Latency A6 0 0 0 0 1 1 1 1
Note:
Burst Type A3 0 1 BT Sequential Interleave A2 0 0 0 0 1 1 1 1 A1 0 0 1 1 0 0 1 1
Burst Length A0 0 1 0 1 0 1 0 1 BT=0 Reserved 2 4 8 Reserved Reserved Reserved Reserved BT=1 Reserved 2 4 8 Reserved Reserved Reserved Reserved
A5 0 0 1 1 0 0 1 1
A4 0 1 0 1 0 1 0 1
CL Reserved Reserved 2 3 Reserved Reserved Reserved Reserved
A7, A8, A10, A11, BA0, BA1 and All should stay "L" during mode set cycle.
Page 6/11
MK31VT432-10YCN98.07.21O
POWER ON SEQUENCE
1. With inputs in NOP state, turn on the power supply and enter the system clock. 2. After the VCC voltage has reached the specified level, take a pause of 200s or more with the input being NOP. 3. Enter the precharge all bank command. 4. Apply CBR auto-refresh eight or more times. 5. Enter the mode register setting command.
Page 7/11
MK31VT432-10YCN98.07.21O
AC CHARACTERISTIC
(Vcc=3.3V 0.3V, Ta = 0 to 70 C) NOTE 1, 2 Parameter Clock Cycle Time Access Time from Clock CL=3 CL=2 CL=3 CL=2 Symbol Module Spec. Min. Max. 10 15 3 3 1 3 3 100 40 60 30 20 20 tSI+1CLK 1 1 2 0 0 2 3 2 9 13 8 100,000 64 3 Unit Note
tCC tAC tCH tCL tHI tOLZ tOHZ tOH tRC tRP tRAS tRCD tWR tRRD tREF tPDE tT ICCD ICKE IDOZ IDOD IDWD IROH IMRD tOWD
Clock "H" Pulse Time Clock "L" Pulse Time Input Hold Time Output Low Impedance Time from Clock Output High Impedance Time from Clock Output Hold from Clock /RAS Cycle Time /RAS Precharge Time /RAS Active Time /RAS to /CAS Delay Time Write Recovery Time /RAS to /RAS Bank Active Delay Time Refresh Time Power-down Exit Set-up Time Input Level Transition Time /CAS to /CAS Delay Time (Min) Clock Disable Time from CKE Data Output High Impedance Time from Data Input Mask Time from DQMB Data Input Time from Write Command Data Output High Inpedance Time from Precharge Command Active Command Input Time from MODE Write Command Input Time from Output NOTES: 1) 2) 3) AC measurements assume tT=1ns.
ns ns ns 3, 4 ns 3, 4 ns ns ns ns ns ns 3 ns ns ns ns ns ns ms ns ns Cycle Cycle Cycle Cycle Cycle Cycle Cycle Cycle
The reference level for timing of input signals is 1.4V. This parameter is measured with a load circuit equivalent to 1 TTL load and 50pF (RLoad is 50ohm).
4) 5)
An access time is measured at 1.4V. If tT is longer than 1ns, the reference level for timing of input signals are VIH and VIL.
1.4v 50 OUTPUT OUTPUT LOAD CONDITION 50pF
Page 8/11
MK31VT432-10YCN98.07.21O
FUNCTION TRUTH TABLE
Current State Idle /CS H L L L L L L L H L L L L L L H L L L L L L L H L L L L L L L H L L L L L L H L L L L L L /RAS X H H H L L L L X H H H L L L X H H H H L L L X H H H H L L L X H H H H L L X H H H H L L /CAS X H H L H H L L X H L L H H L X H H L L H H L X H H L L H H L X H H L L H L X H H L L H L
(Table1)
/WE X H L X H L H L X X H L H L X X H L H L H L X X H L H L H L X X H L H L X X X H L H L X X BA X X BA BA BA BA X L X X BA BA BA BA X X X BA BA BA BA BA X X X BA BA BA BA BA X X X BA BA X BA X X X BA BA X BA X
(1/2)
ADDR X X X CA RA A10 X OP Code X X CA, A10 CA, A10 RA A10 X X X X CA, A10 CA, A10 RA A10 X X X X CA, A10 CA, A10 RA A10 X X X X CA, A10 X RA, A10 X X X X CA, A10 X RA, A10 X Action NOP NOP 2 ILLEGAL 2 ILLEGAL Row Active 4 NOP 5 Auto-Refresh or Self-Refresh Mode Register write NOP NOP Read Write 2 ILLEGAL Precharge ILLEGAL NOP (Continue Row Active after Burst ends) NOP (Continue Row Active after Burst ends) Reserved 3 Term Burst, start new Burst Read 3 Term Burst, start new Burst Write 2 ILLEGAL Term Burst, execute Row Precharge ILLEGAL NOP (Continue Row Active after Burst ends) NOP (Continue Row Active after Burst ends) Reserved 3 Term Burst, start new Burst Read 3 Term Burst, start new Burst Write 2 ILLEGAL 3 Term Burst, execute Row Precharge ILLEGAL
NOP (Continue Burst to End and enter Row Precharge) NOP (Continue Burst to End and enter Row Precharge)
Row Active
Read
Write
Read with Auto Precharge
ILLEGAL 2 ILLEGAL ILLEGAL 2 ILLEGAL ILLEGAL
NOP (Continue Burst to End and enter Row Precharge) NOP (Continue Burst to End and enter Row Precharge)
2
Write with Auto Precharge
ILLEGAL 2 ILLEGAL ILLEGAL 2 ILLEGAL ILLEGAL
2
Page 9/11
MK31VT432-10YCN98.07.21O
FUNCTION TRUTH TABLE
Current State Precharge /CS H L L L L L L H L L L L L L H L L L L L L H L L L L H L L L L /RAS X H H H L L L X H H H L L L X H H H L L L X H H L L X H H H L /CAS X H H L H H L X H H L H H L X H H L H H L X H L H L X H H L X
(Table1)
/WE X H L X H L X X H L X H L X X H L X H L X X X X X X X H L X X BA X X BA BA BA BA X X X BA BA BA BA X X X BA BA BA BA X X X X X X X X X X X
(2/2)
ADDR X X X CA RA A10 X X X X CA RA A10 X X X X CA RA A10 X X X X X X X X X X X Action NOP Idle after tRP NOP Idle after tRP 2 ILLEGAL 2 ILLEGAL 2 ILLEGAL 4 NOP ILLEGAL NOP NOP 2 ILLEGAL 2 ILLEGAL 2 ILLEGAL 2 ILLEGAL ILLEGAL NOP Row Active after tRCD NOP Row Active after tRCD 2 ILLEGAL 2 ILLEGAL 2 ILLEGAL 2 ILLEGAL ILLEGAL NOP Idle after tRC NOP Idle after tRC ILLEGAL ILLEGAL ILLEGAL NOP NOP ILLEGAL ILLEGAL ILLEGAL
AE AE
Write Recovery
Row Active
AE AE
Refresh
AE AE
Mode Resister Access
ABBREVIATIONS
RA = Row Address CA = Column Address Notes: BA = Bank Address AP = Auto Precharge NOP = No Operation command
1. All inputs will be enabled when CKE is set high for at least 1 cycle prior to the inputs. 2. Illegal to bank in specified state, but may be legal in some cases depending on the state of
bank selection.
3. Satisfy the timing of ICCD and tWR to prevent bus contention. 4. NOP to bank precharging or in idle state. Precharges activated bank by BA or A10. 5. Illegal if any bank is not idle.
Page 10/11
MK31VT432-10YCN98.07.21O
FUNCTION TRUTH TABLE
Current State(n) Self Refresh CKEn-1 H L L L L L L H L L L L L L H H H H H H H H L H H L L CKEn X H H H H H L X H H H H H L H L L L L L L L L H L H L /CS X H L L L L X X H L L L L X X H L L L L L L X X X X X
(CKE)
/RAS X X H H H L X X X H H H L X X X H H H L L L X X X X X
(Table2)
/WE X X H L X X X X X H L X X X X X H L X L H L X X X X X ADDR X X X X X X X X X X X X X X X X X X X X X X X X X X X Action INVALID Exit Self Refresh ABI Exit Self Refresh ABI ILLEGAL ILLEGAL ILLEGAL NOP (Maintain Self Refresh) INVALID Exit Power Down ABI Exit Power Down ABI ILLEGAL ILLEGAL 6 ILLEGAL NOP (Continue power down mode) Refer to Table 1 Enter Power Down Enter Power Down ILLEGAL ILLEGAL ILLEGAL Enter Self Refresh ILLEGAL NOP Refer to Operations in Table 1 Begin Clock Suspend Next Cycle Enable Clock of Next Cycle Continue Clock Suspension
Power Down
All Banks idle (ABI)
6
Any State Other than Listed Above
/CAS X X H H L X X X X H H L X X X X H H L H L L X X X X X
AE AE
AE AE
Notes:
6. Power-down and self refresh can be entered only when all the banks are in an idle state.
Page 11/11


▲Up To Search▲   

 
Price & Availability of MK31VT432-10YC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X