|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MITSUBISHI SEMICONDUCTOR MGFC5211 K-Band 2-Stage Power Amplifier Target Specifications ELECTRICAL CHARACTERISTICS (Ta=25 Degree C.) Symbol IDSS1 IDSS2 Vp1 Vp2 P1dB Gain Inpur Return Loss Out Put Return Loss Parameter Test Conditions Min. Limits Typ. Max. Unit mA mA V V dBm dB dB dB Drain Saturation Current Vd=3.0V Drain Saturation Current Pinch Off Voltage Vd=3.0V,Id=0.6mA Pinch Off Voltage Vd=3.0V,Id=1.2mA Output Power at 1 dB Compression Point Gain Inpur Return Loss Out Put Return Loss f=21.2-23.6 GHz, Vd1=Vd2=6.0V , Id1=90mA*, Id2=180mA* 150.0 300.0 -2.0 -2.0 23.0 13.0 10.0 10.0 22.0 240.0 480.0 -1.0 -1.0 IM3 f=21.2-23.6 GHz, Vd1=Vd2=6.0V , Inter Modulation Level Id1=90mA*,Id2=180 mA*, Pout=20dBm *:Ids at RF off dBc MITSUBISHI ELECTRIC |
Price & Availability of MGFC5211 |