Part Number Hot Search : 
5302D 80N06 80N06 ADM211E 2SK2806 SA9614 LH2040 ADM210
Product Description
Full Text Search
 

To Download MC78TXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
MC78TXX
3-Terminal 3A Positive Voltage Regulator
Features
* * * * * * * * Output current in excess of 3.0A Output transistor safe operating area compensation Power dissipation :25W Internal short circuit current limiting Internal thermal overload protection Output voltage offered in 4% tolerance No external components required Output voltage of 5,12 and 15V
Description
This family of fixed voltage regulators are monolithic integrated circuit capable of driving loads in excess of 3.0 A.
TO-220
1
1.Input 2. GND 3. Output
Internal Block Diagram
Rev. 1.0.0
(c)2001 Fairchild Semiconductor Corporation
MC78TXX
Absolute Maximum Ratings
Parameter Input Voltage (for VO = 5V to 12V) (for VO = 15V) Power Dissipation Thermal Resistance, Junction to Air Tc = +25 C Thermal Resistance ,Junction to Case Operating Junction Temperature Range Storage Temperature Range Symbol VI PD RJA RJC TJ TSTG Value 35 40 Internally limited 65 2.5 0 ~ +150 -65 ~ +150 C/W C/W C C Unit V V
Electrical Characteristics(MC78T05)
(VI = 10V, IO = 3.0 A, 0 C TJ +125 C, Po PMAX , unless otherwise specified. ) Parameter Output Voltage Symbol Vo Conditions 5mA Io 3.0A , TJ = +25 C 7.3V VI 20V, 5mA Io 2.0A 7.2V VI 35V , Io=5mA, TJ =+25 C 7.2V VI 35V , Io=1.0A, TJ = +25 C 7.5V VI 20V, Io =2.0A 8.0V VI 12V, Io =3.0A 5mA Io 3.0A , TJ = +25 C 5mA Io 3.0A Pulse =10ms, P = 20W TA = +25 C 5mA Io 3.0A , TJ = +25 C 5mA Io 3.0A 7.2V VI 35V, Io = 5mA TJ = +25 C ; 7.5V VI 20V, Io =2.0A ; 5mA Io 3.0A f = 120Hz, 8V VI 18V, Io = 2.0A Io = 3A ,TJ = +25 C TA = +25 C, 10Hz f 100KHz TA = +25 C f = 1.0kHz VI = 35V, TJ =+25 C Io = 5.0mA Min. 4.8 4.75 Typ. 5.0 5.0 3.0 10 15 0.002 3.5 4.0 0.1 75 2.2 10 5.0 2.0 1.5 0.2 Max. 5.2 5.25 2.5 30 80 0.03 5.0 6.0 0.8 2.5 2.5 Unit V
Line Regulation (Note1)
VO
mV mV mV %Vo/W mA mA mA dB V V/Vo A m A mV/C
Load Regulation (Note1) Thermal Regulation Quiescent Current Quiescent Current Change Ripple Rejection Dropout Voltage Output Noise Voltage Peak Output Current Output Resistance Short Circuit Current Limit Average Temperature Coefficient of Output Voltage
VO REGT IQ IQ
-
-
RR VD VN IPK Ro Isc VO/T
Note: 1. Load and line regulation are specified at constant junction temperature. Change in Vo due heating effects must be taken into account separately. Pulse testing with low duty is used .( PMAX = 25W)
2
MC78TXX
Electrical Characteristics(MC78T12)
(VI = 19V, IO = 3.0 A, 0 C TJ +125 C, Po PMAX , unless otherwise specified. ) Parameter Output Voltage Symbol Vo Conditions 5mA Io 3.0A , TJ =+25 C 14.5V VI 27V, 5mA Io 2.0A 14.5V VI 35V , Io=5mA, TJ =+25 C 14.5V VI 35V , Io=1.0A, TJ =+25 C 14.9V VI 28V, Io =2.0A 16V VI 22V, Io =3.0A 5mA Io 3.0A , TJ =+25 C 5mA Io 3.0A Pulse =10ms, P = 20W TA = +25 C 5mA Io 3.0A , TJ =+25 C 5mA Io 3.0A 14.5V VI 35V, Io = 5mA TJ =+25 C ; 14.9V VI 27V, Io =2.0A ; 5mA Io 3.0A f = 120Hz, 15V VI 25V, Io = 2.0A Io = 3A ,TJ =+25 C TA =+25 C, 10Hz f 100KHz TA =+25 C f = 1.0kHz VI = 35V, TJ =+25 C Io = 5.0mA Min. 11.5 11.4 Typ. 12 12 6.0 10 15 0.002 3.5 4.0 0.1 67 2.2 10 5.0 2.0 1.5 0.5 Max. 12.5 12.8 45 30 80 0.03 5.0 6.0 0.8 2.5 2.5 Unit V
Line Regulation (Note1)
VO
mV mV mV %Vo/W mA mA mA dB V V/Vo A m A mV/C
Load Regulation (Note1) Thermal Regulation Quiescent Current Quiescent Current Change Ripple Rejection Dropout Voltage Output Noise Voltage Peak Output Current Output Resistance Short Circuit Current Limit Average Temperature Coefficient of Output Voltage
VO REGT IQ IQ
-
57 -
RR VD VN IPK Ro Isc VO/T
* Load and line regulation are specified at constant junction temperature. Change in Vo due heating effects must be taken into account separately. Pulse testing with low duty is used .( PMAX = 25W)
3
MC78TXX
Electrical Characteristics(MC78T15)
(VI = 23V, IO = 3.0 A, 0 C TJ +125 C, Po PMAX , unless otherwise specified. ) Parameter Output Voltage Symbol Vo Conditions 5mA Io 3.0A , TJ =+25 C 17.5V VI 30V, 5mA Io 2.0A 17.6V VI 40V , Io=5mA, TJ =+25 C 17.6V VI 40V , Io=1.0A, TJ =+25 C 18V VI 30V, Io =2.0A 20V VI 26V, Io =3.0A 5mA Io 3.0A , TJ =+25 C 5mA Io 3.0A Pulse =10ms, P = 20W TA = +25 C 5mA Io 3.0A , TJ =+25 C 5mA Io 3.0A 17.6V VI 40V, Io = 5mA TJ =+25 C ; 18V VI 30V, Io =2.0A ; 5mA Io 3.0A f = 120Hz, 18.5V VI 28.5V, Io = 2.0A Io = 3A ,TJ =+25 C TA =+25 C, 10Hz f 100KHz TA =+25 C f = 1.0kHz VI = 40V, TJ =+25 C Io = 5.0mA Min. 14.4 14.25 Typ. 15 15 7.5 10 15 0.002 3.5 4.0 0.1 65 2.2 10 5.0 2.0 1.0 0.5 Max. 15.6 15.75 55 30 80 0.03 5.0 6.0 0.8 2.5 2.0 Unit V
Line Regulation (Note1)
VO
mV mV mV %Vo/W mA mA mA dB V V/Vo A m A mV/C
Load Regulation (Note1) Thermal Regulation Quiescent Current Quiescent Current Change Ripple Rejection Dropout Voltage Output Noise Voltage Peak Output Current Output Resistance Short Circuit Current Limit Average Temperature Coefficient of Output Voltage
VO REGT IQ IQ
-
55 -
RR VD VN IPK Ro Isc VO/T
* Load and line regulation are specified at constant junction temperature. Change in Vo due heating effects must be taken into account separately. Pulse testing with low duty is used .( PMAX = 25W)
4
MC78TXX
Typical Application
INPUT 1 KA78TXX MC78TXX 2 3 OUTPUT
0.33 F
0. 1 F
Notes: 1. To specify an output voltage, substitute voltage value for "XX". 2. Bypass Capacitors are recommend for optimum stability and transient response and should be located as close as possible to the regulator
5
MC78TXX
Mechanical Dimensions
Package
TO-220
9.90 0.20 4.50 0.20
1.30 0.10
2.80 0.10
(8.70) o3.60 0.10
(1.70)
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
(45 )
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
6
MC78TXX
Ordering Information
Product Number MC78T05CT MC78T12CT MC78T15CT TO-220 0 ~ + 125 C Package Operating Temperature
7
MC78TXX
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 6/11/01 0.0m 001 Stock#DSxxxxxxxx 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of MC78TXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X