Part Number Hot Search : 
ADM211E TM9324 MAX7455 NTE1790 PC2508 MK325 LLZ15A MY141C
Product Description
Full Text Search
 

To Download MAX618EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1462; Rev 0; 6/99
MAX618 Evaluation Kit
General Description
The MAX618 evaluation kit (EV kit) is a constant-frequency, PWM, step-up switching regulator with an internal 2A, 28V n-channel MOSFET. The EV kit accepts a +3V to VOUT input and converts it to a 12V output for currents up to 500mA. Conversion efficiency is greater than 90%. The EV kit operates at 250kHz, allowing the use of small external components. The MAX618 EV kit is a fully assembled and tested surface-mount circuit board. o +3V to VOUT Input Voltage Range o 12V or Adjustable Output Voltage o Up to 500mA Output Current o Internal 2A, 28V MOSFET Switch o 3A Shutdown Current o 250kHz Switching Frequency o Surface-Mount Components o Fully Assembled and Tested
Features
Evaluates: MAX618
Component List
DESIGNATION QTY C1, C2 C3 C4 C5 C6, C7 C8 2 1 1 1 2 1 DESCRIPTION 68F, 20V low-ESR tantalum caps AVX TPSE686M020R0150 or Sprague 593D686X0020E2W 0.1F ceramic capacitor 4.7F, 10V X5R ceramic capacitor Taiyo Yuden LMK316BJ475ML 0.047F ceramic capacitor 1F, 25V X5R ceramic capacitors Taiyo Yuden TMK316BJ105KL 68pF ceramic capacitor 2A Schottky diode SGS-Thomson STPS2L25U, Nihon EC21QS03L, or Central Semiconductor CMSH2-40M 15H power inductor Sumida CDRH6D38-150 (shielded), Sumida CR75-150 (unshielded), or Sumida CDH74-150 (unshielded) 715k 1% resistor 100k 1% resistor MAX618EEE 3-pin header Shunt MAX618 PC board MAX618 data sheet PART MAX618EVKIT
Ordering Information
TEMP. RANGE 0C to +70C IC PACKAGE 16 QSOP
_________________________Quick Start
The MAX618 EV kit is fully assembled and tested. Follow these steps to verify board operation. Do not turn on the power supply until all connections are completed. 1) Connect a +5V supply to the VIN pad. Connect ground to the GND pad. 2) Connect a voltmeter and load, if any, to the VOUT pad. 3) Place the shunt across JU1 pins 2 and 3. 4) Turn on the power supply to the board and verify that the output voltage is 12V. 5) For other output voltages, refer to the Output Voltage Selection section in the MAX618 data sheet for instructions on selecting feedback resistors R1 and R2, inductor L1, output capacitor C2, and compensation capacitors C5 and C8. Note: Input (C1) and output (C2) capacitors are rated at 20V.
D1
1
L1
1
R1 R2 U1 JU1 None None None
1 1 1 1 1 1 1
Jumper Selection
The 3-pin header JU1 selects shutdown mode. Table 1 lists the selectable jumper options in shutdown mode.
Table 1. Jumper JU1 Shutdown Function
SHUNT LOCATION 1&2 2&3 SHDN PIN Connected to GND Connected to VL MAX618 OUTPUT Shutdown mode, VOUT = VIN - VDIODE MAX618 enabled, VOUT = 12V 1
________________________________________________________________ Maxim Integrated Products
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
MAX618 Evaluation Kit Evaluates: MAX618
VIN C1 68F 20V
C3 0.1F
C7
L1 15H
1 SHDN 2 JU1 3 5 SHDN
10 IN
1F 25V LX LX 2 3 4 13 14 15 7 R1 715k 1% D1 VOUT +12V C2 68F 20V C6 1F 25V
MAX618
11 VL C4 4.7F 10V 6 C5 0.047F COMP GND 1, 8, 9, 12, 16 VL
LX PGND PGND PGND FB
R2 100k 1%
C8 68pF
NOTE: HEAVY LINES INDICATE HIGH-CURRENT PATHS.
Figure 1. MAX618 EV Kit Schematic
2
_______________________________________________________________________________________
MAX618 Evaluation Kit Evaluates: MAX618
1.0"
Figure 2. MAX618 EV Kit--Component Placement Guide
1.0"
Figure 3. MAX618 EV Kit PC Board Layout--Component Side
1.0"
Figure 4. MAX618 EV Kit PC Board Layout--Solder Side
_______________________________________________________________________________________
3
MAX618 Evaluation Kit Evaluates: MAX618
NOTES
4
_______________________________________________________________________________________
MAX618 Evaluation Kit
NOTES
Evaluates: MAX618
5
_______________________________________________________________________________________
MAX618 Evaluation Kit Evaluates: MAX618
NOTES
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
6 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX618EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X