Part Number Hot Search : 
28F128J3 X9514WPI SG3843D BF885S FN1325 MSF11N70 CMVDR2 PHAWOZ
Product Description
Full Text Search
 

To Download MAX104EVKIT-MAX108EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1503; Rev 0; 6/99
MAX104/MAX106/MAX108 Evaluation Kits
General Description
The MAX104/MAX106/MAX108 evaluation kits (EV kits) are designed to simplify evaluation of the devices' analog-to-digital converters (ADCs). Each EV kit contains all circuitry necessary to evaluate the dynamic performance of these ultra-high-speed converters, including the power-supply generation for the PECL termination voltage (PECLVTT). Since the design combines highspeed analog and digital circuitry, the board layout calls for special precautions and design features. Connectors for the power supplies (VCCA/VCCI, VCCD, V CC O, V EE ), SMA connectors for analog and clock inputs (VIN+, VIN-, CLK+, CLK-), and all digital PECL outputs simplify connection to the EV kit. The four-layer board layout (GETekTM material) is optimized for best dynamic performance of the MAX104 family. The EV kits come with a MAX104/MAX106/MAX108 installed on the board with a heatsink attached for operation over the full commercial temperature range.
Features
o 50 Clock and Analog Inputs Through SMA Coaxial Connectors o 250mV Input Signal Range o Demultiplexed Differential PECL Outputs o On-Board Generation of PECL Termination Voltage (PECLVTT) o On-Board Generation of ECL Termination Voltage (ECLVTT) o Separate Analog and Digital Power and Ground Connections with Optimized Four-Layer PCB o Square-Pin Headers for Easy Connection of Logic Analyzer to Digital Outputs o Fully Assembled and Tested
Evaluate: MAX104/MAX106/MAX108
Ordering Information
PART MAX104EVKIT MAX106EVKIT MAX108EVKIT* TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C PINPACKAGE 192 ESBGA 192 ESBGA 192 ESBGA SAMPLING RATE 1Gsps 600Msps 1.5Gsps
*Future product--contact factory for availability.
Component List
DESIGNATION C1, C13, C20, C31, C40, C46, C48 C2, C7-C12, C14, C17, C18, C19, C21, C26-C30, C32, C41, C47, C49, C51-C59 C3-C6, C15, C16, C22-C25, C33-C37, C42-C45, C50 D1 R2 R3, R4 QTY 7 DESCRIPTION 10F 10%, 16V tantalum caps AVX TAJD106D016 DESIGNATION R5-R38, R44-R47 R51, R53 30 0.01F 10% ceramic capacitors (0603) R52, R54 J1-J10 JU3, JU6-JU9 20 47pF 10% ceramic capacitors (0402) 1N5819 Schottky diode 10k potentiometer Not populated; see text for description of reset input operation. JU2, JU4, JU5, JUA0- to JUA7-, JUA0+ to JUA7+, JUP0- to JUP7-, JUP0+ to JUP7+, JUOR+, JUOR-, JUDR-, JUDR+, JURO-, JURO+ QTY 38 2 2 10 5 DESCRIPTION 49.9 1% resistors (0603) 243 1% resistors (0603) 158 1% resistors (0603) SMA connectors (edge mounted) 3-pin headers
1 1 2
41
2-pin headers
GETek is trademark of GE Electromaterials.
________________________________________________________________ Maxim Integrated Products 1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
Component List (continued)
DESIGNATION None VCCO, VCCD, GNDD, PECLVTT, GNDA, VCCA, VCCI, GNDI, VEE, ECLVTT None None QTY 4 DESCRIPTION Protective feet
24
Test points
7 1
Shunts Heatsink International Electronic Research Corp. BDN09-3CB/A01 MAX104CHC, MAX106CHC, or MAX108CHC (192-contact ESBGATM) LM2991S, low-dropout adjustable linear regulator MAX104EVKIT circuit board MAX104, MAX106, or MAX108 data sheet
U1 U3, U4 None None
1 2 1 1
3) Connect a +5V power supply capable of providing 250mA to the V CC D pad. Connect the supply's ground to the GNDD pad. 4) Connect a +3.3V or +5V power supply capable of providing approximately 600mA to the VCCO pad. Connect the supply's ground to the GNDD pad. 5) Connect GNDI to GNDD at the power supplies. 6) Connect an RF source with low phase jitter, such as an HP8662A (up to 1.28GHz) or an HP8663A (up to 2.56GHz), to clock inputs CLK- and CLK+. For single-ended clock inputs, feed a +4dBm (500mV amplitude) power level from the signal generator into the CLK+ input and terminate the unused CLKinput with 50 to GNDI. 7) Connect a 225mV (approximately -1dB below FS) sine-wave test signal to the analog inputs. Use VIN+ and VIN- through a balun if the test signal is differential, or either VIN+ or VIN- if the signal is single-ended (see the sections Single-Ended Analog Inputs and Differential Analog Inputs in the devices' data sheets). For best results, use a narrow bandpass filter designed for the frequency of interest to reduce the harmonic distortion from the signal generator. 8) Connect a logic analyzer, such as an HP16500C with an HP16517A plug-in card for monitoring all 16 output channels (8 channels for primary and 8 channels for auxiliary outputs) of the device. 9) Connect the logic analyzer clock to the DREADY+ output on the EV kit, and set the logic analyzer to trigger on the falling edge of the acquisition clock. Set the logic analyzer's threshold voltage to the VCCO supply voltage -1.3V. For example, if VCCO = +3.3V, the threshold voltage should be set to +2.0V. 10) Turn on the supplies and signal sources. Capture the digitized outputs from the ADC with the logic analyzer and transfer the digital record to a PC for data analysis.
_________________________Quick Start
The EV kit is delivered fully assembled, tested, and sealed in an antistatic bag. To ensure proper operation, open the antistatic bag only at a static-safe work area and follow the instructions below. Do not turn on the power supplies until all power connections to the EV kit are established. Figure 1 shows a typical evaluation setup with differential analog inputs and singleended sine-wave (CLK- is 50 reverse-terminated to GNDI) clock drive. Figure 2 shows a typical evaluation setup with single-ended analog inputs (VIN- is 50 reverse-terminated to GNDI) and a single-ended sinewave clock drive. 1) Connect a -5V power supply capable of providing -250mA to the pad marked VEE. Connect the supply's ground to the GNDI pad. Set the current limit to 500mA or less. 2) Connect a +5V power supply capable of providing 600mA to the V CC I pad. Connect the supply's ground to the GNDI pad.
ESBGA is a trademark of Amkor/Anam.
2 _______________________________________________________________________________________
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
HP8662/3A SINE-WAVE SOURCE
BPF
BALUN
PHASE LOCKED fSAMPLE, + 4dBm CLK+
VIN-
VIN+ +5V ANALOG
HP8662/3A SINE-WAVE SOURCE
-5V ANALOG
EXTERNAL 50 TERMINATION TO GNDI
CLK-
MAX104 MAX106 MAX108 EV KIT
+5V DIGITAL +3.3V DIGITAL
PC 16 DATA GPIB HP16500C DATA ANALYSIS SYSTEM DREADY+ GNDD GNDI POWER SUPPLIES
Figure 1. Typical Evaluation Setup with Differential Analog Inputs and Single-Ended Clock Drive
HP8662/3A SINE-WAVE SOURCE
BPF
PHASE LOCKED fSAMPLE, + 4dBm
EXTERNAL 50 TERMINATION TO GNDI
VIN-
VIN+ +5V ANALOG
HP8662/3A SINE-WAVE SOURCE
CLK+ -5V ANALOG
EXTERNAL 50 TERMINATION TO GNDI
CLK-
MAX104 MAX106 MAX108 EV KIT
+5V DIGITAL +3.3V DIGITAL
PC 16 DATA GPIB HP16500C DATA ANALYSIS SYSTEM DREADY+ GNDD GNDI POWER SUPPLIES
Figure 2. Typical Evaluation Setup with Single-Ended Analog Inputs and Single-Ended Clock Drive
_______________________________________________________________________________________
3
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
_______________Detailed Description
Clock Input Requirements
The MAX104/MAX106/MAX108 feature clock inputs designed for either single-ended or differential operation with very flexible input drive requirements. Each clock input is terminated with an on-chip, laser-trimmed 50 resistor to CLKCOM (clock termination return). The traces from the SMA inputs to the high-speed data converter are 50 microstrip transmission lines. The CLKCOM termination voltage may be connected anywhere between ground and -2V for compatibility with standard ECL drive levels. The side-launched SMA connectors for the clock signals are located at the lower left corner of the EV board and are labeled J3 (CLK+) and J4 (CLK-). An on-board bias generator, located between the analog and clock inputs, creates a -2V termination voltage (ECLVTT) for operation with ECL clock sources. The voltage is generated by an LM2991 voltage regulator operated from the board's -5V VEE power supply. To enable this ECLVTT bias generator, first remove shorting jumper JU2, then move jumper JU3 into its ON position. The voltage regulator has a shutdown control that requires a TTL logic-high level to enter the shutdown state. This logic level is derived from the +5V analog supply (V CC I). The EV kits are delivered with the ECLVTT bias generator turned off and CLKCOM tied to GNDI (JU2 installed). NOTE: If the regulator's shutdown logic level is not present (V CC I on first) before the V EE supply is turned on, the regulator will momentarily turn on until the VCCI supply is energized. If JU2 is installed, this will momentarily short the regulator's output to ground. The regulator is short-circuit protected so no damage will result. The regulator is further protected by limiting the VEE supply current to 500mA.
Single-Ended Clock Inputs (Sine-Wave Drive) To obtain the lowest jitter clock drive, AC- or DC-couple a low-phase-noise sine-wave source into a single clock input. Clock amplitudes of up to 1V (2Vp-p or +10dBm) can be accommodated with CLKCOM connected to GNDI. The dynamic performance of the data converter is essentially unaffected by clock-drive power levels from -10dBm to +10dBm (100mV to 1V clock signal amplitude). The dynamic performance specifications are measured with a single-ended clock drive of +4dBm (500mV clock signal amplitude). To avoid saturation of the input amplifier stage, limit the clock power level to a maximum of +10dBm. Differential Clock Inputs (ECL Drive) The MAX104/MAX106/MAX108 clock inputs may also be driven with standard ground-referenced ECL logic levels by using the on-board ECLVTT -2V bias generator as described above. It is also possible to drive the clock inputs with positive supply referenced (PECL) levels if the clock inputs are AC-coupled. With AC-coupled clock inputs, the CLKCOM termination voltage should be grounded. Single-ended DC-coupled ECL drive is possible as well, if the undriven clock input is tied to the ECL VBB voltage (-1.3V nominal).
Analog Input Requirements
The analog inputs to the ADC on the EV board are provided by two side-launch SMA connectors located on the middle left side of the EV kit. They are labeled J1 (VIN+) and J2 (VIN-). The analog inputs are terminated on-chip with precision laser-trimmed 50 NiCr resistors to GNDI. Although the analog (and clock) inputs are ESD protected, good ESD practices should always be observed. The traces from the SMA inputs to the device are 50 microstrip transmission lines. The analog inputs can be driven either single-ended or differential. Optimal performance is obtained with differential input drive due to reduction of even-order harmonic distortion. Table 1 represents single-ended input drive, and Table 2 displays differential input drive.
Table 1. Input Setup and Output Code Results for Single-Ended Analog Inputs
VIN+ +250mV +250mV - 1LSB 0V -250mV + 1LSB -250mV 4 VIN0V 0V 0V 0V 0V OVERRANGE BIT 1 0 0 0 0 OUTPUT CODE 11111111 (full scale) 11111111 01111111 toggles 10000000 00000001 00000000 (zero scale)
_______________________________________________________________________________________
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
Table 2. Input Setup and Output Code Results for Differential Analog Inputs
VIN+ +125mV +125mV - 0.5LSB 0V -125mV + 0.5LSB -125mV VIN-125mV -125mV + 0.5LSB 0V +125mV - 0.5LSB +125mV OVERRANGE BIT 1 0 0 0 0 OUTPUT CODE 11111111 (full scale) 11111111 01111111 toggles 10000000 00000001 00000000 (zero scale)
Internal Reference
The MAX104 family features an on-chip +2.5V precision bandgap reference, which can be used by shorting jumper JU5 to connect REFOUT with REFIN. If required, REFOUT can also source up to 2.5mA to supply other peripheral circuitry. To use an external reference, remove the shorting jumper on JU5 and connect the new reference voltage source to the REFIN side of JU5. Leave the REFOUT side of JU5 floating. Connect the ground of the external reference to GNDI on the EV kit. REFIN accepts an input voltage range of +2.3V to +2.7V. CAUTION: With an external reference connected, JU5 must not be installed at any time to avoid damaging the internal reference with the external reference supply.
Offset Adjust
The devices also provide a control input (VOSADJ) to eliminate any offset from additional preamplifiers driving the ADC. The VOSADJ control input is a selfbiased voltage divider from the internal +2.5V precision reference. Under normal-use conditions, the control input is left floating. The EV kits include a 10k potentiometer that is biased from the ADC's +2.5V reference. The wiper of the potentiometer connects to the VOSADJ control input through JU4. To enable the offset-adjust function, install a shorting jumper on JU4 and adjust potentiometer R2 while observing the resulting offset in the reconstructed digital outputs. The offset-adjust potentiometer offers about 5.5LSB of adjustment range. The EV kits are shipped from the factory without a shorting jumper installed on JU4.
The PECL outputs are standard open-emitter types and require external 50 termination resistors to the PECLVTT voltage for proper biasing. The termination resistors are located at the far end of each 50 microstrip transmission line, very close to the square pin headers for the logic analyzer interface. Every EV board is delivered with the PECL termination resistors installed on the back side of the board. Each output links to a 0.100 inch square 2-pin header to ease the connection to a high-speed logic analyzer such as Hewlett Packard's HP16500C. To capture the digital data from the device in demultiplexed 1:2 format, each of the 16 channels from the logic analyzer is connected to the eight primary (P0 to P7) and eight auxiliary (A0 to A7) outputs. The ADC provides differential PECL outputs, but most logic analyzers (such as the HP16500C) have single-ended acquisition pods. Connect all single-ended logic analyzer pods to the same phase (either "+" or "-") of the PECL outputs.
Data Ready (DREADY) Output
The clock pod from the logic analyzer should be connected to the DREADY+ output at JUDR+ on the EV kits. Since both the primary and auxiliary outputs change on the rising edge of DREADY+, set the logic analyzer to trigger on the falling edge. The DREADY and data outputs are internally time-aligned, which places the falling edge of DREADY+ in the approximate center of the valid data window, resulting in the maximum setup and hold time for the logic analyzer. Set the logic analyzer's threshold voltage to VCCO - 1.3V. For example, if V CC O is +3.3V, the threshold voltage should be set to +2.0V. The sample offset (trigger delay) of the logic analyzer should be set to 0ps under these conditions. It is also possible to use the DREADY- output for the acquisition clock. Under this condition, set the logic analyzer to trigger on the rising edge of the clock. Table 3 summarizes the digital outputs and their functions.
Primary and Auxiliary PECL Outputs
All PECL outputs on the EV kits are powered from the VCCO power supply, which may be operated from any voltage between +3.0V to +5.0V for flexible interfacing with either +3.3V or +5V systems. The nominal VCCO supply voltage is +3.3V.
_______________________________________________________________________________________
5
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
Table 3. PECL Outputs and Functions
PECL OUTPUT SIGNALS P0+ to P7+, P0- to P7A0+ to A7+, A0- to A7OR+, ORDREADY+, DREADYRSTIN+, RSTINRSTOUT+, RSTOUTEV KIT JUMPER LOCATION JUP0+ to JUP7+, JUP0- to JUP7JUA0+ to JUA7+, JUA0- to JUA7JUOR+, JUORJUDR+, JUDRJ5, J6 (SMA connectors) JURO+, JUROFUNCTION Primary Port Differential Outputs from LSB to MSB. A "+" indicates the true value; a "-" denotes the complementary outputs. Auxiliary Port Differential Outputs from LSB to MSB. A "+" indicates the true value; a "-" denotes the complementary outputs. Overrange's True and Complementary Outputs. Data-Ready PECL Output Latch Clock. Output data changes on the rising edge of DREADY+. Demux Reset Input Signals. Resets the internal demux when asserted. Reset Outputs--for resetting additional external demux devices.
Demultiplexer Settings
Demultiplexed DIV2 Mode This mode reduces the output data rate to one-half the sample clock rate. The demultiplexed outputs are presented in dual 8-bit format with two consecutive samples in the primary and auxiliary output ports on the rising edge of the data ready clock. To activate this mode, jumpers JU7 (DEMUXEN), JU8 (AUXEN2), and JU9 (AUXEN1) have to be in the ON position, and DIVSELECT (JU6) must be set to position 2.
NOTE: Each EV kit is shipped with jumpers JU7, JU8, and JU9 installed in the ON position and JU6 set to 2.
DEMUXEN (JU7) * OFF AUXEN2 (JU8) * OFF AUXEN1 (JU9) * OFF DIVSELECT (JU6) * 2 * 4 * ON * ON * ON
Non-Demultiplexed DIV1 Mode It is also possible to operate the ADC in a non-demultiplexed mode. In this mode, the internal demultiplexer is disabled and the sampled data is presented to the primary output port only. To consume less power, the auxiliary port can be shut down by two separate inputs (AUXEN1 and AUXEN2). To enter this mode, place jumpers JU7 (DEMUXEN), JU8 (AUXEN2), and JU9 (AUXEN1) in the OFF position. The position of the DIVSELECT (JU6) jumper is a don't care. To save additional power, remove all the 50 pull-down resistors (R5-R20) on the auxiliary output port. It is not necessary to remove the resistors; however, both the true and complementary PECL outputs will pull up to the VOH level.
DEMUXEN (JU7) * OFF AUXEN2 (JU8) * OFF AUXEN1 (JU9) * OFF DIVSELECT (JU6) X 2 X = Leave open or don't care X X 4 * ON * ON * ON
6
_______________________________________________________________________________________
MAX104/MAX106/MAX108 Evaluation Kits
Decimation DIV4 Mode In this special decimated, demultiplexed output mode, the ADC discards every other input sample and outputs data at one-quarter the input sampling rate. This mode is useful for system debugging at the resulting slower output data rates, and may be required to capture data successfully when testing the MAX108. To activate the EV board's DIV4 mode, jumpers JU7 (DEMUXEN), JU8 (AUXEN2), and JU9 (AUXEN1) have to be in the ON position, and DIVSEL has to be in position 4. Since every other sample at the input is discarded, the converter's effective sample rate will be fSAMPLE/2.
DEMUXEN * OFF AUXEN2 * OFF AUXEN1 * OFF DIVSELECT * 2 * 4 * ON * ON * ON
Evaluate: MAX104/MAX106/MAX108
Table 4. Selection Table for Demultiplexer Operation
DEMUXEN DIVSELECT DEMUX MODE DIV1 OVERRANGE BIT OUTPUT MODE Only primary port active (auxiliary port off) Primary OR auxiliary port Primary OR auxiliary port
OFF
X
ON ON
2 4
DIV2 DIV4
X = Don't care
The signals associated with the demultiplexer reset operation and the control of this section are listed in Table 5. Consult the data sheet for a more detailed description of the demultiplexer reset function, including timing diagrams.
Reset Inputs The reset circuitry accepts differential PECL inputs referenced to the same VCCO power supply that powers the ADC's PECL outputs. The reset input side-launched SMA connectors are located at the lower left side of the EV kits and are labeled RSTIN+ and RSTIN-.
For applications that do not require a synchronizing reset, the reset inputs must be left open and resistors R3 and R4 removed. In this case, they will self-bias to a proper level with internal 50k resistors and a 20A current source. This combination creates a -1V voltage difference between RSTIN+ and RSTIN- to disable the internal reset circuitry. When driven with PECL logic levels terminated with 50 to VCCO - 2V, the internal biasing network can easily be overdriven. The EV kits are shipped with these resistor positions open to allow the internal self-bias circuitry to disable the reset control input. NOTE: Do not install the 50 RSTIN termination resistors R3 and R4 unless the RSTIN input is driven with valid PECL logic levels. If the RSTIN inputs are open circuited with the 50 resistors installed, intermittent resetting of the internal demultiplexer will occur and unpredictable operation will result.
Overrange Operation
A single differential PECL overrange output bit (OR+, OR-) is provided for both primary and auxiliary demultiplexed outputs. The operation of the overrange bit depends on the status of the internal demultiplexer. In demultiplexed DIV2 mode and decimation DIV4 mode, the OR bit will flag an overrange condition if either the primary or auxiliary port contains an overranged sample (Table 4). In non-demultiplexed DIV1 mode, the OR port will flag an overrange condition only when the primary output port contains an overranged sample.
Reset Operation Requirements
A detailed description of the reset circuitry and its operation is located in each device's data sheet. To use the reset input function, install two 50 pull-down resistors at positions R3 and R4 on the back side of the EV board. These resistors are connected to the on-board PECLVTT termination generator. The RSTIN logic levels are compatible with standard PECL levels referenced from the VCCO power supply.
_______________________________________________________________________________________
7
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
Table 5. Demultiplexer Operation and Reset Control Signals
SIGNAL NAME CLK+, CLKDREADY+, DREADYRSTIN+, RSTINRSTOUT+, RSTOUTEV KIT JUMPER LOCATION J3, J4 JUDR+, JUDRJ5, J6 JURO+, JUROFUNCTION Master ADC Timing Signal. The ADC samples on the rising edge of CLK+. Data-Ready PECL Output. Output data changes on the rising edge of DREADY+. Demux Reset Input Signal. Resets the internal demux when asserted. Reset Output--for resetting additional external demux devices.
Table 6. Power-Supply and Ground Requirements and Location
POWER SUPPLY VEE = -5V VCCA = VCCI = +5V VCCD = +5V VCCO = +3.0V to +5V EV KIT JUMPER LOCATION J17 J13, J15 J11 J18 GROUND REFERENCE GNDI GNDA/GNDI GNDD GNDD EV KIT JUMPER LOCATION J16 J14, J16 J12 J12
Reset Outputs With a single device, no synchronizing reset is required since the order of the samples in the output ports is unchanged regardless of the phase of the DREADY (DREADY+, DREADY-) clock (as described in the data sheets). DREADY+ (jumper JUDR+) and DREADY(jumper JUDR-) can be found in the middle of the PECL output arc in the right center of the EV board.
On the EV kits, the reset output 2-pin headers for RSTOUT+ (jumper JURO+) and RSTOUT- (jumper JURO-) are located above the reset input SMA connectors on the lower left side of the board.
The EV kits are tested with the VCCA and VCCI supplies shorted by SP1 and SP2. There is no measurable difference in the parts' dynamic performance with the supplies separated, therefore Maxim recommends leaving the supplies connected together. CAUTION: There are no connections between GNDA/GNDI and GNDD on the EV kits. These grounds must be referenced together at the power supply to the board, or damage to the device may result! Referencing analog (GNDA/GNDI) and digital (GNDD) grounds together at a single point avoids ground loops and reduces noise pickup from the digital signals or power lines. To avoid a possible latchup condition when disassembling an application, a high-speed Schottky diode (D1, 1N5819) was added between V EE and GNDI. This diode prevents the substrate (which is connected to V EE ) from forward biasing and possibly causing a latchup condition when the VEE connector is opened.
Power Supplies
The EV kits feature separate analog and digital power supplies and grounds for best dynamic performance. The power-supply connectors are located at the top of the board and require the power supplies listed in Table 6. To simplify use of the EV kits and reduce the number of power sources required to drive the EV board, VCCA and VCCI, as well as GNDA and GNDI, are connected together by shorting straps SP1 and SP2. To separate the supplies, cut the traces at SP1 and SP2. Be sure to observe the absolute maximum voltage difference of 0.3V between the supplies if separate supplies are used. This may require back-to-back Schottky diodes between V CCA and V CCI to prevent violation of the absolute maximum ratings during power-up/down.
Board Layout
Each EV kit is a four-layer board design, optimized for high-speed signals. The board is constructed from lowloss GETek core material, which has a relative dielectric constant of 3.9 (r = 3.9). The GETek material used for the EV board offers improved high-frequency and thermal properties over standard FR4 board material. All high-speed signals are routed with 50 microstrip
8
_______________________________________________________________________________________
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
Table 7. EV Kit PCB Layers
LAYER Layer I, top layer Layer II, ground plane Layer III, power plane Layer IV, bottom layer DESCRIPTION Components, jumpers, connectors, test pads, VCCO, GNDD, GNDI, analog 50 microstrip lines, de-embedding fixtures Ground for analog 50 microstrips, GNDA, GNDD, GNDI, VCCD VEE, PECLVTT (VCCO - 2V), GNDD VCCA, VCCO, GNDI, digital 50 microstrip lines, 50 termination resistors
transmission lines. The line width for 50 microstrip is 18 mils with a ground plane height of 10 mils, which is a standard GETek core thickness. Figure 3 shows a cross-section of the EV kit layer profile. The board also features a de-embedding fixture formed from two lengths of microstrip transmission line connected between SMA connectors J9-10 and J7-8, located on the right edge of the board. The 1.50-inch line length difference between the two paths exactly matches the line length of the microstrip connecting the analog inputs. By measuring the power-loss difference between the two paths at the frequency of interest, it is possible to estimate the attenuation of the analog inputs caused by PCB losses. Figure 4 shows the measured attenuation vs. frequency for the microstrip lines connecting the analog inputs.
Special Layout Considerations A special effort was made in the board layout to separate the analog and digital portions of the circuit. 50 microstrip transmission lines are used for the analog and clock inputs as well as for the high-speed PECL digital outputs. The analog and clock transmission lines are formed on the top side of the board, while the digital transmission lines are located on the back side of the board. This reduces coupling of the high-speed digital outputs to the analog inputs. The analog and clock inputs provide on-chip, laser-trimmed 50 termination resistors for the best VSWR performance. Wherever large ground or power planes are used, care was taken to ensure that the analog planes were not overlapping with any digital planes. This eliminates the possibility of capacitively coupling digital noise through the circuit board to sensitive analog areas.
BOARD LOSS vs. INPUT FREQUENCY
18 MILS 50 0 1 oz. Cu LAYER #1 (TOP) AMPLITUDE (dB) 10 MIL GETek CORE LAYER #2 GETek PREPREG AS NEEDED LAYER #3 10 MIL GETek CORE LAYER #4 (BOTTOM) 18 MILS 50 -0.05 -0.10 -0.15 -0.20 -0.25 -0.30 -0.35 -0.40 -0.45 -0.50 1 500 1500 2500 ANALOG INPUT FREQUENCY (MHz)
Figure 3. EV Kit Layer Profile for 50 Microstrip Design
Figure 4. Analog Input Attenuation from PCB Losses
_______________________________________________________________________________________
9
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
Figure 5a. BGA PCB Pad Designs (SMD Pad)
Figure 5b. BGA PCB Pad Designs (Non-SMD Pad)
All differential digital outputs are properly terminated with 50 termination resistors on both phases of the output, even though most logic analyzers are single ended. By terminating both sides of the differential outputs, the AC current in the VCCO and GNDD supplies is reduced. This also reduces coupling of the ADC outputs back to the analog inputs and preserves the excellent SNR performance of the converter. The PECL digital outputs are arranged in an arc to match the line lengths between the ADC outputs and the logic analyzer connectors. The lengths of the 50 microstrip lines are matched to within 0.050 inch to minimize layoutdependent data skew between the bits. The propagation delay on the EV board is about 134ps per inch.
copper etch quality control. The SMD pad (Figure 5a) has a solder-mask opening that is smaller than the copper land area. This means that the solder-mask alignment and etch quality will control the pad dimensions. Since the edges of the copper do not need to extend under the solder mask as with the SMD pad, the pad can either be made larger or can provide more line routing space between adjacent pads. There is room to route a single 50 microstrip trace (18 mils wide) between the BGA mounting pads on the EV kits. The copper land diameter is 25 mils, while the solder mask opening is 30 mils.
Die Temperature Measurement
It is possible to determine the die temperature of the ADC under normal operating conditions by observing the currents ICONST and IPTAT. These are two nominally 100A currents designed to be equal at 27C. The currents are derived from the internal precision +2.5V bandgap reference of the ADC. Their test pads (J21 and J22) are labeled ICONST and IPTAT and are located just above the analog inputs. The simplest method of determining die temperature is to measure each current with an ammeter referenced to GNDI, as described in the data sheets. The die temperature in C is then calculated by the expression: TDIE = 300
ESBGA Device Pad Design An excellent reference on the assembly and design of PCBs with BGA devices is "Application Notes on Surface Mount Assembly of Amkor/Anam BGA Packages." This publication is available from Amkor/Anam, 1900 S. Price Road, Chandler AZ, 85248, phone: (602) 821-5000.
As described in the above applications note, there are two possibilities for defining PCB pads for mounting BGA devices: solder mask defined (SMD) and nonsolder mask defined (non-SMD, copper defined). The EV kits' design employs nonsolder mask defined pads. Figure 5 shows the layout of each of these pad types. The non-SMD (Figure 5b) pad has a solder-mask opening that is larger than the copper land area. This means that the size of the mounting pad is controlled by the

IPTAT - 273 ICONST
10
______________________________________________________________________________________
J11 J17 VEE
D1
VCCD C7 0.01F C31 10F VCCI C37 47pF GNDI ON JU3 OFF 1 3 2 GNDI GNDI C8 0.01F SP2 SP1 4 GND C46 10F U4 LM2991 4 GND OUT PECLVTT 1 IN 3 ADJ ON/OFF 2 GNDD 5 C42 47pF C43 47pF R53 243 C44 47pF C45 47pF J19 R51 243 R52 158 C47 0.01F ECLVTT C48 10F C15 47pF C16 47pF C2 0.01F C32 0.01F C3 47pF C4 47pF C5 47pF C6 47pF C10 0.01F
J12
C1 10F
C33 47pF
C34 47pF
C35 47pF
C36 47pF
Figure 6. MAX104/MAX106/MAX108 EV Kits Schematic
2 ON/OFF 1 3 ADJ IN J20 C9 0.01F C22 47pF C23 47pF C24 47pF C25 47pF OUT 5 U3 LM2991 C49 0.01F C50 47pF R54 158
GNDD
GNDD
J13
VCCA
J14
C13 10F
C14 0.01F
GNDA
J15
VCCI
J16
C20 10F
C21 0.01F
GNDI
J18
VCCO
C40 10F
C41 0.01F
C11 0.01F
MAX104/MAX106/MAX108 Evaluation Kits
Evaluate: MAX104/MAX106/MAX108
______________________________________________________________________________________
GNDD
11
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
J7 VTT C51 0.01F C12 0.01F GNDD VCCO VTT C53 0.01F C18 0.01F J9 GNDD VCCO
J8
J10
VTT C58 0.01F C29 0.01F GNDD
VCCO
VTT C52 0.01F C17 0.01F GNDD
VCCO
NOTE: THESE JUMPERS FORM THE DE-EMBEDDING FIXTURE. TERMINATION RESISTOR TO VTT R28 R29 R30 R38 R37 R36 R35 R34 R33 R32 R31 R27 R26 R25 R24 R23 R22 R21 R20 R19 R18 R17 R16 R15 R14 R13 R12 R11 R10 R9 R8 R7 R6 R5 R44 R45 R46 R47
JUMPER JUOR+ JUORJUP7+ JUP7JUP6+ JUP6JUP5+ JUP5JUP4+ JUP4JUP3+ JUP3JUP2+ JUP2JUP1+ JUP1JUP0+ JUP0JUA7+ JUA7JUA6+ JUA6JUA5+ JUA5JUA4+ JUA4JUA3+ JUA3JUA2+ JUA2JUA1+ JUA1JUA0+ JUA0JUDRJUDR+ JUROJURO+
VTT C59 0.01F C30 0.01F GNDD
VCCO
VTT C57 0.01F C28 0.01F GNDD
VCCO
EXAMPLE FOR PECL OUTPUT JUMPER AND TERMINATION. (EACH OUTPUT ON THE EV KIT IS TERMINATED LIKE THIS.) JUOR+
JUOR+ VCCO
VTT C58 0.01F C27 0.01F GNDD
R28 49.9 GNDD PECLVTT
VTT C55 0.01F C26 0.01F GNDD
VCCO
VTT C54 0.01F C19 0.01F GNDD
VCCO
Figure 6. MAX104/MAX106/MAX108 EV Kits Schematic (continued)
12 ______________________________________________________________________________________
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
VCCD ON 3 JU7 OFF 1 VCCD GNDD 4 JU5 2 1 GNDI REFOUT 1 R2 10k 3 GNDI J1 J2 GNDI GNDI GNDI GNDI VTT J5 R3* 49.9 J6 GNDI GNDI VTT R4* 49.9 GNDI J3 J4 JU2 VCLKCOM 2 JU4 J21 ICONST IPTAT P2 T.P. F1 VOSADJ J22 E1 E2 L1 J1 T1 P1 R1 V10 U10 A9 B5 B10 R19 D18 A12 ICONST IPTAT VIN+ VINCLK+ CLKCLKCOM RSTIN+ RSTINVCCA VCCI VCCD AUXEN1 AUXEN2 VCCO DIVSEL DEMUXEN OR+ ORP7+ P7P6+ P6P5+ P5P4+ P4P3+ P3P2+ P2P1+ P1P0+ P0A7+ A7A6+ A6A5+ A5A4+ A4A3+ A3A2+ A2A1+ A1A0+ A0GNDD D17 E18 V12 U12 V14 U14 V16 U16 N18 N17 L18 L17 H18 H17 F18 F17 B14 C14 B12 C12 V13 U13 V15 U15 P18 P17 M18 M17 J18 J17 G18 G17 B15 C15 B13 C13 2 3 2 GNDD
U1 MAX104 MAX106 MAX108
GNDD GNDD REFOUT REFIN
VEE VEE VEE VEE GNDA
SP1
VCCI VCCD ON 1 2 JU9 GNDD VCCO GNDD OFF 3 ON 1 OFF 3
GNDR
VCCA
JUOR+ JUORJUP7+ JUP7JUP6+ JUP6JUP5+ JUP5JUP4+ JUP4JUP3+ JUP3JUP2+ JUP2JUP1+ JUP1JUP0+ JUP0JUA7+ JUA7JUA6+ JUA6JUA5+ JUA5JUA4+ JUA4JUA3+ JUA3JUA2+ JUA2JUA1+ JUA1JUA0+ JUA0JUDRJUDR+ JUROJURO+
B3 U2 F3 E3 A8 A1 B11 C7
SP2 VEE GNDI GNDA GNDD REFOUT 2 JU8 JU5 GNDI
*NOT INSTALLED
Figure 6. MAX104/MAX106/MAX108 EV Kits Schematic (continued)
______________________________________________________________________________________ 13
V11 U11 K18 K17
C6
B6
RSTOUT+ RSTOUTDREADY+ DREADY-
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
1.0"
Figure 7. MAX104/MAX106/MAX108 EV Kits Component Placement Guide--Component Side (Layer I)
14 ______________________________________________________________________________________
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
1.0"
Figure 8. MAX104/MAX106/MAX108 EV Kits Component Placement Guide--Solder Side (Layer IV)
______________________________________________________________________________________ 15
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
1.0"
Figure 9. MAX104/MAX106/MAX108 EV Kits PC Board Layout--Component Side (Layer I)
16 ______________________________________________________________________________________
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
1.0"
Figure 10. MAX104/MAX106/MAX108 EV Kits PC Board Layout--GND Plane (Layer II)
______________________________________________________________________________________ 17
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
1.0"
Figure 11. MAX104/MAX106/MAX108 EV Kits PC Board Layout--Power Plane (Layer III)
18 ______________________________________________________________________________________
MAX104/MAX106/MAX108 Evaluation Kits Evaluate: MAX104/MAX106/MAX108
1.0"
Figure 12. MAX104/MAX106/MAX108 EV Kits PC Board Layout--Solder Side (Layer IV)
______________________________________________________________________________________ 19
MAX104/MAX106/MAX108 Evaluation Kits Evaluates: MAX104/MAX106/MAX108
NOTES
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX104EVKIT-MAX108EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X