Part Number Hot Search : 
ECCM7 KVX3201A HT46R0 39200 M188R6 CHPZ6V2 2SC4682 93100
Product Description
Full Text Search
 

To Download MA2C195 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Diodes
MA2C195 (MA195)
Silicon epitaxial planar type
Unit : mm
For switching circuits I Features
* Low forward dynamic resistance rf * Small terminal capacitance, Ct
1st Band 2nd Band COLORED BAND INDICATES CATHODE
0.45 max. 1
0.2 max.
I Absolute Maximum Ratings Ta = 25C
Parameter Reverse voltage (DC) Repetitive peak reverse voltage Average forward current Repetitive peak forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature Note) * : t = l s Symbol VR VRRM IF(AV) I FRM IFSM Tj Tstg Rating 35 35 100 225 500 200 -55 to +200 Unit V V mA mA mA C C
0.2 max.
2 1.75 max.
1 : Cathode 2 : Anode JEDEC : DO-34
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Symbol IR1 IR2 IR3 Forward voltage (DC) Reverse voltage (DC) Terminal capacitance Forward dynamic resistance Reverse recovery time* VF VR Ct rf trr VR = 15 V VR = 30 V VR = 35 V, Ta = 150C IF = 100 mA IR = 100 A VR = 0 V, f = 1 MHz IF = 3 mA, f = 30 MHz IF = 10 mA, VR = 1 V Irr = 0.1 * IR, RL = 100 35 4 2.5 0.2 Conditions Min Typ Max 0.005 0.01 100 1.2 Unit A A A V V pF ms
Note) 1. Rated input/output frequency: 2.5 kHz 2. * : trr measuring circuit
Bias Application Unit N-50BU tr 10% Input Pulse tp t IF trr t Irr = 0.1 * IR IF = 10 mA VR = 1 V RL = 100 Output Pulse
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
I Cathode Indication
Type No. Color 1st Band 2nd Band MA2C195 White White
Note) The part number in the parenthesis shows conventional part number.
13 min.
2.2 0.3
13 min.
199
MA2C195
IF V F
103
Switching Diodes
VF Ta
1.0
103
IR V R
102
Forward current IF (mA)
0.8
102
Ta = 150C
Forward voltage VF (V)
IF = 10 mA 0.6 3 mA
10
Reverse current IR (A)
10
100C
1
Ta = 150C 100C 25C
1 mA 0.4 0.1 mA 0.2
1
10-1
- 20C
10-1
25C
10-2
0
0.2
0.4
0.6
0.8
1.0
1.2
0 -40
10-2
0
40
80
120
160
0
10
20
30
40
50
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
Ct VR
6 100
rf IF
Forward dynamic resistance rf ()
f = 1 MHz Ta = 25C f = 30 MHz
Terminal capacitance Ct (pF)
5
10
4
3
1
2
0.1
1
0
0
10
20
30
40
50
60
0.01 0.1
0.3
1
3
10
30
100
Reverse voltage VR (V)
Forward current IF (mA)
200
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of MA2C195

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X