Part Number Hot Search : 
HS772 103MN BCR149F RN5VL22A IRF620N CM8628 MSIW2000 106K0
Product Description
Full Text Search
 

To Download MA27V11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Variable Capacitance Diodes
MA27V11
Silicon epitaxial planar type
Unit: mm
For VCO s Features
* Good linearity and large capacitance-ratio in CD - VR relation * High frequency type by this low capacitance * Ultraminiature Package 1.0 mm x 0.6 mm (height: 0.52 mm), optimum for high-density mounting and high-speed mounting
0.27+0.05 -0.02 2
0.10+0.05 -0.02
1.000.05
1.400.05
1 0.600.05 5
Parameter Reverse voltage (DC) Junction temperature Storage temperature
Symbol VR Tj Tstg
Rating 8 125 -55 to +125
Unit V C C
0 to 0.01
1: Anode 2: Cathode SSSMini2-F1 Package
Marking Symbol: D
s Electrical Characteristics Ta = 25C 3C
Parameter Reverse current (DC) Diode capacitance Symbol IR CD(1V) CD(4V) Capacitance ratio Series resistance * CD(1V)/CD(4V) rD VR = 4 V, f = 470 MHz VR = 5 V VR = 1 V, f = 1 MHz VR = 4 V, f = 1 MHz 2.77 1.23 2.16 Conditions Min Typ Max 10 3.01 1.34 2.34 0.35 Unit nA pF
Note) 1. Rated input/output frequency: 470 MHz 2. * : Measuring instrument; YHP MODEL 4191A RF IMPEDANCE ANALYZER
0.15 max.
0.520.03
s Absolute Maximum Ratings Ta = 25C
0.15 min.
5
0.15 min.
Publication date: April 2002
SKD00059AED
1
MA27V11
I F VF
160 140
CD VR
10 f = 1 MHz Ta = 25C 1.031 f = 1 MHz 1.026
CD Ta
VR = 1 V
25C Ta = 60C
Forward current IF (mA)
120 100 80 60 40
Diode capacitance CD (pF)
1.021
CD (Ta) CD (Ta = 25C)
1.016 1.011 1.006 4V 1.001 0.996 0.991
1
-40C 20 0 0 0.2 0.4 0.6 0.8 1.0 1.2
0.1 0 5 10 15 20 25
0.986 0 10 20 30 40 50 60 70 80 90
Forward voltage VF (V)
Reverse voltage VR (V)
Ambient temperature Ta (C)
IR T a
1 000 VR = 5 V
Reverse current IR (nA)
100
10
1 0 5 10 15 20 25 30
Ambient temperature Ta (C)
2
SKD00059AED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of MA27V11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X