Part Number Hot Search : 
88SE9 TA124 LC810 LC810 00500 SQ4435EY EKB12 D100N
Product Description
Full Text Search
 

To Download J202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J201 / J202 / MMBFJ201 / MMBFJ202
Discrete POWER & Signal Technologies
J201 J202
MMBFJ201 MMBFJ202
G
D G SD
TO-92
SOT-23
Mark: 62P / 62Q
S
N-Channel General Purpose Amplifier
This device is designed primarily for low level audio and general purpose applications with high impedance signal sources. Sourced from Process 52.
Absolute Maximum Ratings*
Symbol
VDG VGS IGF TJ ,Tstg Drain-Gate Voltage Gate-Source Voltage Forward Gate Current
TA = 25C unless otherwise noted
Parameter
Value
40 - 40 50 -55 to +150
Units
V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient J201 / J202 625 5.0 83.3 200
Max
*MMBFJ201 350 2.8 357
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
(c)1997 Fairchild Semiconductor Corporation
J201 / J202 / MMBFJ201 / MMBFJ202
N-Channel General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)GSS IGSS VGS(off) Gate-Source Breakdown Voltage Gate Reverse Current Gate-Source Cutoff Voltage IG = - 1.0 A, VDS = 0 VGS = - 20 V, VDS = 0 VDS = 20 V, ID = 10 nA J201 J202 - 0.3 - 0.8 - 40 -100 - 1.5 - 4.0 V pA V V
ON CHARACTERISTICS
IDSS Zero-Gate Voltage Drain Current* VDS = 20 V, IGS = 0 J201 J202 0.2 0.9 1.0 4.5 mA mA
SMALL SIGNAL CHARACTERISTICS
yfs Forward Transfer Admittance VDS = 20, f = 1.0 kHz J201 J202 500 1000 mhos mhos
*Pulse Test: Pulse Width 300 S
Typical Characteristics
Parameter Interactions Common Drain-Source
J201 / J202 / MMBFJ201 / MMBFJ202
N-Channel General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Transfer Characteristics
Transfer Characteristics
Leakage Current vs. Voltage
Noise Voltage vs. Frequency
Transconductance vs. Drain Current
Output Conductance vs. Drain Current
J201 / J202 / MMBFJ201 / MMBFJ202
N-Channel General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Capacitance vs. Voltage
Common Source Characteristics
Input Admittance Forward Transadmittance
Output Admittance
Reverse Transadmittance
J201 / J202 / MMBFJ201 / MMBFJ202
N-Channel General Purpose Amplifier
(continued)
Common Gate Characteristics
Input Admittance Forward Transadmittance
Output Admittance
Reverse Transadmittance
J201 / J202 / MMBFJ201 / MMBFJ202
N-Channel General Purpose Amplifier
(continued)


▲Up To Search▲   

 
Price & Availability of J202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X