Part Number Hot Search : 
FR35231 PN2222 TDA8405 APE0504 M27C32 TEA6850 PG12864 KBU603
Product Description
Full Text Search
 

To Download HF15050S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF150-50S
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI HF150-50S is a 50 V epitaxial transistor designed for SSB communications. The device utilizes emitter ballastiong for ruggedness.
PACKAGE STYLE .500 4L STUD (A)
.112 x 45 A O .630 NOM C E E D
FEATURES:
* PG = 14 dB min. at 150 W/30 MHz * IMD3 = 100 dBc max. at 150 W(PEP) * OmnigoldTM Metalization System * Common Emitter configuration
BC
B E
G 1/4-28 UNF-2A F H
MAXIMUM RATINGS
IC VCBO VEBO VCEO PDISS TJ TSTG JC 10 A 110 V 4.0 V 55 V 233 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 0.75 C/W
DIM A B C D E F G H .185 / 4.70 .497 / 12.62 .545 / 13.84 .495 / 12.57 .003 / 0.08 MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59
.230 / 5.84 1.050 / 26.67 .555 / 14.10 .505 / 12.83 .007 / 0.18 .830 / 21.08 .198 / 5.03 .530 / 13.46
ORDER CODE: ASI10613
CHARACTERISTICS
SYMBOL
BVCBO BVCES BVCEO BVEBO ICEO ICES hFE Cob GP IMD3 C
TC = 25 C
NONETEST CONDITIONS
IC = 100 mA IC = 100 mA IC = 100 mA IE = 10 mA VCE = 30 V VE = 60 V VCE = 6 V VCB = 50 V IC = 1.4 A f = 1.0 MHz
MINIMUM TYPICAL MAXIMUM
110 110 55 4.0 5 5 18 43.5 220 14
UNITS
V V V V mA mA --pF dB dBc %
REV. C
VCE = 50 V
ICQ =100 mA
POUT = 150 W(PEP) f2 = 30.001 MHz 37
-30
f1 = 30.000 MHz
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
1/1


▲Up To Search▲   

 
Price & Availability of HF15050S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X