Part Number Hot Search : 
2KBP04 EC3A04B 2SD1915 N4R7M 1N4763 EC3A04B PIC12 21N50
Product Description
Full Text Search
 

To Download HD74ALVC2G04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74ALVC2G04
Triple Inverter Buffers
ADE-205-631 (Z) Rev. 0 July. 2001 Description
The HD74ALVC2G04 has triple inverters in a 8 pin package. Low voltage and high speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
* The basic gate function is lined up as hitachi uni logic series. * Supplied on emboss taping for high speed automatic mounting. * Supply voltage range : 1.2 to 3.6 V Operating temperature range : -40 to +85C * All inputs VIH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V) All outputs VO (Max.) = 3.6 V (@VCC = 0 V) * Output current 2 mA (@VCC = 1.2 V) 4 mA (@VCC = 1.4 V to 1.6 V) 6 mA (@VCC = 1.65 V to 1.95 V) 18 mA (@VCC = 2.3 V to 2.7 V) 24 mA (@VCC = 3.0 V to 3.6 V) * Package type
Package type SSOP-8 pin Package code TTP-8DB Package suffix US Taping code E (3,000 pcs / Reel)
HD74ALVC2G04
Outline and Article Indication
* HD74ALVC2G04
Index band Lot No.
YMW A04
SSOP-8 Type No.
Y : Year code (the last digit of year) M : Month code W : Week code
Function Table
Input A H L H: L: High level Low level Output Y L H
Rev.0, Jul. 2001, page 2 of 10
HD74ALVC2G04
Pin Arrangement
1A
1
8
VCC
3Y
2
7
1Y
2A
3
6
3A
GND
4
5
2Y
(Top view)
Absolute Maximum Ratings
Item Supply voltage range Input voltage range
*1 *1, 2
Symbol VCC VI VO IIK IOK IO ICC or IGND PT Tstg
Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VCC+0.5 -0.5 to 4.6 -50 50 50 100 200 -65 to 150
Unit V V V
Conditions
Output voltage range
Output : H or L VCC : OFF
Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation *3 at Ta = 25C (in still air) Storage temperature Notes:
mA mA mA mA mW C
VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
Rev.0, Jul. 2001, page 3 of 10
HD74ALVC2G04
Recommended Operating Conditions
Item Supply voltage range Input voltage range Output voltage range Output current Symbol VCC VI VO IOH Min 1.2 0 0 IOL Input transition rise or fall rate t / v Ta 0 0 Operating free-air temperature -40 Note: Unused or floating inputs must be held high or low. Max 3.6 3.6 VCC -2 -4 -6 -18 -24 2 4 6 18 24 20 10 85 C ns / V Unit V V V mA VCC = 1.2 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 1.2 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 1.2 to 2.7 V VCC = 3.30.3 V Conditions
Rev.0, Jul. 2001, page 4 of 10
HD74ALVC2G04
Electrical Characteristics
(Ta = -40 to 85C)
Item Input voltage Symbol VIH VCC (V) 1.2 1.4 to 1.6 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6 VIL 1.2 1.4 to 1.6 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6 Output voltage VOH Min to Max 1.2 1.4 1.65 2.3 3.0 VOL Min to Max 1.2 1.4 1.65 2.3 3.0 Input current Quiescent supply current Output leakage current Input capacitance IIN ICC IOFF CIN 3.6 3.6 0 3.3
*
Min VCCx0.7 VCCx0.7 1.7 2.0 VCC-0.2 0.9 1.1 1.2 1.7 2.2
Typ 5.0
Max VCCx0.25 VCCx0.3 VCCx0.3 0.7 0.8 0.2 0.3 0.3 0.3 0.55 0.55 5 10 5
Unit V
Test conditions
VCCx0.75
V
IOH = -100 A IOH = -2 mA IOH = -4 mA IOH = -6 mA IOH = -18 mA IOH = -24 mA IOL = 100 A IOL = 2 mA IOL = 4 mA IOL = 6 mA IOL = 18 mA IOL = 24 mA
A A A pF
VIN = 3.6 V or GND VIN = VCC or GND, IO = 0 VIN or VO = 0 to 3.6 V VIN = VCC or GND
Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Rev.0, Jul. 2001, page 5 of 10
HD74ALVC2G04
Switching Characteristics
(Ta = -40 to 85C) * VCC = 1.2 V
Symbol tPLH tPHL Min Typ 5.0 Max Unit ns Test conditions CL = 15 pF FROM (Input) A TO (Output) Y
Item Propagation delay time
*
VCC = 1.50.1 V
Symbol tPLH tPHL Min 2.0 Typ Max 7.0 Unit ns Test conditions CL = 15 pF FROM (Input) A TO (Output) Y
Item Propagation delay time
*
VCC = 1.80.15 V
Symbol tPLH tPHL Min 1.5 Typ Max 5.0 Unit ns Test conditions CL = 30 pF FROM (Input) A TO (Output) Y
Item Propagation delay time
*
VCC = 2.50.2 V
Symbol tPLH tPHL Min 1.0 Typ Max 3.5 Unit ns Test conditions CL = 30 pF FROM (Input) A TO (Output) Y
Item Propagation delay time
*
VCC = 3.30.3 V
Symbol tPLH tPHL Min 1.0 Typ Max 2.5 Unit ns Test conditions CL = 30 pF FROM (Input) A TO (Output) Y
Item Propagation delay time
Rev.0, Jul. 2001, page 6 of 10
HD74ALVC2G04
Operating Characteristics
(Ta = 25C)
Item Power dissipation capacitance Symbol CPD VCC (V) 1.5 1.8 2.5 3.3 Min Typ 10.0 10.0 11.0 12.0 Max Unit pF Test conditions f = 10 MHz
Test Circuit
VCC
Pulse Generator Z out = 50
Input Output
CL
RL
Symbol RL CL
V CC = 1.2 V, V = 2.50.2 V, V = 1.80.15 V CC 1.50.1 V CC 3.30.3 V 2.0 k 15 pF 1.0 k 30 pF 500 30 pF
Note: CL includes probe and jig capacitance.
Rev.0, Jul. 2001, page 7 of 10
HD74ALVC2G04
Waveforms
tr tf
90% Input V ref 10%
90% V ref 10%
VIH
GND t PLH VOH
t PHL
Output
V ref
V ref VOL
Symbol tr / t f V IH V ref
V CC = 1.2 V, 1.50.1 V, V CC = 2.50.2 V 1.80.15 V 2.0 ns VCC 50% 2.5 ns VCC 50%
V CC = 3.30.3 V 2.5 ns 2.7 V 1.5 V
Note: Input waveform : PRR = 10 MHz, duty cycle 50%
Rev.0, Jul. 2001, page 8 of 10
HD74ALVC2G04
Package Dimensions
1.50
As of January, 2001
(0.4)
+ 0.05 0.13 - 0.03
0.5 0.5 0.5
Unit: mm
0 - 0.1
2.3 0.1
8 - 0.2 - 0.04 2.0 0.1
+ 0.05
(0.17)
(0.4)
0.7 0.1
3.1 0.1
Hitachi Code JEDEC EIAJ Mass (reference value)
TTP-8DB 0.25 g
Rev.0, Jul. 2001, page 9 of 10
HD74ALVC2G04
Disclaimer
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Sales Offices
Hitachi, Ltd.
Semiconductor & Integrated Circuits Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica Europe Asia Japan
: : : :
http://semiconductor.hitachi.com/ http://www.hitachi-eu.com/hel/ecg http://sicapac.hitachi-asia.com http://www.hitachi.co.jp/Sicd/indx.htm
Hitachi Asia Ltd. Hitachi Tower 16 Collyer Quay #20-00 Singapore 049318 Tel : <65>-538-6533/538-8577 Fax : <65>-538-6933/538-3877 URL : http://www.hitachi.com.sg Hitachi Asia Ltd. (Taipei Branch Office) 4/F, No. 167, Tun Hwa North Road Hung-Kuo Building Taipei (105), Taiwan Tel : <886>-(2)-2718-3666 Fax : <886>-(2)-2718-8180 Telex : 23222 HAS-TP URL : http://www.hitachi.com.tw Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon Hong Kong Tel : <852>-(2)-735-9218 Fax : <852>-(2)-730-0281 URL : http://semiconductor.hitachi.com.hk
For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe Ltd. Electronic Components Group Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 585200 Hitachi Europe GmbH Electronic Components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00
Copyright (c) Hitachi, Ltd., 2001. All rights reserved. Printed in Japan.
Colophon 4.0
Rev.0, Jul. 2001, page 10 of 10


▲Up To Search▲   

 
Price & Availability of HD74ALVC2G04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X