Part Number Hot Search : 
C74HC2 HC230 2SC4591 TLMG3100 RJP63F3 SC1601G L475D N5401
Product Description
Full Text Search
 

To Download BSH1034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
andbook, halfpage
M3D088
BSH103 N-channel enhancement mode MOS transistor
Product specification Supersedes data of 1998 Jan 30 File under Discrete Semiconductors, SC13b 1998 Feb 11
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
FEATURES * Very low threshold * High-speed switching * No secondary breakdown * Direct interface to C-MOS, TTL etc. APPLICATIONS * Power management * DC to DC converters * Battery powered applications * `Glue-logic'; interface between logic blocks and/or periphery * General purpose switch.
1 Top view 2
MAM273
BSH103
PINNING - SOT23 PIN 1 2 3 SYMBOL g s d gate source drain DESCRIPTION
handbook, halfpage
3 d
g s
DESCRIPTION N-channel enhancement mode MOS transistor in a SOT23 SMD package. QUICK REFERENCE DATA SYMBOL VDS VSD VGS VGSth ID RDSon Ptot PARAMETERS drain-source voltage (DC) source-drain diode forward voltage gate-source voltage (DC) gate-source threshold voltage drain current (DC) drain-source on-state resistance total power dissipation VDS = VGS ; ID = 1 mA Ts = 80 C VGS = 2.5 V; ID = 0.5 A Ts = 80 C CAUTION VGD = 0; IS = 0.5 A CONDITIONS - - - 0.4 - - - MIN.
Fig.1 Simplified outline and symbol.
MAX. 30 1 8 - 0.85 0.5 0.5 V V V V A W
UNIT
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
1998 Feb 11
2
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDS VGS ID IDM Ptot PARAMETER drain-source voltage (DC) gate-source voltage (DC) drain current (DC) peak drain current total power dissipation Ts = 80 C; note 1 note 2 Ts = 80 C Tamb = 25 C; note 3 Tamb = 25 C; note 4 Tstg Tj IS ISM Notes 1. Ts is the temperature at the soldering point of the drain lead. 2. Pulse width and duty cycle limited by maximum junction temperature. 3. Device mounted on printed-circuit board with an Rth a-tp (ambient to tie-point) of 27.5 K/W. 4. Device mounted on printed-circuit board with an Rth a-tp (ambient to tie-point) of 90 K/W. storage temperature operating junction temperature Ts = 80 C note 2 CONDITIONS - - - - - - - -55 -55 - - MIN.
BSH103
MAX. 30 8 0.85 3.4 0.5 0.75 0.54 +150 +150 V V A A
UNIT
W W W C C
Source-drain diode source current (DC) peak pulsed source current 0.5 2 A A
MGM190
MBK502
handbook, halfpage
0.6
handbook, halfpage
10
Ptot (W) 0.4
IDS (A)
(2)
1
(1)
10-1 P 0.2 10-2 tp 0 0 40 80 120 Ts (C) 160 10-3 10-1 T 1 10 VDS (V) 102 t
= T
tp
DC
= 0.01; Ts = 80 C. (1) RDSon limitation. (2) Pulsed.
Fig.2 Power derating curve.
Fig.3 SOAR.
1998 Feb 11
3
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
THERMAL CHARACTERISTICS SYMBOL Rth j-s PARAMETER thermal resistance from junction to soldering point VALUE 140
BSH103
UNIT K/W
103 handbook, full pagewidth Rth j-s (K/W) =1 0.75 0.5 0.33 0.2 0.1 10 0.05 0.02 0.01 1 10-6 0 10-5 10-4 10-3 10-2 10-1 tp (s) tp T t P
MBK503
102
=
tp T
1
Fig.4
Transient thermal resistance from junction to soldering point as a function of pulse time; typical values.
1998 Feb 11
4
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)DSS VGSth IDSS IGSS RDSon PARAMETER drain-source breakdown voltage gate-source threshold voltage drain-source leakage current gate leakage current drain-source on-state resistance CONDITIONS VGS = 0; ID = 10 A VGS = VDS ; ID = 1 mA VGS = 0; VDS = 24 V VGS = 8 V; VDS = 0 VGS = 4.5 V; ID = 0.5 A VGS = 2.5 V; ID = 0.5 A VGS = 1.8 V; ID = 0.25 A Ciss Coss Crss QG QGS QGD input capacitance output capacitance reverse transfer capacitance total gate charge gate-source charge gate-drain charge VGS = 0; VDS = 24 V; f = 1 MHz VGS = 0; VDS = 24 V; f = 1 MHz VGS = 0; VDS = 24 V; f = 1 MHz VGS = 4.5 V; VDD = 15 V; ID = 0.5 A; Tamb = 25 C VDD = 15 V; ID = 0.5 A; Tamb = 25 C VDD = 15 V; ID = 0.5 A; Tamb = 25 C VGS = 0 to 8 V; VDD = 15 V; ID = 0.5 A; Rgen = 6 VGS = 0 to 8 V; VDD = 15 V; ID = 0.5 A; Rgen = 6 VGS = 0 to 8 V; VDD = 15 V; ID = 0.5 A; Rgen = 6 VGS = 8 to 0 V; VDD = 15 V; ID = 0.5 A; Rgen = 6 VGS = 8 to 0 V; VDD = 15 V; ID = 0.5 A; Rgen = 6 VGS = 8 to 0 V; VDD = 15 V; ID = 0.5 A; Rgen = 6 VGD = 0; IS = 0.5 A IS = 0.5 A; di/dt = -100 A/s MIN. 30 0.4 - - - - - - - - - - - - - - - - - - 83 27 14 2100 95 670 TYP.
BSH103
MAX. - - 100 100 0.4 0.5 0.6 - - - - - -
UNIT V V nA nA pF pF pF pC pC pC
Switching times td(on) tf ton td(off) tr toff turn-on delay time fall time turn-on switching time turn-off delay time rise time turn-off switching time - - - - - - 2.5 3.5 6 20 7 27 - - - - - - ns ns ns ns ns ns
Source-drain diode VSD trr source-drain diode forward voltage reverse recovery time - - - 25 1 - V ns
1998 Feb 11
5
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
BSH103
handbook, full pagewidth
VDD Vin RL Vout 0
90 %
10 %
90 % Vin Vout 10 % 0 td(on) tf
MAM274
td(off) tr toff
ton
Fig.5 Switching times test circuit with input and output waveforms.
handbook, halfpage
5
MBK507
16 VDS 14 (V)
handbook, halfpage (3)(4) (5) (1)(2)
4
MBK505
VGS (V) 4 12 10
ID (A) 3
(6)
3
2 8
(1) (2)
(7)
2
6 1 4
(8)
1 2 0 1000 1000 1600 1800 1800 2000 2200 200 400 600 800 0 0
(9)
0 0 2 4 6 8 10 VDS (V)
QG (pC) VDD = 15 V; ID = 0.5 A; Tamb = 25 C. (1) VDS. (2) VGS.
Tamb = 25 C; tp = 300 s; = 0. (1) (2) (3) (4) VGS = 7.5 V. VGS = 5.5 V. VGS = 4.5 V. VGS = 3.5 V.
(5) (6) (7) (8)
VGS = 3 V. VGS = 2.5 V. VGS = 2 V. VGS = 1.5 V. (9) VGS = 1 V.
Fig.6
Gate-source and drain-source voltages as functions of total gate charge; typical values.
Fig.7
Output characteristics; typical values.
1998 Feb 11
6
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
BSH103
handbook, halfpage
4
MBK506
handbook, halfpage
300
MBK504
ID (A) 3
C (pF) 200
2
100 1 Ciss
0 0 1 2 VGS (V) 3
0 0 10 20
Coss Crss VDS (V) 30
VDS = 10 V; Tamb = 25 C; tp = 300 s; = 0.
VGS = 0 ; f = 1 MHz; Tamb = 25 C.
Fig.9 Fig.8 Transfer characteristic; typical values.
Capacitance as a function of drain-source voltage; typical values.
handbook, halfpage
2
MBK508
IS (A)
handbook, halfpage
10
MBK509
RDSon ()
(1) (2) (3) (4)
1.6
1.2
(5) (6)
1 0.8
(1)
(2)
(3)
0.4
0
10-1 0 0.4 0.8 VSD (V) 1.2
0
2
4
6
8
10 VGS (V)
VGD = 0. (1) Tamb = 150 C. (2) Tamb = 25 C. (3) Tamb = -65 C.
Tamb = 25 C; tp = 300 s; = 0. (1) ID = 0.1 A. (2) ID = 0.22 A. (3) ID = 0.45 A. (4) ID = 0.9 A. (5) ID = 1.8 A. (6) ID = 3.6 A.
Fig.10 Source current as a function of source-drain diode forward voltage; typical values.
Fig.11 Drain-source on-state resistance as a function of gate-source voltage; typical values.
1998 Feb 11
7
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
BSH103
MBK510
handbook, halfpage
1.2
handbook, halfpage
(1)
1.6
MBK511
k k 1.2 0.8
(2)
0.8
0.4 0.4
0 -65
-15
35
85
135
185 Tj (C)
0 -65
-15
35
85
135
185 Tj (C)
V GSth at T j k = ------------------------------------- . V GSth at 25C
VGSth at VDS = VGS; ID = 1 mA.
R DSon at T j k = ---------------------------------------- . R DSon at 25 C
(1) RDSon at VGS = 4.5 V; ID = 0.5 mA. (2) RDSon at VGS = 2.5 V; ID = 0.5 mA.
Fig.12 Temperature coefficient of gate-source threshold voltage as a function of junction temperature; typical values.
Fig.13 Temperature coefficient of drain-source on-resistance as a function of junction temperature; typical values.
1998 Feb 11
8
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
PACKAGE OUTLINE Plastic surface mounted package; 3 leads
BSH103
SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
1998 Feb 11
9
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BSH103
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1998 Feb 11
10
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
NOTES
BSH103
1998 Feb 11
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
Internet: http://www.semiconductors.philips.com
SCA57
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
135108/00/04/pp12
Date of release: 1998 Feb 11
Document order number:
9397 750 03303


▲Up To Search▲   

 
Price & Availability of BSH1034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X