Part Number Hot Search : 
37101 PC1006 LXF0805G MAX809J 25LC0 5930YR 4ALVCH16 C1200
Product Description
Full Text Search
 

To Download BLW83 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLW83
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI BLW83 is Designed for use in transmitting amplifiers operatimg in theh.f. and v.h.f. bands and for applications as linear amplifier in class-A and AB.
PACKAGE STYLE .380 4L FLG
B .112 x 45 A
FEATURES:
* PG = 20 dB min. at 10 W/30 MHz * IMD3 = -30 dBc max. at 10 W(PEP) * OmnigoldTM Metalization System
F
E B
C D E
C E
O.125 NOM. FULL R J .125
MAXIMUM RATINGS
IC VCES VCEO VEBO PDISS TJ TSTG JC 3.0 A 65 V 36 V 4.0 V 80 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 2.2 C/W
DIM A B C D E F G H I J .240 / 6.10 .004 / 0.10 .085 / 2.16 .160 / 4.06 MINIMUM
inches / mm
I GH
MAXIMUM
inches / mm
.220 / 5.59 .785 / 19.94 .720 / 18.29 .970 / 24.64
.230 / 5.84
.730 / 18.54 .980 / 24.89 .385 / 9.78 .006 / 0.15 .105 / 2.67 .180 / 4.57 .280 / 7.11 .255 / 6.48
CHARACTERISTICS
SYMBOL
BVCES BVCEO BVEBO ICES hFE Cob GPE IMD3 IC = 10 mA IC = 50 mA IE = 10 mA VCE = 36 V VCE = 5.0 V
TC = 25 C
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
65 36 4.0 5
UNITS
V V V mA --pF
IC = 1.25 A f = 1.0 MHz ICQ = 25 mA f = 30 MHz
10 100 20 21 -30
100
VCB = 12.5 V VCC = 26 V POUT = 10 W(PEP)
---
dB dB
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of BLW83

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X