Part Number Hot Search : 
FO112 IRF7311 MAX984 36510 P6SMB68A AN663 ON1072 HVP350
Product Description
Full Text Search
 

To Download BLF368 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLF368
RF POWER VDMOS TRANSISTOR
DESCRIPTION:
The ASI BLF368 is a Dual Common Source N-Channel EnhancementMode VDMOS. designed for RF Applications.
PACKAGE STYLE .385X.850 4LFG
MAXIMUM RATINGS
ID VDSS VGS PDISS TJ TSTG JC 27 A 70 V 20 V 465 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 0.35 C/W
1 & 2 = DRAIN 3 & 4 = GATE 5 = SOURCE
CHARACTERISTICS
SYMBOL
BVDSS IDSS IGSS VGS gM RDSON IDSAT Ciss Coss Crss Gps VDS = 28 V VDS = 0 V
TC = 25 C
TEST CONDITIONS
IDS = 120 mA VGS = 0 V VGS = 0 V VGS = 30 V VGS = VDS VGS = 5.0 V IDS = 15 A VDS = 10 V VGS = 0 V IDQ = 1.2 A f = 1.0 MHz Pout = 300 W
MINIMUM
65
TYPICAL
MAXIMUM
6.0 1.0
UNITS
V mA A V mho A pF dB % Relative
IDS = 600 mA VDS = 10 V VGS = 20 V VGS = 20 V VDS = 28 V VDS = 28 V f = 175 MHz
1.0 7.2 5.0 42 300 192 18 13 55
7.0
20:1
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/1


▲Up To Search▲   

 
Price & Availability of BLF368

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X