Part Number Hot Search : 
MC3356DW BLW31 BLW31 12105 A1201 3AB10 PFS704 SML12
Product Description
Full Text Search
 

To Download BGY585A4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D252
BGY585A 550 MHz, 18.2 dB gain push-pull amplifier
Product specification Supersedes data of 1999 Mar 26 2001 Oct 18
Philips Semiconductors
Product specification
550 MHz, 18.2 dB gain push-pull amplifier
FEATURES * Excellent linearity * Extremely low noise * Silicon nitride passivation * Rugged construction * Optimal reliability ensured by TiPtAu metallized crystals. DESCRIPTION Hybrid amplifier module for CATV systems operating over a frequency range of 40 to 550 MHz at a voltage supply of 24 V (DC). Intended for use as a final amplifier. QUICK REFERENCE DATA SYMBOL Gp Itot PARAMETER power gain total current consumption (DC) CONDITIONS f = 50 MHz f = 550 MHz VB = 24 V MIN. 17.7 18.8 - TYP. - - 220 PINNING - SOT115J PIN 1 2 3 5 7 8 9 DESCRIPTION input common common +VB common common output
Side view
fpage
BGY585A
PIN CONFIGURATION
1
2
3
8 579
MSA319
Fig.1 Simplified outline.
MAX. 18.7 20 240
UNIT dB dB mA
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL Vi Tstg Tcase RF input voltage storage temperature case operating temperature PARAMETER - -40 -20 MIN. MAX. 65 +100 +100 UNIT dBmV C C
2001 Oct 18
2
Philips Semiconductors
Product specification
550 MHz, 18.2 dB gain push-pull amplifier
CHARACTERISTICS Table 1 Bandwidth 40 to 550 MHz; Tcase = 30 C; ZS = ZL = 75 PARAMETER power gain slope cable equivalent flatness of frequency response input return losses CONDITIONS f = 50 MHz f = 550 MHz SL FL S11 f = 40 to 550 MHz f = 40 to 550 MHz f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 550 MHz S22 output return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 550 MHz CTB Xmod CSO d2 Vo F Itot Notes 1. fp = 55.25 MHz; Vp = 44 dBmV; fq = 493.25 MHz; Vq = 44 dBmV; measured at fp + fq = 548.5 MHz. 2. Measured according to DIN45004B; fp = 540.25 MHz; Vp = Vo; fq = 547.25 MHz; Vq = Vo -6 dB; fr = 549.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 538.25 MHz. 3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V. composite triple beat cross modulation composite second order distortion second order distortion output voltage noise figure total current consumption (DC) MIN. 17.7 18.8 0.5 - 20 19 18 20 19 18 TYP. - - - - - - - - - - - - - - - - 220
BGY585A
SYMBOL Gp
MAX. 18.7 20 2 0.2 - - - - - - -59 -62 -59 -72 - 8 240
UNIT dB dB dB dB dB dB dB dB dB dB dB dB dB dB dBmV dB mA
77 channels flat; Vo = 44 dBmV; - measured at 547.25 MHz 77 channels flat; Vo = 44 dBmV; - measured at 55.25 MHz 77 channels flat; Vo = 44 dBmV; - measured at 548.5 MHz note 1 dim = -60 dB; note 2 f = 550 MHz VB = 24 V; note 3 - 61.5 - -
2001 Oct 18
3
Philips Semiconductors
Product specification
550 MHz, 18.2 dB gain push-pull amplifier
Table 2 Bandwidth 40 to 450 MHz; Tcase = 30 C; ZS = ZL = 75 PARAMETER power gain slope cable equivalent flatness of frequency response input return losses CONDITIONS f = 50 MHz f = 450 MHz SL FL S11 f = 40 to 450 MHz f = 40 to 450 MHz f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 450 MHz S22 output return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 450 MHz CTB Xmod CSO d2 Vo F Itot Notes 1. fp = 55.25 MHz; Vp = 46 dBmV; fq = 391.25 MHz; Vq = 46 dBmV; measured at fp + fq = 446.5 MHz. 2. Measured according to DIN45004B; fp = 440.25 MHz; Vp = Vo; fq = 447.25 MHz; Vq = Vo -6 dB; fr = 449.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 438.25 MHz. 3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V. composite triple beat cross modulation composite second order distortion second order distortion output voltage noise figure total current consumption (DC) MIN. 17.7 18.6 0.5 - 20 19 18 20 19 18 TYP. - - - - - - - - - - - - - - - - 220
BGY585A
SYMBOL Gp
MAX. 18.7 19.8 1.8 0.2 - - - - - - -61 -61 -61 -75 - 7 240
UNIT dB dB dB dB dB dB dB dB dB dB dB dB dB dB dBmV dB mA
60 channels flat; Vo = 46 dBmV; - measured at 445.25 MHz 60 channels flat; Vo = 46 dBmV; - measured at 55.25 MHz 60 channels flat; Vo = 46 dBmV; - measured at 446.5 MHz note 1 dim = -60 dB; note 2 f = 450 MHz VB = 24 V; note 3 - 64 - -
2001 Oct 18
4
Philips Semiconductors
Product specification
550 MHz, 18.2 dB gain push-pull amplifier
PACKAGE OUTLINE Rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
BGY585A
SOT115J
D E Z p
A2 1 A L F S W d U2 B yMB p Q e e1 q2 q1 yMB yMB b wM 2 3 5 7 8 9
c
U1
q
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT A2 A max. max. 9.1 b c d D E max. max. max. e e1 F L min. 8.8 p 4.15 3.85 Q max. 2.4 q q1 q2 S U1 U2 max. 8 W w y 0.1 Z max. 3.8
mm 20.8
0.51 0.25 27.2 2.54 13.75 2.54 5.08 12.7 0.38
38.1 25.4 10.2
4.2 44.75
6-32 0.25 UNC
OUTLINE VERSION SOT115J
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-02-06
2001 Oct 18
5
Philips Semiconductors
Product specification
550 MHz, 18.2 dB gain push-pull amplifier
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
BGY585A
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2001 Oct 18
6
Philips Semiconductors
Product specification
550 MHz, 18.2 dB gain push-pull amplifier
NOTES
BGY585A
2001 Oct 18
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613518/04/pp8
Date of release: 2001
Oct 18
Document order number:
9397 750 08802


▲Up To Search▲   

 
Price & Availability of BGY585A4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X