Part Number Hot Search : 
STRLPBF LA7356 BZX84C24 MC68HC90 10BQ060 SH708009 G1541 MA2J728
Product Description
Full Text Search
 

To Download BFS172 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BFS17 NPN 1 GHz wideband transistor
Product specification File under Discrete Semiconductors, SC14 September 1995
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
DESCRIPTION NPN transistor in a plastic SOT23 package. APPLICATIONS * A wide range of RF applications such as: - Mixers and oscillators in TV tuners - RF communications equipment. PINNING PIN 1 2 3 base emitter collector DESCRIPTION
Marking code: E1p. 1 Top view 2
MSB003
BFS17
handbook, halfpage
3
Fig.1 SOT23.
QUICK REFERENCED DATA SYMBOL VCBO VCEO IC Ptot fT F PARAMETER collector-base voltage collector-emitter voltage DC collector current total power dissipation transition frequency noise figure up to Ts = 70 C; note 1 IC = 25 mA; VCE = 5 V; f = 500 MHz; Tj = 25 C IC = 2 mA; VCE = 5 V; RS = 50 ; f = 500 MHz; Tj = 25 C open emitter open base CONDITIONS - - - - 1 4.5 TYP. MAX. 25 15 25 300 - - UNIT V V mA mW GHz dB
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCEO VEBO IC ICM Ptot Tstg Tj PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage DC collector current peak collector current total power dissipation storage temperature junction temperature up to Ts = 70 C; note 1 open base open collector CONDITIONS open emitter - - - - - - -65 - MIN. MAX. 25 15 2.5 25 50 300 +150 150 UNIT V V V mA mA mW C C
Note to the Quick reference data and the Limiting values 1. Ts is the temperature at the soldering point of the collector pin.
September 1995
2
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
THERMAL CHARACTERISTICS SYMBOL Rth j-s Note 1. Ts is the temperature at the soldering point of the collector pin. CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL ICBO hFE fT Cc Ce Cre F PARAMETER collector cut-off current DC current gain transition frequency collector capacitance emitter capacitance feedback capacitance noise figure CONDITIONS IE = 0; VCB = 10 V IC = 2 mA; VCE = 1 V IC = 25 mA; VCE = 1 V IC = 2 mA; VCE = 5 V; f = 500 MHz IC = 25 mA; VCE = 5 V; f = 500 MHz IE = ie = 0; VCB = 10 V; f = 1 MHz IC = ic = 0; VEB = 0.5 V; f = 1 MHz IC = 1 mA; VCE = 5 V; f = 1 MHz IC = 2 mA; VCE = 5 V; RS = 50 ; f = 500 MHz MIN. - 25 25 - - - - - - TYP. - 90 90 1 1.6 0.8 - 0.65 4.5 PARAMETER thermal resistance from junction to soldering point CONDITIONS up to Ts = 70 C; note 1 VALUE 260
BFS17
UNIT K/W
MAX. 10 - - - - 1.5 2 - -
UNIT nA
GHz GHz pF pF pF dB
September 1995
3
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17
handbook, halfpage
100
MEA395
handbook, halfpage
2.0
MEA396
Cc (pF)
hFE
1.6
1.2 50 0.8
0.4
0 0 10 20 IC (mA) 30
0 0 10 20 VCB (V) 30
VCE = 1 V; Tj = 25 C.
IE = ie = 0; f = 1 MHz; Tj = 25 C.
Fig.2
DC current gain as a function of collector current.
Fig.3
Collector capacitance as a function of collector-base voltage.
handbook, halfpage
2
MEA393
handbook, halfpage
10
MEA397
fT (GHz)
F (dB)
1
5
0 0 10 20 IC (mA) 30
0 0 4 8 12 16 20 IC (mA)
VCE = 5 V; f = 500 MHz; Tj = 25 C.
VCE = 5 V; RS = 50 ; f = 500 MHz; Tj = 25 C.
Fig.4
Transition frequency as a function of collector current.
Fig.5
Minimum noise figure as a function of collector current.
September 1995
4
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
PACKAGE OUTLINE Plastic surface mounted package; 3 leads
BFS17
SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
September 1995
5
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
BFS17
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1995
6


▲Up To Search▲   

 
Price & Availability of BFS172

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X