Part Number Hot Search : 
7C109V33 ADUM5400 IRF14 SPT7710 MMBZ5256 MAX4090 K2677 A43AR15
Product Description
Full Text Search
 

To Download BFG1353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BFG135 NPN 7GHz wideband transistor
Product specification File under discrete semiconductors, SC14 1995 Sep 13
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
DESCRIPTION NPN silicon planar epitaxial transistor in a plastic SOT223 envelope, intended for wideband amplifier applications. The small emitter structures, with integrated emitter-ballasting resistors, ensure high output voltage capabilities at a low distortion level. The distribution of the active areas across the surface of the device gives an excellent temperature profile. PINNING PIN 1 2 3 4 base emitter collector DESCRIPTION emitter
age
BFG135
4
1
Top view
2
3
MSB002 - 1
Fig.1 SOT223. QUICK REFERENCE DATA SYMBOL VCBO VCEO IC Ptot hFE fT GUM PARAMETER collector-base voltage collector-emitter voltage DC collector current total power dissipation DC current gain transition frequency maximum unilateral power gain up to Ts = 145 C (note 1) IC = 100 mA; VCE = 10 V; Tj = 25 C IC = 100 mA; VCE = 10 V; f = 1 GHz; Tamb = 25 C IC = 100 mA; VCE = 10 V; f = 500 MHz; Tamb = 25 C IC = 100 mA; VCE = 10 V; f = 800 MHz; Tamb = 25 C Vo output voltage open base CONDITIONS open emitter - - - - 80 - - - MIN. - - - - 130 7 16 12 850 TYP. MAX. 25 15 150 1 - - - - - GHz dB dB mV UNIT V V mA W
dim = -60 dB; IC = 100 mA; VCE = 10 V; - RL = 75 ; Tamb = 25 C; f(p+q-r) = 793.25 MHz
LIMITING VALUES In accordance with the Absolute Maximum System (IEC 134). SYMBOL VCBO VCEO VEBO IC Ptot Tstg Tj Note 1. Ts is the temperature at the soldering point of the collector tab. 1995 Sep 13 2 PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage DC collector current total power dissipation storage temperature junction temperature up to Ts = 145 C (note 1) open emitter open base open collector CONDITIONS - - - - - -65 - MIN. MAX. 25 15 2 150 1 150 175 UNIT V V V mA W C C
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
THERMAL CHARACTERISTICS SYMBOL Rth j-s Note 1. Ts is the temperature at the soldering point of the collector tab. CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL ICBO hFE Cc Ce Cre fT GUM PARAMETER collector cut-off current DC current gain collector capacitance emitter capacitance feedback capacitance transition frequency maximum unilateral power gain CONDITIONS IE = 0; VCB = 10 V IC = 100 mA; VCE = 10 V IE = ie = 0; VCB = 10 V; f = 1 MHz IC = ic = 0; VEB = 0.5 V; f = 1 MHz IC = 0; VCE = 10 V; f = 1 MHz IC = 100 mA; VCE = 10 V; f = 1 GHz; Tamb = 25 C IC = 100 mA; VCE = 10 V; f = 500 MHz; Tamb = 25 C IC = 100 mA; VCE = 10 V; f = 800 MHz; Tamb = 25 C Vo d2 output voltage second order intermodulation distortion note 1 note 2 IC = 90 mA; VCE = 10 V; VO = 50 dBmV; Tamb = 25 C; f(p+q) = 450 MHz; fp = 50 MHz; fq = 400 MHz IC = 90 mA; VCE = 10 V; VO = 50 dBmV; Tamb = 25 C; f(p+q) = 810 MHz; fp = 250 MHz; fq = 560 MHz Notes 1. dim = -60 dB (DIN 45004B); IC = 100 mA; VCE = 10 V; RL = 75 ; Tamb = 25 C; Vp = Vo at dim = -60 dB; fp = 445.25 MHz; Vq = Vo -6 dB; fq = 453.25 MHz; Vr = Vo -6 dB; fr = 455.25 MHz; measured at f(p+q-r) = 443.25 MHz. 2. dim = -60 dB (DIN 45004B); IC = 100 mA; VCE = 10 V; RL = 75 ; Tamb = 25 C; Vp = Vo at dim = -60 dB; fp = 795.25 MHz; Vq = Vo -6 dB; fq = 803.25 MHz; Vr = Vo -6 dB; fr = 805.25 MHz; measured at f(p+q-r) = 793.25 MHz. MIN. - 80 - - - - - - - - - TYP. - 130 2 7 1.2 7 16 12 900 850 -58 PARAMETER thermal resistance from junction to soldering point CONDITIONS up to Ts = 145 C (note 1)
BFG135
THERMAL RESISTANCE 30 K/W
MAX. 1 - - - - - - - - - -
UNIT A pF pF pF GHz dB dB mV mV dB
-
-53
-
dB
1995 Sep 13
3
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
handbook, full pagewidth
,, ,
L6 C4 C5 VBB L5 C3 L3 C6 R1 R2 input 75 C1 L1 L2 L4 DUT C7 C2 R3 R4
MBB284
VCC
output 75
Fig.2 Intermodulation distortion and second order intermodulation distortion test circuit.
List of components (see test circuit) DESIGNATION C1, C3, C5, C6 C2, C7 C4 (note 1) L1 L2 L3 (note 1) L4 L5 L6 (note 1) R1 R2 (note 1) R3, R4 Note 1. Components C4, L3, L6 and R2 are mounted on the underside of the PCB. The circuit is constructed on a double copper-clad printed circuit board with PTFE dielectric (r = 2.2); thickness 1 1 16 inch; thickness of copper sheet 32 inch. DESCRIPTION multilayer ceramic capacitor multilayer ceramic capacitor miniature ceramic plate capacitor microstripline microstripline 1.5 turns 0.4 mm copper wire microstripline Ferroxcube choke 0.4 mm copper wire metal film resistor metal film resistor metal film resistor 75 5 25 10 200 27 H nH k length 30 mm 2322 180 73103 2322 180 73201 2322 180 73279 VALUE 10 1 10 75 75 UNIT nF pF nF length 7 mm; width 2.5 mm length 22mm; width 2.5 mm int. dia. 3 mm; winding pitch 1 mm length 19 mm; width 2.5 mm 3122 108 20153 DIMENSIONS CATALOGUE NO. 2222 590 08627 2222 851 12108 2222 629 08103
1995 Sep 13
4
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
handbook, full pagewidth
VBB C3 VCC C5
R1
R3 L3
L5
75 input
C1 L1 C2 R2 R4 L6 C4 L2
C6 L4 C7
75 output
MBB299
andbook, full pagewidth
80 mm
60 mm
MBB298
handbook, full pagewidth
MBB297
Fig.3 Intermodulation distortion test printed-circuit board.
1995 Sep 13
5
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
MBB300
MBB294
handbook, halfpage P
1.2
tot (W)
handbook, halfpage
160
1.0
h FE
0.8
120
0.6
0.4
80
0.2
0 0 50 100 150 Ts 200 ( o C)
40 0 40 80 120 160 I C (mA)
VCE = 10 V; Tj = 25 C.
Fig.5 Fig.4 Power derating curve.
DC current gain as a function of collector current.
MBB295
handbook, halfpage
3
handbook, halfpage
8
MBB296
C re (pF)
fT (GHz) 6 2
4
1 2
0 0 4 8 12 16 20 VCB (V)
0 0 40 80 120 I C (mA) 160
IE = 0; f = 1 MHz; Tj = 25 C.
VCE = 10 V; f = 1 GHz; Tamb = 25 C.
Fig.6
Feedback capacitance as a function of collector-base voltage.
Fig.7
Transition frequency as a function of collector current.
1995 Sep 13
6
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
MBB292
MBB293
handbook, halfpage
45
d im (dB)
handbook, halfpage
45
d im (dB)
50
50
55
55
60
60
65
65
70 20
40
60
80
100 120 I C (mA)
70 20
40
60
80
100 120 I C (mA)
VCE = 10 V; Vo = 900 mV; Tamb = 25 C; f(p+q-r) = 443.25 MHz.
VCE = 10 V; Vo = 850 mV; Tamb = 25 C; f(p+q-r) = 793.25 MHz.
Fig.8
Intermodulation distortion as a function of collector current.
Fig.9
Intermodulation distortion as a function of collector current.
MBB291
MBB290
handbook, halfpage
45
d2 (dB)
handbook, halfpage
45
d2 (dB)
50
50
55
55
60
60
65
65
70 20
40
60
80
100 120 I C (mA)
70 20
40
60
80
100 120 I C (mA)
VCE = 10 V; Vo = 50 dBmV; Tamb = 25 C; f(p+q) = 450 MHz.
VCE = 10 V; Vo = 50 dBmV; Tamb = 25 C f(p+q) = 810 MHz.
Fig.10 Second order intermodulation distortion as a function of collector current.
Fig.11 Second order intermodulation distortion as a function of collector current.
1995 Sep 13
7
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
handbook, halfpage Z
60 50
MEA951
L ()
handbook, halfpage
50
MEA952
ZL () 40 RL
40 30 20 10
RL 30
20
10 0 -10 XL 0 0.25 0.50 0.75 1.0 POUT (W) 0 0 0.5 1 XL POUT (W) 1.5
VCE = 7.5 V; f = 900 MHz.
VCE = 10 V; f = 900 MHz.
Fig.12 Load impedance as a function of output power.
Fig.13 Load impedance as a function of output power.
handbook, halfpage
60
MEA953
MEA948
ZL ()
handbook, halfpage
10
50 RL
Zi () 8 ri xi 6
40
30 4 20 XL 2
10
0 0 0.5 1 P (W) 1.5 OUT
0 0 0.25 0.50 0.75 1.0 P (W) OUT
VCE = 12.5 V; f = 900 MHz.
VCE = 7.5 V; f = 900 MHz.
Fig.14 Load impedance as a function of output power.
Fig.15 Input impedance as a function of output power.
1995 Sep 13
8
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
MEA949
MEA950
handbook, halfpage
10
handbook, halfpage
10
Zi () 8 ri
Zi () 8 ri
6
xi
6 xi 4
4
2
2
0 0 0.5 1 POUT (W) 1.5
0 0 0.5 1 POUT (W) 1.5
VCE = 10 V; f = 900 MHz.
VCE = 12.5 V; f = 900 MHz.
Fig.16 Input impedance as a function of output power.
Fig.17 Input impedance as a function of output power.
MEA947
MEA945
handbook, halfpage
80
handbook, halfpage
1.5
(%) 70 V CE = 12.5 V 7.5 V 60 10 V
V CE = 12.5 V
P OUT (W)
10 V 1 7.5 V
0.5 50
40 0 0.5 1 POUT (W) 1.5
0 0 100 200 P IN (mW) 300
f = 900 MHz.
f = 900 MHz.
Fig.18 Efficiency as a function of output power.
Fig.19 Output power as a function of input power.
1995 Sep 13
9
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
MEA946
MBB289
handbook, halfpage
10
handbook, halfpage
40
Gp (dB) 8
G UM V CE 12.5 V = (dB) 30
6 10 V 20 7.5 V 4 10 2
0 0 0.5 1 POUT (W) 1.5
0 10
102
103
f (MHz)
104
IC = 100 mA; VCE = 10 V; Tamb = 25 C. f = 900 MHz.
Fig.20 Power gain as a function of output power.
Fig.21 Maximum unilateral power gain as a function of frequency.
1995 Sep 13
10
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
50
handbook, full pagewidth
25
100
10
250
+j 0 -j 10 25 50 100 250
10
250
25 50 IC = 100 mA; VCE = 10 V; Tamb = 25 C; Zo = 50 ..
100
MBB288
Fig.22 Common emitter input reflection coefficient (S11).
90 o
handbook, full pagewidth
120 o
60 o
150 o
30 o
180 o
50
40
30
20
10
0o
150 o
30 o
120 o 90 o IC = 100 mA; VCE = 10 V; Tamb = 25 C.
60 o
MBB286
Fig.23 Common emitter forward transmission coefficient (S21). 1995 Sep 13 11
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
90 o
handbook, full pagewidth
120 o
60 o
150 o
30 o
180 o
0.1 0.2
0.3 0.4
0.5
0.6
0o
150 o
30 o
120 o 90 o IC = 100 mA; VCE = 10 V; Tamb = 25 C.
60 o
MBB285
Fig.24 Common emitter reverse transmission coefficient (S12).
50
handbook, full pagewidth
25
100
10
250
+j 0 -j 10 25 50 100 250
10
250
25 50 IC = 100 mA; VCE = 10 V; Tamb = 25 C; Zo = 50 ..
100
MBB287
Fig.25 Common emitter output reflection coefficient (S22). 1995 Sep 13 12


▲Up To Search▲   

 
Price & Availability of BFG1353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X