Part Number Hot Search : 
IRFZ44R TPS843 1N4747 BD4148SE MAG3110 24S12 CEIDL369 01AE3
Product Description
Full Text Search
 

To Download BDW94CF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BDW94CF PNP Epitaxial Silicon Transistor
July 2005
BDW94CF
PNP Epitaxial Silicon Transistor
Power Linear and Switching Application
* Power Darlington TR * Complement to BDW93CF Respectively
1
TO-220F 2.Collector 3.Emitter
1.Base
Absolute Maximum Ratings
Symbol
VCBO VCEO IC ICP IB PC TJ TSTG Collector-Base Voltage Collector-Emitter Voltage Collector Current (DC) Collector Current (Pulse) * Base Current
Ta = 25C unless otherwise noted
Parameter
Value
-100 -100 -12 -15 -0.2 30 150 -65 ~ 150
Units
V V A A A W C C
Collector Dissipation (TC = 25C) Junction Temperature Storage Temperature
TC = 25C unless otherwise noted
Electrical Characteristics
Symbol
VCEO(sus) ICBO ICEO IEBO hFE
Parameter
Collector-Emitter Sustaining Voltage Collector Cut-off Current Collector Cut-off Current Emitter Cut-off Current DC Current Gain *
Conditions
IC -100mA, IB = 0 VCB = -100V, IE = 0 VVCE = -100V, IB = 0 VEB = -5V, IC = 0 VCE = -3V, IC = -3A VCE = -3V, IC = -5A VCE = -3V, IC = -10A IC = -5A, IB = -20mA IC = -10A, IB = -100mA IC = -5A, IB = -20mA IC = -10A, IB = -100mA IF = -5A IF = -10A
Min.
-100
Typ.
Max
-100 -1 -2
Units
V A mA mA
1000 750 100
20000 -2 -3 -2.5 -4 -1.3 -1.8 -2 -4 V V V V V V
VCE(sat) VBE(sat) VF
Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage * Parallel Diode Forward Voltage *
* Pulse Test: PW = 300s, Duty Cycle = 1.5% Pulsed
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
BDW94CF Rev. A
BDW94CF PNP Epitaxial Silicon Transistor
Package Marking and Ordering Information
Device Marking
BDW94CF
Device
BDW94CF
Package
TO-220F
Reel Size
-
Tape Width
-
Quantity
50
Typical Performance Characteristics
Figure 1. DC Current Gain
100k
Figure 2. Collector-Emitter Saturation Voltage
-10
VCE = -3V
10k
VCE(sat) [V], SATURATION VOLTAGE
IC= 250 IB
hFE, DC CURRENT GAIN
-1
1k
100 -0.1
-1
-10
-100
-0.1 -0.1
-1
-10
-100
IC [A], COLLECTOR CURRENT
IC [A], COLLECTOR CURRENT
Figure 3. Base-Emitter On Voltage
-20
Figure 4. Output Capacitance
1000
VCE= -3V
f=1MHz IE=0
IC [A], COLLECTOR CURRENT
-16
-12
Cob[pF], CAPACTIANCE
100
-8
-4
-0 -0.0
-0.8
-1.6
-2.4
-3.2
-4.0
10
-1
-10
-100
VBE [V], BASE-EMITTER VOLTAGE
VCB [V], COLLECTOR-BASE VOLTAGE
BDW94CF Rev. A
2
www.fairchildsemi.com
BDW94CF PNP Epitaxial Silicon Transistor
Mechanical Dimensions
TO-220F
3.30 0.10
10.16 0.20 (7.00)
o3.18 0.10
2.54 0.20 (0.70)
6.68 0.20
15.80 0.20
(1.00x45)
MAX1.47
9.75 0.30
0.80 0.10
(3 ) 0
0.35 0.10 2.54TYP [2.54 0.20]
#1 0.50 -0.05 2.54TYP [2.54 0.20]
4.70 0.20
+0.10
2.76 0.20
9.40 0.20
BDW94CF Rev. A
3
15.87 0.20
Dimensions in Millimeters
www.fairchildsemi.com
BDW94CF PNP Epitaxial Silicon Transistor BDW94CF PNP Epitaxial Silicon Transistor
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I16
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
4 BDW94CF Rev. A
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of BDW94CF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X