Part Number Hot Search : 
FES3J 50006 SC244308 MMAD11 IT247 GP30J LM1100A 1212S
Product Description
Full Text Search
 

To Download BAS40-05V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D744
BAS40-05V Schottky barrier diodes
Product specification 2002 Nov 21
Philips Semiconductors
Product specification
Schottky barrier diodes
FEATURES * Low forward voltage * Absorbs very high surge pulse * Low capacitance * Ultra small SMD plastic package * Flat leads giving excellent coplanarity and improved thermal behaviour. APPLICATIONS * Ultra high-speed switching * Voltage clamping * Board space critical applications. DESCRIPTION The BAS40-05V consists of two dual Schottky barrier diodes with common cathodes and integrated guard ring for stress protection. Two separate dice are encapsulated in a SOT666 ultra small SMD plastic package.
6 handbook, halfpage 5 4
BAS40-05V
PINNING PIN 1 2 3 4 5 6 anode (a1) anode (a2) common cathode (k2) anode (a3) anode (a4) common cathode (k1) DESCRIPTION
6
5
4
1 Top view
2
3
1
MBL746
2
3
Marking code: 65
Fig.1
Simplified outline (SOT666) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL Per diode VR IF IFRM IFSM Tstg Tj Tamb continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current storage temperature junction temperature operating ambient temperature tp < 1 s; < 0.5 t = 8.3 ms half sinewave; JEDEC method - - - - -65 - -65 40 120 120 200 +150 150 +150 V mA mA mA C C C PARAMETER CONDITIONS MIN. MAX. UNIT
2002 Nov 21
2
Philips Semiconductors
Product specification
Schottky barrier diodes
ELECTRICAL CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL Per diode VF continuous forward voltage see Fig.2; note 1 IF = 1 mA IF = 10 mA IF = 40 mA IR reverse current see Fig.3; note 1 VR = 30 V VR = 40 V Cd Note 1. Pulsed test: tp = 300 s; = 0.02. THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. Refer to SOT666 standard mounting conditions. Soldering The only recommended soldering is reflow soldering. PARAMETER thermal resistance from junction to ambient note 1 CONDITIONS diode capacitance VR = 0 V; f = 1 MHz; see Fig.5 1 PARAMETER CONDITIONS
BAS40-05V
MAX.
UNIT
380 500 1
mV mV V A A pF
10 5
VALUE 225
UNIT K/W
2002 Nov 21
3
Philips Semiconductors
Product specification
Schottky barrier diodes
GRAPHICAL DATA
MLC361
BAS40-05V
102 handbook, halfpage IF (mA) 10
103 handbook, halfpage IR (A)
(1)
MLC362
102
10
(1) (2) (3) (4)
1 1 10-1 10-1
(2)
(3)
10-2
0
0.2
0.4
0.6
0.8
VF (V)
1
10-2 0 (1) Tamb = 150 C. (2) Tamb = 85 C. (3) Tamb = 25 C. 10 20 30 VR (V) 40
(1) Tamb = 150 C. (2) Tamb = 85 C.
(3) Tamb = 25 C. (4) Tamb = -40 C.
Fig.2
Forward current as a function of forward voltage; typical values.
Fig.3
Reverse current as a function of reverse voltage; typical values.
10 3 handbook, halfpage r diff () 102
MLC364
MLC363
handbook, halfpage
5 Cd (pF)
4
3
2 10 1
1 10 1
1
10
IF (mA)
10
2
0 0 10 20 30 VR (V) 40
f = 10 kHz.
f = 1 MHz; Tamb = 25 C.
Fig.4
Differential forward resistance as a function of forward current; typical values.
Fig.5
Diode capacitance as a function of reverse voltage; typical values.
2002 Nov 21
4
Philips Semiconductors
Product specification
Schottky barrier diodes
PACKAGE OUTLINE Plastic surface mounted package; 6 leads
BAS40-05V
SOT666
D
A
E
X
S
YS HE
6
5
4
pin 1 index A
1
e1 e
2
bp
3
wMA Lp detail X
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.6 0.5 bp 0.27 0.17 c 0.18 0.08 D 1.7 1.5 E 1.3 1.1 e 1.0 e1 0.5 HE 1.7 1.5 Lp 0.3 0.1 w 0.1 y 0.1
OUTLINE VERSION SOT666
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 01-01-04 01-08-27
2002 Nov 21
5
Philips Semiconductors
Product specification
Schottky barrier diodes
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
BAS40-05V
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2002 Nov 21
6
Philips Semiconductors
Product specification
Schottky barrier diodes
NOTES
BAS40-05V
2002 Nov 21
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2002
SCA74
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/01/pp8
Date of release: 2002
Nov 21
Document order number:
9397 750 10546


▲Up To Search▲   

 
Price & Availability of BAS40-05V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X