Part Number Hot Search : 
AK2572 QS5U12TR 411KFE0 RE0208DA 32S64A MSK4222 12B24D 4073B
Product Description
Full Text Search
 

To Download BA328F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio ICs
Dual preamplifier
BA328 / BA328F
The BA328 and BA328F are monolithic, dual-preamplifier ICs designed for car-audio systems. They require few external components and allow compact set designs while reducing the number of assembly processes.
FApplications Car and home stereos
FFeatures 1) Low noise. 2) Wide operating power supply voltage range. 3) Built-in bias circuit minimizes the number of external components required.
4) High open loop gain. 5) Good channel balance.
FInternal circuit diagram
212
Audio ICs
FAbsolute maximum ratings (Ta = 25_C)
BA328 / BA328F
FRecommended operating voltage range (Ta = 25_C)
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, f= 1kHz, RL = 10k and RE = 100)
213
Audio ICs
FMeasurement circuit
BA328 / BA328F
FAttached components CIN: input coupling capacitor The recommended value is 10F. If the value of the capacitor is too small the characteristics at power on will deteriorate. CO: Output coupling capacitor No particular requirements. A value of 4.7 to 22F is appropriate. CE: AC signal bypass capacitor The recommended value is 47F. This capacitor sets the bass gain. If a capacitor larger than the recommended value is used, the bass-region gain will increase, but the characteristics at power on will deteriorate. If the value of the capacitor is made smaller than the recommended value, the bass-region gain will be lower, but the power on characteristics will improve. C1 and R1 Ripple filter components The larger R1 and C1 are made, the better the ripple rejection ratio will be. However, if R1 is made too large, the voltage drop that results will influence the maximum output. Feedback pin: The closed loop voltage gain is roughly Znt / RE.
214
Audio ICs
FApplication example
BA328 / BA328F
FOperation notes Determining the DC output voltage (see Fig. 3) The DC output voltage is determined as follows: VODC = (Rnt Io) + VP2 (7) VP2 (7): DC voltage on pin 2 (7) Rnt: DC feedback resistance IO is set internally. In other words, pin 7 is a fixed current source, and when that current flows into the feedback pin, the voltage generated becomes the DC voltage. VP2 (7) is fixed at about 0.8V. When VODC is about 1 / 2 the power supply voltage, VOM is maximized. IO is fixed regardless of the power supply voltage. Therefore, it is possible to set the DC feedback resistance after considering the required dynamic range and the minimum voltage applied to pin 4 (VCC). The recommended value is 100k for a power supply voltage of 6V to 16V.
215
Audio ICs
FElectrical characteristics curves
BA328 / BA328F
FExternal dimensions (Units: mm)
216


▲Up To Search▲   

 
Price & Availability of BA328F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X