Part Number Hot Search : 
PD610 44200 SUU250 ADC206 HE84770 0N1TR X9514WS APM3054
Product Description
Full Text Search
 

To Download ASI2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASI2001
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI 2001 is Designed for General Purpose Class C Power Amplifier Applications up to 2300 MHz.
PACKAGE STYLE .250 2L FLG
A OD C E .060 x 45 CHAMFER
B
FEATURES:
* PG = 10 dB min. at 1.0 W/ 2,000 MHz * Hermetic Microstrip Package * OmnigoldTM Metalization System
DIM G L H J F I K M NP
MINIMUM
inches / mm
MAXIMUM
inches / mm
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC
O O
A B C D E
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81
.255 / 6.48 .132 / 3.35
200 mA 35 V 7.0 W @ TC = 25 C -65 C to +200 C -65 C to +200 C 25 C/W
O O O O
F G H I J K L M N P
.117 / 2.97
.570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
ORDER CODE: ASI10527
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICBO hFE Cob PG C
TC = 25 C
O
NONETEST CONDITIONS
IC = 1.0 mA IC = 5.0 mA IE = 1.0 mA VCB = 28 V VCE = 5.0 V VCB = 28 V VCC = 28 V POUT = 1.0 W IC = 100 mA f = 1.0 MHz f = 2.0 GHz RBE = 10
MINIMUM TYPICAL MAXIMUM
45 45 3.5 0.5 15 120 2.5 10 35
UNITS
V V V mA --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/4
ERROR! REFERENCE SOURCE ASI2001 NOT FOUND.
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
2/4
ERROR! REFERENCE SOURCE ASI2001 NOT FOUND.
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
3/4
ERROR! REFERENCE SOURCE ASI2001 NOT FOUND.
TEST CIRCUIT
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
4/4


▲Up To Search▲   

 
Price & Availability of ASI2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X