|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ICs for TV AN5290S Antenna diversity IC for on-vehicle TV I Overview 0.40.25 0.45 Unit: mm 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 The AN5290S is an on-vehicle television antennadiversity IC in which the noise detection circuit and antenna changeover circuit are integrated on a single chip. It is destined for NTSC/PAL system. * Built-in vertical and horizontal synchronizing circuit * It outputs changeover pulse for noise canceler. * Built-in antenna changeover stop function 0.10.1 0.3 7.20.3 9.40.3 SOP024-P-0375A Note) The package of this product will be changed to lead-free type (SOP024-P-0375C). See the new package dimensions section later of this datasheet. I Block Diagram VCC 24 23 22 21 20 19 18 17 16 15 14 0.15 0.925 * On-vehicle televisions 1st noise amp. 2nd noise amp. Noise comparator Diversity On/Off switch ANT switch driver ANT choice ANT select control ANT select decoder Sync. control Sync. sepa. ANT switch control Phase det. 1/12 divider Horizontal OSC 3 4 5 6 Vertical OSC 7 8 V-sync. sepa. 9 Charge pump 11 10 VCO GND 12 1 2 13 2.00.2 I Applications 1.27 I Features 15.30.3 Publication date: December 2001 SDB00011BEB 1 AN5290S I Pin Descriptions Pin No. 1 2 3 4 Description Antenna selection level holding capacitance Sync. separation video signal input Horizontal sync. signal AFC output Horizontal sync. signal oscillation timeconstant setting 5 6 7 8 9 Horizontal sync. signal output Output for noise canceler Vertical sync. signal output GND Vertical sync. signal separation time constant setting 10 Vertical sync. signal oscillation time constant setting 11 Charge pump integral time-constant setting Pin No. 12 13 14 15 16 17 18 19 20 21 22 23 24 Description VCO oscillation time-constant setting Antenna selection output 4 Antenna selection output 3 Antenna selection output 2 Antenna selection output 1 Power supply Noise comparator level setting/diversity off Noise level hold capacitor Noise comparator input 2nd noise amplifier output Video clamp input 1st noise amplifier output Video signal input I Absolute Maximum Ratings Parameter Supply voltage Supply current Power dissipation * Symbol VCC ICC PD Topr Tstg Rating 5.6 30.0 168 -30 to +80 -55 to +125 Unit V mA mW C C Operating ambient temperature Storage temperature Note) 1. Except for the power dissipation, operating ambient temperature, and storage temperature, all ratings are for Ta = 25C. 2. In order to protect the IC, do not use the IC by rotating it 180 degrees. 3. To protect the IC, do not connect the open collector pins (pin 5, pin 6, pin 7, pin 13, pin 14, pin 15 and pin 16) directly to the power supply. Use the protection resistors (1 k or larger for pin 5, pin 6 and pin 7, and 200 or larger for pin 13, pin 14, pin 15 and pin 16). Use the IC within the range of its power dissipation. 4. * : Ta = 80 C. I Recommended Operating Range Parameter Supply voltage Symbol VCC Range 4.5 to 5.5 Unit V 2 SDB00011BEB AN5290S I Electrical Characteristics at VCC = 5 V, Ta = 25C Parameter Quiescent current without load Horizontal sync. oscillation frequency * Symbol ICC fH 12fH fV fFJ fNC Conditions Without input Without input, pin 5 frequency Without input, pin 12 frequency Without input, pin 7 frequency Without input, pin 21 frequency Asynchronous, at changing over antenna, pin 6 frequency Min 12.0 Typ 20.0 Max 28.0 Unit mA kHz kHz Hz Hz Hz V V V V V V V V 15.58 15.68 15.78 186 36.0 36.0 36.0 4.9 4.9 4.9 4.9 188.2 42.0 42.0 42.0 0.2 5.0 0.2 5.0 0.2 5.0 0.2 5.0 190 48.0 48.0 48.0 0.5 0.5 0.5 0.5 PLL sync. oscillation frequency Vertical sync. oscillation frequency Electric field judgment period Output frequency for N.C. Antenna selection 1 on voltage VAS1ON Voltage, when pin 16 is on VAS2ON Voltage, when pin 15 is on Antenna selection 1 off voltage VAS1OFF Voltage, when pin 16 is off Antenna selection 2 on voltage Antenna selection 2 off voltage VAS2OFF Voltage, when pin 15 is off Antenna selection 3 on voltage VAS3ON Voltage, when pin 14 is on Antenna selection 3 off voltage VAS3OFF Voltage, when pin 14 is off Antenna selection 4 on voltage VAS4ON Voltage, when pin 13 is on Antenna selection 4 off voltage VAS4OFF Voltage, when pin 13 is off Note) * : The Horizontal oscillation frequency is a frequency after adjustment. * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter 1st amplifier voltage gain 2nd amplifier voltage gain Output voltage, when 2nd amplifier is on Output voltage, when 2nd amplifier is off Antenna input amplifier voltage gain Level hold output bias voltage Antenna switch output sink current 1 Antenna switch output sink current 2 Antenna switch output sink current 3 Antenna switch output sink current 4 Symbol AN1 AN2 VNON2 VNOF2 AC VNOB2 IAS1 IAS2 IAS3 IAS4 Conditions VIN = 10 mV[p-p], fIN = 10 kHz, at 1st amp. active VIN = 10 mV[p-p], fIN = 10 kHz, at 2st amp. active At 2st amp. active, pin 21 DC voltage At 2nd amp. inactive, pin 21 DC voltage VIN = 50 mV[p-p], fIN = 10 kHz, at input amp. active At input amp. active, pin 1 DC voltage Antenna selection output pin, max. current, when pin 16 is on Antenna selection output pin, max. current, when pin 15 is on Antenna selection output pin, max. current, when pin 14 is on Antenna selection output pin, max. current, when pin 13 is on Min 10.0 10.0 10.0 10.0 Typ 17.0 17.5 1.51 4.20 5.5 1.43 Max Unit dB dB V V dB V mA mA mA mA SDB00011BEB 3 AN5290S I Technical Information Note) The following characteristics are the reference value for design and not guaranteed value. The timing chart is for explaining the IC operation plainly. Those vary depending on input condition. 1. Timing chart 1 * When NTSC reception (in horizontal and vertical synchronization) antenna is selected. Electric field judgment and antenna selection timing when the change over from ANT-1 to ANT-3 by the antenna selection is done. 5H 1st field video signal 6H 7H 8H 9H Horizontal sync. signal (pin 5) VCO signal (internal clock of IC) Electric field judgment timing (internal clock of IC) Noise detection output signal (pin 20) Noise detection hold (pin 19) ANT-1 output (pin 16) ANT-2 output (pin 15) ANT-3 output (pin 14) ANT-4 output (pin 13) Selected antenna Output for N.C. (pin 6) (In the above timing chart, the 1st field video signal is not an internal signal but an input signal, and some signals which do not outputted to pins, as VCO signal, are included.) 5.296 s (Electric field judgment level) 10.593 s ANT- 1 2 3 4 3 21.186 s 4 SDB00011BEB AN5290S I Technical Information (continued) 2. Timing chart 2 * When PAL reception (in horizontal and vertical synchronization) antenna is selected. Electric field judgment and antenna selection timing when the change over from ANT-1 to ANT-3 by the antenna selection is done. 1H 1st field video signal Horizontal sync. signal (pin 5) VCO signal (internal clock of IC) Electric field judgment timing (Internal clock of IC) Noise detection output signal (pin 20) Noise detection hold (pin 19) ANT-1 output (pin 16) ANT-2 output (pin 15) ANT-3 output (pin 14) ANT-4 output (pin 13) Selected antenna Output for N.C. (pin 6) 2H 3H 4H 5H 6H 10.667 s (Electric field judgment level) 5.333 s ANT- 1 2 3 4 21.333 s The antenna selection sequence is as follows: ANT-1 ANT-2 ANT-3 ANT-4 SDB00011BEB 5 AN5290S I Application Circuit Example 10 F 100 k 75 10 F 1 F 100 pF VCC SW1 MA161 100 pF 100 pF 220 pF 47 F 1 k 1 k 24 23 22 21 20 19 18 17 16 1 k 15 14 1st noise amp. 2nd noise amp. Noise comparator Diversity On/Off switch ANT switch driver ANT choice ANT select control ANT select decoder Sync. control Sync. sepa. ANT switch control Phase det. 1/12 divider Horizontal OSC Vertical OSC V-sync. sepa. Charge pump VCO 10 11 4.7 k 1 F 10 k 10 k 10 k GND 51 k 2 200 pF 1 F (T) 1 000 pF 5 600 pF 5 600 pF 0.12 F 220 pF 3.9 k 100 k 220 51 k The circuit shows an example of application circuit and circuit constant but does not guarantee the design of massproduction set. I New Package Dimensions (Unit: mm) * SOP024-P-0375C (Lead-free package) 15.270.20 24 13 (1.05) 7.200.20 9.300.30 0.15-0.05 +0.10 0 to 10 0.300.20 (0.65) 1.27 0.40+0.10 -0.05 Seating plane 0.100.10 2.000.20 1 12 Seating plane 6 SDB00011BEB 62 k 390 pF 10 F 12 1 2 3 4 5 6 7 8 9 13 1 k Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company. Please read the following notes before using the datasheets A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited. 2001 MAR |
Price & Availability of AN5290S |