Part Number Hot Search : 
1M250 N1A30209 PIC16C RK410 1N4104C 2R350A PIC16C 30001
Product Description
Full Text Search
 

To Download ADE7769 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Energy Metering IC with Integrated Oscillator and No-Load Indication ADE7769
FEATURES
On-chip oscillator as clock source High accuracy, supports 50 Hz/60 Hz IEC62053-21 Less than 0.1% error over a dynamic range of 500 to 1 Supplies average real power on frequency outputs F1 and F2 High frequency output CF calibrates and supplies instantaneous real power CF output remains logic high when ADE7769 is under no-load threshold Logic output REVP indicates a potential miswiring or negative power Direct drive for electromechanical counters and 2-phase stepper motors (F1 and F2) Proprietary ADCs and DSPs provide high accuracy over large variations in environmental conditions and time On-chip power supply monitoring On-chip creep protection (no-load threshold) On-chip reference 2.45 V (20 ppm/C typical) with external overdrive capability Single 5 V supply, low power (20 mW typical) Low cost CMOS process
The ADE7769 specifications surpass the accuracy requirements of the IEC62053-21 standard. The AN-679 Application Note can be used as a basis for a description of an IEC61036 (equivalent to IEC62053-21) low cost, watt-hour meter reference design. The only analog circuitry used in the ADE7769 is in the - ADCs and reference circuit. All other signal processing, such as multiplication and filtering, is carried out in the digital domain. This approach provides superior stability and accuracy over time and extreme environmental conditions. The ADE7769 supplies average real power information on the low frequency outputs, F1 and F2. These outputs can be used to directly drive an electromechanical counter or interface with an MCU. The high frequency CF logic output, ideal for calibration purposes, provides instantaneous real power information. The ADE7769 includes a power supply monitoring circuit on the VDD supply pin. The ADE7769 remains inactive until the supply voltage on VDD reaches approximately 4 V. If the supply falls below 4 V, the ADE7769 also remains inactive and the F1, F2, and CF outputs are in their nonactive modes. Internal phase matching circuitry ensures that the voltage and current channels are phase matched, while the HPF in the current channel eliminates dc offsets. An internal no-load threshold ensures that the ADE7769 does not exhibit creep when no load is present. During a no-load condition, the CF pin stays logic high. The ADE7769 has a 16-lead, narrow body SOIC package.
GENERAL DESCRIPTION
The ADE77691 is a high accuracy electrical energy metering IC. It is a pin reduction version of the ADE7755 with an enhanced, precise oscillator circuit that serves as a clock source to the chip. The ADE7769 eliminates the cost of an external crystal or resonator, thus reducing the overall cost of a meter built with this IC. The chip directly interfaces with the shunt resistor.
1
U.S. Patents 5,745,323; 5,760,617; 5,862,069; 5,872,469; others pending.
FUNCTIONAL BLOCK DIAGRAM
VDD
1
AGND
6
DGND
13
ADE7769
POWER SUPPLY MONITOR V2P 2 V2N 3 + - ADC ...110101... MULTIPLIER PHASE CORRECTION V1N 4 V1P 5 + - ADC ...11011001... HPF DIGITAL-TO-FREQUENCY CONVERTER
05332-001
SIGNAL PROCESSING BLOCK
LPF
INTERNAL OSCILLATOR 2.5V REFERENCE 4k
7
11
8
10
9
12
14
16
15
REFIN/OUT
RCLKIN
SCF
S0
S1 REVP CF
F1
F2
Figure 1.
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c) 2005 Analog Devices, Inc. All rights reserved.
ADE7769
TABLE OF CONTENTS
Specifications..................................................................................... 3 Timing Characteristics ................................................................ 4 Absolute Maximum Ratings............................................................ 5 ESD Caution.................................................................................. 5 Terminology ...................................................................................... 6 Pin Configuration and Function Descriptions............................. 7 Typical Performance Characteristics ............................................. 8 Functional Description .................................................................. 10 Theory of Operation .................................................................. 10 Analog Inputs.............................................................................. 11 Power Supply Monitor ............................................................... 12 Internal Oscillator (OSC).......................................................... 14 Transfer Function....................................................................... 14 Selecting a Frequency for an Energy Meter Application ...... 15 No-Load Threshold.................................................................... 16 Negative Power Information..................................................... 16 Evaluation Board and Reference Design Board ..................... 16 Outline Dimensions ....................................................................... 17 Ordering Guide .......................................................................... 17
REVISION HISTORY
8/05--Sp0 to Rev. A
Rev. A | Page 2 of 20
ADE7769 SPECIFICATIONS
VDD = 5 V 5%, AGND = DGND = 0 V, on-chip reference, RCLKIN = 6.2 k, 0.5% 50 ppm/C, TMIN to TMAX = -40C to +85C, unless otherwise noted. Table 1.
Parameter ACCURACY 1 , 2 Measurement Error1 on Channel V1 Value 0.1 Unit % reading typ Test Conditions/Comments Channel V2 with full-scale signal (165 mV), 25C over a dynamic range 500 to 1, line frequency = 45 Hz to 65 Hz
Phase Error1 Between Channels V1 Phase Lead 37 (PF = 0.8 Capacitive) V1 Phase Lag 60 (PF = 0.5 Inductive) AC Power Supply Rejection1 Output Frequency Variation (CF) DC Power Supply Rejection1 Output Frequency Variation (CF) ANALOG INPUTS Channel V1 Maximum Signal Level Channel V2 Maximum Signal Level Input Impedance (DC) Bandwidth (-3 dB) ADC Offset Error1, 2 Gain Error1 OSCILLATOR FREQUENCY (OSC) Oscillator Frequency Tolerance1 Oscillator Frequency Stability1 REFERENCE INPUT REFIN/OUT Input Voltage Range Input Capacitance ON-CHIP REFERENCE Reference Error Temperature Coefficient LOGIC INPUTS 3 SCF, S0, S1 Input High Voltage, VINH Input Low Voltage, VINL Input Current, IIN Input Capacitance, CIN LOGIC OUTPUTS3 F1 and F2 Output High Voltage, VOH Output Low Voltage, VOL CF Output High Voltage, VOH Output Low Voltage, VOL Frequency Output Error1, 2 (CF)
0.1 0.1 0.2
Degrees () max Degrees () max % reading typ S0 = S1 = 1, V1 = 21.2 mV rms, V2 = 116.7 mV rms @ 50 Hz, ripple on VDD of 200 mV rms @ 100 Hz S0 = S1 = 1, V1 = 21.2 mV rms, V2 = 116.7 mV rms, VDD = 5 V 250 mV See the Analog Inputs section V1P and V1N to AGND V2P and V2N to AGND OSC = 450 kHz, RCLKIN = 6.2 k, 0.5% 50 ppm/C OSC = 450 kHz, RCLKIN = 6.2 k, 0.5% 50 ppm/C See the Terminology and Typical Performance Characteristics sections External 2.5 V reference, V1 = 21.2 mV rms, V2 = 116.7 mV rms RCLKIN = 6.2 k, 0.5% 50 ppm/C
0.3
% reading typ
30 165 320 7 18 4 450 12 30 2.65 2.25 10 200 20
mV max mV max k min kHz nominal mV max % ideal typ kHz nominal % reading typ ppm/C typ V max V min pF max mV max ppm/C typ
2.45 V nominal 2.45 V nominal 2.45 V nominal
2.4 0.8 1 10
V min V max A max pF max
VDD = 5 V 5% VDD = 5 V 5% Typically 10 nA, VIN = 0 V to VDD
4.5 0.5 4 0.5 10
V min V max V min V max % ideal typ
ISOURCE = 10 mA, VDD = 5 V, ISINK = 10 mA, VDD = 5 V
ISOURCE = 5 mA, VDD = 5 V, ISINK = 5 mA, VDD = 5 V External 2.5 V reference, V1 = 21.2 mV rms, V2 = 116.7 mV rms
Rev. A | Page 3 of 20
ADE7769
Parameter POWER SUPPLY VDD IDD
1
Value 4.75 5.25 5
Unit V min V max mA max
Test Conditions/Comments For specified performance 5 V - 5% 5 V + 5% Typically 4 mA
See the Terminology section for an explanation of specifications. 2 See the figures in the Typical Performance Characteristics section. 3 Sample tested during initial release and after any redesign or process change that may affect this parameter.
TIMING CHARACTERISTICS
VDD = 5 V 5%, AGND = DGND = 0 V, on-chip reference, RCLKIN = 6.2 k, 0.5% 50 ppm/C, TMIN to TMAX = -40C to +85C, unless otherwise noted. Sample tested during initial release and after any redesign or process change that may affect this parameter. See Figure 2. Table 2.
Parameter t1 t2 t3 t41, 2 t5 t6
1 2
Specifications 120 See Table 6 1/2 t2 90 See Table 7 2
Unit ms sec sec ms sec s
Test Conditions/Comments F1 and F2 pulse width (logic low). Output pulse period. See the Transfer Function section. Time between the F1 and F2 falling edges. CF pulse width (logic high). CF pulse period. See the Transfer Function section. Minimum time between the F1 and F2 pulses.
1
The pulse widths of F1, F2, and CF are not fixed for higher output frequencies. See the Frequency Outputs section. The CF pulse is always 35 s in high frequency mode. See the Frequency Outputs section and Table 7.
t1
F1
t6 t2
F2
t3 t4 t5
05332-002
CF
Figure 2. Timing Diagram for Frequency Outputs
Rev. A | Page 4 of 20
ADE7769 ABSOLUTE MAXIMUM RATINGS
TA = 25C, unless otherwise noted. Table 3.
Parameter VDD to AGND VDD to DGND Analog Input Voltage to AGND, V1P, V1N, V2P, and V2N Reference Input Voltage to AGND Digital Input Voltage to DGND Digital Output Voltage to DGND Operating Temperature Range Storage Temperature Range Junction Temperature 16-Lead Plastic SOIC, Power Dissipation JA Thermal Impedance 1 Package Temperature Soldering
1
Value -0.3 V to +7 V -0.3 V to +7 V -6 V to +6 V -0.3 V to VDD + 0.3 V -0.3 V to VDD + 0.3 V -0.3 V to VDD + 0.3 V -40C to +85C -65C to +150C 150C 350 mW 124.9C/W See J-STD-20
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
JEDEC 1S standard (2-layer) board data.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. A | Page 5 of 20
ADE7769 TERMINOLOGY
Measurement Error The error associated with the energy measurement made by the ADE7769 is defined by the following formula:
%Error = Energy Registered by ADE7769 - True Energy True Energy x 100%
ADC Offset Error This refers to the small dc signal (offset) associated with the analog inputs to the ADCs. However, the HPF in Channel V1 eliminates the offset in the circuitry. Therefore, the power calculation is not affected by this offset. Frequency Output Error (CF) The frequency output error of the ADE7769 is defined as the difference between the measured output frequency (minus the offset) and the ideal output frequency. The difference is expressed as a percentage of the ideal frequency. The ideal frequency is obtained from the ADE7769 transfer function. Gain Error The gain error of the ADE7769 is defined as the difference between the measured output of the ADCs (minus the offset) and the ideal output of the ADCs. The difference is expressed as a percentage of the ideal of the ADCs. Oscillator Frequency Tolerance The oscillator frequency tolerance of the ADE7769 is defined as the part-to-part frequency variation in terms of percentage at room temperature (25C). It is measured by taking the difference between the measured oscillator frequency and the nominal frequency defined in the Specifications section. Oscillator Frequency Stability Oscillator frequency stability is defined as frequency variation in terms of the parts-per-million drift over the operating temperature range. In a metering application, the temperature range is -40C to +85C. Oscillator frequency stability is measured by taking the difference between the measured oscillator frequency at -40C and +85C and the measured oscillator frequency at +25C.
Phase Error Between Channels The high-pass filter (HPF) in the current channel (Channel V1) has a phase-lead response. To offset this phase response and equalize the phase response between channels, a phasecorrection network is also placed in Channel V1. The phasecorrection network matches the phase to within 0.1 over a range of 45 Hz to 65 Hz, and 0.2 over a range 40 Hz to 1 kHz (see Figure 23 and Figure 24). Power Supply Rejection (PSR) This quantifies the ADE7769 measurement error as a percentage of reading when the power supplies are varied. For the ac PSR measurement, a reading at nominal supplies (5 V) is taken. A 200 mV rms/100 Hz signal is then introduced onto the supplies, and a second reading is obtained under the same input signal levels. Any error introduced is expressed as a percentage of reading--see the Measurement Error definition. For the dc PSR measurement, a reading at nominal supplies (5 V) is taken. The supplies are then varied 5% and a second reading is obtained with the same input signal levels. Any error introduced is again expressed as a percentage of the reading.
Rev. A | Page 6 of 20
ADE7769 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD 1 V2P 2 V2N 3 V1N 4 AGND 6 REFIN/OUT 7 SCF 8
16 15
F1 F2 CF
ADE7769
14
13 DGND TOP VIEW V1P 5 (Not to Scale) 12 REVP 11 10 9
RCLKIN S1
05332-003
S0
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No. 1 Mnemonic VDD Description Power Supply. This pin provides the supply voltage for the circuitry in the ADE7769. The supply voltage should be maintained at 5 V 5% for specified operation. This pin should be decoupled with a 10 F capacitor in parallel with a 100 nF ceramic capacitor. Analog Inputs for Channel V2 (Voltage Channel). These inputs provide a fully differential input pair. The maximum differential input voltage is 165 mV for specified operation. Both inputs have internal ESD protection circuitry; an overvoltage of 6 V can be sustained on these inputs without risk of permanent damage. Analog Inputs for Channel V1 (Current Channel). These inputs are fully differential voltage inputs with a maximum signal level of 30 mV with respect to the V1N pin for specified operation. Both inputs have internal ESD protection circuitry and, in addition, an overvoltage of 6 V can be sustained on these inputs without risk of permanent damage. This pin provides the ground reference for the analog circuitry in the ADE7769, that is, the ADCs and reference. This pin should be tied to the analog ground plane of the PCB. The analog ground plane is the ground reference for all analog circuitry, such as antialiasing filters, current and voltage sensors, and so forth. For accurate noise suppression, the analog ground plane should be connected to the digital ground plane at only one point. A star ground configuration helps to keep noisy digital currents away from the analog circuits. This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal value of 2.45 V and a typical temperature coefficient of 20 ppm/C. An external reference source may also be connected at this pin. In either case, this pin should be decoupled to AGND with a 1 F tantalum capacitor and a 100 nF ceramic capacitor. The internal reference cannot be used to drive an external load. Select Calibration Frequency. This logic input is used to select the frequency on the calibration output CF. See Table 7. These logic inputs are used to select one of four possible frequencies for the digital-to-frequency conversion. With this logic input, designers have greater flexibility when designing an energy meter. See the Selecting a Frequency for an Energy Meter Application section. To enable the internal oscillator as a clock source to the chip, a precise low temperature drift resistor at a nominal value of 6.2 k must be connected from this pin to DGND. This logic output goes high when negative power is detected, that is, when the phase angle between the voltage and current signals is greater than 90. This output is not latched and is reset when positive power is once again detected. The output goes high or low at the same time that a pulse is issued on CF. This pin provides the ground reference for the digital circuitry in the ADE7769, that is, the multiplier, filters, and digital-to-frequency converter. This pin should be tied to the digital ground plane of the PCB. The digital ground plane is the ground reference for all digital circuitry, such as the counters (mechanical and digital), MCUs, and indicator LEDs. For accurate noise suppression, the analog ground plane should be connected to the digital ground plane at one point only--a star ground. Calibration Frequency Logic Output. The CF logic output provides instantaneous real power information. This output is intended for calibration purposes. See the SCF pin description. This output stays high when the part is in a no-load condition. Low Frequency Logic Outputs. F1 and F2 supply average real power information. The logic outputs can be used to directly drive electromechanical counters and 2-phase stepper motors. See the Transfer Function section.
2, 3
V2P, V2N
4, 5
V1N, V1P
6
AGND
7
REFIN/OUT
8 9, 10
SCF S1, S0
11 12
RCLKIN REVP
13
DGND
14
CF
15, 16
F2, F1
Rev. A | Page 7 of 20
ADE7769 TYPICAL PERFORMANCE CHARACTERISTICS
VDD 100nF
1
+
10F U3
1 4
602k
2
VDD V2P U1 F1 16 F2 15 CF 14
2
K7
220V
200
150nF 200
ADE7769
40A TO 40mA
3
3
V2N REVP 12 820 6.2k RCLKIN 11
K8 PS2501-1
150nF 200 +
5
V1P
350
150nF 200
4
VDD 10k
V1N S0 10
150nF
7
+ 1F
REFIN/OUT AGND DGND
6 13
S1 9 SCF 8 10nF 10nF 10nF
05332-004
100nF
Figure 4. Test Circuit for Performance Curves
1.0 0.8 0.6 PF = 1 ON-CHIP REFERENCE 1.0 0.8 0.6 PF = 1 EXTERNAL REFERENCE
ERROR (% of Reading)
0.4 0.2 0 -0.2 -40C -0.4 -0.6 +25C
ERROR (% of Reading)
+85C
0.4 0.2 0 -0.2
-40C
+25C
+85C -0.4 -0.6
05332-019
-0.8 -1.0 0.1
-0.8 -1.0 0.1
1
10
100
1
10
100
CURRENT CHANNEL (% of Full Scale)
CURRENT CHANNEL (% of Full Scale)
Figure 5. Error as a % of Reading over Temperature with On-Chip Reference (PF = 1)
1.0 0.8 0.6 PF = 0.5 IND ON-CHIP REFERENCE +85C, PF = 0.5 IND 1.0 0.8 0.6
Figure 7. Error as a % of Reading over Temperature with External Reference (PF = 1)
PF = 0.5 IND EXTERNAL REFERENCE
ERROR (% of Reading)
ERROR (% of Reading)
0.4 0.2 0 -0.2 -0.4 +25C, PF = 0.5 IND -0.6
05332-020
0.4 0.2
-40C, PF = 0.5 IND +25C, PF = 1
+25C, PF = 1
0 -0.2 -0.4 -0.6 -0.8 -1.0 0.1 +85C, PF = 0.5 IND
05332-022
+25C, PF = 0.5 IND
-40C, PF = 0.5 IND
-0.8 -1.0 0.1
1
10
100
1
10
100
CURRENT CHANNEL (% of Full Scale)
CURRENT CHANNEL (% of Full Scale)
Figure 6. Error as a % of Reading over Temperature with On-Chip Reference (PF = 0.5 IND) Rev. A | Page 8 of 20
Figure 8. Error as a % of Reading over Temperature with External Reference (PF = 0.5 IND)
05332-021
ADE7769
0.5 0.4 0.3
ERROR (% of Reading)
40 DISTRIBUTION CHARACTERISTICS MEAN = 2.247828 EXTERNAL REFERENCE SDs = 1.367176 TEMPERATURE = 25C MIN = -2.09932 MAX = +5.28288 NO. OF POINTS = 100
30
0.2 0.1 0 -0.1 -0.2 -0.3
05332-018
PF = 0.5 IND
FREQUENCY
PF = 1
20
PF = 0.5 CAP
10
05332-025
-0.4 -0.5 45 50 55 FREQUENCY (Hz) 60
0 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 9 CHANNEL V1 OFFSET (mV)
65
Figure 9. Error as a % of Reading over Input Frequency
1.0 0.8 0.6
ERROR (% of Reading)
Figure 12. Channel V1 Offset Distribution
50
PF = 1 ON-CHIP REFERENCE
40
5.25V
0.4 0.2 0 -0.2 -0.4 -0.6
05332-023
DISTRIBUTION CHARACTERISTICS MEAN = -1.563484 SDs = 2.040699 EXTERNAL REFERENCE MIN = -6.82969 TEMPERATURE = 25C MAX = +2.6119 NO. OF POINTS = 100
FREQUENCY
30
5V 4.75V
20
10
05332-026
-0.8 -1.0 0.1
1
10
100
0 -12 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 CHANNEL V2 OFFSET (mV)
CURRENT CHANNEL (% of Full Scale)
Figure 10. PSR with On-Chip Reference, PF = 1
1.0 0.8 0.6
ERROR (% of Reading)
Figure 13. Channel V2 Offset Distribution
1000
PF = 1 EXTERNAL REFERENCE
800
5.25V
FREQUENCY
0.4 0.2 0 -0.2 -0.4 -0.6
DISTRIBUTION CHARACTERISTICS MEAN = 0% EXTERNAL REFERENCE SDs = 1.55% TEMPERATURE = 25C MIN = -11.79% MAX = +6.08% NO. OF POINTS = 3387
600
5V
4.75V
400
200
05332-024 05332-027
-0.8 -1.0 0.1
1
10
100
0 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 DEVIATION FROM MEAN (%)
CURRENT CHANNEL (% of Full Scale)
Figure 11. PSR with External Reference, PF = 1
Figure 14. Part-to-Part CF Deviation from Mean
Rev. A | Page 9 of 20
ADE7769 FUNCTIONAL DESCRIPTION
THEORY OF OPERATION
The two ADCs in the ADE7769 digitize the voltage signals from the current and voltage sensors. These ADCs are 16-bit -s with an oversampling rate of 450 kHz. This analog input structure greatly simplifies sensor interfacing by providing a wide dynamic range for direct connection to the sensor and by simplifying the antialiasing filter design. A high-pass filter in the current channel removes any dc component from the current signal. This eliminates any inaccuracies in the real power calculation due to offsets in the voltage or current signals. The real power calculation is derived from the instantaneous power signal. The instantaneous power signal is generated by a direct multiplication of the current and voltage signals. To extract the real power component (the dc component), the instantaneous power signal is low-pass filtered. Figure 15 illustrates the instantaneous real power signal and shows how the real power information can be extracted by low-pass filtering the instantaneous power signal. This scheme correctly calculates real power for sinusoidal current and voltage waveforms at all power factors. All signal processing is carried out in the digital domain for superior stability over temperature and time.
DIGITAL-TOFREQUENCY F1 CH1 ADC HPF MULTIPLIER LPF CH2 ADC F2 DIGITAL-TOFREQUENCY CF
VOLTAGE CURRENT 60
05332-006
Power Factor Considerations
The method used to extract the real power information from the instantaneous power signal, that is, by low-pass filtering, is still valid even when the voltage and current signals are not in phase. Figure 16 shows the unity power factor condition and a displacement power factor (DPF) = 0.5, that is, current signal lagging the voltage by 60. Assuming that the voltage and current waveforms are sinusoidal, the real power component of the instantaneous power signal (that is, the dc term) is given by
V x I x cos (60) 2
(1)
This is the correct real power calculation.
INSTANTANEOUS POWER SIGNAL POWER INSTANTANEOUS REAL POWER SIGNAL
VxI 2
0V CURRENT VOLTAGE POWER INSTANTANEOUS POWER SIGNAL INSTANTANEOUS REAL POWER SIGNAL
TIME
VxI COS (60) 2 0V TIME
INSTANTANEOUS POWER SIGNAL - p(t)
INSTANTANEOUS REAL POWER SIGNAL
Figure 16. DC Component of Instantaneous Power Signal Conveys Real Power Information, PF < 1
Nonsinusoidal Voltage and Current
05332-005
TIME
TIME
Figure 15. Signal Processing Block Diagram
The low frequency outputs (F1 and F2) are generated by accumulating this real power information. This low frequency inherently means a long accumulation time between output pulses. Consequently, the resulting output frequency is proportional to the average real power. This average real power information is then accumulated (by a counter) to generate real energy information. Conversely, due to its high output frequency and shorter integration time, the CF output frequency is proportional to the instantaneous real power. This is useful for system calibration, which can be done faster under steady load conditions.
The real power calculation method also holds true for nonsinusoidal current and voltage waveforms. All voltage and current waveforms in practical applications have some harmonic content. Using the Fourier transform, instantaneous voltage and current waveforms can be expressed in terms of their harmonic content.
v(t ) = V0 + 2 x Vh x sin(ht + h )
h0
(2)
where: v(t) is the instantaneous voltage. V0 is the average value. Vh is the rms value of voltage harmonic h. h is the phase angle of the voltage harmonic.
Rev. A | Page 10 of 20
ADE7769
i(t ) = IO + 2 x I h x sin(ht + h )
ho
(3)
where: i(t) is the instantaneous current. I0 is the dc component. Ih is the rms value of current harmonic h. h is the phase angle of the current harmonic. Using Equations 2 and 3, the real power (P) can be expressed in terms of its fundamental real power (P1) and harmonic real power (PH) as P = P1 + PH where: P1 = V1 x I 1 cos 1
Figure 17 shows the maximum signal levels on V1P and V1N. The maximum differential voltage is 30 mV. The differential voltage signal on the inputs must be referenced to a common mode, for example, AGND. The maximum common-mode signal is 6.25 mV, as shown in Figure 17.
Channel V2 (Voltage Channel)
The output of the line voltage sensor is connected to the ADE7769 at this analog input. Channel V2 is a fully differential voltage input with a maximum peak differential signal of 165 mV. Figure 18 shows the maximum signal levels that can be connected to the ADE7769 Channel V2.
V2
(4)
+165mV V2P
1 = 1 - 1
VCM
DIFFERENTIAL INPUT 165mV MAX PEAK COMMON-MODE 25mV MAX
V2 VCM
V2N
and
PH =
(5)
-165mV
AGND
h 1
h = h - h
In Equation 5, a harmonic real power component is generated for every harmonic, provided that harmonic is present in both the voltage and current waveforms. The power factor calculation has previously been shown to be accurate in the case of a pure sinusoid. Therefore, the harmonic real power must also correctly account for the power factor because it is made up of a series of pure sinusoids. Note that the input bandwidth of the analog inputs is 7 kHz at the nominal internal oscillator frequency of 450 kHz.
Figure 18. Maximum Signal Levels, Channel V2
Channel V2 is usually driven from a common-mode voltage, that is, the differential voltage signal on the input is referenced to a common mode (usually AGND). The analog inputs of the ADE7769 can be driven with common-mode voltages of up to 25 mV with respect to AGND. However, best results are achieved using a common mode equal to AGND.
Typical Connection Diagrams
Figure 19 shows a typical connection diagram for Channel V1. A shunt is the current sensor selected for this example because of its low cost compared to other current sensors, such as the current transformer (CT). This IC is ideal for low current meters.
RF SHUNT 30mV RF AGND PHASE NEUTRAL CF V1P V1N
ANALOG INPUTS
Channel V1 (Current Channel)
The voltage output from the current sensor is connected to the ADE7769 here. Channel V1 is a fully differential voltage input. V1P is the positive input with respect to V1N. The maximum peak differential signal on Channel V1 should be less than 30 mV (21 mV rms for a pure sinusoidal signal) for specified operation.
V1 +30mV V1P DIFFERENTIAL INPUT 30mV MAX PEAK VCM COMMON-MODE 6.25mV MAX -30mV VCM
05332-007
CF
05332-009
Figure 19. Typical Connection for Channel V1
V1
V1N
Figure 20 shows a typical connection for Channel V2. Typically, the ADE7769 is biased around the phase wire, and a resistor divider is used to provide a voltage signal that is proportional to the line voltage. Adjusting the ratio of RA, RB, and RF is also a convenient way of carrying out a gain calibration on a meter.
B
AGND
Figure 17. Maximum Signal Levels, Channel V1
Rev. A | Page 11 of 20
05332-008
Vh x I h cos h
ADE7769
RA * RB RF CF V2P 165mV V2N RF CF
05332-010
Equation 6 shows how the power calculation is affected by the dc offsets in the current and voltage channels.
{V cos (t ) + VOS } x {I cos (t ) + I OS }
= V xI + VOS x IOS + VOS x I cos (t ) + IOS x V cos (t ) 2
(6)
NEUTRAL PHASE
*RA >> RB + RF
Figure 20. Typical Connections for Channel V2
POWER SUPPLY MONITOR
The ADE7769 contains an on-chip power supply monitor. The power supply (VDD) is continuously monitored by the ADE7769. If the supply is less than 4 V, the ADE7769 becomes inactive. This is useful to ensure proper device operation at power-up and power-down. The power supply monitor has built-in hysteresis and filtering, which provide a high degree of immunity to false triggering from noisy supplies. In Figure 21, the trigger level is nominally set at 4 V. The tolerance on this trigger level is within 5%. The power supply and decoupling for the part should be such that the ripple at VDD does not exceed 5 V 5%, as specified for normal operation.
VDD 5V 4V
+
V xI 2
x cos (2t )
DC COMPONENT (INCLUDING ERROR TERM) IS EXTRACTED BY THE LPF FOR REAL POWER CALCULATION
VOS x IOS VxI 2 IOS x V
05332-012
VOS x I 0 FREQUENCY (RAD/s)
Figure 22. Effect of Channel Offset on the Real Power Calculation
The HPF in Channel V1 has an associated phase response that is compensated for on chip. Figure 23 and Figure 24 show the phase error between channels with the compensation network activated. The ADE7769 is phase compensated up to 1 kHz as shown. This ensures correct active harmonic power calculation even at low power factors.
0.30
0V TIME
0.25
05332-011
INTERNAL ACTIVATION
0.20
INACTIVE
ACTIVE
INACTIVE
PHASE (Degrees)
0.15 0.10 0.05 0
05332-013
Figure 21. On-Chip Power Supply Monitor
HPF and Offset Effects
Figure 22 shows the effect of offsets on the real power calculation. As can be seen, offsets on Channel V1 and Channel V2 contribute a dc component after multiplication. Because this dc component is extracted by the LPF and used to generate the real power information, the offsets contribute a constant error to the real power calculation. This problem is easily avoided by the built-in HPF in Channel V1. By removing the offsets from at least one channel, no error component can be generated at dc by the multiplication. Error terms at the line frequency () are removed by the LPF and the digital-to-frequency conversion (see the Digital-to-Frequency Conversion section).
-0.05 -0.10 0 100 200 300 400 500 600 700 800 FREQUENCY (Hz)
900 1000
Figure 23. Phase Error Between Channels (0 Hz to 1 kHz)
Rev. A | Page 12 of 20
ADE7769
0.30 0.25 0.20
V MULTIPLIER DIGITAL-TOFREQUENCY F1 F2 LPF DIGITAL-TOFREQUENCY CF LPF TO EXTRACT REAL POWER (DC TERM) VxI 2
05332-014
F1
FREQUENCY
PHASE (Degrees)
TIME
0.15 0.10 0.05 0 -0.05 -0.10 40 45 50 55 FREQUENCY (Hz) 60 65 70
CF
FREQUENCY
I
TIME COS (2) ATTENUATED BY LPF
0
Figure 24. Phase Error Between Channels (40 Hz to 70 Hz)
2 FREQUENCY (RAD/s) INSTANTANEOUS REAL POWER SIGNAL (FREQUENCY DOMAIN)
Digital-to-Frequency Conversion
As previously described, the digital output of the low-pass filter after multiplication contains the real power information. However, because this LPF is not an ideal brick wall filter implementation, the output signal also contains attenuated components at the line frequency and its harmonics, that is, cos(ht) where h = 1, 2, 3, ... and so on. The magnitude response of the filter is given by
Figure 25. Real Power-to-Frequency Conversion
H(f ) =
1 f2 1+ 4.452
(7)
For a line frequency of 50 Hz, this gives an attenuation of the 2 (100 Hz) component of approximately 22 dB. The dominating harmonic is twice the line frequency (2) due to the instantaneous power calculation. Figure 25 shows the instantaneous real power signal at the output of the LPF that still contains a significant amount of instantaneous power information, that is, cos(2t). This signal is then passed to the digital-to-frequency converter where it is integrated (accumulated) over time to produce an output frequency. The accumulation of the signal suppresses or averages out any non-dc components in the instantaneous real power signal. The average value of a sinusoidal signal is zero. Thus, the frequency generated by the ADE7769 is proportional to the average real power. Figure 25 shows the digital-tofrequency conversion for steady load conditions, that is, constant voltage and current.
In Figure 25, the frequency output, CF, varies over time, even under steady load conditions. This frequency variation is primarily due to the cos(2t) component in the instantaneous real power signal. The output frequency on CF can be up to 2048 times higher than the frequency on F1 and F2. This higher output frequency is generated by accumulating the instantaneous real power signal over a much shorter time while converting it to a frequency. This shorter accumulation period means less averaging of the cos(2t) component. Consequently, some of this instantaneous power signal passes through the digital-to-frequency conversion. This is not a problem in the application. Where CF is used for calibration purposes, the frequency should be averaged by the frequency counter, which removes any ripple. If CF is being used to measure energy, for example in a microprocessor based application, the CF output should also be averaged to calculate power. Because the F1 and F2 outputs operate at a much lower frequency, much more averaging of the instantaneous real power signal is carried out. The result is a greatly attenuated sinusoidal content and a virtually ripple-free frequency output.
Connecting to a Microcontroller for Energy Measurement
The easiest way to interface the ADE7769 to a microcontroller is to use the CF high frequency output with the output frequency scaling set to 2048 x F1, F2. This is done by setting SCF = 0 and S0 = S1 = 1 (see Table 7). With full-scale ac signals on the analog inputs, the output frequency on CF is approximately 2.867 kHz. Figure 26 shows one scheme that could be used to digitize the output frequency and carry out the necessary averaging mentioned in the previous section.
Rev. A | Page 13 of 20
05332-015
ADE7769
CF FREQUENCY RIPPLE AVERAGE FREQUENCY 10%
INTERNAL OSCILLATOR (OSC)
The nominal internal oscillator frequency is 450 kHz when used with RCLKIN, with a nominal value of 6.2 k. The frequency outputs are directly proportional to the oscillator frequency, thus RCLKIN must have low tolerance and low temperature drift to ensure stability and linearity of the chip. The oscillator frequency is inversely proportional to the RCLKIN, as shown in Figure 27. Although the internal oscillator operates when used with RCLKIN values between 5.5 k and 20 k, choosing a value within the range of the nominal value, as shown in Figure 27, is recommended.
05332-016
TIME MCU COUNTER CF
ADE7769
TIMER
490 480 470
Figure 26. Interfacing the ADE7769 to an MCU
As shown in Figure 26, the frequency output, CF, is connected to an MCU counter or port. This counts the number of pulses in a given integration time, which is determined by an MCU internal timer. The average power proportional to the average frequency is given by
Average Frequency = Average Power = Counter Time
FREQUENCY (kHz)
460 450 440 430 420 410 400 5.8
05332-017
(8)
The energy consumed during an integration period is given by
Energy = Average Power x Time = Counter x Time = Counter (9) Time
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
RESISTANCE (k)
Figure 27. Effect of RCLKIN on Internal Oscillator Frequency (OSC)
For the purpose of calibration, this integration time could be 10 seconds to 20 seconds to accumulate enough pulses to ensure correct averaging of the frequency. In normal operation, the integration time could be reduced to 1 or 2 seconds, depending, for example, on the required update rate of a display. With shorter integration times on the MCU, the amount of energy in each update may still have some small amount of ripple, even under steady load conditions. However, over a minute or more the measured energy has no ripple.
TRANSFER FUNCTION
Frequency Outputs F1 and F2
The ADE7769 calculates the product of two voltage signals (on Channel V1 and Channel V2) and then low-pass filters this product to extract real power information. This real power information is then converted to a frequency. The frequency information is output on F1 and F2 in the form of active low pulses. The pulse rate at these outputs is relatively low, for example, 0.175 Hz maximum for ac signals with S0 = S1 = 0 (see Table 6). This means that the frequency at these outputs is generated from real power information accumulated over a relatively long period of time. The result is an output frequency that is proportional to the average real power. The averaging of the real power signal is implicit to the digital-to-frequency conversion. The output frequency or pulse rate is related to the input voltage signals by the following equation:
Power Measurement Considerations
Calculating and displaying power information always has some associated ripple, which depends on the integration period used in the MCU to determine average power and also on the load. For example, at light loads, the output frequency may be 10 Hz. With an integration period of 2 seconds, only about 20 pulses are counted. The possibility of missing one pulse always exists, because the ADE7769 output frequency is running asynchronously to the MCU timer. This results in a 1-in-20, or 5%, error in the power measurement.
Freq =
494.75 x V1rms x V2rms x F1-4 VREF 2
(10)
where: Freq is the output frequency on F1 and F2 (Hz). V1rms is the differential rms voltage signal on Channel V1 (V). V2rms is the differential rms voltage signal on Channel V2 (V). VREF = is the reference voltage (2.45 V 200 mV) (V). F1-4 = are one of four possible frequencies selected by using the S0 and S1logic inputs (see Table 5).
Rev. A | Page 14 of 20
ADE7769
Table 5. F1-4 Frequency Selection
S1 0 0 1 1
1 2
Table 7. Maximum Output Frequency on CF
F1-4 at Nominal OSC (Hz) 0.86 1.72 3.43 6.86
2
S0 0 1 0 1
OSC Relation OSC/219 OSC/218 OSC/217 OSC/216
1
F1-4 is a binary fraction of the internal oscillator frequency. Values are generated using the nominal frequency of 450 kHz.
Example
In this example, with ac voltages of 30 mV peak applied to V1 and 165 mV peak applied to V2, the expected output frequency is calculated as F1-4 = OSC/219 Hz, S0 = S1 = 0 V1rms = 0.03/2 V V2rms = 0.165/2 V VREF = 2.45 V (nominal reference value) If the on-chip reference is used, actual output frequencies may vary from device to device due to the reference tolerance of 200 mV.
Freq = 494.75 x 0.03 x 0.165 x F1 2 x 2 x 2.45 2 = 0.204 x F1 = 0.175
SCF 1 0 1 0 1 0 1 0
1
S1 0 0 0 0 1 1 1 1
S0 0 0 1 1 0 0 1 1
CF Max for AC Signals (Hz)1 128 x F1, F2 = 22.4 64 x F1, F2 = 11.2 64 x F1, F2 = 22.4 32 x F1, F2 = 11.2 32 x F1, F2 = 22.4 16 x F1, F2 = 11.2 16 x F1, F2 = 22.4 2048 x F1, F2 = 2.867 kHz
Values are generated using the nominal frequency of 450 kHz.
SELECTING A FREQUENCY FOR AN ENERGY METER APPLICATION
As shown in Table 5, the user can select one of four frequencies. This frequency selection determines the maximum frequency on F1 and F2. These outputs are intended for driving an energy register (electromechanical or other). Because only four different output frequencies can be selected, the available frequency selection has been optimized for a meter constant of 100 imp/kWh with a maximum current of between 10 A and 120 A. Table 8 shows the output frequency for several maximum currents (IMAX) with a line voltage of 220 V. In all cases, the meter constant is 100 imp/kWh.
Table 8. F1 and F2 Frequency at 100 imp/kWh
IMAX (A) 12.5 25.0 40.0 60.0 80.0 120.0 F1 and F2 (Hz) 0.076 0.153 0.244 0.367 0.489 0.733
(11)
Table 6. Maximum Output Frequency on F1 and F2
S1 0 0 1 1
1
S0 0 1 0 1
OSC Relation 0.204 x F1 0.204 x F2 0.204 x F3 0.204 x F4
Max Frequency1 or AC Inputs (Hz) 0.175 0.35 0.70 1.40
Values are generated using the nominal frequency of 450 kHz.
Frequency Output CF
The pulse output CF (calibration frequency) is intended for calibration purposes. The output pulse rate on CF can be up to 2048 times the pulse rate on F1 and F2. The lower the F1-4 frequency selected, the higher the CF scaling (except for the high frequency mode SCF = 0, S1 = S0 = 1). Table 7 shows how the two frequencies are related, depending on the states of the logic inputs S0, S1, and SCF. Due to its relatively high pulse rate, the frequency at the CF logic output is proportional to the instantaneous real power. As with F1 and F2, CF is derived from the output of the low-pass filter after multiplication. However, because the output frequency is high, this real power information is accumulated over a much shorter time. Therefore, less averaging is carried out in the digital-tofrequency conversion. With much less averaging of the real power signal, the CF output is much more responsive to power fluctuations (see the signal processing block diagram shown in Figure 15).
The F1-4 frequencies allow complete coverage of this range of output frequencies (F1, F2). When designing an energy meter, the nominal design voltage on Channel V2 (voltage) should be set to half-scale to allow for calibration of the meter constant. The current channel should also be no more than half scale when the meter sees maximum load. This allows overcurrent signals and signals with high crest factors to be accommodated. Table 9 shows the output frequency on F1 and F2 when both analog inputs are half scale. The frequencies in Table 9 align very well with those in Table 8 for maximum load.
Table 9. F1 and F2 Frequency with Half-Scale AC Inputs
S1 0 0 1 1
1
S0 0 1 0 1
F1-4 (Hz) 0.86 1.72 3.43 6.86
Frequency on F1 and F2-- CH1 and CH2 Half-Scale AC Input1 0.051 x F1 0.051 x F2 0.051 x F3 0.051 x F4 0.044 Hz 0.088 Hz 0.176 Hz 0.352 Hz
Values are generated using the nominal frequency of 450 kHz.
Rev. A | Page 15 of 20
ADE7769
When selecting a suitable F1-4 frequency for a meter design, the frequency output at IMAX (maximum load) with a meter constant of 100 imp/kWh should be compared with Column 4 of Table 9. The closest frequency in Table 9 determines the best choice of frequency (F1-4). For example, if a meter with a maximum current of 25 A is being designed, the output frequency on F1 and F2 with a meter constant of 100 imp/kWh is 0.153 Hz at 25 A and 220 V (from Table 8). In Table 9 the closest frequency to 0.153 Hz in Column 4 is 0.176 Hz. Therefore, as shown in Table 5, F3 (3.43 Hz) is selected for this design. The no-load condition is indicated with CF output pulse remaining logic high, as shown in Figure 28.
MAGNITUDE
NO-LOAD THRESHOLD 0W TIME
ACTIVE POWER
Frequency Outputs
Figure 2 shows a timing diagram for the various frequency outputs. The F1 and F2 outputs are the low frequency outputs that can be used to directly drive a stepper motor or electromechanical impulse counter. The F1 and F2 outputs provide two alternating low frequency pulses. The F1 and F2 pulse widths (t1) are set such that if they fall below 240 ms (0.24 Hz), they are set to half of their period. The maximum output frequencies for F1 and F2 are shown in Table 6. The high frequency CF output is intended to be used for communications and calibration purposes. CF produces a 90-ms-wide active high pulse (t4) at a frequency proportional to active power. The CF output frequencies are given in Table 7. As with F1 and F2, if the period of CF (t5) falls below 180 ms, the CF pulse width is set to half the period. For example, if the CF frequency is 20 Hz, the CF pulse width is 25 ms. When high frequency mode is selected (that is, SCF = 0, S1 = S0 = 1), the CF pulse width is fixed at 35 s. Therefore, t4 is always 35 s, regardless of output frequency on CF.
CF
CF FREQUENCY PROPORTIONAL TO POWER
Figure 28. No-Load Indication Using ADE7769
NEGATIVE POWER INFORMATION
The ADE7769 detects when the current and voltage channels have a phase shift greater than 90. This mechanism can detect an incorrect meter connection or the generation of negative power. The REVP pin output goes active high when negative power is detected and active low if positive power is detected. The REVP pin output changes state as a pulse is issued on CF.
EVALUATION BOARD AND REFERENCE DESIGN BOARD
An evaluation board can be used to verify the functionality and the performance of the ADE7769. Download the documentation for the board from http://www.analog.com/ADE7769. In addition, the reference design board ADE7769ARN-REF and Application Note AN-679 can be used in the design of a low cost watt-hour meter that surpasses IEC62053-21 accuracy specifications. The application note can be downloaded from http://www.analog.com/ADE7769.
NO-LOAD THRESHOLD
The ADE7769 includes a no-load threshold and start-up current feature, which eliminates any creep effects in the meter. The ADE7769 is designed to issue a minimum output frequency. Any load generating a frequency lower than this minimum frequency does not cause a pulse to be issued on F1 or F2. The minimum output frequency is given as 0.00244% for each of the F1-4 frequency selections (see Table 5). For example, for an energy meter with a meter constant of 100 imp/kWh on F1, F2 using F3 (3.43 Hz), the minimum output frequency at F1 or F2 would be 0.00244% of 3.43 Hz or 8.38 x 10-5 Hz. This would be 2.68 x 10-3 Hz at CF (32 x F1 Hz) when SCF = S0 = 1, S1 = 0. In this example, the no-load threshold would be equivalent to 3 W of load or a start-up current of 13.72 mA at 220 V. Compare this value to the IEC62053-21 specification which states that the meter must start up with a load equal to or less than 0.4% Ib. For a 5 A (Ib) meter, 0.4% of Ib is equivalent to 20 mA.
Rev. A | Page 16 of 20
05332-028
ADE7769 OUTLINE DIMENSIONS
10.00 (0.3937) 9.80 (0.3858)
16 1 9 8
4.00 (0.1575) 3.80 (0.1496)
6.20 (0.2441) 5.80 (0.2283)
1.27 (0.0500) BSC 0.25 (0.0098) 0.10 (0.0039) COPLANARITY 0.10
1.75 (0.0689) 1.35 (0.0531)
0.50 (0.0197) x 45 0.25 (0.0098)
8 0.51 (0.0201) SEATING 0.25 (0.0098) 0 1.27 (0.0500) PLANE 0.31 (0.0122) 0.40 (0.0157) 0.17 (0.0067)
COMPLIANT TO JEDEC STANDARDS MS-012-AC CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Figure 29. 16-Lead Standard Small Outline Package [SOIC_N] Narrow Body (R-16) Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model ADE7769AR ADE7769AR-RL ADE7769ARZ 1 ADE7769ARZ-RL1 EVAL-ADE7769EB ADE7769AR-REF
1
Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C
Package Description 16-Lead Standard Small Outline Package [SOIC_N] 16-Lead Standard Small Outline Package [SOIC_N] REEL 16-Lead Standard Small Outline Package [SOIC_N] 16-Lead Standard Small Outline Package [SOIC_N] REEL Evaluation Board Reference Design Board
Package Option R-16 R-16 R-16 R-16
Z = Pb-free part.
Rev. A | Page 17 of 20
ADE7769 NOTES
Rev. A | Page 18 of 20
ADE7769 NOTES
Rev. A | Page 19 of 20
ADE7769 NOTES
(c) 2005 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05332-0-8/05(A)
Rev. A | Page 20 of 20


▲Up To Search▲   

 
Price & Availability of ADE7769

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X