Part Number Hot Search : 
TQ144 SB101 BSR17 D7810 C31002 HT45F E002365 2SC3851
Product Description
Full Text Search
 

To Download 9396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BCP53-16
SMALL SIGNAL PNP TRANSISTOR
PRELIMINARY DATA
Ordering Code BCP53-16
s
Marking BCP5316
s
s s
SILICON EPITAXIAL PLANAR PNP MEDIUM VOLTAGE TRANSISTORS SOT-223 PLASTIC PACKAGE FOR SURFACE MOUNTING CIRCUITS TAPE AND REEL PACKING THE NPN COMPLEMENTARY TYPE IS BCP56-16
2
1
SOT-223
2
3
APPLICATIONS MEDIUM VOLTAGE LOAD SWITCH TRANSISTORS s OUTPUT STAGE FOR AUDIO AMPLIFIERS CIRCUITS s AUTOMOTIVE POST-VOLTAGE REGULATION
s
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V CER V EBO IC I CM IB I BM P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Collector-Emitter Voltage (R BE = 1K) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (t p < 5 ms) Base Current Base Peak Current (t p < ms) Total Dissipation at T amb = 25 o C Storage Temperature Max. Operating Junction Temperature Value -100 -80 -100 -5 -1 -1.5 -0.1 -0.2 1.6 -65 to 150 150 Unit V V V V A A A A W
o o
C C
March 2003
1/4
BCP53-16
THERMAL DATA
R thj-amb * Thermal Resistance Junction-Ambient
2
Max
78
o
C/W
* Device mounted on a PCB area of 1 cm
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO V (BR)CBO Parameter Collector Cut-off Current (I E = 0) Collector-Base Breakdown Voltage (I E = 0) Test Conditions V CB = -30 V V CB = -30 V I C = -100 A T j = 125 o C -100 Min. Typ. Max. -100 -10 Unit nA A V
V (BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)CER Collector-Emitter Breakdown Voltage (R BE = 1 K) Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter On Voltage DC Current Gain
I C = -20 mA
-80
V
I C = -100 A
-100
V
V (BR)EBO
I E = -10 A
-5
V
V CE(sat) V BE(on) h FE
I C = -500 mA I C = -500 mA I C = -5 mA I C = -150 mA I C = -500 mA
I B = -50 mA V CE = -2 V V CE = -2 V V CE = -2 V V CE = -2 V f = 20 MHz 40 100 25 50
-0.5 -1
V V
250 MHz
fT
Transition Frequency
I C = -10 mA V CE = -5 V
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
2/4
BCP53-16
SOT-223 MECHANICAL DATA
mm MIN. A B B1 c D e e1 E H V A1 0.02 3.30 6.70 0.60 2.90 0.24 6.30 0.70 3.00 0.26 6.50 2.30 4.60 3.50 7.00 3.70 7.30 10o 0.130 0.264 TYP. MAX. 1.80 0.80 3.10 0.32 6.70 0.024 0.114 0.009 0.248 0.027 0.118 0.010 0.256 0.090 0.181 0.138 0.276 0.146 0.287 10o MIN. inch TYP. MAX. 0.071 0.031 0.122 0.013 0.264
DIM.
P008B
3/4
BCP53-16
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of 9396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X