Part Number Hot Search : 
MAX11135 SDA20 BYT51A 90635 H21UA RF8736 2SC181 AP2309N
Product Description
Full Text Search
 

To Download 74FCT807TDATASHEET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT807BT/CT FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT/CT
FEATURES:
* * * * * * * * * * * *
0.5 MICRON CMOS Technology Guaranteed low skew < 250ps (max.) Very low duty cycle distortion < 350ps (max.) High speed: propagation delay < 2.5ns (max.) 100MHz operation TTL compatible inputs and outputs TTL level output voltage swings 1:10 fanout Output rise and fall time < 1.5ns (max) Low input capacitance: 4.5pF typical High drive: -32mA IOH, +48mA IOL Available in QSOP, SSOP, and SOIC packages
DESCRIPTION:
The FCT807T clock driver is built using advanced dual metal CMOS technology. This low skew clock driver features 1:10 fanout, providing minimal loading on the preceding drivers. The FCT807T offers low capacitance inputs with hysteresis for improved noise margins. TTL level outputs and multiple power and grounds reduce noise. The device also features -32/48mA drive capability for driving low impedance traces.
FUNCTIONAL BLOCK DIAGRAM
O1
PIN CONFIGURATION
IN
O2
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VCC O10 O9 GND O8 VCC O7 GND O6 O5
GND O1
O3
VCC O2
O4
GND O3
O5
VCC
IN
O4
O6
GND
O7
O8
QSOP/ SOIC/ SSOP TOP VIEW
O9
O10
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
1
c 2000 Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
DECEMBER 2000
DSC-4242/1
IDT74FCT807BT/CT FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM TSTG IOUT Description Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +7 -65 to +150 -60 to +120 Unit V C mA
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 4.5 5.5 Max. 6 8 Unit pF pF
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names IN Ox Inputs Outputs Description
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Commercial: TA = 0C to +70C, Industrial: TA = -40C to +85C, VCC = 5V 5%
Symbol VIH VIL IIH IIL IOZH IOZL II VIK IOS VOH VOL IOFF VH ICCL ICCH ICCZ Parameter Input HIGH Level (Input pins) Input LOW Level Input HIGH Current (Input pins) Input LOW Current (Input pins) High Impedance Output Current (3-State Output pins) Input HIGH Current Clamp Diode Voltage Short Circuit Current(4) Output HIGH Voltage Output LOW Voltage Input/Output Power Off Leakage Input Hysteresis for all inputs Quiescent Power Supply Current VCC = Max., VI = VCC (Max.) VCC = Min., IIN = -18mA VCC = Max., VO = VCC = Min. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL VCC = 0V, VIN or VO 4.5V -- VCC = Max., VIN = GND or VCC -- -- -- -- 150 5 1 -- 500 A mV A GND(3) IOH = -15mA IOH = -32mA IOL = 48mA Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VCC = Max. VCC = Max. VI = 2.7V VI = 0.5V VO = 2.7V VO = 0.5V Min. 2 -- -- -- -- -- -- -- -60 2.4 2 -- Typ.(2) -- -- -- -- -- -- -- -0.7 -120 3.3 3 0.3 Max. -- 0.8 1 1 1 1 1 -1.2 -225 -- -- 0.55 V A V mA V Unit V V A A A
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 5V, +25C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. Duration of the condition should not exceed one second.
2
IDT74FCT807BT/CT FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(3) VCC = Max. VIN = 3.4V VCC = Max. Input Toggling 50% Duty Cycle Outputs Open IC Total Power Supply Current(5) VCC = Max. Input Toggling 50% Duty Cycle Outputs Open fI = 50MHz
NOTES: 1. 2. 3. 4. 5. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. Typical values are at VCC = 5V, +25C ambient. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND. This parameter is not directly testable, but is derived for use in Total Power Supply calculations. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fONO) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fO = Output Frequency NO = Number of Outputs at fO All currents are in milliamps and all frequencies are in megahertz.
Test Conditions(1)
Min. --
Typ.(2) 0.5 0.4
Max. 2 0.6
Unit mA mA/MHz
VIN = VCC VIN = GND
--
VIN = VCC VIN = GND VIN = 3.4V VIN = GND
--
20
30.5(4)
mA
--
20.3
31.3(4)
3
IDT74FCT807BT/CT FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - COMMERCIAL(3,4)
Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(T) Parameter Propagation Delay Output Rise Time Output Fall Time Output skew: skew between outputs of all banks of same package (inputs tied together) Pulse skew: skew between opposite transitions of same output (|tPHL -- tPLH|) Package skew: skew between outputs of different packages at same power supply voltage, temperature, package type and speed grade Conditions(1) 50 to VCC/2, CL = 10pF (See figure 1) or 50 ac termination, CL = 10pF (See figure 2) f 100MHz Outputs connected in groups of two FCT807BT Min.(2) Max. 1.3 -- -- -- -- -- 2.7 1.5 1.5 0.5 0.5 0.9 FCT807CT Min.(2) Max. 1.3 -- -- -- -- -- 2.5 1.5 1.5 0.25 0.35 0.65 Unit ns ns ns ns ns ns
Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(T)
Parameter Propagation Delay Output Rise Time Output Fall Time Output skew: skew between outputs of all banks of same package (inputs tied together) Pulse skew: skew between opposite transitions of same output (|tPHL -- tPLH|) Package skew: skew between outputs of different packages at same power supply voltage, temperature, package type and speed grade
Conditions(1) CL = 30pF f 67MHz (See figure 3)
FCT807BT Min.(2) Max. 1.5 -- -- -- -- -- 3.8 1.5 1.5 0.5 0.5 0.9
FCT807CT Min.(2) Max. 1.5 -- -- -- -- -- 3.5 1.5 1.5 0.25 0.35 0.75
Unit ns ns ns ns ns ns
FCT807BT Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(T) Parameter Propagation Delay Output Rise Time Output Fall Time Output skew: skew between outputs of all banks of same package (inputs tied together) Pulse skew: skew between opposite transitions of same output (|tPHL -- tPLH|) Package skew: skew between outputs of different packages at same power supply voltage, temperature, package type and speed grade -- 1 -- Conditions(1) CL = 30pF f 40MHz (See figure 4) Min.(2) 1.5 -- -- -- -- Max. 3.8 1.5 1.5 0.5 0.6
FCT807CT Min.(2) 1.5 -- -- -- -- Max. 3.5 1.5 1.5 0.35 0.45 0.75 Unit ns ns ns ns ns ns
NOTES: 1. See test circuits and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. tPLH, tPHL, tSK(t) are production tested. All other parameters guaranteed but not production tested. 4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew.
4
IDT74FCT807BT/CT FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL(3,4)
FCT807BT Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(T) Parameter Propagation Delay Output Rise Time Output Fall Time Output skew: skew between outputs of all banks of same package (inputs tied together) Pulse skew: skew between opposite transitions of same output (|tPHL -- tPLH|) Package skew: skew between outputs of different packages at same power supply voltage, temperature, package type and speed grade Conditions(1) 50 to VCC/2, CL = 10pF (See figure 1) or 50 ac termination, CL = 10pF (See figure 2) f 100MHz Outputs connected in groups of two Min.(2) 1.3 -- -- -- -- -- Max. 2.9 1.5 1.5 0.6 0.6 0.9 FCT807CT Min.(2) 1.3 -- -- -- -- -- Max. 2.7 1.5 1.5 0.35 0.45 0.65 Unit ns ns ns ns ns ns
Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(T)
Parameter Propagation Delay Output Rise Time Output Fall Time Output skew: skew between outputs of all banks of same package (inputs tied together) Pulse skew: skew between opposite transitions of same output (|tPHL -- tPLH|) Package skew: skew between outputs of different packages at same power supply voltage, temperature, package type and speed grade
Conditions(1) CL = 30pF f 67MHz (See figure 3)
FCT807BT Min.(2) Max. 1.5 -- -- -- -- -- 4 1.5 1.5 0.6 0.6 0.9
FCT807CT Min.(2) Max. 1.5 -- -- -- -- -- 3.7 1.5 1.5 0.35 0.45 0.75
Unit ns ns ns ns ns ns
Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(T)
Parameter Propagation Delay Output Rise Time Output Fall Time Output skew: skew between outputs of all banks of same package (inputs tied together) Pulse skew: skew between opposite transitions of same output (|tPHL -- tPLH|) Package skew: skew between outputs of different packages at same power supply voltage, temperature, package type and speed grade
Conditions(1) CL = 30pF f 40MHz (See figure 4)
FCT807BT Min.(2) Max. 1.5 -- -- -- -- -- 4 1.5 1.5 0.6 0.7 1
FCT807CT Min.(2) Max. 1.5 -- -- -- -- -- 3.7 1.5 1.5 0.45 0.55 0.75
Unit ns ns ns ns ns ns
NOTES: 1. See test circuits and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. tPLH, tPHL, tSK(t) are production tested. All other parameters guaranteed but not production tested. 4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew.
5
IDT74FCT807BT/CT FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
TEST CIRCUITS
V CC V CC VCC
100 V IN Pulse Generator RT D.U.T. 100 10pF RT 220pF VOUT Pulse Generator VIN D.U.T. 50 10pF V OUT
Fig. 1: 50 to VCC/2, CL = 10pF
Fig. 2: 50 AC Termination, CL = 10pF
The capacitor value for AC termination is determined by the operating frequency. For very low frequencies a higher capacitor value should be selected.
VCC
V CC
V IN Pulse Generator RT D.U.T.
V OUT Pulse Generator 30pF CL
V IN D.U.T.
V OUT
50pF RT CL
Fig. 3: CL = 30pF Circuit
Fig. 4: CL = 50pF Circuit
VCC 500 V IN Pulse Generator RT D.U.T. 50pF CL 500 V OUT
7.0V
SWITCH POSITION
Test Disable LOW Enable LOW Disable HIGH Enable HIGH Switch 6V GND
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Fig. 5: Enable and Disable Time Circuit
6
IDT74FCT807BT/CT FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
TEST WAVEFORMS
3V 1.5V INPUT tPLH tPHL VOH 2.0V OUTPUT tR tF 0.8V 1.5V VOL OUTPUT 2 tPLH2 tPHL2 tSK(o) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1| OUTPUT 1 tSK(o) tSK(o) 0V INPUT tPLH1 tPHL1 3V 1.5V 0V VOH 1.5V VOL VOH 1.5V VOL
Package Delay
Output Skew - tSK(O)
INPUT tPLH tPHL
3V 1.5V 0V VOH 1.5V VOL
INPUT
tPLH1
tPHL1
3V 1.5V 0V VOH 1.5V VOL VOH 1.5V VOL
PACKAGE 1 OUTPUT tSK(t) PACKAGE 2 OUTPUT tSK(t)
OUTPUT tSK(p) = |tPHL tPLH|
tPLH2
tPHL2
Pulse Skew - tSK(P)
tSK(t) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
Part-to-Part Skew - tSK(T)
NOTE: 1. Package 1 and Package 2 are same device type and speed grade.
ENABLE CONTROL INPUT t PZL OUTPUT NORMALLY SWITCH LOW CLOSED t PZH OUTPUT NORMALLY HIGH SWITCH OPEN 1.5V 0V 3.5V 1.5V
DISABLE 3V 1.5V 0V t PLZ 3.5V 0.3V tPHZ 0.3V VOH 0V VOL
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns
7
IDT74FCT807BT/CT FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT74FCT XXXX Device Type X Package X Temp. Range Blank I SO PY Q 807BT 807CT Commercial (0C to +70C) Industrial (-40C to +85C) Small Outline IC Shrink Small Outline IC Quarter-size Small Outline IC 1-to-10 Clock Driver
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
8


▲Up To Search▲   

 
Price & Availability of 74FCT807TDATASHEET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X