Part Number Hot Search : 
MAX755 1602B 100MZF 1N3032 TMEGA1 BCM53 AAT8641A RUS160
Product Description
Full Text Search
 

To Download 74FCT299DS15318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT299A FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
COMMERCIAL TEMPERATURE RANGE
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
FEATURES: DESCRIPTION:
IDT74FCT299A
* IDT74FCT299A 25% faster than FAST * Equivalent to FAST output drive over full temperature and voltage supply extremes * IOL = 48mA * CMOS power levels (1mW typ. static) * TTL input and output level compatible * CMOS output level compatible * Substantially lower input current levels than FAST (5A max.) * 8-input universal shift register * Available in SOIC package
The IDT74FCT299A is built using an advanced dual metal CMOS technology. The IDT74FCT299A is an 8-input universal shift/storage register with 3-state outputs. Four modes of operation are possible: hold (store), shift left, shift right and load data. The parallel load inputs and flipflop outputs are multiplexed to reduce the total number of package pins. Additional outputs are provided for flip-flops Q0 and Q7 to allow easy serial cascading. A separate active low Master Reset is used to reset the register.
FUNCTIONAL BLOCK DIAGRAM
S1
S0
DS7 DS0
CP D CD Q Q0 MR OE1 OE2 I/O0 I/O1 I/O2 I/O3 I/O4 I/O5 I/O6 I/O7 CP CD Q D CP CD Q D CP CD Q D CP CD Q D CP CD Q D CP CD Q D CP CD Q Q7 D CP
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGE
1
JUNE 2002
DSC-4604/5
(c) 2002 Integrated Device Technology, Inc.
IDT74FCT299A FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
COMMERCIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Operating Temperature Temperature under BIAS Storage Temperature Power Dissipation DC Output Current Max -0.5 to +7 -0.5 to VCC 0 to +70 -55 to +125 -55 to +125 0.5 120 Unit V V C C C W mA
S0 OE1 OE2 I/O6 I/O4 I/O2 I/O0 Q0 MR GND
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
SOIC TOP VIEW
VCC S1 DS7 Q7 I/O7 I/O5 I/O3 I/O1 CP DS0
VTERM(3) TA TBIAS TSTG PT IOUT
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed Vcc by +0.5V unless otherwise noted. 2. Input and Vcc terminals only. 3. Output and I/O terminals only.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 6 8 Max. 10 12 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names CP DS0 DS7 S0, S1 MR OE1, OE2 I/O0 - I/O7 Q0, Q7 Description Clock Pulse Input (Active Edge Rising) Serial Data Input for Right Shift Serial Data Input for Left Shift Mode Select Inputs Asynchronous Master Reset Input (Active LOW) 3-State Output Enable Inputs (Active LOW) Parallel Data Inputs or 3-State Parallel Outputs Serial Outputs
FUNCTION TABLE(1)
MR L H H H H Inputs S1 S0 X X H H L H H L L L CP X X Response Asynchronous Reset Q0 - Q7 = LOW Parallel Load: I/On - Qn Shift Right: DS0 - Qo, Q0 - Q1, etc. Shift Left: DS7 - Q7, Q7 - Q6, etc. Hold
NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level = LOW-to-HIGH clock transition
2
IDT74FCT299A FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
COMMERCIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC - 0.2V Commercial: TA = 0C to +70C, VCC = 5.0V 5%
Symbol VIH VIL IIH IIL IIH IIL VIK IOS VOH Parameter Input HIGH Level Input LOW Level Input HIGH Current (Except I/O Pins) Input LOW Current (Except I/O Pins) Input HIGH Current (I/O Pins Only) Input LOW Current (I/O Pins Only) Clamp Diode Voltage Short Circuit Current Output HIGH Voltage Vcc = Min., IN = -18mA Vcc = Max. , VO = GND Vcc = 3V, VIN = VLC or VHC, IOH = -32A Vcc = Min. VIN = VIH or VIL VOL Output LOW Voltage Vcc = Min. VIN = VIH or VIL IOH = -300A IOH = -15mA IOL = 300A IOL = 48mA
(3)
Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC VI = 2.7V VI = 0.5V VI = GND VCC = Max. VI = VCC VI = 2.7V VI = 0.5V VI = GND
Min. 2 -- -- -- -- -- -- -- -- -- -- -60 VHC VHC 2.4 -- -- --
Typ.(2) -- -- -- -- -- -- -- -- -- -- -0.7 -120 VCC VCC 4.3 GND GND 0.3
Max. -- 0.8 5 5
(4)
Unit V V A
-5(4) -5 15 15
(4)
A
-15(4) -15 -1.2 -- -- -- -- VLC VLC
(4)
V mA V
Vcc = 3V, VIN = VLC or VHC, IOL = 300A
V
0.5
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 5.0V, +25C ambient and maximum loading. 3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second. 4. This parameter is guaranteed but not tested.
3
IDT74FCT299A FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
COMMERCIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC - 0.2V
Symbol ICC ICC ICCD Parameter Quiescent Power Supply Current Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) Test Conditions(1) Vcc = Max. VIN VHC; VIN VLC Vcc = Max. VIN = 3.4V(3) Vcc = Max. Outputs Open OE1 = OE2 = GND MR = VCC S0 = S1 = VCC DS0 = DS1 = GND One Input Toggling 50% Duty Cycle Vcc = Max. Outputs Open fCP = 10MHz 50% Duty Cycle OE1 = OE2 = GND MR = VCC S0 = S1 = VCC DS0 = DS7 = GND One Bit Toggling at fi = 5MHz 50% Duty Cycle Vcc = Max. Outputs Open fCP = 10MHz 50% Duty Cycle OE1 = OE2 = GND MR = VCC S0 = S1 = VCC DS0 = DS7 = GND Eight Bits Toggling at fi = 2.5MHz 50% Duty Cycle VIN VHC VIN VLC Min. -- -- -- Typ.(2) 0.2 0.5 0.15 Max. 1.5 2 0.25 Unit mA mA mA/MHz
IC
Total Power Supply Current(6)
VIN VHC VIN VLC (FCT)
--
1.7
4
mA
VIN = 3.4V VIN = GND
--
2.2
6
VIN VHC VIN VLC (FCT)
--
4
7.8(5)
VIN = 3.4V VIN = GND
--
6.2
16.8(5)
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCP/2 + fiNi) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Input Frequency Ni = Number of Inputs at fi All currents are in milliamps and all frequencies are in megahertz.
4
IDT74FCT299A FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
COMMERCIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Symbol tPLH tPHL tPLH tPHL tPHL tPHL tPZH tPZL tPHZ tPLZ tSU tH tSU tH tW tW tREM Parameter Propagation Delay CP to Q0 or Q7 Propagation Delay CP to I/On Propagation Delay MR to Q0 or Q7 Propagation Delay MR to I/On Output Enable Time OEn to I/On Output Disable Time OEn to I/On Set-up Time HIGH or LOW S0 or S1 to CP Hold Time HIGH or LOW S0 or S1 to CP Set-up Time HIGH or LOW I/On, DS0, or DS7 to CP Hold Time HIGH or LOW I/On, DS0, or DS7 to CP CP Pulse Width HIGH or LOW MR Pulse Width LOW Recovery Time MR to CP Condition(1) CL = 50pF RL = 500 Min.(2) 2 2 2 2 1.5 1.5 3.5 1 4 1.5 5 5 5 Max. 7.2 7.2 7.2 8.7 6.5 6 -- -- -- -- -- -- -- Unit ns ns ns ns ns ns ns ns ns ns ns ns ns
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays.
5
IDT74FCT299A FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
COMMERCIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T . VOUT 7.0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low Switch Closed Open
50pF CL
500
All Other Tests
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Octal link
Test Circuits for All Outputs
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
Octal link
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
Octal link
1.5V
1.5V
tSU
tH
Pulse Width
Set-Up, Hold, and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V
Octal link
DISABLE 3V 1.5V 0V 3.5V 0.3V tPHZ 0.3V 1.5V 0V VOH 0V
Octal link
CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 3.5V 1.5V tPLZ
VOL
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; ZO 50; tF 2.5ns; tR 2.5ns.
6
IDT74FCT299A FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
COMMERCIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XXXX XX FCT Temp. Range Device Type X Package
SO
Small Outline IC
299A
8-Input Universal Shift Register
74
0C to +70C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of 74FCT299DS15318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X