Part Number Hot Search : 
SMB15 12005 AT91EB42 ER508 BC547B SMB15 NTE846 BL8530
Product Description
Full Text Search
 

To Download 25TTS12STRR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2117 rev. D 12/98
SAFEIR Series 25TTS..S
SURFACE MOUNTABLE PHASE CONTROL SCR
Description/Features
The 25TTS..S SAFEIR series of silicon controlled rectifiers are specifically designed for medium power switching and phase control applications. The glass passivation technology used has reliable operation up to 125 C junction temperature. Typical applications are in input rectification (soft start) and these products are designed to be used with International Rectifier input diodes, switches and output rectifiers which are available in identical package outlines.
VT ITSM
< 1.25V @ 16A = 300A
VRRM 800 to 1600V
Output Current in Typical Applications Applications
NEMA FR-4 or G10 glass fabric-based epoxy with 4 oz (140m) copper Aluminum IMS, RthCA = 15C/W Aluminum IMS with heatsink, RthCA = 5C/W TA = 55C, TJ = 125C, footprint 300mm2
Single-phase Bridge
3.5 8.5 16.5
Three-phase Bridge Units
5.5 13.5 25.0 A
Major Ratings and Characteristics Characteristics
IT(AV) Sinusoidal waveform IRMS VRRM/ VDRM ITSM VT dv/dt di/dt TJ @ 16 A, TJ = 25C 25 up to 1600 300 1.25 500 150 - 40 to 125 A V A V V/s A/s C
25TTS..S
16
Units
A
D2 PAK (SMD-220) 1
www.irf.com
25TTS..S SAFEIR Series
Bulletin I2117 rev. D 12/98
Voltage Ratings
Part Number
25TTS08S 25TTS12S 25TTS16S
peak reverse voltage V
800 1200 1600
VRRM, maximum
peak direct voltage V
800 1200 1600
VDRM , maximum
IRRM/IDRM 125C mA
10
Absolute Maximum Ratings
Parameters
IT(AV) Max. Average On-state Current IRMS ITSM I2t
2
25TTS..S
16 25 300 350 450 630
Units
A
Conditions
@ TC = 93 C, 180 conduction half sine wave 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied
Max. RMS On-state Current Max. Peak One Cycle Non-Repetitive Surge Current Max. I2 t for fusing
2
A2 s
2
10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied t = 0.1 to 10ms, no voltage reapplied @ 16A, TJ = 25C TJ = 125C TJ = 25 C TJ = 125 C
I t VTM rt
Max. I t for fusing Max. On-state Voltage Drop On-state slope resistance
6300 1.25 12.0 1.0 0.5 10 Typ. -100 Max. 100 150
A s V m V mA
VT(TO) Threshold Voltage IRM/IDM Max.Reverse and Direct Leakage Current IH Holding Current
VR = rated VRRM/ VDRM
Anode Supply = 6V, Resistive load, Initial IT=1A mA 25TTS08S, 25TTS12S 25TTS16S mA V/s A/s Anode Supply = 6V, Resistive load
IL
Max. Latching Current
200 500 150
dv/dt Max. Rate of Rise of off-state Voltage di/dt Max. Rate of Rise of turned-on Current
2
www.irf.com
25TTS..S SAFEIR Series
Bulletin I2117 rev. D 12/98
Triggering
Parameters
PGM Max. peak Gate Power PG(AV) Max. average Gate Power + IGM Max. paek positive Gate Current - VGM Max. paek negative Gate Voltage IGT Max. required DC Gate Current to trigger
25TTS..S
8.0 2.0 1.5 10 60 45 20
Units
W
Conditions
A V mA Anode supply = 6V, resistive load, TJ = - 10C Anode supply = 6V, resistive load, TJ = 25C Anode supply = 6V, resistive load, TJ = 125C V Anode supply = 6V, resistive load, TJ = - 10C Anode supply = 6V, resistive load, TJ = 25C Anode supply = 6V, resistive load, TJ = 125C TJ = 125C, VDRM = rated value mA TJ = 125C, VDRM = rated value
VGT
Max. required DC Gate Voltage to trigger
2.5 2.0 1.0
VGD IGD
Max. DC Gate Voltage not to trigger Max. DC Gate Current not to trigger
0.25 2.0
Switching
Parameters
tgt trr tq
Typical turn-on time Typical reverse recovery time Typical turn-off time
25TTS..S
0.9 4 110
Units
s TJ = 25C TJ = 125C
Conditions
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range Soldering Temperature RthJC Max. Thermal Resistance Junction to Case RthJA Typ. Thermal Resistance Junction to Ambient (PCB Mount)** wt T Approximate Weight Case Style 2 (0.07)
2
25TTS..S
- 40 to 125 - 40 to 125 240 1.1 40
Units
C C C C/W C/W g (oz.)
Conditions
for 10 seconds (1.6mm from case) DC operation
D Pak (SMD-220)
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140m) copper 40C/W For recommended footprint and soldering techniques refer to application note #AN-994
www.irf.com
3
25TTS..S SAFEIR Series
Bulletin I2117 rev. D 12/98
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C) 130
25TTS.. Series R thJC (DC) = 1.1 C/W
130
25TTS.. Series R thJC (DC) = 1.1 C/W
120
120
Conduction Angle
110
Conduction Period
110 30 100 60 90 120 180 90 0 5 10 15 20 Average On-state Current (A)
100
90 60 30 80 0 5 10
90 120 180 15 20 DC 25 30
Average On-state Current (A)
Fig. 1 - Current Rating Characteristics
Maximum Average On-state Power Loss (W)
Maximum Average On-state Power Loss (W)
Fig. 2 - Current Rating Characteristics
35 30 25 20 RMS Limit 15 10 5 0 0 5 10 15 20 25 30 Average On-state Current (A)
Conduction Period
25 180 120 90 60 30 RMS Limit
20
15
DC 180 120 90 60 30
10
Conduction Angle
5
25TTS.. Series T J= 125C
25TTS.. Series T J = 125C
0 0 4 8 12 16 20 Average On-state Current (A)
Fig. 3 - On-state Power Loss Characteristics
350
Fig. 4 - On-state Power Loss Characteristics
400 350 300 250 200 150 25TTS.. Series 100 0.01
Peak Half Sine Wave On-state Current (A)
Peak Half Sine Wave On-state Current (A)
300
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial T J = 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial TJ = 125C No Voltage Reapplied Rated VRRM Reapplied
250
200 25TTS.. Series 150 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
0.1 Pulse Train Duration (s)
1
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
4
www.irf.com
25TTS..S SAFEIR Series
Bulletin I2117 rev. D 12/98
1000 Instantaneous On-state Current (A)
100
T J= 25C 10 T J= 125C
25TTS.. Series 1 0 1 2 3 4 5 Instantaneous On-state Voltage (V)
Fig. 7 - On-state Voltage Drop Characteristics
Transient Thermal Impedance Z thJC (C/W) 10
Steady State Value (DC Operation) 1 D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08 Single Pulse 25TTS.. Series 0.01 0.0001
0.1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Fig. 8 - Gate Characteristics
100 Instantaneous Gate Voltage (V)
10
Rectangular gate pulse a)Recommended load line for rated di/dt: 10 V, 20 ohms tr = 0.5 s, tp >= 6 s b)Recommended load line for <= 30% rated di/dt: 10 V, 65 ohms tr = 1 s, tp >= 6 s
(1) PGM = 40 W, tp = 1 ms (2) PGM = 20 W, tp = 2 ms (3) PGM = 8 W, tp = 5 ms (4) PGM = 4 W, tp = 10 ms (a) (b)
TJ = -10 C
TJ = 25 C
TJ = 125 C
1
(4)
(3)
(2)
(1)
VGD IGD
0.1 0.001 0.01
25TTS.. Series 0.1 1
Frequency Limited by PG(AV) 10 100
Instantaneous Gate Current (A)
Fig. 9 - Thermal Impedance ZthJC Characteristics
www.irf.com
5
25TTS..S SAFEIR Series
Bulletin I2117 rev. D 12/98
Marking Information
EXAMPLE: THIS IS AN 25TTS16S
INTERNATIONAL RECTIFIER LOGO
(A) 25TTS16S
PART NUMBER
9G3A
ASSEMBLY LOT CODE
9512
DATE CODE (YYWW)
(K)
(G)
YY = YEAR WW = WEEK
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIRECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) DIA. 1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
TRL
24.30 (0.957) 23.90 (0.941)
10.90 (0.429) 10.70 (0.421)
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532) 12.80 (0.504) DIA.
Dimensions in millimeters and inches 24.40 (0.961)
SMD-220 Tape & Reel When orderi ng, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and T RR.
26.40 (1.039)
360 (14.173) DIA. MAX.
60 (2.362) DIA. MIN.
6
www.irf.com
25TTS..S SAFEIR Series
Bulletin I2117 rev. D 12/98
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED F OOTPRINT
11.43 (0.45)
(K) 1 (K) Cathode 2 (A) Anode 3 (G) Gate
1
(G)
3
4.57 (0.18) 8.89 (0.3 5)
4.32 (0.17)
2
17.78 (0.70)
0.61 (0.02) MAX. 5.08 (0 .20) REF.
(A)
3.81 (0.15)
2.08 (0.08)
Dimensions in millimeters and inches
2X
2.54 (0 .10) 2X
Ordering Information Table
Device Code
25
1 1 2 3 4 5 6 7 -
T
2
T
3
S
4
16
5
S
6
TRL
7
2 (A)
Current Rating, RMS value Circuit Configuration T = Single Thyristor Package T = TO-220AC Type of Silicon S = Converter Grade Voltage code: Code x 100 = VRRM Tape and Reel Option TRL = Left Reel TRR = Right Orientation Reel S = TO-220 D2Pak (SMD 220) Version 08 = 800V 12 = 1200V 16 = 1600V
1 (K) (G) 3
www.irf.com
7
25TTS..S SAFEIR Series
Bulletin I2117 rev. D 12/98
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN: http://www.irf.com
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936. Data and specifications subject to change without notice.
Fax-On-Demand: +44 1883 733420
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 25TTS12STRR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X