Part Number Hot Search : 
TR1000 MDV1548 4043B RC0039F C3021 STM69 MCD312 IMP2527
Product Description
Full Text Search
 

To Download 25AA020A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25AA020A/25LC020A
2K SPI Bus Serial EEPROM
Device Selection Table
Part Number 25AA020A 25LC020A VCC Range 1.8-5.5V 2.5-5.5V Page Size 16 Bytes 16 Bytes Temp. Ranges I I, E Packages P, MS, SN, ST, MC, OT P, MS, SN, ST, MC, OT
Features:
* 10 MHz max. clock frequency * Low-power CMOS technology: - Max. Write Current: 5 mA at 5.5V, 10 MHz - Read Current: 5 mA at 5.5V, 10 MHz - Standby Current: 5 A at 5.5V * 256 x 8-bit organization * Write Page mode (up to 16 bytes) * Sequential Read * Self-timed Erase and Write cycles (5 ms max.) * Block Write protection: - Protect none, 1/4, 1/2 or all of array * Built-in Write protection: - Power-on/off data protection circuitry - Write enable latch - Write-protect pin * High reliability: - Endurance: 1,000,000 Erase/Write cycles - Data retention: > 200 years - ESD protection: > 4000V * Temperature ranges supported: - Industrial (I): -40C to +85C - Automotive (E): -40C to +125C * Pb-Free packages available
Description:
The Microchip Technology Inc. 25XX020A* is a 2 Kbit Serial Electrically Erasable Programmable Read-Only Memory (EEPROM). The memory is accessed via a simple Serial Peripheral InterfaceTM (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input. Communication to the device can be paused via the hold pin (HOLD). While the device is paused, transitions on its inputs will be ignored, with the exception of Chip Select, allowing the host to service higher priority interrupts. The 25XX020A is available in standard packages including 8-lead PDIP and SOIC, and advanced packages including 8-lead MSOP, 8-lead TSSOP and rotated TSSOP, 8-lead 2x3 DFN, and 6-lead SOT-23.
Package Types (not to scale)
TSSOP/MSOP
(ST, MS)
CS SO WP VSS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
PDIP/SOIC
(P, SN)
CS SO WP VSS
1 2 3 4
8 7 6 5
VCC HOLD SCK SI
Pin Function Table
Name CS SO WP VSS SI SCK HOLD VCC Function Chip Select Input Serial Data Output Write-Protect Ground Serial Data Input Serial Clock Input Hold Input Supply Voltage
SCK VSS SI
SOT-23
(OT)
1 2 3 6 5 4 VDD CS SO
DFN
(MC) CS 1 SO 2 WP 3 VSS 4 8 VCC 7 HOLD 6 SCK 5 SI
X-Rotated TSSOP
(X/ST)
HOLD VCC CS SO 1 2 3 4 8 7 6 5 SCK SI VSS WP
*25XX020A is used in this document as a generic part number for the 25AA020A and the 25LC020A.
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 1
25AA020A/25LC020A
1.0 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings()
VCC.............................................................................................................................................................................6.5V All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V Storage temperature .................................................................................................................................-65C to 150C Ambient temperature under bias ...............................................................................................................-40C to 125C ESD protection on all pins ..........................................................................................................................................4 kV NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an extended period of time may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
Industrial (I): Automotive (E): Min. 0.7 VCC -0.3 -0.3 -- -- VCC -0.5 -- -- -- TA = -40C to +85C TA = -40C to +125C Max. VCC +1 0.3 VCC 0.2 VCC 0.4 0.2 -- 1 1 7 Units V V V V V V A A pF VCC 2.7V (Note 1) VCC < 2.7V (Note 1) IOL = 2.1 mA IOL = 1.0 mA, VCC < 2.5V IOH = -400 A CS = VCC, VIN = VSS TO VCC CS = VCC, VOUT = VSS TO VCC TA = 25C, CLK = 1.0 MHz, VCC = 5.0V (Note 1) VCC = 5.5V; FCLK = 10.0 MHz; SO = Open VCC = 2.5V; FCLK = 5.0 MHz; SO = Open VCC = 5.5V VCC = 2.5V CS = VCC = 5.5V, Inputs tied to VCC or VSS, TA = +125C CS = VCC = 2.5V, Inputs tied to VCC or VSS, TA = +85C VCC = 1.8V to 5.5V VCC = 2.5V to 5.5V Test Conditions
DC CHARACTERISTICS Param. No. D001 D002 D003 D004 D005 D006 D007 D008 D009 Sym. VIH1 VIL1 VIL2 VOL VOL VOH ILI ILO CINT Characteristic High-level Input Voltage Low-level Input Voltage Low-level Output Voltage High-level Output Voltage Input Leakage Current Output Leakage Current Internal Capacitance (all inputs and outputs)
D010
ICC Read Operating Current
-- -- -- -- -- Standby Current --
5 2.5 5 3 5 1
mA mA mA mA A A
D011 D012
ICC Write ICCS
Note:
This parameter is periodically sampled and not 100% tested.
DS21833C-page 2
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
TABLE 1-2: AC CHARACTERISTICS
Industrial (I): Automotive (E): Min. -- -- -- 50 100 150 100 200 250 50 10 20 30 20 40 50 -- -- 0.05 0.1 0.15 0.05 0.1 0.15 50 50 -- -- -- 0 -- -- -- 20 40 80 TA = -40C to +85C TA = -40C to +125C Units MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns s s s s s s s s ns ns ns ns ns ns ns ns ns ns ns ns VCC = 1.8V to 5.5V VCC = 2.5V to 5.5V Test Conditions 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V -- 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V (Note 1) (Note 1) 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V -- -- 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V (Note 1) 4.5V VCC < 5.5V (Note 1) 2.5V VCC < 4.5V (Note 1) 1.8V VCC < 2.5V (Note 1) 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V
AC CHARACTERISTICS Param. Sym. No. 1 FCLK
Characteristic Clock Frequency
Max. 10 5 3 -- -- -- -- -- -- -- -- -- -- -- -- -- 2 2 1000 1000 1000 1000 1000 1000 -- -- 50 100 160 -- 40 80 160 -- -- --
2
TCSS
CS Setup Time
3
TCSH
CS Hold Time
4 5
TCSD Tsu
CS Disable Time Data Setup Time
6
THD
Data Hold Time
7 8 9
TR TF THI
CLK Rise Time CLK Fall Time Clock High Time
10
TLO
Clock Low Time
11 12 13
TCLD TCLE TV
Clock Delay Time Clock Enable Time Output Valid from Clock Low Output Hold Time Output Disable Time
14 15
THO TDIS
16
THS
HOLD Setup Time
Note 1: This parameter is periodically sampled and not 100% tested. 2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total EnduranceTM Model which can be obtained from our web site: www.Microchip.com. 3: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is complete.
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 3
25AA020A/25LC020A
TABLE 1-2: AC CHARACTERISTICS (CONTINUED)
Industrial (I): Automotive (E): Min. 20 40 80 30 60 160 30 60 160 -- 1M TA = -40C to +85C TA = -40C to +125C Units ns ns ns ns ns ns ns ns ns ms VCC = 1.8V to 5.5V VCC = 2.5V to 5.5V Test Conditions 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V (Note 1) 2.5V VCC < 4.5V (Note 1) 1.8V VCC < 2.5V (Note 1) 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V (Note 3) AC CHARACTERISTICS Param. Sym. No. 17 THH
Characteristic HOLD Hold Time
Max. -- -- -- -- -- -- -- -- -- 5 --
18
THZ
HOLD Low to Output High-Z HOLD High to Output Valid Internal Write Cycle Time (byte or page) Endurance
19
THV
20 21
TWC --
E/W (NOTE 2) Cycles
Note 1: This parameter is periodically sampled and not 100% tested. 2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total EnduranceTM Model which can be obtained from our web site: www.Microchip.com. 3: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is complete.
TABLE 1-3:
AC Waveform: VLO = 0.2V
AC TEST CONDITIONS
-- (Note 1) (Note 2) -- 0.5 VCC 0.5 VCC
VHI = VCC - 0.2V VHI = 4.0V CL = 100 pF
Timing Measurement Reference Level Input Output Note 1: For VCC 4.0V 2: For VCC > 4.0V
DS21833C-page 4
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
FIGURE 1-1:
CS 16 SCK 18 SO n+2 n+1 n high-impedance 19 n 5 n n-1 n-1 17 16 17
HOLD TIMING
don't care SI HOLD n+2 n+1 n
FIGURE 1-2:
SERIAL INPUT TIMING
4
CS 2 Mode 1,1 SCK Mode 0,0 5 SI 6 LSB in 7 8 3
12 11
MSB in
SO
high-impedance
FIGURE 1-3:
SERIAL OUTPUT TIMING
CS 9 SCK 13 14 SO MSB out 15 ISB out 10 3 Mode 1,1 Mode 0,0
SI
don't care
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 5
25AA020A/25LC020A
2.0
2.1
FUNCTIONAL DESCRIPTION
Principles of Operation
The 25XX020A is a 256-byte Serial EEPROM designed to interface directly with the Serial Peripheral Interface (SPI) port of many of today's popular microcontroller families, including Microchip's PICmicro(R) microcontrollers. It may also interface with microcontrollers that do not have a built-in SPI port by using discrete I/O lines programmed properly in software to match the SPI protocol. The 25XX020A contains an 8-bit instruction register. The device is accessed via the SI pin, with data being clocked in on the rising edge of SCK. The CS pin must be low and the HOLD pin must be high for the entire operation. Table 2-1 contains a list of the possible instruction bytes and format for device operation. All instructions, addresses, and data are transferred MSb first, LSb last. Data (SI) is sampled on the first rising edge of SCK after CS goes low. If the clock line is shared with other peripheral devices on the SPI bus, the user can assert the HOLD input and place the 25XX020A in `HOLD' mode. After releasing the HOLD pin, operation will resume from the point when the HOLD was asserted.
After setting the write enable latch, the user may proceed by driving CS low, issuing a WRITE instruction, followed by the remainder of the address, and then the data to be written. Up to 16 bytes of data can be sent to the device before a write cycle is necessary. The only restriction is that all of the bytes must reside in the same page. Additionally, a page address begins with XXXX 0000 and ends with XXXX 1111. If the internal address counter reaches XXXX 1111 and clock signals continue to be applied to the chip, the address counter will roll back to the first address of the page and overwrite any data that previously existed in those locations. Note: Page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. Physical page boundaries start at addresses that are integer multiples of the page buffer size (or `page size') and, end at addresses that are integer multiples of page size - 1. If a Page Write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page as might be expected. It is therefore necessary for the application software to prevent page write operations that would attempt to cross a page boundary.
2.2
Read Sequence
The device is selected by pulling CS low. The 8-bit READ instruction is transmitted to the 25XX020A followed by an 8-bit address. See Figure 2-1 for more details. After the correct READ instruction and address are sent, the data stored in the memory at the selected address is shifted out on the SO pin. Data stored in the memory at the next address can be read sequentially by continuing to provide clock pulses to the slave. The internal Address Pointer automatically increments to the next higher address after each byte of data is shifted out. When the highest address is reached (FFh), the address counter rolls over to address 00h allowing the read cycle to be continued indefinitely. The read operation is terminated by raising the CS pin (Figure 2-1).
For the data to be actually written to the array, the CS must be brought high after the Least Significant bit (D0) of the nth data byte has been clocked in. If CS is driven high at any other time, the write operation will not be completed. Refer to Figure 2-2 and Figure 2-3 for more detailed illustrations on the byte write sequence and the page write sequence respectively. While the write is in progress, the STATUS register may be read to check the status of the WIP, WEL, BP1 and BP0 bits (Figure 2-6). Attempting to read a memory array location will not be possible during a write cycle. Polling the WIP bit in the STATUS register is recommended in order to determine if a write cycle is in progress. When the write cycle is completed, the write enable latch is reset.
2.3
Write Sequence
Prior to any attempt to write data to the 25XX020A, the write enable latch must be set by issuing the WREN instruction (Figure 2-4). This is done by setting CS low and then clocking out the proper instruction into the 25XX020A. After all eight bits of the instruction are transmitted, CS must be driven high to set the write enable latch. If the write operation is initiated immediately after the WREN instruction without CS driven high, data will not be written to the array since the write enable latch was not properly set.
DS21833C-page 6
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
BLOCK DIAGRAM
STATUS Register HV Generator
I/O Control Logic
Memory Control Logic
X Dec
EEPROM Array
Page Latches
SI SO CS SCK HOLD WP VCC VSS
Y Decoder
Sense Amp. R/W Control
TABLE 2-1:
INSTRUCTION SET
Instruction Format 0000 x011 0000 x010 0000 x100 0000 x110 0000 x101 0000 x001 Description Read data from memory array beginning at selected address Write data to memory array beginning at selected address Reset the write enable latch (disable write operations) Set the write enable latch (enable write operations) Read STATUS register Write STATUS register
Instruction Name READ WRITE WRDI WREN RDSR WRSR x = don't care
FIGURE 2-1:
CS 0 SCK 1
READ SEQUENCE
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Instruction SI 0 0 0 0 0 0 1
Address byte 1 A7 A6 A5 A4 A3 A2 A1 A0 data out 7 6 5 4 3 2 1 0
high-impedance SO
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 7
25AA020A/25LC020A
FIGURE 2-2:
CS 0 SCK Instruction SI 0 0 0 0 0 0 1 Address byte 0 A7 A6 A5 A4 A3 A2 A1 A0 high-impedance SO 7 6 data byte 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 Twc
BYTE WRITE SEQUENCE
FIGURE 2-3:
CS 0 SCK 1 2
PAGE WRITE SEQUENCE
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 Address byte data byte 1 6 5 4 3 2 1 0
Instruction SI 0 0 0 0 0 01
0 A7 A6 A5 A4 A3 A2 A1 A0 7
CS 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 SCK data byte 2 SI 7 6 5 4 3 2 1 0 7 6 data byte 3 5 4 3 2 1 0 7 data byte n (16 max) 6 5 4 3 2 1 0
DS21833C-page 8
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
2.4 Write Enable (WREN) and Write Disable (WRDI)
The following is a list of conditions under which the write enable latch will be reset: * * * * * Power-up WRDI instruction successfully executed WRSR instruction successfully executed WRITE instruction successfully executed WP pin is brought low
The 25XX020A contains a write enable latch. See Table 2-4 for the Write-Protect Functionality Matrix. This latch must be set before any write operation will be completed internally. The WREN instruction will set the latch, and the WRDI will reset the latch.
FIGURE 2-4:
WRITE ENABLE SEQUENCE (WREN)
CS 0 SCK 1 2 3 4 5 6 7
SI
0
0
0
0
0
1
1
0
high-impedance SO
FIGURE 2-5:
WRITE DISABLE SEQUENCE (WRDI)
CS 0 SCK 1 2 3 4 5 6 7
SI
0
0
0
0
0
1
0
0
high-impedance SO
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 9
25AA020A/25LC020A
2.5 Read Status Register Instruction (RDSR)
The Write Enable Latch (WEL) bit indicates the status of the write enable latch and is read-only. When set to a `1', the latch allows writes to the array, when set to a `0', the latch prohibits writes to the array. The state of this bit can always be updated via the WREN or WRDI commands regardless of the state of write protection on the STATUS register. These commands are shown in Figure 2-4 and Figure 2-5. The Block Protection (BP0 and BP1) bits indicate which blocks are currently write-protected. These bits are set by the user issuing the WRSR instruction, which is shown in Figure 2-7. These bits are nonvolatile and are described in more detail in Table 2-3.
The Read Status Register instruction (RDSR) provides access to the STATUS register. See Figure 2-6 for the RDSR timing sequence. The STATUS register may be read at any time, even during a write cycle. The STATUS register is formatted as follows:
TABLE 2-2:
STATUS REGISTER
0 R WIP
7 654 3 2 1 - - - - W/R W/R R X X X X BP1 BP0 WEL W/R = writable/readable. R = read-only.
The Write-In-Process (WIP) bit indicates whether the 25XX020A is busy with a write operation. When set to a `1', a write is in progress, when set to a `0', no write is in progress. This bit is read-only.
FIGURE 2-6:
CS 0 SCK
READ STATUS REGISTER TIMING SEQUENCE (RDSR)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
instruction SI 0 0 0 0 0 1 0 1
high-impedance SO 7
data from STATUS register 6 5 4 3 2 1 0
DS21833C-page 10
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
2.6 Write Status Register Instruction (WRSR)
TABLE 2-3:
BP1
ARRAY PROTECTION
BP0 Array Addresses Write-Protected none upper 1/4 (C0h-FFh) upper 1/2 (80h-FFh) all (00h-FFh)
The Write Status Register instruction (WRSR) allows the user to write to the nonvolatile bits in the STATUS register as shown in Table 2-2. See Figure 2-7 for the WRSR timing sequence. Four levels of protection for the array are selectable by writing to the appropriate bits in the STATUS register. The user has the ability to write-protect none, one, two, or all four of the segments of the array as shown in Table 2-3.
0 0 1 1
0 1 0 1
FIGURE 2-7:
CS 0 SCK
WRITE STATUS REGISTER TIMING SEQUENCE (WRSR)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
instruction SI 0 0 0 0 0 0 0 1 7 6
data to STATUS register 5 4 3 2 1 0
high-impedance SO Note: An internal write cycle (TWC) is initiated on the rising edge of CS after a valid write STATUS register sequence.
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 11
25AA020A/25LC020A
2.7 Data Protection 2.8 Power-On State
The following protection has been implemented to prevent inadvertent writes to the array: * The write enable latch is reset on power-up * A write enable instruction must be issued to set the write enable latch * After a byte write, page write or STATUS register write, the write enable latch is reset * CS must be set high after the proper number of clock cycles to start an internal write cycle * Access to the array during an internal write cycle is ignored and programming is continued The 25XX020A powers on in the following state: * The device is in low-power Standby mode (CS = 1) * The write enable latch is reset * SO is in high-impedance state * A high-to-low-level transition on CS is required to enter active state
TABLE 2-4:
WP (pin 3) 0 (low) 1 (high) 1 (high)
WRITE-PROTECT FUNCTIONALITY MATRIX
WEL (SR bit 1) x 0 1 Protected Blocks Protected Protected Protected Unprotected Blocks Protected Protected Writable STATUS Register Protected Protected Writable
x = don't care
DS21833C-page 12
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
3.0 PIN DESCRIPTIONS
3.5 Serial Clock (SCK)
The SCK is used to synchronize the communication between a master and the 25XX020A. Instructions, addresses or data present on the SI pin are latched on the rising edge of the clock input, while data on the SO pin is updated after the falling edge of the clock input. The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
Name
PIN FUNCTION TABLE
Rotated SOTTSSOP 23 Function
PDIP, SOIC, MSOP, TSSOP, DFN 1 2 3 4 5 6 7 8
CS SO WP VSS SI SCK HOLD VCC
3 4 5 6 7 8 1 2
5 4 -- 2 3 1 -- 6
Chip Select Input Serial Data Output Write-Protect Pin Ground Serial Data Input Serial Clock Input Hold Input Supply Voltage
3.6
Hold (HOLD)
3.1
Chip Select (CS)
A low level on this pin selects the device. A high level deselects the device and forces it into Standby mode. However, a programming cycle which is already initiated or in progress will be completed, regardless of the CS input signal. If CS is brought high during a program cycle, the device will go into Standby mode as soon as the programming cycle is complete. When the device is deselected, SO goes to the high-impedance state, allowing multiple parts to share the same SPI bus. A low to high transition on CS after a valid write sequence initiates an internal write cycle. After powerup, a low level on CS is required prior to any sequence being initiated.
The HOLD pin is used to suspend transmission to the 25XX020A while in the middle of a serial sequence without having to retransmit the entire sequence again. It must be held high any time this function is not being used. Once the device is selected and a serial sequence is underway, the HOLD pin may be pulled low to pause further serial communication without resetting the serial sequence. The HOLD pin must be brought low while SCK is low, otherwise the HOLD function will not be invoked until the next SCK high-tolow transition. The 25XX020A must remain selected during this sequence. The SI, SCK and SO pins are in a high-impedance state during the time the device is paused and transitions on these pins will be ignored. To resume serial communication, HOLD must be brought high while the SCK pin is low, otherwise serial communication will not resume. Lowering the HOLD line at any time will tri-state the SO line.
3.2
Serial Output (SO)
The SO pin is used to transfer data out of the 25XX020A. During a read cycle, data is shifted out on this pin after the falling edge of the serial clock.
3.3
Write-Protect (WP)
The WP pin is a hardware write-protect input pin. When it is low, all writes to the array or STATUS register are disabled, but any other operations function normally. When WP is high, all functions, including nonvolatile writes operate normally. At any time, when WP is low, the write enable reset latch will be reset and programming will be inhibited. However, if a write cycle is already in progress, WP going low will not change or disable the write cycle. See Table 2-4 for the Write-Protect Functionality Matrix.
3.4
Serial Input (SI)
The SI pin is used to transfer data into the device. It receives instructions, addresses and data. Data is latched on the rising edge of the serial clock.
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 13
25AA020A/25LC020A
4.0
4.1
PACKAGING INFORMATION
Package Marking Information
8-Lead PDIP
XXXXXXXX T/XXXNNN YYWW
Example:
25AA020A I/P e3 1L7 0627
8-Lead SOIC
Example:
XXXXXXXT XXXXYYWW NNN
25AA02AI SN e3 0627 1L7
8-Lead TSSOP XXXX TYWW NNN
Example:
5A2A I627 1L7
8-Lead MSOP (150 mil)
Example:
5L2AI 6271L7
XXXXXT YWWNNN
1st Line Marking Codes Part Number 25AA020A 25LC020A TSSOP Standard Rotated 5A2A 5L2A A2AX L2AX MSOP 5A2AT 5L2AT SOT-23 I Temp. E Temp. -- 22NN 25NN 26NN DFN I Temp. E Temp. -- 411 414 415
Note: T = Temperature grade (I, E)
NN = Alphanumeric traceability code
Legend: XX...X Y YY WW NNN
e3
*
Customer-specific information Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) This package is Pb-free. The Pb-free JEDEC designator ( e3 ) can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
DS21833C-page 14
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
Package Marking Information (continued)
8-Lead 2X3 DFN
Example:
XXX YWW NN
6-Lead SOT-23
411 627 L7
Example:
XXNN
22L7
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 15
25AA020A/25LC020A
8-Lead Plastic Dual In-line (P) - 300 mil (PDIP)
E1
D 2 n 1 E
A
A2
c
L A1
eB
B1 p B
MAX Number of Pins Pitch Top to Seating Plane A .140 .170 4.32 Molded Package Thickness A2 .115 .145 3.68 Base to Seating Plane A1 .015 Shoulder to Shoulder Width E .300 .313 .325 8.26 Molded Package Width E1 .240 .250 .260 6.60 Overall Length D .360 .373 .385 9.78 Tip to Seating Plane L .125 .130 .135 3.43 c Lead Thickness .008 .012 .015 0.38 Upper Lead Width B1 .045 .058 .070 1.78 Lower Lead Width B .014 .018 .022 0.56 Overall Row Spacing eB .310 .370 .430 10.92 Mold Draft Angle Top 5 10 15 15 Mold Draft Angle Bottom 5 10 15 15 * Controlling Parameter Significant Characteristic Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-001 Drawing No. C04-018
Units Dimension Limits n p
MIN
INCHES* NOM 8 .100 .155 .130
MAX
MIN
MILLIMETERS NOM 8 2.54 3.56 3.94 2.92 3.30 0.38 7.62 7.94 6.10 6.35 9.14 9.46 3.18 3.30 0.20 0.29 1.14 1.46 0.36 0.46 7.87 9.40 5 10 5 10
DS21833C-page 16
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
8-Lead Plastic Small Outline (SN) - Narrow, 150 mil (SOIC)
E E1
p
D 2 B n 1
h 45
c A A2
L A1
MAX Number of Pins Pitch Overall Height A .053 .069 1.75 Molded Package Thickness A2 .052 .061 1.55 Standoff .004 .010 0.25 A1 Overall Width E .228 .244 6.20 Molded Package Width E1 .146 .157 3.99 Overall Length D .189 .197 5.00 Chamfer Distance h .010 .020 0.51 Foot Length L .019 .030 0.76 Foot Angle 0 8 8 c Lead Thickness .008 .010 0.25 Lead Width B .013 .020 0.51 Mold Draft Angle Top 0 15 15 Mold Draft Angle Bottom 0 15 15 * Controlling Parameter Significant Characteristic Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-012 Drawing No. C04-057
Units Dimension Limits n p
MIN
INCHES* NOM 8 .050 .061 .056 .007 .237 .154 .193 .015 .025 4 .009 .017 12 12
MAX
MIN
MILLIMETERS NOM 8 1.27 1.35 1.55 1.32 1.42 0.10 0.18 5.79 6.02 3.71 3.91 4.80 4.90 0.25 0.38 0.48 0.62 0 4 0.20 0.23 0.33 0.42 0 12 0 12
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 17
25AA020A/25LC020A
8-Lead Plastic Thin Shrink Small Outline (ST) - 4.4 mm (TSSOP)
E E1
p
D 2 1 n B A c
L
A1
A2
Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Molded Package Length Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom n p A A2 A1 E E1 D L c B .039 .033 .002 .246 .169 .114 .020 0 .004 .007 0 0 MIN
INCHES NOM 8 .026 .041 .035 .004 .251 .173 .118 .024 4 .006 .010 5 5 .043 .037 .006 .256 .177 .122 .028 8 .008 .012 10 10 1.00 0.85 0.05 6.25 4.30 2.90 0.50 MAX MIN
MILLIMETERS* NOM 8 0.65 1.05 0.90 0.10 6.38 4.40 3.00 0.60 4 0.15 0.25 5 5 1.10 0.95 0.15 6.50 4.50 3.10 0.70 8 0.20 0.30 10 10 MAX
0 0.09 0.19 0 0
* Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. JEDEC Equivalent: MO-153 Drawing No. C04-086 Revised 07-21-05
DS21833C-page 18
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
8-Lead Plastic Micro Small Outline Package (MS) (MSOP)
E E1
p D 2 n 1
B
c
A
A2
F Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Foot Length Footprint (Reference) Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom n p A A2 A1 E E1 D L F c B .016 .030 .000 MIN
L
A1
INCHES NOM 8 MAX MIN
MILLIMETERS* NOM 8 0.65 BSC .043 .037 .006 0.75 0.00 4.90 BSC 3.00 BSC 3.00 BSC .031 8 .009 .016 15 15 0.40 0 0.08 0.22 5 5 0.60 0.95 REF 8 0.23 0.40 15 15 0.80 0.85 1.10 0.95 0.15 MAX
.026 BSC
.033 .193 BSC .118 BSC .118 BSC .024 .037 REF 0 .003 .009 5 5 .006 .012 -
* Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. BSC: Basic Dimension. Theoretically exact value shown without tolerances. See ASME Y14.5M REF: Reference Dimension, usually without tolerance, for information purposes only. See ASME Y14.5M JEDEC Equivalent: MO-187 Drawing No. C04-111
Revised 07-21-05
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 19
25AA020A/25LC020A
8-Lead Plastic Dual-Flat, No-Lead Package (MC) 2x3x0.9 mm Body (DFN) - Saw Singulated
D
b
p n L
K
E
E2
EXPOSED METAL PAD (NOTE 2) PIN 1 ID INDEX AREA (NOTE 1)
DETAIL TOP VIEW
ALTERNATE CONTACT CONFIGURATION
2 D2
1
BOTTOM VIEW
A1 A3
A
EXPOSED TIE BAR (NOTE 3)
Units Dimension Limits Number of Pins Pitch Overall Height Standoff Contact Thickness Overall Length Overall Width Exposed Pad Length Exposed Pad Width Contact Length Contact-to-Exposed Pad Contact Width n e A A1 A3 D E D2 E2 L K b .051 .059 .012 .008 .008 .031 .000 MIN
INCHES NOM 8 .020 BSC .035 .001 .008 REF. .079 BSC .118 BSC - - .016 - .010 .069 .075 .020 - .012 1.30** 1.50** 0.30 0.20 0.20 .039 .002 0.80 0.00 MAX MIN
MILLIMETERS* NOM 8 0.50 BSC 0.90 0.02 0.20 REF. 2.00 BSC 3.00 BSC - - 0.40 - 0.25 1.75 1.90 0.50 - 0.30 1.00 0.05 MAX
* Controlling Parameter ** Not within JEDEC parameters Significant Characteristic Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Exposed pad may vary according to die attach paddle size. 3. Package may have one or more exposed tie bars at ends. BSC: Basic Dimension. Theoretically exact value shown without tolerances. See ASME Y14.5M REF: Reference Dimension, usually without tolerance, for information purposes only. See ASME Y14.5M JEDEC Equivalent MO-229 VCED-2 DWG No. C04-123
Revised 09-12-05
DS21833C-page 20
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
6-Lead Plastic Small Outline Transistor (CH or OT) (SOT-23)
E E1
B
p1
D
n
1
c
A
A2
L
A1
Units Dimension Limits Number of Pins Pitch Outside lead pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom n p p1 A A2 A1 E E1 D L c B .035 .035 .000 .102 .059 .110 .014 0 .004 .014 0 0 MIN
INCHES* NOM 6 .038 BSC .075 BSC .046 .043 .003 .110 .064 .116 .018 5 .006 .017 5 5 .057 .051 .006 .118 .069 .122 .022 10 .008 .020 10 10 0.35 0 0 0.90 0.90 0.00 2.60 1.50 2.80 0.35 0 0.09 MAX MIN
MILLIMETERS NOM 6 0.95 BSC 1.90 BSC 1.18 1.10 0.08 2.80 1.63 2.95 0.45 5 0.15 0.43 5 5 1.45 1.30 0.15 3.00 1.75 3.10 0.55 10 0.20 0.50 10 10 MAX
* Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. BSC: Basic Dimension. Theoretically exact value shown without tolerances. See ASME Y14.5M JEITA (formerly EIAJ) equivalent: SC-74A Revised 09-12-05 Drawing No. C04-120
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 21
25AA020A/25LC020A
APPENDIX A:
Revision B
Corrections to Section 1.0, Electrical Characteristics.
REVISION HISTORY
Revision C
Added Packages SOT-23, DFN and X-rotated TSSOP; Revised AC Char., Params. 9, 10; Revised Package Legend.
DS21833C-page 22
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
THE MICROCHIP WEB SITE
Microchip provides online support via our WWW site at www.microchip.com. This web site is used as a means to make files and information easily available to customers. Accessible by using your favorite Internet browser, the web site contains the following information: * Product Support - Data sheets and errata, application notes and sample programs, design resources, user's guides and hardware support documents, latest software releases and archived software * General Technical Support - Frequently Asked Questions (FAQ), technical support requests, online discussion groups, Microchip consultant program member listing * Business of Microchip - Product selector and ordering guides, latest Microchip press releases, listing of seminars and events, listings of Microchip sales offices, distributors and factory representatives
CUSTOMER SUPPORT
Users of Microchip products can receive assistance through several channels: * * * * * Distributor or Representative Local Sales Office Field Application Engineer (FAE) Technical Support Development Systems Information Line
Customers should contact their distributor, representative or field application engineer (FAE) for support. Local sales offices are also available to help customers. A listing of sales offices and locations is included in the back of this document. Technical support is available through the web site at: http://support.microchip.com
CUSTOMER CHANGE NOTIFICATION SERVICE
Microchip's customer notification service helps keep customers current on Microchip products. Subscribers will receive e-mail notification whenever there are changes, updates, revisions or errata related to a specified product family or development tool of interest. To register, access the Microchip web site at www.microchip.com, click on Customer Change Notification and follow the registration instructions.
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 21
25AA020A/25LC020A
READER RESPONSE
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip product. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150. Please list the following information, and use this outline to provide us with your comments about this document. To: RE: Technical Publications Manager Reader Response Total Pages Sent ________
From: Name Company Address City / State / ZIP / Country Telephone: (_______) _________ - _________ Application (optional): Would you like a reply? Y N Literature Number: DS21833C FAX: (______) _________ - _________
Device: 25AA020A/25LC020A Questions:
1. What are the best features of this document?
2. How does this document meet your hardware and software development needs?
3. Do you find the organization of this document easy to follow? If not, why?
4. What additions to the document do you think would enhance the structure and subject?
5. What deletions from the document could be made without affecting the overall usefulness?
6. Is there any incorrect or misleading information (what and where)?
7. How would you improve this document?
DS21833C-page 22
Preliminary
(c) 2006 Microchip Technology Inc.
25AA020A/25LC020A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device X Tape & Reel
-
X Temperature
/XX Package
Examples:
a) b) 25AA020A-I/MS = 2k-bit, 16-byte page, 1.8V Serial EEPROM, Industrial temp., MSOP package 25AA020AT-I/SN = 2k-bit, 16-byte page, 1.8V Serial EEPROM, Industrial temp., Tape & Reel, SOIC package 25LC020AT-I/SN = 2k-bit, 16-byte page, 2.5V Serial EEPROM, Industrial temp., Tape & Reel, SOIC package 25LC020AT-I/ST = 2k-bit, 16-byte page, 2.5V Serial EEPROM, Industrial temp., Tape & Reel, TSSOP package 25LC020AT-E/SN = 2k-bit, 16-byte page, 2.5V serial EEPROM, Extended temp., Tape & Reel, SOIC Package
Device:
25AA020A 25LC020A Blank T I E = = = =
2k-Bit, 1.8V, 16 Byte Page, SPI Serial EEPROM 2k-Bit, 2.5V, 16 Byte Page, SPI Serial EEPROM Standard packaging Tape & Reel -40C to+85C -40C to+125C
c)
Tape & Reel: Temperature Range:
d)
e) Package: MS P SN ST MC OT = = = = = = Plastic MSOP (Micro Small Outline), 8-lead Plastic DIP (300 mil body), 8-lead Plastic SOIC (150 mil body), 8-lead TSSOP, 8-lead 2x3 DFN, 8-lead SOT-23, 6-lead (Tape and Reel only)
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 23
25AA020A/25LC020A
NOTES:
DS21833C-page 24
Preliminary
(c) 2006 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, Migratable Memory, MXDEV, MXLAB, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, Linear Active Thermistor, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PICLAB, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, Real ICE, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel, Total Endurance, UNI/O, WiperLock and Zena are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2006, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona and Mountain View, California in October 2003. The Company's quality system processes and procedures are for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2006 Microchip Technology Inc.
Preliminary
DS21833C-page 25
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Alpharetta, GA Tel: 770-640-0034 Fax: 770-640-0307 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 San Jose Mountain View, CA Tel: 650-215-1444 Fax: 650-961-0286 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8676-6200 Fax: 86-28-8676-6599 China - Fuzhou Tel: 86-591-8750-3506 Fax: 86-591-8750-3521 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Shunde Tel: 86-757-2839-5507 Fax: 86-757-2839-5571 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xian Tel: 86-29-8833-7250 Fax: 86-29-8833-7256
ASIA/PACIFIC
India - Bangalore Tel: 91-80-2229-0061 Fax: 91-80-2229-0062 India - New Delhi Tel: 91-11-5160-8631 Fax: 91-11-5160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Gumi Tel: 82-54-473-4301 Fax: 82-54-473-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Penang Tel: 60-4-646-8870 Fax: 60-4-646-5086 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-572-9526 Fax: 886-3-572-6459 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-399 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
10/31/05
DS21833C-page 26
Preliminary
(c) 2006 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 25AA020A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X