Part Number Hot Search : 
TA114E MSR33RT 440SH MSR33RT HT604 T460003 OM7500SC 15KW18A
Product Description
Full Text Search
 

To Download 23C1622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INDEX
MX23C1622
16M-BIT MASK ROM (16/32 BIT OUTPUT)
FEATURES
* Bit organization - 1M x 16 (word mode) - 512K x 32 (double word mode) * Fast access time - Random access: 100ns (max.) - Page access: 30ns (max.) * Page Size - 8 double words per page * Current - Operating: 100mA - Standby: 50uA * Supply voltage - 5V10% * Package - 70 pin SSOP (500 mil)
ORDER INFORMATION
Part No. Access Page Access Package Time MX23C1622MC-10 100ns MX23C1622MC-12 120ns Time 30ns 50ns 70 pin SSOP 70 pin SSOP
PIN DESCRIPTION
Symbol A0~A18 D0~D30 D31/A-1 CE OE Word VCC VSS NC Pin Function Address Inputs Data Outputs D31 (Double Word Mode)/ LSB Address (Word Mode) Chip Enable Input Output Enable Input Double Word/ Word Mode Selection Power Supply Pin Ground Pin No Connection
PIN CONFIGURATION
70 SSOP
A0 A1 A2 A3 A4 A5 VCC D0 D16 D1 D17 VSS VCC D2 D18 D3 D19 D4 D20 D5 D21 VSS VCC D6 D22 D7 D23 VSS A6 A7 A8 A9 A10 A11 A12 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 NC NC NC WORD OE CE VSS D31/A-1 D15 D30 D14 VSS VCC D29 D13 D28 D12 D27 D11 D26 D10 VSS VCC D25 D9 D24 D8 VCC NC A18 A17 A16 A15 A14 A13
MODE SELECTION
CE OE Word D31/A-1D0~D15 D16~D31 Mode H L L L X H L L X X H L X X High Z High Z High Z High Z Word Input D0~D15 High Z Word Active Power Active
Stand-by
Output D0~D15 D16~D31Double Active
P/N:PM0399
MX23C1622
REV. 1.7, FEB. 01, 1999
1
INDEX
MX23C1622
BLOCK DIAGRAM
A0/(A-1) A2 A3 A18 CE WORD OE Address Buffer Memory Array Page Buffer Page Decoder Double Word/ Word Output Buffer D0 D31/(D15)
ABSOLUTE MAXIMUM RATINGS
Item Voltage on any Pin Relative to VSS Ambient Operating Temperature Storage Temperature Symbol VIN Topr Tstg Ratings -1.3V to VCC+2.0V(Note) 0C to 70C -65C to 125C
Note: Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, inputs may undershoot VSS to -1.3V for periods of up to 20ns. Maximum DC voltage on input or I/O pins is VCC+0.5V. During voltage transitions, input may overshoot VCC to VCC+2.0V for periods of up to 20ns.
DC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 5V10%)
Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Operating Current Standby Current (TTL) Standby Current (CMOS) Input Capacitance Output Capacitance Symbol VOH VOL VIH VIL ILI ILO ICC1 ISTB1 ISTB2 CIN COUT MIN. 2.4V 2.2V -0.3V MAX. 0.4V VCC+0.3V 0.8V 5uA 5uA 100mA 1mA 50uA 10pF 10pF Conditions IOH = -1.0mA IOL = 2.1mA
0V, VCC 0V, VCC tRC = 100ns, all output open CE = VIH CE>VCC-0.2V Ta = 25C, f = 1MHZ Ta = 25C, f = 1MHZ
P/N:PM0399
REV. 1.7, FEB. 01, 1999
2
INDEX
MX23C1622
AC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 5V10%)
Item Read Cycle Time Address Access Time Chip Enable Access Time Page Mode Access Time Output Enable Time Output Hold After Address Output High Z Delay Symbol tRC tAA tACE tPA tOE tOH tHZ 23C1622-10 MIN. 100ns 0ns MAX. 100ns 100ns 30ns 30ns 20ns 23C1622-12 MIN. 120ns 0ns MAX. 120ns 120ns 50ns 50ns 20ns
Note:Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested.
AC Test Conditions
Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~ 2.4V 10ns 1.5V 0.8V and 2.0V See Figure
IOH (load)=-1mA DOUT IOL (load)=2.1mA
C<100pF
Note:No output loading is present in tester load board. Active loading is used and under software programming control. Output loading capacitance includes load board's and all stray capacitance.
P/N:PM0399
REV. 1.7, FEB. 01, 1999
3
INDEX
MX23C1622
TIMING DIAGRAM
RANDOM READ
ADD
ADD tACE
ADD tRC
ADD
CE
OE
tOE tOH VALID tHZ VALID
tAA DATA VALID
PAGE READ
A3-A18
VALID ADD
(A-1),A0,A1,A2
1'st ADD tAA
2'nd ADD tPA VALID VALID
3'rd ADD
DATA
VALID
Note: CE, OE are enable. Page size is 8 double words in 32-bit mode, 16 words in 16-bit mode.
P/N:PM0399
REV. 1.7, FEB. 01, 1999
4
INDEX
MX23C1622
REVISION HISTORY
Revision 1.4 1.5 1.6 1.7 Description Block Diagram: Added block disgram. Absolute Maximum Ratings: Added note describe the minimum and maximum overshoot raanges. AC Characteristics: Added 120ns grade item. AC Characteristics: tOH 10ns --> 0ns Page Date
P3 P3
MAY/25/1998 FEB/01/1999
P/N:PM0399
REV. 1.7, FEB. 01, 1999
5
INDEX
MX23C1622
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-8888 FAX:+886-3-578-8887
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-747-2309 FAX:+65-748-4090
TAIPEI OFFICE:
TEL:+886-3-509-3300 FAX:+886-3-509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
6


▲Up To Search▲   

 
Price & Availability of 23C1622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X