Part Number Hot Search : 
SI7430D UDZS3V6B LM335D ED390 LEADFREE SSL22 TLP1032F H3AA005V
Product Description
Full Text Search
 

To Download 200HF120PV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
Bulletin I2020/A
200HF(R) SERIES
STANDARD RECOVERY DIODES Stud Version
Features
High current carrying capability High surge current capability Types up to 1200V V RRM Stud cathode and stud anode version Standard JEDEC types Diffused junction
200 A
Typical Applications
Battery chargers Converters Power supplies Machine tool controls
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM range TJ
200HF(R)
200 125 314 4400 4610 97 88 400 to 1200 -40 to 180
Units
A C A A A KA2s KA2s V C
case style DO-205AC (DO-30)
To Order
Previous Datasheet
200HF(R) Series
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code
40 200HF(R) 80 120
Index
Next Data Sheet
V RRM , maximum repetitive peak reverse voltage V
400 800 1200
VRSM , maximum nonrepetitive peak rev. voltage V
500 900 1300
IRRM max.
@ 180C
mA
15
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
200HF(R)
200 125 314 4400 4610 3700 3870
Units Conditions
A C A DC @ 120C case temperature t = 10ms A t = 8.3ms t = 10ms t = 8.3ms t = 10ms KA2s t = 8.3ms t = 10ms t = 8.3ms KA s
2
180 conduction, half sine wave
No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max
It
2
Maximum I t for fusing
2
97 88 68 62
I t
2
Maximum I t for fusing
2
968 0.85
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x I F(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
V 1.04 (I > x IF(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 0.59 1.45 V (I > x IF(AV)), TJ = TJ max. Ipk= 628A, TJ = 25 C
0.85
To Order
Previous Datasheet
Index
Next Data Sheet
200HF(R) Series
Thermal and Mechanical Specification
Parameter
TJ Tstg Max. operating temperature range Max. storage temperature range
200HF(R)
-40 to 180 -55 to 180 0.17 0.08 11 10
Units
C
Conditions
RthJC Max. thermal resistance, junction to case RthCS Max. thermal resistance, case to heatsink T Max. allowed mounting torque +0 -20%
K/W
DC operation Mounting surface, smooth, flat and greased
Nm g
Not lubricated threads Lubricated threads
wt
Approximate weight Case style
120
DO-205AC(DO-30)
See Outline Table
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction Units
0.045 0.056 0.073 0.102 0.154 0.037 0.061 0.079 0.105 0.156 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
200 HF
1 1 2 3 Essential Part Number Diode 2
R
3
120
4
P
5
B
6
V
7
None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud)
4 5
-
Voltage code: Code x 10 = VRRM (See Voltage Ratings table) P = Stud base DO-205AC(DO-30) 1/2" 20UNF-2A M= Stud base DO-205AC(DO-30) M12x1.75
6
-
B = Flag top terminals (for Cathode/ Anode Leads) S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Not isolated lead
7
-
V = Glass-metal seal
To Order
Previous Datasheet
200HF(R) Series
Outline Table
GLASS-METAL SEAL
16.5 (0.65) MAX. 6.5 (0.26) MIN.
Index
Next Data Sheet
2.6 (0.10) MAX. 35 (1.38) MAX. C.S. 16mm (0.015 s.i.) 2 SW 27
DIA. 8.5 (0.33) NOM. 157 (6.18) 170 (6.69)
55 (2.16) MIN.
DIA. 23.5 (0.93) MAX.
24 (0.94) MAX.
12.5 (0.49) MAX.
21 (0.82) MAX.
Conforms to JEDEC DO-205AC (DO-30)
All dimensions in millimeters (inches)
1/2"-20UNF-2A*
* FOR METRIC DEVICE: M12 X 1.75 GLASS-METAL SEAL
16.5 (0.65)
5.6 (0.22) DIA. 5.54 (0.22) 9.5 (0.37) DIA. 23.5 (0.93) MAX. 36.5 (1.44) 1/2"-20UNF-2A* 2.4 (0.09) 24 (0.94) MAX. 21 (0.82) MAX. 27 (1.06) 12.5 (0.49) MAX.
DO-205AC (DO-30) Flag
All dimensions in millimeters (inches)
41 (1.61) MAX.
*FOR METRIC DEVICE. M12 X 1.75
To Order
Previous Datasheet
Index
Next Data Sheet
200HF(R) Series
Maximum Allowable Case T emperature (C)
170 160
200HF(R) S eries R thJC (DC) = 0.17 K/W
Maximum Allowable Case T emperature (C)
180
180 170 160 150 140 130
200HF S (R) eries RthJC (DC) = 0.17 K/ W
Conduction Angle
Conduc tion Period
150 140 130 120 0 25 50 75 100 125 150 175 200 225 Average Forward Current (A) Fig. 1 - Current Ratings Characteristics 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160 180 200 20 0 Avera ge Forward Current (A) 180 120 90 60 30 RMSLimit 30
60 90 120 180
90 120 30 110 0 50 100 150 200 250 300 350 Average Forward Current (A) Fig. 2 - Current Ratings Characteristics 60 120 180 DC
Maximum Average F orward Power Loss(W)
0.2
/W 3K 0. /W K
R th S
0. 5
0.6
0. 8K /W 1K /W
1.5 KW /
4 0.
W K/
A
= W K/ 0.1
K/ W
K/ W
a elt -D R
Conduction Angle
2.5 K /
W
200HF(R) S eries TJ = 180C
4 K/ W
40 60 80 100 120 140 160 180
Maximum Allowable Ambient T emperature (C)
Fig. 3 - Forward Power Loss Characteristics Maximum Average F orward Power Loss (W) 400 350 300 250 200 150 RMSLimit
Conduction Period
DC 180 120 90 60 30
2 0. /W K K/ W 0. 3
R th
A S
W K/ .1 =0
0.4
0 .5
K/ W
a elt -D
0.6
K/ W
R
K/ W
0.8 K/ W 1K /W
1.5 K/ W
100 50 0 0 50 100 150 200 250 300 200HF(R) S eries T = 180C J
2.5 K /W
4 K/ W
0 350 20
40 60
80 100 120 140 160 180
Average F orward Current (A)
Maximum Allowable Ambient T emperature (C)
Fig. 4 - Forward Power Loss Characteristics
To Order
Previous Datasheet
200HF(R) Series
Peak Half S Wave F ine orward Current (A)
Index
Next Data Sheet
Peak Half S Wave Forward Current (A) ine
4000
At Any R ated Load Condition And With Rated VRRM App lied Following S urge. Initial T = 180C J 3500 @60 Hz 0.0083 s @50 Hz 0.0100 s 3000 2500 2000 1500 1000 1 10 100
Number Of E qua l Amplitude Half Cycle Current Pulses (N)
4500 4000 3500 3000 2500 2000 1500
Maximum Non Repetitive S urge Current Vers Puls Train Duration. us e Initial T = 180C J No Voltage Reapplied Rated VRRM Reapplied
200HF(R) S eries
200HF(R) S eries 1000 0.01 0.1 Puls T e rain Duration (s) Fig. 6 - Maximum Non-Repetitive Surge Current 1
Fig. 5 - Maximum Non-Repetitive Surge Current 10000 Ins tantaneous Forward Current (A)
1000
T = 25C J 100 T = 180C J
200HF(R) S eries 10 0.5 1 1.5 2 2.5 3 3.5 4 4.5
Instantaneous F orward Voltage (V) Fig. 7 - Forward Voltage Drop Characteristics 1
T rans ient T hermal Impedance Z thJC (K/W)
S teady S tate Value: RthJC = 0.17 K/ W (DC Operation) 0.1
200HF(R) S eries
0.01 0.001
0.01
0.1 S quare Wave Pulse Duration (s )
1
10
Fig. 8 - Thermal Impedance ZthJC Characteristics
To Order


▲Up To Search▲   

 
Price & Availability of 200HF120PV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X