Part Number Hot Search : 
MPS22 1N473 IRF24 70000 8051F012 KYW35K6 SWL63X 13R475C
Product Description
Full Text Search
 

To Download 1657LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1657/LTC1657L Parallel 16-Bit Rail-to-Rail Micropower DAC
FEATURES
s s s s s s
DESCRIPTIO
s s s s s s
16-Bit Monotonic Over Temperature Deglitched Rail-to-Rail Voltage Output: 8nV*s ICC: 650A Typ Maximum DNL Error: 1LSB Settling Time: 20s to 1LSB Built-In Reference: 2.048V (LTC1657) 1.25V (LTC1657L) Internal Power-On Reset to Zero Volts Asynchronous CLR Pin Output Buffer Configurable for Gain of 1 or 2 Parallel 16-Bit or 2-Byte Double Buffered Interface Narrow 28-Lead SSOP Package Multiplying Capability
The LTC(R)1657/LTC1657L are complete single supply, railto-rail voltage output, 16-bit digital-to-analog converters (DAC) in a 28-pin SSOP or PDIP package. They include a rail-to-rail output buffer amplifier, an internal reference and a double buffered parallel digital interface. The LTC1657/LTC1657L have separate reference input pins that can be driven by an external reference. The fullscale output can be 1 or 2 times the reference voltage depending on how the X1/X2 pin is connected. The LTC1657 operates from a 4.5V to 5.5V supply and has an onboard 2.048V reference. The LTC1657L operates from a 2.7V to 5.5V supply and has an onboard 1.25V reference. The LTC1657/LTC1657L are similar to Linear Technology Corporation's LTC1450/LTC1450L 12-bit VOUT DAC family, allowing an upgrade path. They are the only buffered 16-bit parallel DACs in a 28-lead SSOP package and include an onboard reference for stand alone performance.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
s s s s s
Instrumentation Digital Calibration Industrial Process Control Automatic Test Equipment Communication Test Equipment
BLOCK DIAGRA
19 D15 (MSB) 18 17 16 15 14 13 12 DATA IN FROM MICROPROCESSOR DATA BUS D8 11 D7 10 9 8 7 6 5 4 D0 (LSB) 3 CSMSB FROM MICROPROCESSOR DECODE LOGIC 1 WR 2 CSLSB 28 LDAC FROM SYSTEM RESET 27 CLR
LTC1657: 4.5V TO 5.5V LTC1657L: 2.7V TO 5.5V 23 REFOUT REFERENCE LTC1657: 2.048V LTC1657L: 1.25V MSB 8-BIT INPUT REGISTER 22 REFHI 24 VCC
16-BIT DAC REGISTER
16-BIT DAC
+ -
VOUT
25
LTC1657: 0V TO 4.096V LTC1657L: 0V TO 2.5V
DIFFERENTIAL NONLINEARITY (LSB)
LSB 8-BIT INPUT REGISTER
R R
POWER-ON RESET GND 20 REFLO 21 X1/X2 26
1657 TA01
U
Differential Nonlinearity vs Input Code
1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 16384 32768 49152 DIGITAL INPUT CODE 65535
1657 TA02
W
U
1
LTC1657/LTC1657L
ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW WR CSLSB CSMSB (LSB) D0 D1 D2 D3 D4 D5 1 2 3 4 5 6 7 8 9 28 LDAC 27 CLR 26 X1/X2 25 VOUT 24 VCC 23 REFOUT 22 REFHI 21 REFLO 20 GND 19 D15 (MSB) 18 D14 17 D13 16 D12 15 D11 GN PACKAGE 28-LEAD PLASTIC SSOP
VCC to GND .............................................. - 0.5V to 7.5V TTL Input Voltage, REFHI, REFLO, X1/X2 ....................................................... - 0.5V to 7.5V VOUT, REFOUT ............................ - 0.5V to (VCC + 0.5V) Operating Temperature Range LTC1657C/LTC1657LC .......................... 0C to 70C LTC1657I/LTC1657LI ...................... - 40C to 85C Maximum Junction Temperature .......................... 125C Storage Temperature Range ................ - 65C to 150C Lead Temperature (Soldering, 10 sec)................. 300C
ORDER PART NUMBER LTC1657CGN LTC1657CN LTC1657IGN LTC1657IN LTC1657LCGN LTC1657LCN LTC1657LIGN LTC1657LIN
D6 10 D7 11 D8 12 D9 13 D10 14 N PACKAGE 28-LEAD PDIP
TJMAX = 125C, JA = 95C/ W (GN) TJMAX = 125C, JA = 58C/ W (N)
Consult factory for parts specified with wider operating temperature ranges.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 4.5V to 5.5V (LTC1657), VCC = 2.7V to 5.5V (LTC1657L), VOUT unloaded, REFOUT tied to REFHI, REFLO tied to GND, X1/X2 tied to GND, unless otherwise noted.
SYMBOL PARAMETER Resolution Monotonicity DNL INL ZSE VOS VOSTC Differential Nonlinearity Integral Nonlinearity Zero Scale Error Offset Error Offset Error Tempco Gain Error Gain Error Drift Power Supply VCC ICC Positive Supply Voltage Supply Current For Specified Performance (LTC1657) For Specified Performance (LTC1657L) (Note 4)
q q q q
ELECTRICAL CHARACTERISTICS
CONDITIONS
q q
MIN 16 16
TYP
MAX
UNITS Bits Bits
DAC (Note 2)
Guaranteed Monotonic (Note 3) (Note 3) Measured at Code 200 (LTC1657) Measured at Code 200 (LTC1657L)
q q q q q
0.5 4 0 0.3 0.4 5 2 0.5 1.0 4.5 2.7 650
1 12 2 3 4 16
LTC1657 LTC1657L
ppm/C ppm/C 5.5 5.5 1200 V V A
2
U
LSB LSB mV mV mV V/C LSB
W
U
U
WW
W
LTC1657/LTC1657L
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 4.5V to 5.5V (LTC1657), VCC = 2.7V to 5.5V (LTC1657L), VOUT unloaded, REFOUT tied to REFHI, REFLO tied to GND, X1/X2 tied to GND, unless otherwise noted.
SYMBOL PARAMETER Short-Circuit Current Low Short-Circuit Current High Output Impedance to GND Output Line Regulation AC Performance Voltage Output Slew Rate Voltage Output Settling Time Digital Feedthrough Midscale Glitch Impulse Output Voltage Noise Using Internal Reference at 1kHz Output Voltage Noise Using External Reference at 1kHz Output Voltage Noise Density Using Internal Reference from 0.1Hz to 10Hz Refererence Input Multiplying BW Reference Output (REFOUT) Reference Output Voltage Reference Output Temperature Coefficient Reference Line Regulation Reference Load Regulation Short-Circuit Current Reference Output Voltage Noise at 1kHz Reference Output Voltage Noise Density from 0.1Hz to 10Hz Reference Input REFHI, REFLO Input Range (Note 7) See Applications Information X1/X2 Tied to VOUT X1/X2 Tied to GND LTC1657 LTC1657L (Relative to REFLO)
q q q q
ELECTRICAL CHARACTERISTICS
CONDITIONS VOUT Shorted to GND VOUT Shorted to VCC Input Code = 0 (LTC1657) Input Code = 0 (LTC1657L) Input Code = 65535, LTC1657: VCC = 4.5V to 5.5V Input Code = 65535, LTC1657L: VCC = 2.7V to 5.5V (Note 5) (Note 5) to 0.0015% (16-Bit Settling Time) (Note 5) to 0.012% (13-Bit Settling Time) (Note 6) DAC Switch Between 8000H and 7FFFH X1/X2 Tied to VOUT (Notes 8, 9) LTC1657 LTC1657L X1/X2 Tied to VOUT (Notes 8, 9, 10) X1/X2 Tied to VOUT (Notes 8, 9)
q q q q q q
MIN
TYP 70 80 40 120
MAX 120 140 120 275 4 3
UNITS mA mA mV/V mV/V V/s s s nV *s nV *s nV/Hz nV/Hz nV/Hz VP-P kHz
Op Amp DC Performance
q
0.3
0.7 20 10 0.3 8 165 105 50 8 700
LTC1657 LTC1657L
q q
2.036 1.240
2.048 1.250 15
2.060 1.260
V V ppm/C
LTC1657: VCC = 4.5V to 5.5V LTC1657L: VCC = 2.7V to 5.5V Measured at IOUT = 100A (LTC1657) Measured at IOUT = 100A (LTC1657L) REFOUT Shorted to GND LTC1657 LTC1657L
q q q q q
1.5 1.0 5 3 50 150 90 6 100
mV/V mV/V mV/A mV/A mA nV/Hz nV/Hz VP-P
0 0 16 16 25 23
VCC - 1.5 VCC /2
V V k k
REFHI Input Resistance
3
LTC1657/LTC1657L
The q denotes specifications which apply over the full operating temperature range TA = TMIN to TMAX. VCC = 5V (LTC1657), VCC = 3V (LTC1657L), unless otherwise noted.
SYMBOL Digital I/O VIH VIL ILEAK CIN tCS tWR tCWS tCWH tDWS tDWH tLDAC tCLR Digital Input High Voltage Digital Input Low Voltage Digital Input Leakage Digital Input Capacitance CS (MSB or LSB) Pulse Width WR Pulse Width CS to WR Setup CS to WR Hold Data Valid to WR Setup Data Valid to WR Hold LDAC Pulse Width CLR Pulse Width VIN = GND to VCC (Note 7)
q q q q
ELECTRICAL CHARACTERISTICS
PARAMETER CONDITIONS
MIN 2.4
LTC1657 TYP
MAX
MIN 2.0
LTC1657L TYP
MAX
UNITS V
0.8 10 10 40 40 0 0 40 0 40 40 60 60 0 0 60 0 60 60
0.6 10 10
V A pF ns ns ns ns ns ns ns ns
Switching Characteristics
q q q q q q q q
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: External reference REFHI = 2.2V. VCC = 5V (LTC1657). External reference REFHI = 1.3V. VCC = 3V (LTC1657L). Note 3: Nonlinearity is defined from code 128 to code 65535 (full scale). See Applications Information. Note 4: Digital inputs at 0V or VCC. Note 5: DAC switched between all 1s and all 0s. VFS = 4.096V.
Note 6: D0 to D15 toggle between all 0s and all 1s with REFHI = 0V, CSMSB = CSLSB = WR = LDAC = High Note 7: Guaranteed by design. Not subject to test. Note 8: DAC inputs all 1s. Note 9: X1/X2 tied to GND, the voltage noise will be a factor of 2 greater. Note 10: Using 2.048V (1.25V) external reference with 3nV/Hz noise at 1kHz for LTC1657/(LTC1657L).
4
LTC1657/LTC1657L TYPICAL PERFOR A CE CHARACTERISTICS
LTC1657 Differential Nonlinearity
2.0 DIFFERENTIAL NONLINEARITY (LSB)
DIFFERENTIAL NONLINEARITY (LSB)
1.6 1.2 0.8 0.4 0 -0.4 -0.8 -1.2 -1.6 -2.0 0 16384 32768 49152 DIGITAL INPUT CODE 65535
1657 G01
1.2 0.8 0.4 0 -0.4 -0.8 -1.2 -1.6 -2.0 0 32768 16384 49152 DIGITAL INPUT CODE 65535
1657 G02
INTEGRAL NONLINEARITY (LSB)
LTC1657L Integral Nonlinearity
5 4
INTEGRAL NONLINEARITY (LSB)
3 2
VCC - VOUT (V)
1 0 -1 -2 -3 -4 -5 0 32768 16384 49152 DIGITAL INPUT CODE 65535
1657 G04
1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 LOAD CURRENT (mA) 10
1657 G05
VCC - VOUT (V)
LTC1657 Minimum Output Voltage vs Output Sink Current
1.2 OUTPUT PULL-DOWN VOLTAGE (V) 1.0 125C 0.8 0.6 25C 0.4 0.2 0 -55C OUTPUT PULL-DOWN VOLTAGE (V) CODE ALL 0s VOUT 1LSB 0.6
0.4
FULL-SCALE VOLTAGE (V)
0
5 10 OUTPUT SINK CURRENT (mA)
UW
1657 G07
LTC1657L Differential Nonlinearity
2.0 1.6
LTC1657 Integral Nonlinearity
5 4 3 2 1 0 -1 -2 -3 -4 -5 0 16384 32768 49152 DIGITAL INPUT CODE 65535
1657 G03
LTC1657 Minimum Supply Headroom for Full Output Swing vs Load Current
2.0 1.8 1.6 1.4 CODE ALL 1s VOUT 1LSB VOUT = 4.096V 125C 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -55C 0.2 0
LTC1657L Minimum Supply Headroom for Full Output Swing vs Load Current
CODE ALL 1s VOUT 1LSB VOUT = 2.5V 125C
25C
25C
-55C
0
5 LOAD CURRENT (mA)
10
1657 G06
LTC1657L Minimum Output Voltage vs Output Sink Current
4.110 125C 25C -55C 4.105 4.100 4.095 4.090 4.085
LTC1657 Full-Scale Voltage vs Temperature
0.2
CODE ALL 0s VOUT 1LSB 0 0 5 10 OUTPUT SINK CURRENT (mA) 15
1657 G08
15
4.080 -55
-25
5 35 65 TEMPERATURE (C)
95
125
1657 G09
5
LTC1657/LTC1657L TYPICAL PERFOR A CE CHARACTERISTICS
LTC1657L Full-Scale Voltage vs Temperature
2.510 1.0 0.9
FULL-SCALE VOLTAGE (V)
2.505 OFFSET (mV)
0.6 0.5 0.4 0.3 0.2 0.1
OFFSET (mV) -10 35 80 TEMPERATURE (C) 125
1657 G11
2.500
2.495
2.490 -55
-25
5 35 65 TEMPERATURE (C)
LTC1657 Supply Current vs Logic Input Voltage
8 7 SUPPLY CURRENT (mA)
SUPPLY CURRENT (mA)
VCC = 5V
SUPPLY CURRENT (A)
6 5 4 3 2 1 0 0 1 2 3 4 LOGIC INPUT VOLTAGE (V) 5
1657 G13
LTC1657L Supply Current vs Temperature
560 550 540
4 5
SUPPLY CURRENT (A)
530 520 510 500 490 480 470 460 -55 -35 -15 VCC = 3V
VCC = 3.3V
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
VCC = 2.7V
5 25 45 65 85 105 125 TEMPERATURE (C)
1657 G16
6
UW
95
LTC1657 Offset Error vs Temperature
1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 - 0.8
LTC1657L Offset Error vs Temperature
0.8 0.7
125
1657 G10
0 -55
-1.0 -55
-10 35 80 TEMPERATURE (C)
125
1657 G12
LTC1657L Supply Current vs Logic Input Voltage
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1 2 LOGIC INPUT VOLTAGE (V) 3
1657 G14
LTC1657 Supply Current vs Temperature
700 680 660 640 620 600 580 560 540 520 500 -55 -35 -15 5 25 45 65 85 105 125 TEMPERATURE (C)
1657 G15
VCC = 3V
VCC = 5.5V VCC = 5V VCC = 4.5V
LTC1657 Large-Signal Transient Response
VOUT UNLOADED TA = 25C 5
LTC1657L Large-Signal Transient Response
VOUT UNLOADED TA = 25C
4
3
3
2
2
1
1
0 TIME (20s/DIV)
1657 G17
0 TIME (20s/DIV)
1657 G18
LTC1657/LTC1657L TYPICAL PERFOR A CE CHARACTERISTICS
LTC1657 0.1Hz to 10Hz Voltage Noise LTC1657L 0.1Hz to 10Hz Voltage Noise
1V/DIV
0
1
2
3
456 TIME (SEC)
7
8
9
10
1V/DIV
1
PI FU CTIO S
WR (Pin 1): Write Input (Active Low). Used with CSMSB and/or CSLSB to control the input registers. While WR and CSMSB and/or CSLSB are held low, data writes into the input register. CSLSB (Pin 2): Chip Select Least Significant Byte (Active Low). Used with WR to control the LSB 8-bit input registers. While WR and CSLSB are held low, the LSB byte writes into the LSB input register. Can be connected to CSMSB for simultaneous loading of both sets of input latches on a 16-bit bus. CSMSB (Pin 3): Chip Select Most Significant Byte (Active Low). Used with WR to control the MSB 8-bit input registers. While WR and CSMSB are held low, the MSB byte writes into the MSB input register. Can be connected to CSLSB for simultaneous loading of both sets of input latches on a 16-bit bus. D0 to D7 (Pins 4 to 11): Input data for the Least Significant Byte. Written into LSB input register when WR = 0 and CSLSB = 0. D8 to D15 (Pins 12 to 19): Input data for the Most Significant Byte. Written into MSB input register when WR = 0 and CSMSB = 0. GND (Pin 20): Ground. REFLO (Pin 21): Lower input terminal of the DAC's internal resistor ladder. Typically connected to Analog Ground. An input code of (0000)H will connect the positive input of the output buffer to this end of the ladder. Can be used to offset the zero scale above ground. REFHI (Pin 22): Upper input terminal of the DAC's internal resistor ladder. Typically connected to REFOUT. An input code of (FFFF)H will connect the positive input of the output buffer to 1LSB below this voltage. REFOUT (Pin 23): Output of the internal reference is 2.048V (LTC1657), 1.25V (LTC1657L). Typically connected to REFHI to drive internal DAC resistor ladder. VCC (Pin 24): Positive Power Supply Input. 4.5V VCC 5.5V (LTC1657), 2.7V VCC 5.5V (LTC1657L). Requires a 0.1F bypass capacitor to ground. VOUT (Pin 25): Buffered DAC Output. X1/X2 (Pin 26): Gain Setting Resistor Pin. Connect to GND for G = 2 or to VOUT for G = 1. This pin should always be tied to a low impedance source, such as ground or VOUT, to ensure stability of the output buffer when driving capacitive loads.
UW
0
2
3
456 TIME (SEC)
7
8
9
10
1659 G19
1659 G20
U
U
U
7
LTC1657/LTC1657L
PI FU CTIO S
CLR (Pin 27): Clear Input (Asynchronous Active Low). A low on this pin asynchronously resets all input and DAC registers to 0s. LDAC (Pin 28): Load DAC (Asynchronous Active Low). Used to asynchronously transfer the contents of the input registers to the DAC register which updates the output voltage. If held low, the DAC register loads data from the input registers which will immediately update VOUT.
DIGITAL INTERFACE TRUTH TABLE
CLR L H H H H H H H H H CSMSB X X X L H L X H X L CSLSB X X X H L L X X H L WR X X X L L L H X X L LDAC X L H X X X X X X L FUNCTION Clears input and DAC registers to zero Loads DAC register with contents of input registers Freezes contents of DAC register Writes MSB byte into MSB input register Writes LSB byte into LSB input register Writes MSB and LSB bytes into MSB and LSB input registers Inhibits write to MSB and LSB input registers Inhibits write to MSB input register Inhibits write to LSB input register Data bus flows directly through input and DAC registers
TIMING DIAGRAM
CSLSB t CS CSMSB t CWS WR t LDAC LDAC t DWS DATA DATA VALID DATA VALID
1657 TD
8
W
U
U
U
UW
U
t CS
t WR
t CWH t WR
t DWH DAC UPDATE
LTC1657/LTC1657L
DEFI ITIO S
Resolution (n): Resolution is defined as the number of digital input bits (n). It defines the number of DAC output states (2n) that divide the full-scale range. Resolution does not imply linearity. Full-Scale Voltage (VFS): This is the output of the DAC when all bits are set to 1. Voltage Offset Error (VOS): Normally, the DAC offset is the voltage at the output when the DAC is loaded with all zeros. The DAC can have a true negative offset, but because the part is operated from a single supply, the output cannot go below zero. If the offset is negative, the output will remain near 0V resulting in the transfer curve shown in Figure 1. DAC Transfer Characteristic:
REFHI - REFLO VOUT = G * CODE + REFLO 65536
OUTPUT VOLTAGE
NEGATIVE OFFSET
Figure 1. Effect of Negative Offset
The offset of the part is measured at the code that corresponds to the maximum offset specification: VOS = VOUT - [(Code)(VFS)/(2n - 1)] Least Significant Bit (LSB): One LSB is the ideal voltage difference between two successive codes. LSB = G * VREF/65536 G = 1 for X1/X2 connected to VOUT G = 2 for X1/X2 connected to GND Nominal LSBs: (VREFOUT tie to VREFHI, REFLO tie to GND, G = 2) LTC1657 LSB = 4.096V/65536 = 62.5V LTC1657L LSB = 2.5V/65536 = 38.1V
U
U
(
)
G = 1 for X1/X2 connected to VOUT G = 2 for X1/X2 connected to GND CODE = Decimal equivalent of digital input (0 CODE 65535) Zero-Scale Error (ZSE): The output voltage when the DAC is loaded with all zeros. Since this is a single supply part, this value cannot be less than 0V. Integral Nonlinearity (INL): End-point INL is the maximum deviation from a straight line passing through the end points of the DAC transfer curve. Because the part operates from a single supply and the output cannot go below zero, the linearity is measured between full scale and the code corresponding to the maximum offset specification. The INL error at a given input code is calculated as follows: INL (In LSBs) = [VOUT - VOS - (VFS - VOS) (code/65535)] VOUT = The output voltage of the DAC measured at the given input code Differential Nonlinearity (DNL): DNL is the difference between the measured change and the ideal one LSB change between any two adjacent codes. The DNL error between any two codes is calculated as follows: DNL = (VOUT - LSB)/LSB V OUT = The measured voltage difference between two adjacent codes Digital Feedthrough: The glitch that appears at the analog output caused by AC coupling from the digital inputs when they change state. The area of the glitch is specified in nV * s.
0V
DAC CODE
1657 F01
9
LTC1657/LTC1657L
OPERATIO
Parallel Interface The data on the input of the DAC is written into the DAC's input registers when Chip Select (CSLSB and/or CSMSB) and WR are at a logic low. The data that is written into the input registers will depend on which of the Chip Selects are at a logic low (see Digital Interface Truth Table). If WR and CSLSB are both low and CSMSB is high, then only data on the eight LSBs (D0 to D7) is written into the input registers. Similarly, if WR and CSMSB are both low and CSLSB is high, then only data on the eight MSBs (D8 to D15) is written into the input registers. Data is written into both the Least Significant Data Bits (D0 to D7) and the Most Significant Bits (D8 to D15) at the same time if WR, CSLSB and CSMSB are low. If WR is high or both CSMSB and CSLSB are high, then no data is written into the input registers. Once data is written into the input registers, it can be written into the DAC register. This will update the analog voltage output of the DAC. The DAC register is written by a logic low on LDAC. The data in the DAC register will be held when LDAC is high. When WR, CSLSB, CSMSB and LDAC are all low, the registers are transparent and data on pins D0 to D15 flows directly into the DAC register. For an 8-bit data bus connection, tie the MSB byte data pins to their corresponding LSB byte pins (D15 to D7, D14 to D6, etc). Power-On Reset The LTC1657/LTC1657L have an internal power-on reset that resets all internal registers to 0's on power-up and VOUT pin forces to GND (equivalent to the CLR pin function). Reference The LTC1657/LTC1657L include an internal 2.048V/1.25V reference, giving the LTC1657/LTC1657L a full-scale range of 4.096V/2.5V in the gain-of-2 configuration. The onboard reference in the LTC1657/LTC1657L is not internally connected to the DAC's reference resistor string but is provided on an adjacent pin for flexibility. Because the internal reference is not internally connected to the DAC
10
U
resistor ladder, an external reference can be used or the resistor ladder can be driven by an external source in multiplying applications. The external reference or source must be capable of driving the 16k (minimum) DAC ladder resistance. Internal reference output noise can be reduced with a bypass capacitor to ground. (Note: The reference does not require a bypass capacitor to ground for nominal operation.) When bypassing the reference, a small value resistor in series with the capacitor is recommended to help reduce peaking on the output. A 10 resistor in series with a 4.7F capacitor is optimum for reducing reference generated noise. Internal reference output voltage noise spectral density at 1kHz is typically 150nV/Hz (LTC1657), 90nV/Hz (LTC1657L) DAC Resistor Ladder The high and low end of the DAC ladder resistor string (REFHI and REFLO, respectively) are not connected internally on this part. Typically, REFHI will be connected to REFOUT and REFLO will be connected to GND. X1/X2 connected to GND will give the LTC1657/LTC1657L a fullscale output swing of 4.096V/2.5V. Either of these pins can be driven up to VCC - 1.5V when using the buffer in the gain-of-1 configuration. The resistor string pins can be driven to VCC/2 when the buffer is in the gain of 2 configuration. The resistance between these two pins is typically 25k (16k min) (LTC1657), 23k (16k min) (LTC1657L). Voltage Output The output buffer for the LTC1657/LTC1657L can be configured for two different gain settings. By tying the X1/X2 pin to GND, the gain is set to 2. By tying the X1/X2 pin to VOUT, the gain is set to unity. The LTC1657/LTC1657L rail-to-rail buffered output can source or sink 5mA within 500mV of the positive supply voltage or ground at room temperature. The output stage is equipped with a deglitcher that results in a midscale glitch impulse of 8nV * s. The output swings to within a few millivolts of either supply rail when unloaded and has an equivalent output resistance of 40 (LTC1657), 120 (LTC1657L) when driving a load to the rails.
LTC1657/LTC1657L
APPLICATIO S I FOR ATIO
Rail-to-Rail Output Considerations
In any rail-to-rail DAC, the output swing is limited to voltages within the supply range. If the DAC offset is negative, the output for the lowest codes limits at 0V as shown in Figure 1b.
VCC
OUTPUT VOLTAGE
0
OUTPUT VOLTAGE
0V NEGATIVE OFFSET INPUT CODE (b)
1657 F02
Figure 2. Effects of Rail-to-Rail Operation On a DAC Transfer Curve. (a) Overall Transfer Function (b) Effect of Negative Offset for Codes Near Zero Scale (c) Effect of Positive Full-Scale Error for Input Codes Near Full Scale When VREF = VCC /2
U
Similarly, limiting can occur near full scale when the REF pin is tied to VCC /2. If VREF = VCC /2 and the DAC full-scale error (FSE) is positive, the output for the highest codes limits at VCC as shown in Figure 1c. No full-scale limiting can occur if VREF is less than (VCC - FSE)/2. Offset and linearity are defined and tested over the region of the DAC transfer function where no output limiting can occur.
VCC POSITIVE FSE VREF = VCC /2 OUTPUT VOLTAGE INPUT CODE (c) VREF = VCC /2 32768 INPUT CODE (a) 65535
W
UU
11
LTC1657/LTC1657L
TYPICAL APPLICATIO S
This circuit shows how to make a bipolar output 16-bit DAC with a wide output swing using an LTC1657 and an LT1077. R1 and R2 resistively divide down the LTC1657 output and an offset is summed in using the LTC1657 onboard 2.048V reference and R3 and R4. R5 ensures that the onboard reference is always sourcing current and never has to sink any current even when VOUT is at full scale. The LT1077 output will have a wide bipolar output swing of - 4.096V to 4.096V as shown in the figure below. With this output swing, 1LSB = 125V.
5:19 2 P 3 1 28 27
DATA (0:15) CSLSB CSMSB WR LDAC CLR X1/X2 REFLO GND 26 21 20 LTC1657
12
U
A Wide Swing, Bipolar Output 16-Bit DAC
5V 0.1F 24 VCC 25 R1 100k 1% R2 200k 1% R3 100k 1% R5 100k 1% 5V 3
VOUT
REFHI REFOUT 22 23
+ -
7 LT1077 6 VOUT: (2)(DIN)(4.096) - 4.096V 65536
2
4 R4 - 5V 200k 1%
1657 TA05
TRANSFER CURVE 4.096
VOUT
0
32768
65535
DIN
- 4.096
LTC1657/LTC1657L
TYPICAL APPLICATIO S
This circuit shows a digitally programmable current source from an external voltage source using an external op amp, an LT1218 and an NPN transistor (2N3440). Any digital word from 0 to 65535 is loaded into the LTC1657 and its output correspondingly swings from 0V to 4.096V. This voltage will be forced across the resistor RA. If RA is chosen to be 412, the output current will range from 0mA at zero scale to 10mA at full scale. The minimum voltage for VS is determined by the load resistor RL and Q1's VCESAT voltage. With a load resistor of 50, the voltage source can be 5V.
5:19 2 P 3 1 28 27
DATA (0:15) CSLSB CSMSB WR LDAC CLR
U
Digitally Programmable Current Source
5V 22 23 0.1F 5V < VS < 100V FOR RL 50 7 6 RL Q1 2N3440 IOUT = (DIN)(4.096) (65536)(RA) 0mA TO 10mA
REFHI REFOUT VCC 25
LTC1657
VOUT
3
+ -
LT1218 X1/X2 REFLO GND 26 21 20 2 4
RA 412 1%
1657 TA04
13
LTC1657/LTC1657L
PACKAGE DESCRIPTIO
0.0075 - 0.0098 (0.191 - 0.249) 0.016 - 0.050 (0.406 - 1.270)
0 - 8 TYP
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE ** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
14
U
Dimensions in inches (millimeters) unless otherwise noted.
GN Package 28-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
0.386 - 0.393* (9.804 - 9.982) 28 27 26 25 24 23 22 21 20 19 18 17 1615
0.033 (0.838) REF
0.229 - 0.244 (5.817 - 6.198)
0.150 - 0.157** (3.810 - 3.988)
1 0.015 0.004 x 45 (0.38 0.10) 0.053 - 0.069 (1.351 - 1.748)
23
4
56
7
8
9 10 11 12 13 14 0.004 - 0.009 (0.102 - 0.249)
0.008 - 0.012 (0.203 - 0.305)
0.0250 (0.635) BSC
GN28 (SSOP) 1098
LTC1657/LTC1657L
PACKAGE DESCRIPTIO
0.255 0.015* (6.477 0.381)
0.300 - 0.325 (7.620 - 8.255)
0.020 (0.508) MIN 0.009 - 0.015 (0.229 - 0.381)
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
)
0.125 (3.175) MIN
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
Dimensions in inches (millimeters) unless otherwise noted.
N Package 28-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
1.370* (34.789) MAX 28 27 26 25 24 23 22 21 20 19 18 17 16 15
1 0.130 0.005 (3.302 0.127)
2
3
4
5
6
7
8
9
10
11
12
13
14
0.045 - 0.065 (1.143 - 1.651)
0.065 (1.651) TYP 0.018 0.003 (0.457 0.076)
0.005 (0.127) MIN
0.100 (2.54) BSC
N28 1098
15
LTC1657/LTC1657L
TYPICAL APPLICATIO S
This circuit shows how to measure negative offset. Since LTC1657/LTC1657L operate on a single supply, if their offset is negative, the output for code 0 limits at 0V. To measure this negative offset, a negative supply is needed, connect resistor R1 as shown in the figure. The output voltage is the offset when code 0 is loaded in.
Although LTC1657 output is up to 4.096V with its internal reference, higher voltages can be achieved with the help of another op amp. The following circuit shows how to increase the output swing of LTC1657 by using an LT1218.
22 5:19 2 P 3 1 28 27 DATA (0:15) CSLSB CSMSB WR LDAC CLR LTC1657
REFHI REFOUT VCC 0.1F VOUT 25 3 7 6 VOUT =
X1/X2 REFLO GND 26 21 20
RELATED PARTS
PART NUMBER LTC1446(L) LTC1450(L) LTC1458(L) LTC1650 LTC1654 LTC1655(L) LTC1658 DESCRIPTION Dual 12-Bit VOUT DACs in SO-8 Package Single 12-Bit VOUT DACs with Parallel Interface Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality Single 16-Bit VOUT Industrial DAC in 16-Pin SO Dual 14-Bit VOUT DAC Single 16-Bit VOUT DAC with Serial Interface in SO-8 Single 14-Bit VOUT DAC in MSOP Package COMMENTS VCC = 5V (3V), VOUT = 0V to 4.095V (0V to 2.5V) VCC = 5V (3V), VOUT = 0V to 4.095V (0V to 2.5V) VCC = 5V (3V), VOUT = 0V to 4.095V (0V to 2.5V) VCC = 5V, Low Power, Deglitched, 4-Quadrant Multiplying VOUT Programmable Speed/Power, SO-8 Footprint VCC = 5V (3V), Low Power, Deglitched, VOUT = 0V to 4.096V (0V to 2.5V) 2.7V to 5.5V Operation, Low Power
1657LF LT/TP 0201 4K * PRINTED IN USA
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
U
Negative Offset Measurement
5V 22 5:19 2 P 3 1 28 27 DATA (0:15) CSLSB CSMSB WR LDAC CLR X1/X2 REFLO GND 26 21 20 -5V
1657 TA06
23
24
0.1F
REFHI REFOUT VCC 25 R1 100k
LTC1657/LTC1657L
VOUT
As shown in the configuration, the output of LTC1657 is amplified by 8 for an output swing of 0V to 32.768V, or a convenient 0.5mV/LSB.
A Higher Voltage Output DAC
5V 23 24 0.1F 36V 32.768 (V) TRANSFER CURVE
+ -
LT1218 2 4
(DIN)(4.096) R2 1+ 65536 R1
()
VOUT
R1 1k 1%
R2 6.98k 1%
0
DIN
65535
1657 TA07
(c) LINEAR TECHNOLOGY CORPORATION 1999


▲Up To Search▲   

 
Price & Availability of 1657LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X