Part Number Hot Search : 
PG781 EF4013B CLS0402 2A122K 4HC451 4HC451 GP10M 4HC451
Product Description
Full Text Search
 

To Download STU8NA80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STU8NA80
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PRELIMINARY DATA TYPE STU8NA80 V DSS 800 V R DS(on) < 1.0 ID 8.3 A
s s
s s s s
TYPICAL RDS(on) = 0.85 EFFICIENT AND RELAIBLE MOUNTING THROUGH CLIP 30V GATE TO SOURCE VOLTAGE RATING 100% AVALANCHE TESTED GATE CHARGE MINIMIZED REDUCED THRESHOLD VOLTAGE SPREAD.
1
2
3
Max220TM
The Max220 TM package is a new high volume power package exibiting the same footprint as the industry standard TO-220, but designed to accomodate much larger silicon chips, normally supplied in bigger packages. The increased die capacity makes the device ideal to reduce component count in multiple paralleled TO-220 designs and save board space with respect to larger packages.
DESCRIPTION
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES (UPS) ABSOLUTE MAXIMUM RATINGS
Symbol V DS VDGR V GS ID ID I DM (*) P tot T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 o C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 C Derating Factor Storage Temperature Max. Operating Junction Temperature
o
Value 800 800 30 8.3 5.3 33.2 160 1.28 -65 to 150 150
Unit V V V A A A W W/ o C
o o
C C
(*) Pulse width limited by safe operating area
March 1996
1/5
STU8NA80
THERMAL DATA
R thj-case
Rthj-amb
R thc-sink Tl
Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Maximum Lead Temperature For Soldering Purpose
Max Max Typ
0.78 62.5 0.5 300
C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symbol I AR E AS EAR I AR Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, ID = I AR , V DD = 50 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%) Max Value 8 320 14 5.3 Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 800 250 1000 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (V DS = 0) V GS = 30 V
T c = 125 o C
ON ()
Symbol V GS(th) R DS(on) ID(on) Parameter Gate Threshold Voltage V DS = VGS Static Drain-source On Resistance Test Conditions ID = 250 A T c = 100 o C 8.3 Min. 2.25 Typ. 3 0.85 Max. 3.75 1 2 Unit V A
V GS = 10V I D = 4A V GS = 10V I D = 4A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz ID = 4 A V GS = 0 Min. 7 Typ. 9.5 2900 290 80 3800 370 110 Max. Unit S pF pF pF
2/5
STU8NA80
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr (di/dt) on Parameter Turn-on Time Rise Time Turn-on Current Slope Test Conditions V DD = 400 V R G = 4.7 V DD = 640 V R G = 47 V DD = 400 V ID = 8 A ID = 4 A V GS = 10 V ID = 8 A V GS = 10 V V GS = 10 V Min. Typ. 37 45 120 Max. 50 60 Unit ns ns A/s
Qg Q gs Q gd
Total Gate Charge Gate-Source Charge Gate-Drain Charge
115 15 55
150
nC nC nC
SWITCHING OFF
Symbol t r(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 640 V R G = 4.7 ID = 8 A V GS = 10 V Min. Typ. 45 15 70 Max. 60 20 91 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 8.3 A I SD = 8 A V DD = 100 V V GS = 0 di/dt = 100 A/s T j = 150 o C 765 13.4 35 Test Conditions Min. Typ. Max. 8.3 33.2 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/5
STU8NA80
Max220 MECHANICAL DATA
DIM. MIN. A A1 A2 b b1 b2 c D D1 D2 D3 e E L L1 4.3 2.2 2.9 0.7 1.25 1.2 0.45 15.9 9 0.8 2.8 2.44 10.05 13.2 3 mm TYP. MAX. 4.6 2.4 3.1 0.93 1.4 1.38 0.6 16.3 9.35 1.2 3.2 2.64 10.35 13.6 3.4 0.354 0.031 0.110 0.096 0.396 0.520 0.118 MIN. 0.169 0.087 0.114 0.027 0.049 0.047 0.18 0.626 inch TYP. MAX. 0.181 0.094 0.122 0.036 0.055 0.054 0.023 0.641 0.368 0.047 0.126 0.104 0.407 0.535 0.133
D3
D2
D1 C
A
A2
D b1 b2 b e L1 L
E
A1
P011R
4/5
STU8NA80
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1995 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ...
5/5


▲Up To Search▲   

 
Price & Availability of STU8NA80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X