Part Number Hot Search : 
18120 DB101 AD815 10100 N03LA S1G42 ZTX690B P6KE4
Product Description
Full Text Search
 

To Download STBS056 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STBS06H - STBS5D0
VBR : 6.8 - 200 Volts PPK : 500 Watts
FEATURES :
* 500W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1A above 10V
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SMA (DO-214AC)
5.0 0.15
4.5 0.15
1.1 0.3
1.2 0.2 2.6 0.15 2.1 0.2
0.2 0.07
MECHANICAL DATA
* Case : SMA Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Mounting position : Any * Weight : 0.064 grams
2.0 0.2
Dimensions in millimeter
DEVICES FOR UNIPOLAR APPLICATIONS
For Uni-directional altered the third letter of type from "B" to be "U". Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Power Dissipation at Ta = 25 C, Tp=1ms (Note1) Steady State Power Dissipation at TL = 75 C (Note 2) Operating and Storage Temperature Range
Symbol
PPK PD TJ, TSTG
Value
Minimum 500 3.0 - 55 to + 150
Unit
W W C
Note :
(1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta = 25 C per Fig. 1 (2) Mounted on copper Lead area at 5.0 mm2 ( 0.013 mm thick ).
Page 1 of 4
Rev. 03 : July 22, 2002
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) W orking Peak Reverse Voltage VRWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 Maximum Reverse Leakage @ VRWM IR (A) 1200 1200 1200 1200 800 800 300 300 50 50 25 25 10 10 2.0 2.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Current IRSM (A) 52.0 54.3 43.9 48.5 40.7 44.7 37.8 41.7 35.0 38.8 33.3 36.7 31.4 34.7 29.5 32.5 26.6 29.4 24.9 27.4 22.7 25.1 21.0 23.2 19.4 21.5 18.8 20.6 17.6 19.2 16.4 18.1 15.5 17.2 13.9 15.4 12.7 14.1 11.6 12.8 10.7 11.9 9.9 11.0 9.3 10.3 8.5 Maximum Clamping Voltage @ IRSM VRSM (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 Maximum Voltage Temperature Variation of VBR (mV / C) 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 16.0 16.0 19.0 17.0 20.0 19.0 21.0 20.0 25.0 23.0 28.0 25.0 31.0 28.0 31.0 30.0 35.0 31.0 39.0 36.0 42.0
TYPE
VBR (V) Min. STBS06H STBS56H STBS07A STBS57A STBS07G STBS57G STBS08C STBS58C STBS08I STBS58I STBS09B STBS59B STBS010 STBS510 STBS011 STBS511 STBS012 STBS512 STBS013 STBS513 STBS014 STBS514 STBS015 STBS515 STBS016 STBS516 STBS018 STBS518 STBS019 STBS519 STBS020 STBS520 STBS021 STBS521 STBS023 STBS523 STBS026 STBS526 STBS028 STBS528 STBS030 STBS530 STBS033 STBS533 STBS035 STBS535 STBS039 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 Max. 7.3 7.0 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.30 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 It (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Page 2 of 4
Rev. 03 : July 22, 2002
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) W orking Peak Reverse Voltage VRWM (V) 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110 120 120 130 130 150 150 160 160 170 170 Maximum Reverse Leakage @ VRWM IR (A) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Current IRSM (A) 9.4 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 Maximum Clamping Voltage @ IRSM VRSM (V) 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 Maximum Voltage Temperature Variation of VBR (mV / C) 39.0 46.0 41.0 51.0 46.0 55.0 50.0 58.0 52.0 63.0 56.0 66.0 61.0 71.0 65.0 78.0 70.0 80.0 71.0 86.0 76.0 94.0 85.0 101 91.0 105 95.0 114 103 121 110 135 123 148 133 162 146 175 158 203 184 217 196 230 208
TYPE
VBR (V) Min. STBS539 STBS042 STBS542 STBS047 STBS547 STBS050 STBS550 STBS053 STBS553 STBS056 STBS556 STBS060 STBS560 STBS063 STBS563 STBS068 STBS568 STBS071 STBS571 STBS075 STBS575 STBS082 STBS582 STBS088 STBS588 STBS091 STBS591 STBS099 STBS599 STBS0B1 STBS5B1 STBS0B2 STBS5B2 STBS0B3 STBS5B3 STBS0B4 STBS5B4 STBS0B5 STBS5B5 STBS0B8 STBS5B8 STBS0B9 STBS5B9 STBS0D0 STBS5D0 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 Max. 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209 It (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Note: ( 1 ) VBR measured after It applied for 300 s., It = square wave pulse or equivalent. ( 3 ) "STU" or "STB" will be omitted in marking on the diode.
Page 3 of 4
Rev. 03 : July 22, 2002
RATING AND CHARACTERISTIC CURVES ( STBS06H - STBS5D0 )
FIG.1 - PULSE DERATING CURVE PEAK PULSE CURRENT - % IRMS
120
FIG.2 - PULSE WAVEFORM
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
Tr = 10s 100 Peak Value IRSM
100
80
TJ=25 C Pulse W idth (tp) is defined as that point where the peak current decays to 50% of IRSM
60 40
50
Half Value - IRSM 2 10X1000 W aveform as defined by R.E.A.
20 0 0 25 50 75 100 125 150 175
tp 0 0 1.0 2.0 3.0 4.0
Ta, AMBIENT TEMPERATURE, ( C)
T, TIME(ms)
FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS)
4.0 10
FIG.4 - PULSE RATING CURVE
3.0
Pp,PEAK POWER (kW)
Single Phase Half W ave 60 Hz Resistive or Inductive load
10
2.0
1.0
1.0
0.1 0.1s 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100
tp, PULSE W IDTH
TL, LEAD TEMPERATURE (C)
Page 4 of 4
Rev. 03 : July 22, 2002


▲Up To Search▲   

 
Price & Availability of STBS056

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X