Part Number Hot Search : 
2N36S8 STN1NF10 EL5167 1V0DS00 FW344 TF10BT HT162 SI443
Product Description
Full Text Search
 

To Download SR20C80CF-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Rectifiers
SR20C20CF-G Thru SR20C100CF-G
Reverse Voltage: 20 ~ 100 Volts Current: 20.0 Amp Features:
Low forward voltage drop High current capability High reliability High surge current capability
PIN 123 .16(4.06) .14(3.56) .56(14.22) .53(13.46) .037(0.94) .027(0.68) .105(2.67) .095(2.41) case 2 .025(0.64) .014(0.35) .113(2.87) .103(2.62) .412(10.5) MAX DIA .140(3.56) .130(3.30)
ITO-220AB
.185(4.70) .175(4.44) 1.25(3.18) 1.15(2.92)
Case: ITO-220AB molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Solderable per MIL-STD-202, method 208 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight: 2.24 grams
.27(6.86) .23(5.84)
Mechanical Data:
.594(15.1) .587(14.9)
.11(2.79) .10(2.54)
1 3
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Parameter Max. Recurrent Peak Reverse Voltage Max. RMS Voltage Max. DC Blocking Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Max. Average Forward Rectified Current TC=100oC Max. Instantaneous Forward Voltage at 10A Max. DC Reverse Current @Tj = 25oC Symbol SR20C20CF SR20C40CF SR20C60CF SR20C80CF SR20C100CF -G -G -G -G -G V RRM 20 14 20 40 28 40 60 42 60 200 80 56 80 100 70 100 Unit V V V
VRMS VDC IFSM I(AV) VF IR
A
20.0 0.55 0.65 1.0 0.75 0.85
A V
mA
At Rated DC Blocking Voltage @Tj = 100oC
30
Typical junction Capacitance (Note1)
CJ Tj TSTG
600
pF
Max. Operating Junction Temperature Storage Temperature
-55 to +125 -55 to +150
o
C
oC
Note1: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
"-G" suffix designates RoHS compliant version
www.comchiptech.com
Page1
Schottky Barrier Rectifiers
RATINGS AND CHARACTERISTIC CURVES SR20C20CF-G THRU SR20C100CF-G
FIG.1 - FORWARD CURRENT DERATING CURVE
200
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
Pulse width 8.3ms Single Half-Sire-Wave (JEDEC Moethod)
20.0
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
175 150 125 100 75 50 25 0
16.0
12.0
8.0
4.0 60 Hz Resistive or Inductive load 0 0 50 100 150
1
10
100
LEAD
TEMPERATURE, oC
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, AMPERES
SR16C20CF-G ~ SR16C40CF-G SR16C60CF-G 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
100
10 TJ = 100oC
SR16C80CF-G SR16C100CF-G
1
1
0.1 TJ = 25oC 0.01 0 20 40 60 80 100
TJ = 25oC PULSE WIDTH = 300uS 1% DUTY CYCLE 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG.5 - TYPICAL JUNCTION CAPACITANCE
10000 TJ = 25oC F=1.0 MHz Vsig = 50mVp-p
JUNCTION CAPACITANCE, pF
1000
100 0.1 1.0 4.0 10 100
REVERSE VOLTAGE, VOLTS
www.comchiptech.com
Page2


▲Up To Search▲   

 
Price & Availability of SR20C80CF-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X